Part Number Hot Search : 
E004846 KIA78L05 DD502 KA22136 R6522 BZV85130 21M10 3015BGC
Product Description
Full Text Search
 

To Download WPPC-D11084 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  world products inc. p.o. box 517, 19654 eighth street east, sonoma, ca 95476 phone (707) 996-5201 fax (707) 996-3380 r071904 1 http://www.worldproducts.com usr/cnr listed (file# e223387) ? isocoupler tm WPPC-D11084 series high isolation voltage dc input response ssop photo coupler wppc - d 1 1 08 4 e ss - tru (1) (2) (3) (4) (5) (6) (7) (8) (9) (1) photo coupler (2) input a: ac d: dc (3) channel 1: 1 channel 2: 2 channels 4: 4 channels (4) output con? guration 1: single photo transistor 2: darlington photo transistor 3: (6-pin only) single photo transistor without base terminal (5) output type collector emitter voltage 03: 30v(v ceo ) 035: 35v(v ceo ) 06: 60v(v ceo ) 08: 80v(v ceo ) 30: 300v(v ceo ) propagation delay time d008: 1m bit/s* d015: 1m bit/s* d35: high gain split pd* d60: high gain split pd* *digital high speed parts: code denotes max propagation delay. (6) pin con? guration 4: 4pin 6: 6pin 8: 8pin 16: 16pin (7) ctr ranking note: the below ranking pertains to WPPC-D11084 series. no ctr ranking for digital high speed parts. (8) package types d: dip a: smd s: sop ss: ssop h: long creepage distance (9) taping tld: tape direction left tru: tape direction right rank ctr(%) a 80-600 b 130-260 c 200-400 d 300-600 e 80-600 f 200-300 g 150-300 h 100-200 part numbering system
2 world products inc. p.o. box 517, 19654 eighth street east, sonoma, ca 95476 phone (707) 996-5201 fax (707) 996-3380 r071904 http://www.worldproducts.com ? isocoupler tm WPPC-D11084 series high isolation voltage dc input response ssop photo coupler usr/cnr listed (file# e223387) features 1. high isolation voltage (bv = 2500 v rms ) 2. small thin package (4-pin ssop, pin pitch 1.27mm) 3. high collector to emitter voltage (v ceo = 80v) 4. high speed switching (tr = 3us typ., tf = 5us typ.) 5. available package types: ssop(shown). applications 1. programmable logic controllers. 2. measuring intstruments. 3. power supply. 4. hybrid ic. 5. gaming machines. outside dimension: unit (mm) schematic: top view 1. anode 2. cathode 3. emitter 4. collector tolerance: 0.2mm parameter symbol rating unit input forward current(dc) i f 50 ma reverse voltage v r 6v power dissipation derating p d /c 0.6 mw/c power dissipation p d 60 mw peak forward current* 1 i fp 1a output collector-emitter voltage v ceo 80 v emitter-collector voltage v eco 6v collector current i c 50 ma power dissipation derating p c 1.2 mw/c total power dissipation ptot 120 mw isolation voltage* 2 viso 2500 vrms operating temperature topr -30 to +100 c storage temperature tstg -55 to +125 c parameter symbol conditions min. typ. max. unit input forward voltage v f i f = 5ma - 1.1 1.4 v reverse current i r v = 5v - - 5 ua terminal capacitance c t v = 0v, f = 1, 0khz - 30 - pf output collector dark current i ceo v ce = 80v, i f = 0ma - - 100 na transfer characteristics current transfer ratio ctr i f = 5ma, v ce = 5v 80 - 600 % collector-emitter saturation voltage v ce (sat) i f = 10ma, ic = 2ma - - 0.3 v isolation resistance r i-o dc500v 5 x 10 10 10 11 - ohm floating capacitance c i-o v = 0v, f = 1.0mhz - 0.4 - pf response time (rise) tr v ce = 5v, i c = 2ma, r l = 100 ? -3-us response time (fall) tf - 5 - us absolute maximum ratings (ta = 25c) electro-optical characteristics (ta = 25c) *1 pw = 100us, duty cycle = 1% *2 ac voltage for 1 minute at t a = 25c, rh = 60% between input and output 4.40 1.27 0.40 2.1 max. 1.95 0.254 0.05 0.1 0.1 0.62 7.00 0.4 0.5 0.3 1 2 3 4 2.7 0.3 d1108 e06 part number date code (example: e = 2004, 06 = week 6)
world products inc. p.o. box 517, 19654 eighth street east, sonoma, ca 95476 phone (707) 996-5201 fax (707) 996-3380 r071904 3 http://www.worldproducts.com usr/cnr listed (file# e223387) ? isocoupler tm WPPC-D11084 series high isolation voltage dc input response ssop photo coupler data curves forward current if (ma) ambient temperature ta (c) collector power dissipation pc (mw) forward current if (ma) forward current if (ma) relative current transfer ratio (%) collector-emitter saturation voltage v ce (v) load resistance rl(k ohm) collector dark current iceo (a) collector current ic (ma) response rise time(us) *1 test circuit for switching time. pulse input 50 ? pw = 100 us duty cycle = 1/10 i f v ce v cc v out r l = 100 ? fig. 1 current tranfer ratio vs. forward current current transfer ratio ctr fig. 2 collector power dissipation vs. ambient temperature fig. 3 collector dark current vs. ambient temperature v ce = 80v ambient temperature ta (c) 200 180 160 140 120 100 80 60 40 20 0 1 2 5 10 20 50 250 200 150 100 50 0 -30 0 25 50 75 100 125 fig. 4 forward current vs. ambient temperature fig. 5 forward current vs. forward voltage fig. 6 collector current vs. collector-emitter voltage ambient temperature ta (c) forward voltage vf (v) 10 -5 10 -6 10 -7 10 -8 10 -9 10 -10 10 -11 -25 0 25 50 75 100 -30 0 25 50 75 100 125 60 50 40 30 20 10 0 500 200 100 50 20 10 5 2 1 fig. 7 relative current transfer ratio vs. ambient temperature fig. 8 collector-emitter saturation voltage vs. ambient temperature ta = 75c 50c 25c 0c -25c fig. 9 collector-emitter saturation voltage vs. forward voltage fig. 10 response time vs. load resistance fig. 11 response time vs. load resistance 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 8 9 ambient temperature ta (c) collector-emitter voltage v ce (v) i f = 30ma 20ma 10ma 5ma ta = 25c 150 100 50 0 -25 0 25 50 75 100 i f = 5ma v ce = 5v i f = 10ma i c = 2ma 0.30 0.27 0.24 0.21 0.18 0.15 0.12 0.09 0 -25 0 25 50 75 100 ambient temperature ta (c) collector-emitter saturation voltage v ce (v) 7 6 5 4 3 2 1 0 0 5 10 forward current i f (ma) i c = 0.5ma ta = 25c i c = 1ma i c = 3ma i c = 5ma i c = 7ma response rise time(us) 100 50 20 10 5 2 1 0.5 0.2 0.1 0.1 1 10 load resistance rl(k ohm) 100 50 20 10 5 2 1 0.5 0.2 0.1 0.1 1 10 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 v ce = 5v i c = 2ma ta = 25c v ce = 5v i c = 2ma ta = 25c v ce = 5v ta = 25c


▲Up To Search▲   

 
Price & Availability of WPPC-D11084

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X