Part Number Hot Search : 
5225B LBA120LS 31202G SMBJ26 IPB180 1N5638A AOL1412 AD836
Product Description
Full Text Search
 

To Download WP7104GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaf2302 rev no: v.2 date: may/19/2007 page: 1 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101008165 t-1 (3mm) solid state lamp part number: WP7104GT green features z low power consumption. z popular t-1 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. specifications are subject to change without notice.
spec no: dsaf2302 rev no: v.2 date: may/19/2007 page: 2 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101008165 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 the optical centerline value. 2. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 WP7104GT green (gap) green transparent 18 60 34 iv (mcd) [2] @ 10ma symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r = 5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds
spec no: dsaf2302 rev no: v.2 date: may/19/2007 page: 3 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101008165 green WP7104GT
spec no: dsaf2302 rev no: v.2 date: may/19/2007 page: 4 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101008165 packing & label specifications WP7104GT
spec no: dsaf2302 rev no: v.2 date: may/19/2007 page: 5 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101008165
spec no: dsaf2302 rev no: v.2 date: may/19/2007 page: 6 of 6 approved: wynec checked: allen liu drawn: y.l.li er p: 1101008165


▲Up To Search▲   

 
Price & Availability of WP7104GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X