Part Number Hot Search : 
RFU311 30000 BD233 MAX824Z MCP6V02 0524S GPM55B BC849
Product Description
Full Text Search
 

To Download ST10-2433S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 1 0 wa t t m o d u l a r d c / d c c o n v e r t e r s s t 1 0 s e r i e s www.a strodyne.com astrodyne usa: 1-800-823-8082 ast rodyne pacific: 886-2-26983458 wide 2 : 1 and 4 : 1 input ranges high efficiency regulated outputs 1600v isolation full emi shielding standard pinouts model number output voltage output amps input range st10-123.3s 3.3 vdc 2 9-18vdc st10-243.3s 2 18-36vdc st10-24f3.3s 2 10-40vdc st10-483.3s 2 36-75vdc st10-48f3.3s 2 18-75vdc st10-125s 5 vdc 2 9-18vdc st10-245s 2 18-36vdc st10-24f5s 2 10-40vdc st10-485s 2 36-75vdc st10-48f5s 2 18-75vdc st10-1212s 12 vdc 0.83 9-18vdc st10-2412s 0.83 18-36vdc st10-24f12s 0.83 10-40vdc st10-4812s 0.83 36-75vdc st10-48f12s 0.83 18-75vdc st10-1215s 15 vdc 0.67 9-18vdc st10-2415s 0.67 18-36vdc st10-24f15s 0.67 10-40vdc st10-4815s 0.67 36-75vdc st10-48f15s 0.67 18-75vdc st10-1224s 24 vdc 0.42 9-18vdc st10-2424s 0.42 18-36vdc st10-4824s 0.42 36-75vdc unit measures 1w x 2l x 0.425h
i s o l a t e d a n d r e g u l a t e d 1 0 wa t t m o d u l a r d c / d c c o n v e r t e r s s t 1 0 s e r i e s www.a strodyne.com astrodyne usa: 1-800-823-8082 ast rodyne pacific: 886-2-26983458 input specifica tions input voltage, nominal 12vdc, 24vdc, 48vdc input voltage ranges 9-18, 18-36, 36-75, 10-40 vdc input surge voltage 50v (12/24v models), * 100v (48v models), * 10 ms duration, min. input fusing 4a: 12/24vin models 2a: 48vin models input filter pi type output specifica tions voltage and current see selection chart max. output power 7 watts 3.3vdc o/p 10 watts all others voltage accuracy +/- 2% load regulation 10% - fl +/- 1% minimum load (3.3 & 5vout) 3% 0% all other outputs line regulation hl-ll +/- 0.5% temperature coefficient +/-0.02%/c ripple <0.2% vout + 20mv (vp-p) max. noise <0.5% vout + 50mv (vp-p) max. overvoltage protection zener diode clamp * overcurrent protection 120% of rated, auto recovery short circuit protection current limit, self-recovering efficiency 3.3 vout = 78% 5 vout = 81% 12 & 15 vout = 82% 24 vout = 83% phys ical specifica tions dimensions 2x1x0.425 case material nickel coated copper with non-conductive base connected to o/p ground 6 sided shielding construction fully encapsulated weight 1.13 oz, (32g) general specifica tions input-out isolation 1600vdc input-output resistance 10-9th ohms in/out capacitance 1000 pf switching frequency 300khz environment al specifica tions oper. temperature -25 to +70c(see derate) storage temperature -55 to +105c * maximum case temp 100c max. * humidity 95%rh * cooling free air convection mtbf >800,000 hrs @ 25c mil-hdbk-217f emi (conducted & radiated) en 55022 class a * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25degc unless otherwise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 1 0 wa t t m o d u l a r d c / d c c o n v e r t e r s s t 1 0 s e r i e s www.a strodyne.com astrodyne usa: 1-800-823-8082 ast rodyne pacific: 886-2-26983458 mechanical dimen sions pin # function 1 + input 2 - input 3 + output 4 n/a 5 - output


▲Up To Search▲   

 
Price & Availability of ST10-2433S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X