Part Number Hot Search : 
MB16CA 70475 K1V36W 70N10 DS2119M T5551 045984 51216
Product Description
Full Text Search
 

To Download SRU2011-100Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant typ. 2.80 0.20 (.110 .008) 2.80 0.20 (.110 .008) 0.90 (.035) typ. 0.90 (.035) typ. 0.90 (.035) 1.10 0.10 (.043 .004) a sru2011 series - shielded smd power inductors features maximum height of 1.2 mm current up to 1.65 a lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout electrical schematic general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core.....................ferrite dr and ri core terminal ....................................ag/ni/sn rated current ....................ind. drop 35 % typ. at isat temperature rise ......................40 ? max. at rated irms packaging..................1,500 pcs. per reel a dimensions: mm (inches) 1.30 (.051) ref. ref. 1.20 (.047) ref. 1.00 (.039) ref. 1.00 (.039) ref. 1.20 (.047) ref. 0.65 (.026) ref. 2.10 (.083) ref. 0.65 (.026) 1.24 (.049) ref. 3.00 (.118) ref. *rohs compliant inductance 100 khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency typ. max. max. typ. (mhz) (mhz) (m ? ) (a) (a) marking sru2011-1r0y 1.0 30 6 7.96 160 100 1.65 1.50 a sru2011-2r2y 2.2 30 6 7.96 120 165 1.20 0.90 c sru2011-3r3y 3.3 30 6 7.96 80 240 0.90 0.76 e sru2011-4r7y 4.7 30 6 7.96 70 365 0.73 0.58 f sru2011-6r8y 6.8 30 6 7.96 60 450 0.70 0.54 g SRU2011-100Y 10 30 10 2.52 45 740 0.52 0.40 h sru2011-150y 15 30 10 2.52 40 1200 0.38 0.34 i sru2011-220y 22 30 12 2.52 25 1580 0.33 0.27 j sru2011-330y 33 30 12 2.52 24 2860 0.23 0.22 k
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sru2011 series - shielded smd power inductors rev. 07/07 packaging specifications 14.0 (.551) 16.5 (.650) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.008) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 12.0 (.472) cover tape user direction of feed 200 (7.874) no component no component components 400 (15.748) start 4 (.157) 8 (.315) end a a aa qty: 1,500 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SRU2011-100Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X