Part Number Hot Search : 
CHUMG5PT SBT2907F FR157 RCL75RE AAMDA DG407 SGM8653 FD2046
Product Description
Full Text Search
 

To Download SR1030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier rectifier voltage range 20 to 60 volts current 10 amperes rectron semiconductor technical specification features * low switching noise * low forward voltage drop * low thermal resistance * high current capability * high switching capability * high surge capabitity * high reliability mechanical data maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. * case: t o-220 m olded plastic * epoxy: device has ul flammability classification 94v-o * lead: mil-std-202e method 208c guaranteed * mounting position: any * weight: 2.24 grams sr1020 thru sr1060 to-220a maximum ratings (at t a = 25 o c unless otherwise noted) electrical characteristics (at t a = 25 o c unless otherwise noted) notes : 1. thermal resistance junction to case. 2. suffix a = common anode. dimensions in inches and (millimeters) 3. measured at 1 mhz and applied reverse voltage of 4.0 volts. 2004-9 ratings maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at derating case temperature peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 1) typical junction capacitance (note 3) symbol v rrm v dc i fsm c j t stg v rms units volts volts volts amps 10 150 3 700 amps 0 c/w 0 c storage temperature range r q jc i o pf operating temperature range t j sr1020 20 -55 to + 150 -55 to + 150 0 c sr1035 SR1030 sr1040 sr1045 sr1050 sr1060 30 35 40 45 50 60 14 21 25 28 32 35 42 20 30 35 40 45 50 60 500 characteristics maximum average reverse current at rated dc blocking voltage v f symbol i r mamps maximum instantaneous forward voltage at 10.0a dc volts 10 100 @t c = 25 o c @t c = 100 o c .65 mamps units sr1020 sr1035 SR1030 sr1040 sr1045 sr1050 sr1060 .75 .153 ( 3.9 ) .413 ( 10.5 ) .108 .051 .04max. .374 ( 9.5 ) ( 2.75 ) ( 1.3 ) ( 1.0 ) .148 ( 3.8 ) .053 ( 1.3 ) .047 ( 1.2 ) .270 ( 6.9 ) .610 ( 15.5 ) .583 ( 14.8 ) .102 ( 2.6 ) .091 ( 2.3 ) .583 ( 14.8 ) .157 .126 ( 4.0 ) ( 3.2 ) .531 ( 13.5 ) .020 ( 0.5 ) .012 ( 0.3 ) .230 ( 5.8 ) .187 ( 4.7 ) .146 ( 3.7 ) .035 (0.9) .028 ( 0.7 ) pin 12 pin 1 pin 2 heatsink
rectron rating and characteristic curves ( sr1020 thru sr1060 ) fig. 1 - typical forward current derating curve average forward current, (a) case temperature, ( ) 0 50 100 150 12 10 8 6 4 2 single phase half wave 60hz inductive or resistive load sr1020~sr1045 sr1050~sr1060 fig. 4 - typical junction capacitance junction capacitance, (pf) reverse voltage, ( v ) 4000 2000 1000 800 600 400 200 100 .1 .4 1.0 4 10 40 80 100 sr1020~sr1045 sr1050~sr1060 fig. 2 - typical reverse characteristics instantaneous reverse current, (ma) percent of rated peak reverse voltage, (%) 10 1.0 .1 .01 .001 20 0 40 60 80 100 120 140 t c = 150 t c = 125 t c = 75 t c = 25 sr1020~sr1045 sr1050~sr1060 fig. 5 - typical instantaneous forward characteristics instantaneous forward current, (a) instantaneous forward voltage, (v) 50 10 1.0 0.1 .1 .2 .3 .4 .5 .6 .7 .8 .9 t j = 125 t j = 25 pulse width=300us 1% duty cycle fig. 3 - maximum non-repetitive forward surge current peak forward surge current, (a) number of cycles at 60hz 175 150 125 100 75 50 25 1 2 5 10 20 50 100 8.3ms single half sine-wave (jeded method)


▲Up To Search▲   

 
Price & Availability of SR1030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X