Part Number Hot Search : 
M8S14FDJ G8912BLI 107M0 HCT374 DTC114 2SC33 EC49022 HC139A
Product Description
Full Text Search
 

To Download SIB914DK-T1-GE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix sib914dk new product document number: 68792 s-81946-rev. a, 25-aug-08 www.vishay.com 1 dual n-channel 1.2-v (g-s) mosfet features ? halogen-free ? trenchfet ? power mosfet ? new thermally enhanced powerpak ? sc-75 package - small footprint area - low on-resistance applications ? load switch, pa switch and battery switch for portable devices ? dc/dc converter product summary v ds (v) r ds(on) ( ) i d (a) g q g (typ.) 8 0.113 at v gs = 4.5 v 1.5 a 1.5 nc 0.138 at v gs = 2.5 v 1.5 a 0.190 at v gs = 1.8 v 1.5 a 0.280 at v gs = 1.5 v 1.0 0.480 at v gs = 1.2 v 0.3 powerpak sc75-6l-dual s 1 d 1 g 2 s 2 g 1 d 2 1 6 5 4 2 3 1.60 mm 1.60 mm d 1 d 2 markin g code x x x c b x lot tracea b ility and date code part # code n - c hannel m os fet g 1 d 1 s 1 n - c hannel m os fet g 2 d 2 s 2 orderin g information: SIB914DK-T1-GE3 (lead (p b )-free and halogen-free) notes: a. package limited. b. surface mounted on 1" x 1" fr4 board. c. t = 5 s. d. see solder profile ( h ttp://www.vishay.com/ppg?73257 ). the powerpak sc-75 is a leadless package. the end of the lead terminal is exposed copper (not plated) as a result of the si ngulation process in manufacturing. a solder fillet at the exposed copper tip cannot b e guaranteed and is not required to ensure adequate bottom side solder interconnection. e. rework conditions: manual soldering with a sol dering iron is not recommended for leadless components. f. maximum under steady state conditions is 125 c/w. g. based on t c = 25 c. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 8 v gate-source voltage v gs 5 continuous drain current (t j = 150 c) t c = 25 c i d 1.5 a a t c = 70 c 1.5 a t a = 25 c 1.5 a, b, c t a = 70 c 1.5 a, b, c pulsed drain current i dm 6 continuous source-drain diode current t c = 25 c i s 1.5 a t a = 25 c 0.9 b, c maximum power dissipation t c = 25 c p d 3.1 w t c = 70 c 2.0 t a = 25 c 1.1 b, c t a = 70 c 0.7 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) d, e 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient b, f t 5 s r thja 90 115 c/w maximum junction-to-case (drain) steady state r thjc 32 40 rohs compliant
www.vishay.com 2 document number: 68792 s-81946-rev. a, 25-aug-08 vishay siliconix sib914dk new product notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not su bject to production testing. c. package limited. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 8v v ds temperature coefficient v ds /t j i d = 250 a 8.3 mv/c v gs(th) temperature coefficient v gs(th) /t j - 2.1 gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 0.35 0.8 v gate-source leakage i gss v ds = 0 v, v gs = 5 v 100 na zero gate voltage drain current i dss v ds = 8 v, v gs = 0 v 1 a v ds = 8 v, v gs = 0 v, t j = 55 c 10 on-state drain current a i d(on) v ds 5 v, v gs = 4.5 v 6a drain-source on-state resistance a r ds(on) v gs = 4.5 v, i d = 2.5 a 0.090 0.113 v gs = 2.5 v, i d = 2.2 a 0.110 0.138 v gs = 1.8 v, i d = 1.9 a 0.150 0.190 v gs = 1.5 v, i d = 1.0 a 0.200 0.280 v gs = 1.2 v, i d = 0.1 a 0.280 0.480 forward transconductance a g fs v ds = 4 v, i d = 2.5 a 10 s dynamic b input capacitance c iss v ds = 4 v, v gs = 0 v, f = 1 mhz 125 pf output capacitance c oss 68 reverse transfer capacitance c rss 35 total gate charge q g v ds = 4 v, v gs = 5 v, i d = 2.5 a 1.7 2.6 nc v ds = 4 v, v gs = 4.5 v, i d = 2.5 a 1.5 2.3 gate-source charge q gs 0.25 gate-drain charge q gd 0.25 gate resistance r g f = 1 mhz 0.7 3.5 7.0 tu r n - o n d e l ay t i m e t d(on) v dd = 4 v, r l = 2 i d ? 2.0 a, v gen = 4.5 v, r g = 1 48 ns rise time t r 714 turn-off delay time t d(off) 22 33 fall time t f 919 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c 1.5 c a pulse diode forward current i sm 6 body diode voltage v sd i s = 2.0 a, v gs = 0 v 0.7 1.2 v body diode reverse recovery time t rr i f = 2.0 a, di/dt = 100 a/s, t j = 25 c 10 15 ns body diode reverse recovery charge q rr 24nc reverse recovery fall time t a 4 ns reverse recovery rise time t b 6
document number: 68792 s-81946-rev. a, 25-aug-08 www.vishay.com 3 vishay siliconix sib914dk new product typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current and gate voltage gate charge 0 1 2 3 4 5 6 012345 v ds - drain-to-so u rce v oltage ( v ) - drain c u rrent (a) i d v gs =5thr u 2.5 v v gs =2 v v gs =1 v v gs =1.5 v 0.0 0.1 0.2 0.3 0.4 0.5 0123456 - on-resistance ( ) r ds(on) i d - drain c u rrent (a) v gs =4.5 v v gs =2.5 v v gs =1.2 v v gs =1.5 v v gs =1. 8v 0 1 2 3 4 5 0.0 0.4 0. 8 1.2 1.6 2.0 - gate-to-so u rce v oltage ( v ) q g - total gate charge (nc) v gs v ds =6.4 v v ds =4 v i d =2.5a transfer characteristics capacitance on-resistance vs. junction temperature 0.0 0.2 0.4 0.6 0. 8 1.0 0.0 0.3 0.6 0.9 1.2 1.5 v gs - gate-to-so u rce v oltage ( v ) - drain c u rrent (a) i d t c = 25 c t c = 125 c t c = - 55 c 0 40 8 0 120 160 200 0246 8 c iss v ds - drain-to-so u rce v oltage ( v ) c - capacitance (pf) c oss c rss - 50 - 25 0 25 50 75 100 125 150 t j -j u nction temperat u re (c) ( n ormalized) - on-resistance r ds(on) 0.7 0.9 1.1 1.3 1.5 1.7 v gs =1. 8v ;i d =1.9a v gs =4.5 v ;i d =2.5a v gs =2.5 v ;i d =2.2a
www.vishay.com 4 document number: 68792 s-81946-rev. a, 25-aug-08 vishay siliconix sib914dk new product typical characteristics 25 c, unless otherwise noted soure-drain diode forward voltage threshold voltage 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1 v sd -so u rce-to-drain v oltage ( v ) - so u rce c u rrent (a) i s 0.1 10 t j = 150 c t j = 25 c 0.3 0.4 0.5 0.6 0.7 0. 8 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a ( v ) v gs(th) t j - temperat u re (c) on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0.00 0.05 0.10 0.15 0.20 0.25 0246 8 - on-resistance ( ) r ds(on) v gs - gate-to-so u rce v oltage ( v ) t j = 25 c t j = 125 c i d =2.5a 0 2 4 6 8 po w er ( w ) time (s) 10 1000 0.1 0.01 0.001 100 1 safe operating area, junction-to-case v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified - drain c u rrent (a) i d 10 0.1 0.1 1 1 t a = 25 c single p u lse 1ms 10 ms 0.01 dc b v dss limited 10 100 s limited b yr ds(on)* 100 ms 1 s, 10 s
document number: 68792 s-81946-rev. a, 25-aug-08 www.vishay.com 5 vishay siliconix sib914dk new product typical characteristics 25 c, unless otherwise noted * the power dissipation p d is based on t j(max) = 150 c, using junction-to-case thermal resi stance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determ ine the current rating, when this rating falls below the package limit. current derating* 0 1 2 3 4 5 0 255075100125150 t c - case temperat u re (c) i d - drain c u rrent (a) package limited power derating, junction-to-case 0 1 2 3 4 0 25 50 75 100 125 150 t c - case temperat u re (c) po w er ( w ) power derating, junction-to-ambient 0.0 0.3 0.6 0.9 1.2 1.5 0 25 50 75 100 125 150 t a -am b ient temperat u re (c) po w er ( w )
www.vishay.com 6 document number: 68792 s-81946-rev. a, 25-aug-08 vishay siliconix sib914dk new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?68792. normalized thermal transient im pedance, junction-to-ambient 10 -3 10 -2 1000 10 1 10 -1 10 -4 100 0.2 0.1 s qu are w a v e p u lse d u ration (s) n ormalized effecti v e transient thermal impedance 1 0.1 0.01 t 1 t 2 n otes: p dm 1. d u ty cycle, d = 2. per unit base = r thja = 100 c/ w 3. t jm - t a = p dm z thja (t) t 1 t 2 4. s u rface mo u nted d u ty cycle = 0.5 0.05 0.02 single p u lse normalized thermal transient impedance, junction-to-case 10 -3 10 -2 10 -1 10 -4 1 0.2 0.1 0.05 d u ty cycle = 0.5 s qu are w a v e p u lse d u ration (s) n ormalized effecti v e transient thermal impedance 0.02 1 0.1 single p u lse
vishay siliconix package information document number: 73000 06-aug-07 www.vishay.com 1 powerpak ? sc75-6l dim single pad dual pad millimeters inches millimeters inches min nom max min nom max min nom max min nom max a 0.675 0.75 0.80 0.027 0.030 0.032 0.675 0.75 0.80 0.027 0.030 0.032 a1 0 - 0.05 0 - 0.002 0 - 0.05 0 - 0.002 b 0.18 0.25 0.33 0.007 0.010 0.013 0.18 0.25 0.33 0.007 0.010 0.013 c 0.15 0.20 0.25 0.006 0.008 0.010 0.15 0.20 0.25 0.006 0.008 0.010 d 1.53 1.60 1.70 0.060 0.063 0.067 1.53 1.60 1.70 0.060 0.063 0.067 d1 0.57 0.67 0.77 0.022 0.026 0.030 0.34 0.44 0.54 0.013 0.017 0.021 d2 0.10 0.20 0.30 0.004 0.008 0.012 e 1.53 1.60 1.70 0.060 0.063 0.067 1.53 1.60 1.70 0.060 0.063 0.067 e1 1.00 1.10 1.20 0.039 0.043 0.047 0.51 0.61 0.71 0.020 0.024 0.028 e2 0.20 0.25 0.30 0.008 0.010 0.012 e3 0.32 0.37 0.42 0.013 0.015 0.017 e 0.50 bsc 0.020 bsc 0.50 bsc 0.020 bsc k 0.180 typ 0.007 typ 0.245 typ 0.010 typ k1 0.275 typ 0.011 typ 0.320 typ 0.013 typ k2 0.200 typ 0.008 typ 0.200 bsc 0.008 typ k3 0.255 typ 0.010 typ k4 0.300 typ 0.012 typ l 0.15 0.25 0.35 0.006 0.010 0.014 0.15 0.25 0.35 0.006 0.010 0.014 t 0.03 0.08 0.13 0.001 0.003 0.005 ecn: c-07431 ? rev. c, 06-aug-07 dwg: 5935 back s ide view of s ingle back s ide view of dual note s : 1. all dimen s ion s a re in millimeter s 2. p a ck a ge o u tline excl us ive of mold fl as h a nd met a l bu rr 3 . p a ck a ge o u tline incl us ive of pl a ting e b e b k1 k2 k 3 k2 k1 k2 k2 pin6 pin5 pin4 d1 d2 d1 d1 pin6 pin5 pin4 pin1 pin2 pin 3 detail z da a1 z z c e e1 e1 e1 k k k k4 l e2 pin2 pin1 pin 3 l e 3
application note 826 vishay siliconix document number: 70489 www.vishay.com revision: 28-oct-08 15 application note recommended pad layout for powerpak ? sc75-6l dual dimensions in mm/(inches) 1 (0,0) 0.25 (0.01) 0.375 (0.015) 0.5 (0.02) 0.32 (0.013) 0.44 (0.017) 0.61 (0.024) 0.25 (0.01) 1.6 (0.063) 1.25 (0.049) 2.2 (0.0 8 7) 2.2 (0.0 8 7) return to index
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SIB914DK-T1-GE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X