Part Number Hot Search : 
GP210 RN740 27M21 7805LS T5000780 5ETTTS SMAJ220A GBU410C
Product Description
Full Text Search
 

To Download RNP10SA0R1J000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power solutio n - dbl to126 20w high power resistors rnp-10s specifications and performances items specification-perf ormance test conditions rating power 20 watts flange temperature of -55 c to +25 c rating power 1 watt free air (without heat sink). hear resistance 5.9 c/w from hot spot to flange. resistance range 1.0-9.1ohm 10-220ohm up to 51k ohm resistance are available. note(6) nominal resistance e24 e24 tcr +/-100 ppm/c(a) +/-50 ppm/c(c) flange temperature -55 to +155 c tolerance +/-5%(j) +/-1%(f) operation temp. range -55 c to +155 c withstanding voltage 2000 volt dc 60 seconds, between terminals and flange. load life +/-(1.0 %+0.05ohm) 25c, 90 min.on, 30min.off, 1000hours. humidity +/-(1.0 %+0.05ohm) 60c, 90 to 95%rh, dc0.1w, 1000hours. soldering heat +/-(1.0 %+0.05ohm) 350+/-5c, 3seconds, solder ability over 3/4 of surface 230+/-5c, 3seconds. insulation resistance over 1000 meg ohm between terminals and flange. vibration +/-(0.25 %) dimensions (mm) features and applications small 20watt high power resistor in to-126 package with 5.9 c/w heat resistance from hot spot to flange. non-inductive, fit for high speed sw power s ources, high precision crt and high-speed pulse handling circuits. thin style in small package suits high density installation of electronic instruments. superior vibration durability with heat sink mounting. complete thermal flow design available. color video amplifier of crts, emitter resistors of power sw circuits, snubber circuits, vhf amplifiers, load resistor of pulse generators. between flange and resistor are insulated. leads, tin plated cu molding, epoxy conductor, cu resistor, nicr substrate, alumina flange, ni plated cu 3.8 101 cf 4x 3.1 8.5 dia.3.1 0.6 5.08 1.4 1.9 12.0 15.2 12.0 15.0 0.5 lead free
power solution ? dbl high power resistors c?c?c?c?c?c?c?c?c?c? c?c? rnp-10s 20050212 ordering information identification type tc resistance tolerance code rnp10sc500f000 rnp10s c(50ppm/c) 50ohm f(1%) 000 rnp10sc500fz00 rnp10s c(50ppm/c) 50ohm f(1%) z00 (z: lead-free) rnp10sc101f010 rnp10s c(50ppm/c) 100ohm f(1%) 010 rnp10sc101fz10 rnp10s c(50ppm/c) 100ohm f(1%) z10(z: lead-free) RNP10SA0R1J000 rnp10s a(100ppm/c) 0.1ohm j(5%) 000 one time rectangular impulse. pulse peak watt (watts) 10k rnp-10cs100f 1k 100 10 1 10 100 1m 10m 100m pulse width (seconds) frequency characteristics impedance (ohm) 1k rnp-10s c1k0f rnp-10s c101f 100 rnp-10s c500f rnp-10s c100f 10 rnp-10s c5r0f 1 100k 1m 10m 100m 1g 10g frequency(hz) derating curve rating power(w), with 2.8k/w heat sink. 10 +25c 8 6 c?c?c?c?c? 4 2 +155c 0 -50 0 50 100 150 200 flange temperature (c) temperature rise at flange temperature(c) 140 120 100 80 60 40 20 0 c? 0 10 20 power (w) notes (1) insulating material will not be used between flange and resistors, because flange and resistor are separated by alumina substrate. (2) using heat conduction grease on surface of tab is recommended. (3) heat resistance between resistor and tab is 3.6k / w, heat design will be performed as resistor temperature shall be under 155 c in operation. (4) 0.1% tolerance resistors are available, please call factory. (5) for application to r-f circ uit, rmp10s (smd) or lead form ed rnp10s are prepared, rnp10s or rmp10s are screw mount style. when solder ing mount is better, please use rmp20s. (6) at resistance from 220 to 51kohms rating power shall be restricted in 10w. lead free


▲Up To Search▲   

 
Price & Availability of RNP10SA0R1J000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X