Part Number Hot Search : 
SLA4391 EM91865A 01900 2SA1902R 91930 BZX55C1 10150 SMB15
Product Description
Full Text Search
 

To Download PD4W09-59LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com skyworks proprietary information.  products and product information are subject to change without notice.  spring 2006 599 power dividers/combiners pd4w09-59, PD4W09-59LF: four-way 0 power splitter/ combiner 0.81?0.96 ghz data sheet parameter frequency min. typ. max. unit frequency 0.81 0.96 ghz insertion loss less 6 db split 1.3 1.5 db isolation 20 23 db input vswr 1.2:1 1.5:1 output vswr 1.2:1 1.5:1 amplitude balance 0.4 0.6 db phase balance 6 8 deg. electrical specifications at 25 c z o = 50 ? , unless otherwise noted features low cost low profile available in small msop-8 package available on tape and reel available lead (pb)-free and rohs-compliant msl-1 @ 260 c per jedec j-std-020 description the pd4w09-59 is a monolithic four-way in-phase hybrid junc- tion tuned for the 0.81?0.96 ghz band. it offers low loss, high isolation, good input/output matching and exceptional phase/ amplitude balance. it is available in the msop-8 surface mount package. port 1 in/sum gnd port 4 port 2 gnd gnd port 3 12 34 87 65 pin out in/sum port 2 port 3 port 1 port 4 block diagram skyworks offers lead (pb)-free, rohs (restriction of hazardous substances)-compliant packaging. new
power dividers/combiners skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com spring 2006  skyworks proprietary information.  products and product information are subject to change without notice. 600 -7.6 -7.4 -7.2 -7.0 -6.8 -6.6 0.80 0.85 0.90 0.95 1.00 frequency (ghz) insertion loss (db) insertion loss vs. frequency port 4 port 1 port 3 port 2 0.80 0.85 0.90 0.95 1.00 frequency (ghz) isolation (db) isolation vs. frequency -40 -35 -30 -25 -20 -15 -10 -5 0 port 3?4 port 2?4 port 2?3 port 1?4 port 1?3 port 1?2 0.80 0.85 0.90 0.95 1.00 frequency (ghz) output vswr output vswr vs. frequency 1.0 1.1 1.2 1.3 1.4 1.5 0.80 0.85 0.90 0.95 1.00 frequency (ghz) amp. balance (db) amp. balance vs. frequency -1.0 -0.5 0.0 0.5 1.0 0.80 0.85 0.90 0.95 1.00 frequency (ghz) input vswr input vswr vs. frequency 1.0 1.1 1.2 1.3 1.4 1.5 1.6 0.80 0.85 0.90 0.95 1.00 frequency (ghz) phase balance (deg.) phase balance vs. frequency -8 -6 -4 -2 0 2 4 6 8 typical performance data z o = 50 ? , unless otherwise noted
power dividers/combiners skyworks solutions, inc.  phone [781] 376-3000  fax [781] 376-3100  sales@skyworksinc.com  www.skyworksinc.com skyworks proprietary information.  products and product information are subject to change without notice.  spring 2006 601 power dividers/combiners characteristic value input power (1) 1.5 w cw input power (2) 0.375 cw operating temperature -40 c to +85 c storage temperature -65 c to +150 c absolute maximum ratings 1. when used as a power divider with a 2.0:1 maximum vswr on all ports. 2. when used as a power combiner with a 2.0:1 maximum vswr on all ports. performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the absolute maximum specifications. exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty. caution: although this device is designed to be as robust as possible, esd (electrostatic discharge) can damage this device. this device must be protected at all times from esd. static charges may easily produce poten- tials of several kilovolts on the human body or equipment, which can discharge without detection. industry-standard esd precautions must be employed at all times. recommended board layout 0.150 0.024 typ. 0.018 typ. 0.010 typ. 0.020 dia. via 0.010 dia. via material is 10 mil fr4. msop-8 0.012 (0.30 mm) pin 1 pin 1 indicator + 0.006 (0.15 mm) 7.0? typ. 0.038 (0.95 mm) 0.030 (0.75 mm) 0.017 (0.43 mm) 8.0? max. 0.028 (0.70 mm) 0.016 (0.40 mm) 0.007 (0.18 mm) 0.005 (0.12 mm) 0.006 (0.15 mm) 0.002 (0.05 mm) - 0.002 (0.05 mm) 0.0256 (0.65 mm) typ. 0.118 (3.00 mm) 0.004 (0.1 mm) sq. 0.193 (4.90 mm) ref. re c ommen d e d s ol d er reflow profiles refer to the ?recommended solder reflow profile? application note . t ape an d reel information refer to the ?discrete devices and ic switch/attenuators tape and reel package orientation? application note.


▲Up To Search▲   

 
Price & Availability of PD4W09-59LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X