Part Number Hot Search : 
FZTA64 A2411 A2411 VTB5051J LTC3330 LTC3330 BPC3510 LCA05C10
Product Description
Full Text Search
 

To Download MS1329 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  053-7067 rev - 10-2002 MS1329 rf & microwave transistors vhf fm applications description: description: description: description: the ms1629 is an epitaxial silicon npn transistor designed primarily for 12.5 v class c, am amplifier applications in the 118 ? 136 mhz and 28 v class c ground station transmitters. emitter ballast resistors and gold metalitzation provide optimum vswr capability. absolute maximum ratings absolute maximum ratings absolute maximum ratings absolute maximum ratings (tcase = 25 c) s y mbol paramete r v alue unit v cbo collector- base voltage 65.0 v v ceo collector-emitter voltage 35.0 v v ebo emitter-base voltage 4.0 v p diss power dissi p ation 75.0 w i c collector current 6.5 a t j junction temperature +200 c t stg storage temperature -65 to +150 c thermal data thermal data thermal data thermal data r th(j-c) thermal resistance junction-case 2.3 c/w features features features features ? 150 mhz ? 28 volts ? p out = 60w ? g p = 7.0 db minimum ? common emitter configuration
053-7067 rev - 10-2002 MS1329 electrical spe electrical spe electrical spe electrical specifications (tcase = 25 cifications (tcase = 25 cifications (tcase = 25 cifications (tcase = 25 c) c) c) c) static static static static s y mbol test conditions v alue min. t yp . max. unit bvces i c = 200ma v be = 0 ma 65.0 --- --- v bvceo i c = 200 ma i b = 0 ma 35.0 --- --- v bvebo i e = 10 ma i c = 0 ma 4.0 --- --- v icbo v cb = 30 v i e = 0 ma --- --- 2.0 ma h fe v ce = 5.0v i c = 500 ma 10 --- 150 --- dynamic dynamic dynamic dynamic s y mbol test conditions v alue min. t yp . max. unit p out f = 150 mhz p in = 12w v ce = 28v 60.0 --- --- w p g f = 150 mhz p in = 12w v ce = 28v 7.0 --- --- db c ob v cb = 28v f = 1 mhz --- --- 80.0 pf impedance data impedance data impedance data impedance data freq z in ( ?) ?) ?) ?) z cl ( ?) ?) ?) ?) 150 mhz 1.0 + j2.0 4.0 - j3.9 p out = 60w v ce = 28v
053-7067 rev - 10-2002 MS1329 pack ag e m e chan i c al dat a pack ag e m e chan i c al dat a pack ag e m e chan i c al dat a pack ag e m e chan i c al dat a


▲Up To Search▲   

 
Price & Availability of MS1329

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X