Part Number Hot Search : 
SG693208 BU4823 C74VHC2 IDT74CB 2SA1201 KBU600 2SAA1 C74VHC2
Product Description
Full Text Search
 

To Download MOC3083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lite-on technology corporation property of lite-on only features * isolation voltage between input and output v iso : 5,000v rms * 6pin dip zero-cross optoisolators triac driver output * high repetitive peak off-state voltage v drm : min. 800v * high critical rate of rise of off-state voltage ( dv/dt : min. 800v / s ) * dual-in-line package : MOC3083 * wide lead spacing package : MOC3083m * surface mounting package : MOC3083s * tape and reel packaging : MOC3083s-ta1 * ul approved ( no. e113898 ) * cul approved ( no. e113898 ) * fimko approved ( no. 15469 ) * nemko approved ( no. p00102123 ) * demko approved ( no. 309968-01 ) * semko approved ( no. 0032019/01-11 ) * vde approved (no. 094722 ) applications * ac motor drives * ac motor starters * e.m. contactors * lighting controls * solenoid/valve controls * solid state relays * static power switches * temperature controls part no. : MOC3083 series page : 1 of 8 bns-od-c131/a4
lite-on technology corporation property of lite-on only outline dimensions dual-in-line package : wide lead spacing package: *1. year date code. *2. 2-digit work week. *3. factory identification mark shall be marked (z : taiwan, y : thailand). *4. model no.: MOC3083 part no. : MOC3083 series page : 2of8 bns-od-c131/a4
lite-on technology corporation property of lite-on only outline dimensions surface mounting package : *1. year date code. *2. 2-digit work week. *3. factory identification mark shall be marked (z : taiwan, y : thailand). *4. model no.: MOC3083 part no. : MOC3083 series page : 3of8 bns-od-c131/a4
lite-on technology corporation property of lite-on only taping dimensions tape and reel package : MOC3083s-ta1 description symbol dimensions in mm ( inches ) tape wide w 16 0.3 ( .63 ) pitch of sprocket holes p 0 4 0.1 ( .15 ) distance of compartment f p 2 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) distance of compartmen t to compartment p 1 12 0.1 ( .472 ) part no. : MOC3083 series page : 4of8 bns-od-c131/a4
lite-on technology corporation property of lite-on only absolute maximum rating ( ta = 25 c ) parameter symbol rating unit forward current i f 50 ma reverse voltage v r 6 v input power dissipation p d 120 mw off-state output terminal voltage v drm 800 v peak repetitive surge current ( pw=100 s, 120pps ) i tsm 1 a output collector power dissipation p c 150 mw total power dissipation p tot 250 mw *1 isolation voltage v iso 5,000 vrms ambient operating temperature range t a -40 ~ +100 c storage temperature range t stg -55 ~ +150 c *2 soldering temperature t l 260 c *1. ac for 1 minute, r.h. = 40 ~ 60% isolation voltage shall be measured using the following method. (1) short between anode and cathode on the primary side and between collector, emitter on the secondary side. (2) the isolation voltage tester with zero-cross circuit shall be used. (3) the waveform of applied voltage shall be a sine wave. *2. for 10 seconds part no. : MOC3083 series page : 5of8 bns-od-c131/a4
lite-on technology corporation property of lite-on only electrical - optical characteristics ( ta = 25 c ) parameter symbol min. typ. max. unit conditions forward voltage v f ? 1.2 1.4 v i f =20ma input reverse current i r ? 0.05 10 a v r =6v *1 peak blocking current, either direction i drm1 ? ? 500 na v drm = 800v peak on-state voltage, either direction v tm ? ? 3.0 v i tm =100 ma peak output *2 critical rate of rise of off-state voltage dv/dt 800 1500 ? v/ s *3 led trigger current, current required to latch output, either direction i ft ? ? 5 ma main terminal voltage = 3v holding current, either direction i h ? 400 ? a coupled turn-on time t on ? 8 20 s v p =9v, i f =20ma r l = 100 ? inhibit voltage v inh ? 5 20 volts i f =rated i ft , mt1-mt2 voltage above which device will not trigger. zero crossing leakage in inhibited state i drm2 ? ? 500 a i f = rated i ft , rated v drm , off state *1 test voltage must be applied within dv/dt rating. *2 this is static dv/dt. commutating dv/dt is a function of the load-driving thyristor(s) only. *3 all devices are guaranteed to trigger at an i f value less than or equal to max i ft . therefore, recommended operating i f lies between max i ft 5ma for MOC3083 and absolute max i f (50ma) part no. : MOC3083 series page : 6of8 bns-od-c131/a4
lite-on technology corporation property of lite-on only characteristics curves fig.1 forward current vs. fig.2 on-state current vs. ambient temperature fig.4 forward current vs. forward 0 -40 60 c 40 c 20 c ambient temperature fig.6 holding current vs. temperature fig.5 on-state voltage vs. ambient fig.3 minimum trigger current vs. ambient temperature i , o n - s t a t e c u r r e n t ( a ) ambient temperature ta ( c) ambient temperature ta ( c) ambient temperature ( c) ambient temperature ta ( c) ambient temperature ta ( c) 0 20406080100 60 0 0.4 1 2.0 0.01 20 40 60 80 100 20 1.0 100 20 0 10 o o o ambient temperature o o voltage 3.0 10 100 8 6 4 2 50 40 30 20 10 100 1 o 80 c o 100 c 0.05 0.10 t m v p =6v r l =100 2.6 2.2 1.4 1.8 40 80 60 o v p =6v 0.8 1.2 1.6 o 80 60 40 o 0.1 120 -20 -40 -20 0 80 40 20 60 100 120 f o r w a r d c u r r e n t i f ( m a ) m i n i m u m t r i g g e r c u r r e n t i f t ( m a ) o n - s t a t e v o l t a g e v t m ( v ) f o r w a r d c u r r e n t i h ( m a ) f o r w a r d c u r r e n t i f ( m a ) forward voltage v f (v) i tm = 100ma part no. : MOC3083 series page : 7of8 bns-od-c131/a4
lite-on technology corporation property of lite-on only characteristics curves fig.7 turn-on time vs. forward current fig.8 repetitive peak off-state current fig.9 on-state current vs. on-state voltage vs. temperature r e p e t i t i v e p e a k o f f - s t a t e c u r r e n t i d r m ( n a ) ambient temperature ta ( c) 3.0 1.5 0 o 0 100 0.5 2.0 2.5 1.0 80 60 40 20 static dv/dt test circuit t u r n - o n t i m e t o n ( s ) forward current i f (ma) o n - s t a t e c u r r e n t i t m ( m a ) r test c test d.u.t. +400 vd c pulse input mercury wetted relay r= 10k x100 scope probe rc rc dv/dt= 0.63 v max = rc 378 applied voltage waveform 0 volts v max = 400v 252 v v p =9v r l = 100 on-state voltage v tm (v) 4 0 2 10 6 8 20 30 10 40 50 20 1 10 100 1000 100 40 60 80 recommended foot print patterns (mount pad) unit : mm part no. : MOC3083 series page : 8of8 bns-od-c131/a4


▲Up To Search▲   

 
Price & Availability of MOC3083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X