Part Number Hot Search : 
CY2280 700CK 3N190 LA5550M BTS452 SLA944F AD7503 BF775
Product Description
Full Text Search
 

To Download MBRF20U60CTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 10. 7 1/2 semiconductor technical data MBRF20U60CTA schottky barrier type diode revision no : 1 switching mode power supply application. converter & chopper application. features h average output rectified current : i o =20a. h repetitive peak reverse voltage : v rrm =60v. h low i r & low v f maximum rating (ta=25 ? ) to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q 1. anode 2. cathode 3. anode r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ electrical characteristics (ta=25 ? ) characteristic symbol rating unit repetitive peak reverse voltage v rrm 60 v average output rectified current (tc=108 ? ) (note) i o 20 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 250 a junction temperature t j -40 q 150 ? temperature range t stg -55 q 150 ? note : average forward current of centertap full wave connection. ( w x characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =10a - - 0.75 v repetitive peak reverse current (note) i rrm v rrm =60v - - 50 u reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ k - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 3.5 ? /w note : a value of one cell
2010. 10. 7 2/2 MBRF20U60CTA revision no : 1


▲Up To Search▲   

 
Price & Availability of MBRF20U60CTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X