Part Number Hot Search : 
ML7XX32 5H25SSSM HD74LS FN4856 BZV55B62 ZBNG4001 MLL41 S1205
Product Description
Full Text Search
 

To Download JANTX2N6287 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 lake street, lawrence, ma 01841 3/98 rev: a 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 1 of 2 maximum ratings ratings symbol 2n6286 2n6287 units collector-emitter voltage v ceo 80 100 vdc collector-base voltage v cbo 80 100 vdc emitter-base voltage v ebo 7.0 vdc base current i b 0.5 adc collector current i c 20 adc total power dissipation (1) @ t c = 25 0 c @ t c = 100 0 c p t 175 87.5 w w operating & storage junction temperature range t op , t stg -65 to +175 0 c thermal characteristics characteristics symbol max. unit thermal resistance, junction-to-case r q jc 0.857 0 c/w 1) derate linearly 1.17 w/ 0 c for t c > 25 0 c electrical characteristics (t c = 25 0 c unless otherwise noted) characteristics symbol min. max. unit off characteristics collector-emitter breakdown voltage i c = 100 madc 2n6286 2n6287 v (br) ceo 80 100 vdc collector-emitter cutoff current v ce = 40 vdc 2n6286 v ce = 50 vdc 2n6287 i ceo 1.0 1.0 madc collector-emitter cutoff current v ce = 80 vdc, v be = 1.5 vdc 2n6286 v ce = 100 vdc, v be = 1.5 vdc 2n6287 i cex 0.5 0.5 madc emitter-base cutoff current v eb = 7.0 vdc i ebo 2.5 adc technical data 2n6286 jantx, jtxv 2n6287 jantx, jtxv processed per mil-prf-19500/505 pnp darlington power silicon transistor to-3 (to-204aa)
6 lake street, lawrence, ma 01841 3/98 rev: a 1-800-446-1158 / (978) 794-1666 / fax: (978) 689- 0803 page 2 of 2 2n6286, 2n6287 jan series electrical characteristics ( con?t) characteristics symbol min. max. unit on characteristics (2) forward-current transfer ratio i c = 1.0 adc, v ce = 3.0 vdc i c = 10 adc, v ce = 3.0 vdc i c = 20 adc, v ce = 3.0 vdc h fe 1,500 1,250 300 18,000 collector-emitter saturation voltage i c = 20 adc, i b = 200 madc i c = 10 adc, i b = 40 madc v ce(sat) 3.0 2.0 vdc base-emitter saturation voltage i c = 20 adc, i b = 200 madc v be(sat) 4.0 vdc base-emitter voltage i c = 10 adc, v ce = 3.0 vdc v be(on) 2.8 vdc dynamic characteristics magnitude of common emitter small-signal short-circuit forward current transfer ratio i c = 10 adc, v ce = 3.0 vdc ? h fe ? 8.0 80 small-signal short-circuit forward current transfer ratio i c = 10 adc, v ce = 3.0 vdc, f = 1.0 khz h fe 300 output capacitance v cb = 10 vdc, i e = 0, 100 khz f 1.0 mhz c obo 400 pf switching characteristics turn-on time v cc = 30 vdc; i c = 10 adc; i b = 40 madc t on 2.0 m s turn-off time v cc = 30 vdc; i c = 10 adc; i b1 = i b2 = 40 madc t off 10 m s safe operating area dc tests t c = +25 0 c, 1 cycle, t = 1.0 s test 1 v ce = 8.75 vdc, i c = 20 adc all types test 2 v ce = 30 vdc, i c = 5.8 adc all types test 3 v ce = 80 vdc, i c = 100 madc 2n6286 v ce = 100 vdc, i c = 100 madc 2n6287 (2) pulse test: pulse width = 300 m s, duty cycle 2.0%.


▲Up To Search▲   

 
Price & Availability of JANTX2N6287

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X