Part Number Hot Search : 
GZ242 2SK12 1N5407 PQ100 FRM1H 43CTQ080 MZD130 RF103
Product Description
Full Text Search
 

To Download ISL9011AIRNCZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ? fn6437.0 isl9011a dual ldo with low noise, low i q , and high psrr isl9011a is a high performance dual ldo capable of sourcing 150ma current from channel 1 and 300ma from channel 2. the device has a low standby current and high- psrr and is stable with output capacitance of 1 f to 10 f with esr of up to 200m . a reference bypass pin allows an external capacitor for adjusting a noise filter for low noise and high psrr applications. the quiescent current is typically only 45 a with both ldo?s enabled and active. separate enable pins control each individual ldo output. when both enable pins are low, the device is in shutdown, typically drawing less than 0.1 a. several combinations of voltage outputs are standard. others are available on request. output voltage options for each ldo range from 1.2v to 3.6v. pinout isl9011a (10 ld 3x3 dfn) top view features ? integrates two high performance ldos - vo1 - 150ma output - vo2 - 300ma output ? excellent transient response to large current steps ? excellent load regulation: <1% voltage change across full range of load current ? high psrr: 70db @ 1khz ? wide input voltage capability: 2.3v to 6.5v ? extremely low quiescent current: 45 a (both ldos active) ? low dropout voltage: typically 120mv @ 150ma ? low output noise: typically 30 v rms @ 100 a (1.5v) ? stable with 1 f to 10 f ceramic capacitors ? separate enable pins for each ldo ? soft-start to limit input current surge during enable ? current limit and overheat protection ? 1.8% accuracy over all operating conditions ? tiny 10 ld 3mmx3mm dfn package ? -40c to +85c operating temperature range ? pin compatible with micrel mic2211 ? pb-free plus anneal available (rohs compliant) applications ? pdas, cell phones and smart phones ? portable instruments, mp3 players ? handheld devices including medical handhelds vin en1 en2 cbyp nc vo1 vo2 nc nc gnd 2 3 4 1 5 9 8 7 10 6 data sheet january 30, 2007 caution: these devices are sensitive to electrosta tic discharge; follow proper ic handling procedures. 1-888-intersil or 1-888-468-3774 | intersil (and design) is a registered trademark of intersil americas inc. copyright ? intersil americas inc. 2007. all rights reserved. all other trademarks mentioned are the property of their respective owners.
2 fn6437.0 january 30, 2007 ordering information part number (notes 1, 2, 3) part marking vo1 voltage (v) vo2 voltage (v) temp range (c) package (pb-free) pkg. dwg. # isl9011airnnz dgpa 3.3 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airnjz dgna 3.3 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airnfz dgma 3.3 2.5 -40 to +85 10 ld 3x3 dfn l10.3x3c ISL9011AIRNCZ dgla 3.3 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airmnz dgka 3.0 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airmmz dgja 3.0 3.0 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airmgz dgha 3.0 2.7 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airllz dgga 2.9 2.9 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airknz dgea 2.85 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkkz dgda 2.85 2.85 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkjz dgca 2.85 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkfz dgba 2.85 2.5 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkpz dgfa 2.85 1.85 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airkcz dfya 2.85 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjnz dfva 2.8 3.3 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjmz dfta 2.8 3.0 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjrz dwfa 2.8 2.6 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjcz dfsa 2.8 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airjbz dfra 2.8 1.5 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airgpz dfpa 2.7 1.85 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airgcz dfna 2.7 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airfjz dfma 2.5 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airfdz dfla 2.5 2.0 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airfcz dfka 2.5 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airplz dgra 1.85 2.9 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airppz dgsa 1.85 1.85 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011aircjz dfja 1.8 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airccz dfha 1.8 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airblz dfga 1.5 2.9 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airbjz dffa 1.5 2.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airbcz dfea 1.5 1.8 -40 to +85 10 ld 3x3 dfn l10.3x3c isl9011airbbz dfda 1.5 1.5 -40 to +85 10 ld 3x3 dfn l10.3x3c notes: 1. add -t to part number for tape and reel. 2. for availability and lead time of device s with voltage combinations not listed in the table, contact intersil marketing. 3. intersil pb-free plus anneal products empl oy special pb-free material sets; molding compounds/die attach materials and 100% m atte tin plate termination finish, which are rohs compliant and compatible with both snpb and pb-free soldering operations. intersil pb-free p roducts are msl classified at pb-free peak reflow tem peratures that meet or exceed the pb-free requirements of ipc/jedec j std-020. isl9011a
3 fn6437.0 january 30, 2007 absolute maximum rati ngs thermal information supply voltage (vin) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1v all other pins . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (v in +0.3)v recommended operating conditions ambient temperature range (t a ) . . . . . . . . . . . . . . .-40c to +85c supply voltage (vin) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3v to 6.5v thermal resistance (notes 4, 5) ja (c/w) jc (c/w) 3x3 dfn package . . . . . . . . . . . . . . . . 50 10 junction temperature range . . . . . . . . . . . . . . . . .-40c to +125c operating temperature range . . . . . . . . . . . . . . . . .-40c to +85c storage temperature range . . . . . . . . . . . . . . . . . .-65c to +150c maximum lead temperature (soldering 10s) . . . . . . . . . . . . +300c caution: stresses above those listed in ?absolute maximum ratings? may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. notes: 4. ja is measured in free air with the component mounted on a high ef fective thermal conductivity te st board with ?direct attach? fe atures. see tech brief tb379. 5. jc , ?case temperature? location is at the center of the exposed metal pad on the package underside. see tech brief tb379. electrical specifications unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature range of the device as follows: t a = -40c to +85c; v in = (v o +1.0v) to 6.5v with a minimum v in of 2.3v; c in = 1 f; c o = 1 f; c byp = 0.01 f parameter symbol test conditions min typ max units dc characteristics supply voltage v in 2.3 6.5 v ground current quiescent condition: i o1 = 0a; i o2 = 0a i dd1 one ldo active 25 40 a i dd2 both ldo active 45 60 a shutdown current i dds @ +25c 0.1 1.0 a uvlo threshold v uv+ 1.9 2.1 2.3 v v uv- 1.6 1.8 2.0 v regulation voltage accuracy variation from nominal voltage output, v in = v o +0.5 to 5.5v, t j = -40c to +125c -1.8 +1.8 % line regulation v in = (v out +1.0v relative to highest output voltage) to 5.5v -0.2 0 0.2 %/v load regulation i out = 100a to 150ma (vo1 and vo2) 0.1 0.7 % i out = 100a to 300ma (vo2) 1.0 % maximum output current i max vo1: continuous 150 ma vo2: continuous 300 ma internal current limit i lim 350 475 600 ma dropout voltage (note 6) v do1 i o = 150ma; v o > 2.1v (vo1) 125 200 mv v do2 i o = 300ma; v o < 2.5v (vo2) 300 500 mv v do3 i o = 300ma; 2.5v v o 2.8v (vo2) 250 400 mv v do4 i o = 300ma; v o > 2.8v (vo2) 200 325 mv thermal shutdown temperature t sd+ 145 c t sd- 110 c ac characteristics ripple rejection i o = 10ma, v in = 2.8v(min), v o = 1.8v, c byp = 0.1 f @ 1khz 70 db @ 10khz 55 db @ 100khz 40 db output noise voltage i o = 100 a, v o = 1.5v, t a = +25c, c byp = 0.1 f bw = 10hz to 100khz 30 v rms isl9011a
4 fn6437.0 january 30, 2007 device start-up characteristics device enable time t en time from assertion of the enx pin to when the output voltage reaches 95% of the vo(nom) 250 500 s ldo soft-start ramp rate t ssr slope of linear portion of ldo output voltage ramp during start- up 30 60 s/v en1, en2 pin characteristics input low voltage v il -0.3 0.5 v input high voltage v ih 1.4 v in +0.3 v input leakage current i il , i ih 0.1 a pin capacitance c pin informative 5 pf note: 6. vox = 0.98 * vox(nom); valid for vox greater than 1.85v. electrical specifications unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature range of the device as follows: t a = -40c to +85c; v in = (v o +1.0v) to 6.5v with a minimum v in of 2.3v; c in = 1 f; c o = 1 f; c byp = 0.01 f (continued) parameter symbol test conditions min typ max units isl9011a
5 fn6437.0 january 30, 2007 typical performance curves figure 1. output voltage vs input voltage (3.3v output) figure 2. output voltage change vs load current figure 3. output voltage change vs temperature figure 4. output voltage vs input voltage (v o 1=3.3v) figure 5. output voltage vs input voltage (v o 2=2.8v) figure 6. dropout voltage vs load current output voltage, v o (%) input voltage (v) -0.6 -0.2 0.2 0.6 -0.8 3.8 4.2 6.2 5.8 6.6 3.4 4.6 5.0 5.4 -0.4 0.0 0.4 0.8 v o = 3.3v +85c -40c +25c i load = 0ma 0.04 0.06 -0.06 -0.10 100 200 300 400 0 load current - i o (ma) output voltage change (%) -0.02 0.00 0.02 0.08 0.10 -0.04 -0.08 50 150 250 350 v in = 3.8v v o = 3.3v +85c -40c +25c 0.04 0.06 -0.06 -0.10 -10 20 50 110 -40 temperature (c) output voltage change (%) -0.02 0.00 0.02 0.08 0.10 -0.04 -0.08 -25 5 35 80 65 95 125 v in = 3.8v v o = 3.3v i load = 0ma output voltage, v o (v) input voltage (v) 3.0 3.1 3.2 3.3 3.4 2.9 2.8 3.1 3.6 4.1 4.6 5.1 6.1 5.6 i o = 150ma i o = 0ma v o 1 = 3.3v 6.5 2.5 2.6 2.7 2.8 2.9 2.4 2.3 2.63.13.64.14.65.1 6.1 input voltage (v) output voltage, v o (v) 5.6 i o = 0ma i o = 300ma v o 2 = 2.8v i o = 150ma 6.5 200 250 300 350 150 100 50 0 50 100 150 200 250 300 350 400 0 output load (ma) dropout voltage, v do (mv) v o 2 = 2.8v v o 1 = 3.3v isl9011a
6 fn6437.0 january 30, 2007 figure 7. vo1 dropout volt age vs load current figure 8. gr ound current vs input voltage figure 9. ground current vs load figure 10. ground current vs temperature figure 11. power-up/power-down figure 12. turn-on/turn-off response typical performance curves (continued) 100 125 150 175 75 50 25 0 25 50 75 100 125 150 175 200 0 output load (ma) dropout voltage, v do (mv) v o 1 = 3.3v +85c +25c -40c 30 35 40 45 55 25 4.0 5.0 6.5 input voltage (v) ground current (a) 50 3.0 3.5 4.58 5.5 6.0 i o (both channels) = 0a v o 1 = 3.3v v o 2 = 2.8v -40c +25c +125c 200 160 100 20 0 50 100 150 200 250 400 0 load current (ma) ground current (a) 350 300 v o 1 = 3.3v v in = 3.8v v o 2 = 2.8v 40 60 80 120 140 180 +85c -40c +25c 35 25 -10 20 50 110 -40 temperature (c) ground current (a) 45 50 55 40 30 -25 5 35 80 65 95 125 v in = 3.8v v o = 3.3v i load = 0a both outputs on 2 3 4 5 1 0 1234567 10 time (s) voltage (v) 89 vo2 vo1 vin 0 v o 1 = 3.3v v o 2 = 2.8v i l 1 = 150ma i l 2 = 300ma 2 3 4 5 1 0 1234567 10 time (s) voltage (v) 89 v o 2 v o1 v in 0 1 3 0 2 0 100 200 300 400 500 600 700 800 0 time (s) v o 1 (v) v en (v) 5 v o 1 = 3.3v v in = 5.0v i l 1 = 150ma c l -1, c l -2 = 1f c byp = 0.01f 900 1000 v o 2 (10mv/div) i l 2 = 300ma v o 2 = 2.8v isl9011a
7 fn6437.0 january 30, 2007 figure 13. line transient response, 3.3v output figure 14. line transient response, 2.8v output figure 15. load transient response figure 16. psrr vs frequency figure 17. spectral noise density vs frequency typical performance curves (continued) 400 s/div vo1 = 3.3v i load = 150ma 3.6v 4.3v 10mv/div c load = 1 f c byp = 0.01 f 400 s/div v o 1 = 3.3v i load = 150ma 3.6v 4.3v 10mv/div c load = 1 f c byp = 0.01 f 400s/div vo2 = 2.8v i load = 300ma 3.5v 4.2v 10mv/div c load = 1f c byp = 0.01f 400s/div v o 2 = 2.8v i load = 300ma 3.5v 4.2v 10mv/div c load = 1f c byp = 0.01f 100 s/div v o (25mv/div) i load 300ma 100 a v in = 2.8v v o = 1.8v 0.1 1k 10k 100k 1m frequency (hz) 0 10 20 30 40 50 60 70 80 90 100 psrr (db) v in = 3.6v v o = 1.8v i o = 10ma c byp = 0.1 f c load = 1 f spectral noise density (nv/ hz ) 1000 100 10 1 0.1 10 100 1k 10k 100k 1m frequency (hz) v in = 3.6v v o = 1.8v i load = 10ma c byp = 0.1 f c in = 1 f c load = 1 f isl9011a
8 fn6437.0 january 30, 2007 typical application pin descriptions pin # pin name type description 1 vin analog i/o supply voltage/ldo input: connect a 1f capacitor to gnd. 2 en1 low voltage compatible cmos input ldo-1 enable. 3 en2 low voltage compatible cmos input ldo-2 enable. 4 cbyp analog i/o reference bypass capacitor pin: optionally connect capacitor of value 0.01 f to 1 f between this pin and gnd to tune in the desired noise and psrr performance. 5, 7, 8 nc nc no connection 6 gnd ground gnd is the connection to system ground. connect to pcb ground plane. 9vo2 analog i/o ldo-2 output: connect capacitor of value 1f to 10f to gnd (1f recommended). 10 vo1 analog i/o ldo-1 output: connect capacitor of value 1f to 10f to gnd (1f recommended). c1, c3, c4: 1f x5r ceramic capacitor c2: 0.1f x5r ceramic capacitor isl9011a vin en1 en2 cbyp nc vo1 vo2 nc nc gnd 10 9 8 7 6 1 2 3 4 5 vin (2.3v to 6.5v) enable 1 enable 2 vout 1 vout 2 c1 c2 c3 c4 off on off on isl9011a
9 fn6437.0 january 30, 2007 block diagram functional description the isl9011a contains all circuitry required to implement two high performance ldos. high performance is achieved through a circuit that deliver s fast transient response to varying load conditions. in a quiescent condition, the isl9011a adjusts its biasing to achieve the lowest standby current consumption. the device also integrates cu rrent limit protection, smart thermal shutdown protection, st aged turn-on and soft-start. smart thermal shutdown protects the device against overheating. staged turn-on and soft-start minimize start-up input current surges without ca using excessive device turn- on time. power control the isl9011a has two separate enable pins (en1 and en2) to individually control power to each of the ldo outputs. when both en1 and en2 are low, the device is in shutdown mode. during this condition, all on-chip circuits are off, and the device draws minimum current, typically less than 0.1 a. when one or both of the enable pins are asserted, the device first polls the output of the uvlo detector to ensure that vin voltage is at least about 2.1v. once verified, the device initiates a start-up sequence. during the start-up sequence, trim settings are first read and latched. then, sequentially, the bandgap, re ference voltage and current generation circuitry power-up. once the references are stable, a fast-start circuit quickly charges the external reference bypass capacitor (connected to the cbyp pin) to the proper operating voltage. after the bypass capacitor has been charged, the ldo?s power-up. if en1 is brought high, and en2 goes high before the vo1 output stabilizes, the isl9011a delays the vo2 turn-on until the vo1 output reaches its target level. if en2 is brought high, and en1 goes high before vo2 starts its output ramp, then vo1 turn s on first and the isl9011a ldo error amplifier is1 1v qen1 ldo-1 ldo-2 vref trim vin vo1 vo2 cbyp gnd en2 en1 control logic voltage reference generator bandgap and temperature sensor uvlo 1.00v is1 is2 qen1 qen2 vo1 ~1.0v isl9011a
10 fn6437.0 january 30, 2007 delays the vo2 turn-on until the vo1 output reaches its target level. if en2 is brought high, and en1 goes high after vo2 starts its output ramp, then the isl9011a immediately starts to ramp up the vo1 output. if both en1 and en2 are brought high at the same time, the vo1 output has priority, and is always powered up first. during operation, whenever the vin voltage drops below about 1.8v, the isl9011a immediately disables both ldo outputs. when vin rises back above 2.1v, the device re- initiates its start-up sequence and ldo operation will resume automatically. reference generation the reference generation circuitry includes a trimmed bandgap, a trimmed voltage reference divider, a trimmed current reference generator, and an rc noise filt er. the filter includes the external capacito r connected to the cbyp pin. a 0.01 f capacitor connected cbyp implements a 100hz lowpass filter, and is recommended for most high performance applications. for the lowest noise application, a 0.1 f or greater cbyp capacitor s hould be used. this filters the reference noise to below the 10hz to 1khz frequency band, which is crucial in many noise-sensitive applications. the bandgap generates a zero te mperature coefficient (tc) voltage for the reference divider. the reference divider provides the regulation reference and other voltage references required for current generation and over-temperature detection. the current generator outputs references required for adaptive biasing as well as references for ldo output current limit and therma l shutdown determination. ldo regulation and programmable output divider the ldo regulator is implemented with a high-gain operational amplifier driving a pmos pass transistor. the design of the isl9011a provides a regulator that has low quiescent current, fast transient response, and overall stability across all operating and load current conditions. ldo stability is guaranteed for a 1 f to 10 f output capacitor that has a tolerance better than 20% and esr less than 200m . the design is performance-optimized for a 1 f capacitor. unless limited by the application, use of an output capacitor value above 4.7 f is not recommended as ldo performance improvement is minimal. soft-start circuitry integrated into each ldo limits the initial ramp-up rate to about 30 s/v to minimize current surge. the isl9011a provides short-circuit protection by limiting the output current to about 475ma. each ldo uses an independently trimmed 1v reference. an internal resistor divider drops the ldo output voltage down to 1v. this is compared to the 1v reference for regulation. the resistor division ratio is programmed in the factory. overheat detection the bandgap outputs a proporti onal-to-temperature current that is indicative of the temp erature of the silicon. this current is compared with references to determine if the device is in danger of damage due to overheating. when the die temperature reaches about +145c, one or both of the ldo?s momentarily shut down until the die cools sufficiently. in the overheat condition, only the ldo sourcing more than 50ma will be shut off. this do es not affect the operation of the other ldo. if both ldos source more than 50ma and an overheat condition occurs, both ldo outputs are disabled. once the die temperature falls back below about +110c, the disabled ldo(s) are re-enabled and soft-start automatically takes place. isl9011a
11 all intersil u.s. products are manufactured, asse mbled and tested utilizing iso9000 quality systems. intersil corporation?s quality certifications ca n be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corpor ation reserves the right to make changes in circuit design, soft ware and/or specifications at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. for information regarding intersil corporation and its products, see www.intersil.com fn6437.0 january 30, 2007 isl9011a dual flat no-lead plastic package (dfn) // nx (b) section "c-c" for odd terminal/side e cc 5 c l terminal tip (a1) bottom view a 6 area index c c 0.10 0.08 side view 0.10 2x e a b c 0.10 d top view cb 2x 6 8 area index nx l e2 e2/2 ref. e n (nd-1)xe (datum a) (datum b) 5 0.10 8 7 d2 b a c n-1 12 plane seating c a a3 nx b d2/2 nx k 9 l m l10.3x3c 10 lead dual flat no-lead plastic package symbol millimeters notes min nominal max a 0.85 0.90 0.95 - a1 - - 0.05 - a3 0.20 ref - b 0.20 0.25 0.30 5, 8 d 3.00 bsc - d2 2.33 2.38 2.43 7, 8 e 3.00 bsc - e2 1.59 1.64 1.69 7, 8 e 0.50 bsc - k0.20 - - - l 0.35 0.40 0.45 8 n102 nd 5 3 rev. 1 4/06 notes: 1. dimensioning and tolerancing conform to asme y14.5-1994. 2. n is the number of terminals. 3. nd refers to the number of terminals on d. 4. all dimensions are in millim eters. angles are in degrees. 5. dimension b applies to the metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. 6. the configuration of the pin #1 identifier is optional, but must be located within the zone indicated. the pin #1 identifier may be either a mold or mark feature. 7. dimensions d2 and e2 are fo r the exposed pads which provide improved electrical and thermal performance. 8. nominal dimensions are provided to assist with pcb land pattern design efforts, see intersil technical brief tb389. 9. compliant to jedec mo-229-weed-3 except for dimensions e2 & d2.


▲Up To Search▲   

 
Price & Availability of ISL9011AIRNCZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X