Part Number Hot Search : 
LCE28A D2004 2E103J KS624540 NTE2385 IRF7754 TM1637 EVDD430S
Product Description
Full Text Search
 

To Download HSDL-1000-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  infrared irda ? compliant transceiver technical data hsdl-1000 features ? low cost infrared data link ? guaranteed to meet irda physical layer specifications 1 cm to 1 meter operating distance 30 viewing angle 2.4 kbd to 115.2 kbd data rate ? daylight cancellation ? easily implemented direct connection to various i/o chips ? small form factor ? several lead and shipping configurations available ? excellent emi immunity (> 10 v/m) applications ? data comm: serial data transfer between: notebook computers subnotebooks operate from 0 to 1 meter at a data rate of 115.2 kbd at a 30 viewing angle. the hsdl-1000 contains a high speed, high efficiency ts algaas 875 nm led, a pin silicon photo- diode and an integrated circuit. the ic contains an led driver, amplifiers and a quantizer. the module is designed to inter- face directly with selected i/o chips that incorporate logic which performs pulse width modulation/ demodulation. schematic desktop pcs pdas printers other peripheral devices ? telecom: modem, fax, pager, phone ? industrial: data collection devices ? medical: patient and pharmaceutical data collection description: the hsdl-1000 serial infrared module performs low cost, low power, point-to-point, through the air data transfer in a serial, half- duplex mode. the module has been designed to the irda (infrared data associa- tion) physical layer specifica- tions. the module is designed to v pin + cx2 gnd v cc gnd v+ rxd txd r i cx1 rxd txd cx2 cx3 cx4 comparator photodiode v pin led led c led a r led v+ pin one pin one buttress lead* * side buttress leads are for mechanical stability and should not be connected to any electrical potential. pin one indicator 1000 yyww
2 package dimensions option x01* option x02* note: the -b- datum is formed by the two highest points of the combined surface formed by this surface and the corresponding surface of the same lead on the opposite side of the package. *x position indicates packaging. 0 = tape and reel, 1 = jedec standard tray. 12.95 (0.51) 13.45 (0.53) 0.43 (0.017) max. 8.54 ?0.15 (0.336 ?0.01) max. 0.51 ?0.08 (0.020 ?0.003) (8x) -c- -b- 1.27 ?0.15 (0.050 ?0.01) (7x) 6.9 ?0.25 (0.27 ?0.01) 16.61 ?0.15 (0.654 ?0.01) 6.2 ?0.25 (0.24 ?0.01) -a- 5.0?(10x) dimensions in millimeters (inches). 6.4 ?0.25 (0.25 ?0.01) 3.4 ?0.25 (0.14 ?0.01) 1 2345678 5.93 ?0.25 (0.23 ?0.01) 0.13 ?0.08 (0.005 ?0.003) 0.6 ?0.25 (0.02 ?0.01) (10x) 0.9 ?0.25 (0.04 ?0.01) 3.4 ?0.25 (0.14 ?0.01) 1.9 ?0.25 (0.08 ?0.01) 13.2 ?0.25 (0.52 ?0.01) 0.43 (0.017) max. 8.05 ?0.15 (0.317 ?0.01) max. 1.27 ?0.15 (0.050 ?0.01) (7x) -c- 0.51 ?0.08 (0.020 ?0.003) (8x) 8.88 ?0.15 (0.349 ?0.01) 15.13 ?0.15 (0.596 ?0.01) -a- 5.0?(8x) dimensions in millimeters (inches). -b- 15.39 ?0.15 (0.606 ?0.01) 6.9 ?0.25 (0.27 ?0.01) 1 2345678 6.4 ?0.25 (0.25 ?0.01) 3.4 ?0.25 (0.14 ?0.01) 5.93 ?0.25 (0.23 ?0.01) 3.12 ?0.15 (0.123 ?0.01) 6.2 ?0.25 (0.24 ?0.01) 3.80 ?0.15 (0.150 ?0.01) 0.50 ?0.13 (0.020 ?0.005) 3.36 ?0.15 (0.132 ?0.01) 0.60 ?0.25 (0.02 ?0.01) 4.56 ?0.15 (0.180 ?0.01) 1.28 ?0.15 (0.050 ?0.01) coplanarity ?0.05 mm (0.002 inches). 3.4 ?0.25 (0.14 ?0.01) 3.28 ?0.15 (0.129 ?0.01)
3 package dimensions (continued) option x03* 13.2 ?0.25 (0.52 ?0.01) -c- 7.87 ?0.15 (0.310 ?0.01) 7.62 ?0.15 (0.300 ?0.01) dimensions in millimeters (inches). 11.68 ?0.15 (0.460 ?0.01) 6.9 ?0.25 (0.27 ?0.01) 14.73 ?0.15 (0.580 ?0.01) 2.79 ?0.15 (0.110 ?0.01) 6.2 ?0.25 (0.24 ?0.01) 5.08 ?0.15 (0.200 ?0.01) 3.81 ?0.15 (0.150 ?0.01) 1.27 ?0.15 (0.050 ?0.01) 6.75 ?0.15 (0.266 ?0.01) 1.39 ?0.15 (0.05 ?0.01) a bc s .30 ? -a- -b- a bc s .30 ? a bc s .30 ? 0.76 ?0.15 (0.03 ?0.01) 0.51 ?0.15 (0.020 ?0.01) 6.4 ?0.25 (0.25 ?0.01) 3.4 ?0.25 (0.14 ?0.01) 4.95 ?0.15 (0.195 ?0.01) 3.43 ?0.15 (0.135 ?0.01) 7.11 ?0.15 (0.280 ?0.01) 0.43 (0.02) max. 11.0 ?0.13 (0.43 ?0.01) 2.54 ?0.15 (0.100 ?0.01) coplanarity of surface mount leads to be within 0.3 mm. 5.9 ?0.25 (0.23 ?0.01) 0.6 ?0.25 (0.02 ?0.01) note: the -b- datum is formed by the two highest points of the combined surface formed by this surface and the corresponding surface of the same lead on the opposite side of the package. *x position indicates packaging. 0 = tape and reel, 1 = jedec standard tray. 13.21 ?0.25 (0.52 ?0.01) 8.75 ?0.15 (0.345 ?0.01) max. 1.27 ?0.15 (0.050 ?0.01) (7x) -c- 0.51 ?0.08 (0.020 ?0.003) (8x) 15.89 ?0.15 (0.626 ?0.01) 5.00 dimensions in millimeters (inches). 6.86 ?0.25 (0.27 ?0.01) 6.79 ?0.25 (0.27 ?0.01) 6.22 ?0.25 (0.24 ?0.01) 0.90 ?0.25 (0.04 ?0.01) approx. cg 0.61 ?0.25 (0.02 ?0.01) -b- 5.0??3.5 1 2345678 6.35 ?0.25 (0.25 ?0.010) 3.43 ?0.25 (0.14 ?0.010) 3.84 (0.151) 3.43 ?0.25 (0.14 ?0.010) 0.76 ?0.08 (0.030 ?0.003) (2x) 5.93 ?0.25 (0.23 ?0.01) 4.12 ?0.15 (0.162 ?0.006) coplanarity ?0.076 mm (0.003 inches). 0.43 (0.02) max. option x04*
4 truth table inputs outputs txd ei [1] led leda rxd v ih x on low low [2] v il ei h off high low [2] v il ei l off high high x = dont care. notes: 1. ei C received in band light intensity present at detector surface. 2. logic low is a pulsed response. a receiver output low state v ol (rxd) is not indefinitely maintained, but is instead a pulsed response. the output low state is maintained for a duration dependent on the incident bit pattern and the incident intensity (ei). pinout pin description symbol 1 daylight cancellation capacitor cx1 2 pin bypass capacitor cx2 3 supply voltage v cc 4 receiver data output rxd 5 ground gnd 6 transmitter data input txd 7 led cathode ledc 8 led anode leda absolute maximum ratings parameter symbol min. max. units conditions fig. storage temperature t s -20 85 c operating temperature t a 070c lead solder temperature 260 c for 10 s (1.6 mm reflow below seating plane) profile average led current i led (dc) 100 ma repetitive pulsed led current i led (pk) 500 ma 90 m s pulse width, 20% duty cycle peak led current i led (rp) 1.0 a 2 m s pulse width, 10% duty cycle led anode voltage v leda -0.5 7.0 v led cathode voltage v ledc -0.5 v leda v supply voltage v cc 0 7.0 v transmitter data input voltage v txd -0.5 5.5 v receiver data output voltage v rxd -0.5 v cc + 0.5 v
5 infrared reflow profile t2 = 11.5 ?.5 mins. (solder joint) 0 time (t) temperature ?? (t) 250 200 150 100 50 0 300 2 4 6 8 10 12 14 t1 = 8 ?1 mins. (solder joint) t (max.) = 250 ? or 235 ? (+5-0) ? any part of component body 3.5 ?.5 mins. (solder joint) t > 120 ? for t greater than 2.5 mins. (solder joint) dt/dt < 3 ?/sec. 185 ? recommended operating conditions parameter symbol min. max. units conditions operating temperature t a 0 70 c supply voltage v cc 4.5 5.5 v logic high transmitter input voltage v ih (txd) 2.5 5.5 v logic low transmitter input voltage v il (txd) 0.0 0.3 v logic high receiver input irradiance ei h 0.0036 500 mw/cm 2 for in-band signals* (870 nm) logic low receiver input irradiance ei l 0.3 m w/cm 2 for in-band signals* led (logic high) current pulse i leda 250 ma for one metre links with amplitude daylight filters receiver set-up time 10 ms for full sensitivity after transmitting signal rate 2.4 116 kp/s ambient light see irda serial infrared physical layer link speci- fication, appendix a for ambient levels. see rx th+ section at the end of this data sheet also. *note: an in-band optical signal is a pulse/sequence where the peak wavelength, l p, is defined as 850 nm l p 900 nm, the pulse repetition rate, prr, is defined as 2.4 kp/s prr 115.2 kp/s and the pulse width, pw, is defined as 1.6 s pw (3/16)/prr.
6 electrical & optical specifications specifications hold over the recommended operating conditions unless otherwise noted. test conditions represent worse case values for the parameters under test. unspecified test condition can be anywhere in their recommended operating range. all typicals are at 25 c and 5v unless otherwise noted. parameter symbol min. typ. max. unit conditions fig. receiver data logic low [2] v ol (rxd) [2,3] 0.4 v i o = 0.3 ma output voltage for in-band ei 3 3.6 m w/cm 2 ; q 15 logic high v oh (rxd) v cc -0.5 v i o = -20 m a, for in-band ei 0.3 m w/cm 2 effective 0.2 cm 2 detector area transmitter logic low ie l 0.3 m w/sr v i 0.3 v logic high ie h 44 250 mw/sr i leda = 250 ma, 4, 6 intensity v i = 2.5 v, q 30 40 mw/sr i leda = 250 ma, v i = 2.5 v; q > 60 peak l p 875 nm 6 wavelength spectral line dl 1 / 2 35 nm 6 half width transmitter viewing angle q 30 60 7 receiver f 30 transmitter logic low i il (txd) -1.0 1.0 m a gnd v i 0.3 v logic high i ih (txd) 4.5 ma v i = 2.5 v 1 led anode on v on (leda) 2.50 v i leda = 250 ma, 1, 3 state voltage t j = 25 c led anode off i lk (leda) 100 m av leda = v cc = 5.5 v, state leakage v i = 0.3v supply current icc1 1.1 ma v cc = 5.5, 11 txd high v i (txd) = v ih , i led = 250 ma, ei = 0 supply current icc2 13 ma v cc = 5.5, 1 rxd low [2] v i (txd) = v il , ei = 500 mw/cm 2 receiver peak l p 880 nm 9 sensitivity wavelength radient intensity data input current notes: 1. ei C received in band light intensity present at detector surface. 2. pulsed response C logic low is a pulsed response. a receiver output low state v ol (rxd) is not indefinitely maintained but is instead a pulsed response. the output low state is maintained for a duration dependent on the incident bit pattern and incident intensity (ei). 3. the ei 3 3.6 m w/cm 2 condition guarantees the irda minimum receiver sensitivity of 4.0 m w/cm 2 while allowing for 10% light loss through a cosmetic window placed in front of the hsdl-1000. (see the rx th+ section at the end of this data sheet for information on receiver sensitivity over temperature, and in the presence of ambient light.)
7 switching specifications specifications hold over the recommended operating conditions unless otherwise noted. test conditions represent worst case values for the parameters under test. unspecified test conditions can be anywhere in their recommended operating range. all typicals are at 25 c and 5v unless otherwise noted. parameter symbol min. typ. max. units conditions fig. transmitter turn on time 0.1 m si led = 250 ma, 1.6 m s pw 13, 14 transmitter turn off time 0.4 1.0 m s transmitter rise time 0.6 m s transmitter fall time 0.6 m s receiver turn on time 0.4 m s ei = 3.6 m w/cm 2 , 1.6 m s pw 15, 16 receiver turn off time 5.4 m s ei = 500 mw/cm 2 , 1.6 m s pw receiver rise time 1.0 m s receiver fall time 0.02 m s ei = 3.6 m w/cm 2 , 1.6 m s pw receiver recovery time 10 ms application circuit component recommended value r i 300 ohms 5% r led 8.0 ohms maximum cx1 0.22 m f 10% cx2 0.4 m f minimum cx3 0.10 m f 22%. low inductance is critical cx4 4.7 m f minimum. larger value is recommended for noisy supplies or environments.
8 figure 1. led pulse current amplitude vs. leda voltage. figure 2. leda voltage vs. temperature. figure 7. transmitted intensity vs. horizontal viewing angle. figure 8. transmitted intensity vs. vertical viewing angle. figure 9. receiver responsivity vs. wavelength. figure 4. transmitted intensity vs. led pulse amplitude. figure 5. transmitted intensity vs. temperature. figure 6. transmitted intensity vs. wavelength. figure 3. led forward voltage vs. temperature. normalized transmitted intensity ie 800 1.2 l ?wavelength ?nm 950 0.2 0.6 850 900 0 0.8 0.4 1.0 normalized to ie @ i leda = 250 ma t a = 25 ? i leda ?led pulse current amplitude ?ma 1 1000 v leda ?leda voltage ?v 5 500 100 50 234 10 250 t a = 25 ? normalized transmitted intensity ie 0 1.2 t a ?temperature ?? 100 1.1 0.8 0.9 20 40 80 0.7 normalized to ie @ i leda = 250 ma 1.0 60 v leda ?leda voltage ?v 0 2.5 t a ?temperature ?? 100 2.4 2.1 2.2 20 40 80 2.0 2.3 60 i leda = 250 ma pulsed 1.6 ? pw, 3/16 duty cycle v f ?led forward voltage ?v 0 2.2 t a ?temperature ?? 100 1.9 2.0 20 40 80 1.8 2.1 60 i leda = 250 ma pulsed 1.6 ? pw, 3/16 duty cycle normalized transmitted intensity ie 0 2.0 i leda ?led pulse amplitude ?ma 500 0.5 1.0 100 200 400 0 1.5 300 normalized to ie @ i leda = 250 ma pulse width = 1.6 ? to 90 ?. normalized transmitted intensity ie 1.2 q ?horizontal transmitter viewing angle ? 0.2 0.6 -50 50 0 0.8 0.4 1.0 normalized to ie @ i leda = 250 ma 0 t a = 25 ? -100 100 normalized transmitted intensity ie 1.2 q ?vertical transmitter viewing angle ? 0.2 0.6 -50 50 0 0.8 0.4 1.0 normalized to ie @ i leda = 250 ma 0 t a = 25 ? -100 100 normalized receiver responsivity 1.2 l ?wavelength ?nm 0.2 0.6 0 0.8 0.4 1.0 1000 t a = 25 ? 700 800 900 1100 normalized to 880 nm
9 figure 10. receiver responsivity vs. viewing angle. normalized receiver responsivity 1.2 j ?receiver viewing angle ? 0.2 0.6 -50 50 0 0.8 0.4 1.0 t a = 25 ? 0 -100 100 figure 11. supply current vs. temperature. i txd ?transmitter data input current ?ma 20 v txd ?transmitter data input voltage ?v 10 26 0 5 15 t a = 25 ? 4 08 figure 12. data input current vs. data input voltage. figure 16. receiver output pulse width vs. received light pulse width. figure 13. transmitted pulse width vs. temperature. figure 14. transmitted pulse width vs. temperature. figure 15. receiver output pulse width vs. duty cycle of received signal. pw ie ?transmitted pulse width ?? 2.0 t a ?temperature ?? 1.8 20 60 1.6 1.7 1.9 40 080 100 r led = 2 w input pw = 1.6 ? r led = 8 w pw(rxd) ?receiver output pulse width ?? 3.0 t a ?temperature ?? 2.7 20 60 2.5 2.6 2.8 40 080 100 2.9 input pw = 1.6 ? ei intensity = 100 ?/cm 2 ei duty cycle = 20% pw(rxd) ?receiver output pulse width ?? 4.5 duty cycle of light pulse ei ?% 2.0 2.5 10 20 1.5 3.5 4.0 15 05 25 ei intensity = 100 ?/cm 2 ei intensity = 3.6 ?/cm 2 ei pulse width = 1.6 ? t a = 25 ? 3.0 pw(rxd) ?receiver output pulse width ?? 0 6 pw ei ?received light pulse width ?? 30 3 4 510 25 2 5 20 15 ei intensity = 3.6 ?/cm 2 ei intensity = 100 ?/cm 2 20% duty cycle t a = 25 ? cc ?supply current ?ma 1.0 t a ?temperature ?? 0.7 20 80 0.5 0.6 0.8 60 0 100 0.9 40 v cc = 5.5 v v cc = 4.5 v ileda = 250 ma i
rx th+ (receiver on- threshold) the maximum receiver on- threshold is equivalent to the minimum receiver sensitivity. both are terms for the amount of light signal which must be present at the hsdl-1000 detector in order to trigger a low pulse on the receiver output (rxd). the irda physical layer specification requires a minimum receiver sensitivity of 4.0 m w/cm 2 , at a bit error rate of 10 -9 , and in the presence of the 10 klux of sunlight, 0-1000 lux of fluorescent light, or 0-1000 lux of incandes- cent light. the fluorescent and incandescent specifications require minimum receiver sensitivity with 1000 lux incident onto the horizontal surface of the ir link. the resulting amount of fluorescent or incandescent light actually reaching the detector surface may vary between 0 and 500 lux depending upon the design of the housing around the hsdl-1000 module. the hsdl-1000 v ol (rxd) specification guarantees a maximum receiver on-threshold of ei = 3.6 m w/cm 2 , at a ber 10 -9 , and t a = 0-70 c. the ei = 3.6 m w/cm 2 threshold guarantees the irda minimum receiver sensitivity of 4.0 m w/cm 2 , while allowing for 10% light loss through a cosmetic window placed in front of the hsdl-1000. the ei = 3.6 m w/cm 2 threshold also guarantees receiver sensitivity with 10 klux of sunlight, 0-500 lux fluorescent light, or 0-500 lux of incandescent light incident on the hsdl-1000 detector surface. note: at the time of this publication, light emitting diodes (leds) that are contained in this product are regulated for eye safety in europe by the commission for european electrotechnical standardization (cenelec) en60825-1. please refer to application brief i-008 for more information. 10
www.semiconductor.agilent.com data subject to change. copyright ? 1999 agilent technologies, inc. obsoletes 5963-5129e 5964-9641e (11/99)


▲Up To Search▲   

 
Price & Availability of HSDL-1000-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X