Part Number Hot Search : 
1N5234B 2N3442G C0603X LRB715T1 HCTS390K LC503 UPD780 SA160
Product Description
Full Text Search
 

To Download DFC10E24S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 description the dfc10 series provides power converter solutions to meet commercial and industrial requirements. with power densities above 11 watts per cubic inch (0.67 watts per cm 3 ), overcurrent protection, and five-sided shielded case, the dfc10 meets the most rigorous needs in an industry standard case size. the 220khz operating frequency of the dfc10 series allows an increased power density while including adequate heat sinking and input/output filtering. this eliminates the need for external components in most applications. full overload protection is provided by pulse-by-pulse current limiting. features high power density, up to 11 watts per cubic inch (0.67 watts per cm 3 ) efficiencies to 83% (lower for 3.3v) low input to output capacitance 700v isolation(1544v for 48v converters) continuous overcurrent protection 3.3volt output available five-side shielded copper case extended input range (2:1) dfc10 series single output 1 bottom view side view 3 5 2 0.800 0.61 0.000 0.42 0.000 0.3 0.300 0.000 0.200 0.500 0.61 1.02 2.02 (20.32) (15.5) (15.5) (5.08) (7.62) (12.70) (51.31) (25.91) (10.67) (7.62) 0.040 (1.02) dia typ mechanical tolerances unless otherwise noted: x.xx dimensions: ?.020 inches x.xxx dimensions: ?.005 inches notes (1) all parameters measured at tc = 25?, nominal input voltage and full rated load unless otherwise noted. refer to the technical reference section for the definition of terms, measurement circuits and other information. (2) the case is tied to the -input pin. (3) the functional temperature range is intended to give an additional data point for use in evaluating this power supply. at the low functional temperature the power supply will function with no side effects, however, sustained operation at the high functional temperature will reduce expected operational life. the data sheet specifications are not guaranteed beyond the case operating range. (4) the case thermal impedance is specified as the case temperature rise over ambient per package watt dissipated. rev. 04/2000
2 dfc10 series ?single output notes (1) all parameters measured at tc = 25?, nominal input voltage and full rated load unless otherwise noted. refer to the technical reference section for the definition of terms, measurement circuits and other information. (2) noise is measured per technical reference section. measurement bandwidth is 0-20 mhz for peak-peak measurements, 10 khz to 1 mhz for rms measurements. output noise is measured with a 0.01? / 100v ceramic capacitor in parallel with a 1? / 35v tantalum capacitor, 1 inch from the output pins to simulate standard pcb decoupling capacitance. (3) short term stability is specified after a 30 minute warmup at full load, constant line and recording the drift over a 24 hour period. (4) the input ripple rejection is specified for dc to 120 hz ripple with a modulation amplitude of 1% of vin. dfc10 series application notes: external capacitance requirements no external capacitance is required for operation of the dfc10 series. if a capacitive input source is farther than 1?from the converter, an additional capacitor may be required at the input pins for proper operation. this input capacitor should have an esr greater than 0.25 ohms. input capacitors with an esr less than 0.25 ohms may cause peaking of the input filter and actually degrade circuit performance. external output capacitance is not required for operation, however it is recommended that 1 f to 10 f of tantalum and 0.001 to 0.1 f ceramic capacitance be selected for reduced system noise. additional output capacitance may be added for increased filtering, but should not exceed 400 f. negative outputs a negative output voltage may be obtained by connecting the +out to circuit ground and connecting -out as the negative output.
3 dfc10 series block diagram 3 + output isolation transformer + 5 - output iso amp low tc bandgap reference shielded copper case + 2 ?input 1 + input current mode pwm low noise filter typical performance: (tc=25?, vin=nom vdc, rated load) data for 12 volt input models 1.5 100% load 50% load 1.0 0.5 0.0 4 18 14 16 10 8 612 12 volt input current vs. line input voltage line input (volts) input current (amps) data for 24 volt input models data for 48 volt input models 85 100% full load 50% full load 75 80 70 75 65 70 60 45 35 55 40 50 48 volt efficiency vs. line input voltage line input (volts) efficiency (%) 88 100% full load 50% full load 82 84 86 80 36 32 34 30 22 18 28 20 24 26 24 volt efficiency vs. line input voltage line input (volts) efficiency (%) 90 line = 18vdc line = 24vdc line = 36vdc 85 80 75 70 65 60 040 30 20 10 50 60 70 80 90 100 24 volt efficiency vs. load load (%) efficiency (%) 85 line = 9vdc line = 12vdc line = 18vdc 80 75 70 65 040 30 20 10 50 60 70 80 90 100 12 volt efficiency vs. load load (%) efficiency (%) line = 36vdc line = 72vdc line = 48vdc 85 80 75 70 65 60 55 50 40 45 040 30 20 10 50 60 70 80 90 100 48 volt efficiency vs. load load (%) efficiency (%) 85 100% full load 50% full load 82 83 84 80 81 18 16 17 10 11 12 13 914 15 12 volt efficiency vs. line input voltage line input (volts) efficiency (%) 100% load 50% load 0.4 0.3 0.2 0.1 0.0 5 75 45 55 25 15 35 65 48 volt input current vs. line input voltage line input (volts) input current (amps) 50 0 2 4 6 8 10 60 70 80 90 100 output power derating ambient temperature power output dfc10 series ?single output 0.8 100% load 50% load 0.4 0.6 0.2 0.0 4 36 24 28 32 16 8 12 20 24 volt input current vs. line input voltage line input (volts) input current (amps) nuclear and medical applications power-one products are not authorized for use as critical components in life support systems , equipment used in hazardous environments, or nuclear control systems without the express written consent of the president of power-one, inc. technical revisions the appearance of products, including safety agency certifications pictured on labels, may change dependin g on the date manufactured. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of DFC10E24S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X