Part Number Hot Search : 
91100 MPC83 1N5255B LL55C10 E43CA MCH6001 C5001 18VDC
Product Description
Full Text Search
 

To Download DDZ9688-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ddz9678 - ddz9717 document number: ds30410 rev. 14 - 2 1 of 7 www.diodes.com april 2010 ? diodes incorporated ddz9678 - ddz9717 surface mount precision zener diode features ? 500mw power dissipation on ceramic pcb ? tight tolerance on v z ? ideally suited for automated assembly processes ? lead, halogen and antimony free, rohs compliant (note 2) ? "green" device (note 3) mechanical data ? case: sod-123 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: cathode band ? terminals: finish - matte tin a nnealed over alloy 42 leadframe. solderable per mil-std-202, method 208 ? marking information: see page 6 ? ordering information: see page 6 ? weight: 0.01 grams (approximate) maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v thermal characteristics characteristic symbol value unit power dissipation (note 1) p d 500 mw thermal resistance, junction to ambient air (note 1) r ja 305 c/w operating and storage temperature range t j, t stg -65 to +150 c notes: 1. device mounted on ceramic pcb = 7.6mm x 9.4mm x 0.87mm with pad areas 25mm 2 at t a = 25c or mounted on fr-5 = 3.5x1.5 inches with recommended pad layout, which can be found on our website at http://www.diodes.c om/datasheets/ap02001.pdf, at t l = 75c. 2. no purposefully added lead. halogen and antimony free. 3. product manufactured with data code v9 (week 33, 2008) and newer are built with green molding compound. product manufacture d prior to date code v9 are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants. top view
ddz9678 - ddz9717 document number: ds30410 rev. 14 - 2 2 of 7 www.diodes.com april 2010 ? diodes incorporated ddz9678 - ddz9717 electrical characteristics @t a = 25c unless otherwise specified type number type code zener voltage range (note 4) maximum reverse leakage current (note 5) v z @ i zt i zt i r @ v r nom (v) min (v) max (v) a a v ddz9678 d1 1.8 1.71 1.89 50 7.5 1 ddz9681 h9 2.4 2.28 2.52 50 2 1 ddz9682 ha 2.7 2.565 2.835 50 1 1 ddz9683 hb 3.0 2.85 3.15 50 0.8 1 ddz9684 hc 3.3 3.13 3.47 50 7.5 1.5 ddz9685 hd 3.6 3.42 3.78 50 7.5 2 ddz9686 he 3.9 3.70 4.10 50 5 2 ddz9687 hf 4.3 4.09 4.52 50 4 2 ddz9688 (note 6) hg 4.7 4.47 4.94 50 5 3 ddz9689 hh 5.1 4.85 5.36 50 5 3 ddz9690 hj 5.6 5.32 5.88 50 2 4 ddz9691 hk 6.2 5.89 6.51 50 1 5 ddz9692 hl 6.8 6.46 7.14 50 0.1 5.1 ddz9693 hm 7.5 7.13 7.88 50 0.1 5.7 ddz9694 hn 8.2 7.79 8.61 50 0.1 6.2 ddz9696 hp 9.1 8.65 9.56 50 0.1 6.9 ddz9697 hq 10 9.50 10.50 50 0.1 7.6 ddz9698 hr 11 10.45 11.55 50 0.05 8.4 ddz9699 hs 12 11.40 12.60 50 0.05 9.1 ddz9700 ht 13 12.35 13.65 50 0.05 9.8 ddz9701 (note 6) hu 14 13.30 14.70 50 0.05 10.6 ddz9702 hv 15 14.25 15.75 50 0.05 11.4 ddz9703 hw 16 15.20 16.80 50 0.05 12.1 ddz9704 (note 6) h8 17 16.15 17.85 50 0.05 12.9 ddz9705 hy 18 17.10 18.90 50 0.05 13.6 ddz9707 md 20 19.00 21.00 50 0.05 15.2 ddz9708 me 22 20.90 23.10 50 0.05 16.7 ddz9709 mf 24 22.80 25.20 50 0.05 18.2 ddz9711 mh 27 25.65 28.35 50 0.05 20.4 ddz9712 mj 28 26.60 29.40 50 0.05 21.2 ddz9713 mk 30 28.50 31.50 50 0.05 22.8 ddz9714 ml 33 31.35 34.65 50 0.05 25.0 ddz9715 mm 36 34.20 37.80 50 0.05 27.3 ddz9716 mn 39 37.05 40.95 50 0.05 29.6 ddz9717 mo 43 40.85 45.15 50 0.05 32.6 notes: 4. nominal zener voltage is measured with the device junction in thermal equilibrium at t t = 30c 1c. 5. short duration pulse test used to minimize self-heating effect. 6. qualified to aec-q101 standards for high reliability. please contact the diodes, inc. sales department for assistance in or dering any products expected to meet auto motive requirements. 0 0.1 0.2 0.3 0.4 0.5 25 05 07 51 0 01 2 5 150 p , p o we r dissi p a t i o n (w) d t , ambient temperature ( c) fig. 1 power derating curve a 0.6 0.7 0.8 0.9 1.0 0 v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f i, i n s t a n t a n e o u s f o r wa r d c u r r e n t (ma) f
ddz9678 - ddz9717 document number: ds30410 rev. 14 - 2 3 of 7 www.diodes.com april 2010 ? diodes incorporated ddz9678 - ddz9717 10n 100n 1m 05 i, zene r c u r r en t (a) z v , zener voltage (v) fig. 3 typical zener breakdown characteristics z 10m 100m 10 15 20 25 30 35 40 45 9696 9697 9698 9699 9700 9701 9692 9688 9681 9693 9694 9702 9703 9705 9707 9708 9709 9711 9714 9715 9717 9716 1m 100n 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10m 100m i, zene r c u r r en t (a) z v , zener voltage (v) fig. 4 typical zener breakdown characteristics, ddz9678 - ddz9694 z 8.0 11.0 13.0 15.0 i, zene r c u r r en t (a) z v , zener voltage (v) fig. 5 typical zener breakdown characteristics, ddz9696 - ddz9701 z 10.0 12.0 14.0 1m 100n 10m 100m 14 16 18 20 i, zene r c u r r en t (a) z v , zener voltage (v) fig. 6 typical characteristics, ddz9702 - ddz9705 z zener breakdown 15 17 19 1m 10m 100m 19 21 23 25 i, zene r c u r r en t (a) z v , zener voltage (v) fig. 7 typical characteristics, ddz9707 - ddz9709 z zener breakdown 20 22 24 1m 10m 100m
ddz9678 - ddz9717 document number: ds30410 rev. 14 - 2 4 of 7 www.diodes.com april 2010 ? diodes incorporated ddz9678 - ddz9717 26 30 34 38 i, ze n e r c u r r e n t (a) z v , zener voltage (v) fig. 8 typical characteristics, ddz9711 - ddz9715 z zener breakdown 28 32 36 1m 10m 100m 38 42 46 50 i, ze n e r c u r r e n t (a) z v , zener voltage (v) fig. 9 typical zener breakdown characteristics, ddz9716 - ddz9717 z 40 44 48 1m 10m 100m c , total capacitance (pf) t 1 10 100 10 100 1 v , nominal zener voltage (v) fig. 10 total capacitance vs. nominal zener voltage z t= 25 c f = 1mhz j v = 2v r v =1v r 0.1 10 100 1 1,000 10,000 2 3 4 5 6 7 v , zener voltage (v) fig. 11 typical zener impedance characteristics, ddz9681 - ddz9692 z 0.1 10 100 1 1,000 10,000 7 8 9 10 11 12 v , zener voltage (v) fig. 12 typical zener impedance characteristics, ddz9693 - ddz9699 z 0.1 10 100 1 1,000 10,000 12 13 14 15 16 17 18 v , zener voltage (v) fig. 13 typical zener impedance characteristics, ddz9699 - ddz9705 z
ddz9678 - ddz9717 document number: ds30410 rev. 14 - 2 5 of 7 www.diodes.com april 2010 ? diodes incorporated ddz9678 - ddz9717 0.1 10 100 1 1,000 10,000 18 19 20 21 22 23 24 v , zener voltage (v) fig. 14 typical zener impedance characteristics, ddz9705 - ddz9709 z 0.1 10 100 1 1,000 10,000 24 26 28 30 32 34 v , zener voltage (v) fig. 15 typical zener impedance characteristics, ddz9709 - ddz9714 z 0.1 10 100 1 1,000 10,000 36 38 40 42 44 46 48 v , zener voltage (v) fig. 16 typical zener impedance characteristics, ddz9715 - ddz9717 z -0.08 0.12 -0.04 -0.06 061 0 t c of v , t em p e r a t u r e c o e f f i c ie n t of zener voltage (%/c) z v , zener voltage (v) fig. 17 typical temperature coefficient of zener voltage vs. zener voltage, ddz9681 - ddz9697 z 4 2 8 -0.02 0 0.02 0.04 0.06 0.08 0.10 -0.08 0.12 -0.04 -0.06 10 16 20 t c of v , t em p e r a t u r e c o e f f i c ien t of zener voltage (%/c) z v , zener voltage (v) fig. 18 typical temperature coefficient of zener voltage vs. zener voltage, ddz9697 - ddz9707 z 14 12 18 -0.02 0 0.02 0.04 0.06 0.08 0.10 -0.08 0.12 -0.04 -0.06 20 26 30 t c of v , t em p e r a t u r e c o e f f i c ien t of zener voltage (%/c) z v , zener voltage (v) fig. 19 typical temperature coefficient of zener voltage vs. zener voltage, ddz9707 - ddz9713 z 24 22 28 -0.02 0 0.02 0.04 0.06 0.08 0.10
ddz9678 - ddz9717 document number: ds30410 rev. 14 - 2 6 of 7 www.diodes.com april 2010 ? diodes incorporated ddz9678 - ddz9717 -0.08 0.12 -0.04 -0.06 30 42 50 t c of v , t em p e r a t u r e c o e f f i c ien t of zener voltage (%/c) z v , zener voltage (v) fig. 20 typical temperature coefficient of zener voltage vs. zener voltage, ddz9713 - ddz9717 z 38 34 46 -0.02 0 0.02 0.04 0.06 0.08 0.10 t , ambient temperature (c) typical leakage vs. ambient temperature, ddz9681 a fig. 21 ordering information (note 7) part number case packaging (type number)-7* sod-123 3000/tape & reel *example: the part number for the 6. 2 volt device would be ddz9691-7. notes: 7. for packaging details, go to our w ebsite at http://www.diodes .com/datasheets/ap02007.pdf. marking information date code key year 2006 2007 2008 2009 2010 2011 2012 2013 2014 2015 code t u v w x y z a b c month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d package outline dimensions sod-123 dim min max a 0.55 typ b 1.40 1.70 c 3.55 3.85 h 2.55 2.85 j 0.00 0.10 k 1.00 1.35 l 0.25 0.40 m 0.10 0.15 0 8 all dimensions in mm xx = product type marking code, (see electrical characteristics table) ym = date code marking y = year (ex: t = 2006) m = month (ex: 9 = september) k l m c h b a xx ym
ddz9678 - ddz9717 document number: ds30410 rev. 14 - 2 7 of 7 www.diodes.com april 2010 ? diodes incorporated ddz9678 - ddz9717 suggested pad layout important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2010, diodes incorporated www.diodes.com dimensions value (in mm) z 4.9 g 2.5 x 0.7 y 1.2 c 3.7 z x c g y


▲Up To Search▲   

 
Price & Availability of DDZ9688-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X