Part Number Hot Search : 
SMBJ120A PSXT90 GP20A AS23XX SMBJ120A VT6102 ZN525 6270M
Product Description
Full Text Search
 

To Download CSFM101-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings (at t a =25c unless otherwise noted) pa ra m et er sy m bo l un it repetitive peak reverse voltage continuous reverse voltage rms voltage maximum instantaneous forward voltage at i f =1.0a forward surge current max. reverse recovery time max.reverse current t yp. thermal resistance operating junction temperature storage temperature range reverse v oltage: 50 to 600 v olts forward current: 1.0 amp rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) features -t iny plastic smd package. -high current capability . -super fast recovery time for switching mode application. -high surge current capability . -glass passivated chip junction. mechanical data -epoxy: ul 94-v0 rated flame retardant. -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.018 grams approx. CSFM101-HF thru. csfm105-hf page 1 qw -js001 smd super fast recovery rectifiers rev :a comchip t echnology co., l td. s m d d i o d e s s p e c i a l i s t c o m c h i p mini sma / sod-123 0.154(3.90) 0.138(3.50) 0.012(0.30) t yp. 0.075(1.9) 0.059(1.5) 0.067(1.7) 0.051(1.3) 0.028(0.70) t yp. 0.028(0.7) t yp. v rrm v dc v rms i o v f i fsm t rr i r t j t stg r ja csfm 101-hf csfm 102-hf csfm 103-hf csfm 104-hf csfm 105-hf 50 50 35 100 100 70 200 200 140 1.0 25 35 5.0 42 -55 to +150 -65 to +175 400 400 280 600 600 420 v v v a v a ns a c/w c c 0.95 1.70 1.25 -batch process design,excellent power dissipation of fers better reverse leakage current and thermal resistance. -low profile surface mounted application in order to optimize board space. -case: molded plastic, sod-123/mini sma. max. forward rectified current ambient temperature=50c co nd iti on s superimposed on rated load (jedec method) 8.3ms single half sine-wave i f =0.5a , i r =1.0a i rr =0.25a v r =v rrm t j =@25c v r =v rrm t j =@100c junction to ambient diode junction capacitance c j 10 pf f=1mh z and applied 4v dc reverse voltage 100 halogen free
page 2 qw -js001 rev :a comchip t echnology co., l td. rating and characteristic curves (CSFM101-HF thru. csfm105-hf) fig.1- t ypical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward v oltage, (v) 0 . 4 fig.5- t ypical junction capacitance 0 j u n c t i o n c a p a c i t a n c e , ( p f ) reverse v oltage, (v) 3 0 7 0 0 . 0 1 0 . 1 1 0 0 1 . 8 fig.2-t ypical forward current 0 a v e r a g e f o r w a r d c u r r e n t , ( a ) ambient t emperature, (c) 0 . 8 1 . 4 0 . 6 2 0 1 7 5 1 0 0 s m d d i o d e s s p e c i a l i s t c o m c h i p 0 . 0 0 1 0 . 1 1 1 0 0 . 0 1 0 . 6 0 . 2 1 . 2 1 . 4 1 0 4 0 6 0 0 . 4 5 0 1 2 5 1 . 0 1 . 2 0 . 8 c s f m 1 0 1 - h f ~ 1 0 3 - h f 1 0 2 0 5 0 1 5 0 2 5 7 5 c s f m 1 0 4 - h f c s f m 1 0 5 - h f o t j =25 c pulse width 300 s 1% duty cycle fig.3- t est circuit diagram and reverse recovery smd super fast recovery rectifiers (+) (+) 25vdc (approx.) ( ) ( ) pulse genera tor (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise t ime= 7ns max., input impedance= 1 megohm.22pf . 2. rise t ime= 10ns max., source impedance= 50 ohms. d.u.t . 10 noninductive 50 noninductive w w +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr fig.4- non-repetitive forward surge current 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) number of cycles at 60hz 3 0 1 1 0 1 0 0 1 0 2 0 5 1 5 o t j =25 c 8.3ms single half sine wave, jedec method 2 5 1 . 0 1 . 6 derating curve t ime characteristics recovery 1
page 3 rev :a comchip t echnology co., l td. s m d d i o d e s s p e c i a l i s t qw - js001 i n d e x h o l e o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c direction of feed reel t aping specification b c d d d 2 d 1 m i n i - s m a / s o d - 1 2 3 s y m b o l a ( m m ) ( i n c h ) 2 . 4 4 0 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 6 2 . 0 m i n . 1 3 . 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 8 . 0 0 0 . 3 0 1 1 . 4 0 1 . 0 1 7 8 2 . 0 0 0 . 0 5 9 0 . 0 0 4 7 . 0 0 0 . 0 7 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 1 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 4 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 m i n i - s m a / s o d - 1 2 3 1 . 9 0 0 . 1 0 0 . 0 7 5 0 . 0 4 3 . 9 0 0 . 1 0 0 . 1 5 4 0 . 0 4 1 . 6 8 0 . 1 0 0 . 0 6 6 0 . 0 4 0 . 2 3 0 . 1 0 0 . 0 0 9 0 . 0 0 4 t smd efficient fast recovery rectifiers
page 4 rev :a comchip t echnology co., l td. s m d d i o d e s s p e c i a l i s t qw - js001 suggested p ad layout part number s1 marking code marking code a b c e d xx standard package case t ype qty per reel (pcs) reel size (inch) size (inch) 0.130 (mm) 3.30 1.40 1.90 0.055 0.075 4.70 0.185 e 1.90 0.075 b c d a s2 mini-sma/sod-123 CSFM101-HF csfm102-hf xx = product type marking code s3 csfm103-hf s6 s8 csfm104-hf csfm105-hf smd efficient fast recovery rectifiers mini-sma/sod-123 2500 7


▲Up To Search▲   

 
Price & Availability of CSFM101-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X