Part Number Hot Search : 
STD9N10L TFB4014 LC72130 DS1385 24C08 RF310 3SMC40CA G6201
Product Description
Full Text Search
 

To Download CGRM4007-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings (at t a =25c unless otherwise noted) pa ra m et er sy mb ol un it max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage max. averaged forward current maximum instantaneous forward voltage at i f =1.0a forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) reverse current at rated @t a =25c dc t a =100c blocking voltage @ thermal resistance, junction to ambient air operating junction temperature storage temperature range reverse v oltage: 50 to 1000 v olts forward current: 1.0 amp rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) cgrm4001-g thru. CGRM4007-G page 1 qw -bg009 smd general purpose rectifiers rev :d comchip t echnology co., l td. v rrm v dc v rms i o v f i fsm i r r ja t j t stg 4001-g cgrm 4002-g cgrm 4003-g cgrm 4004-g cgrm 4005-g cgrm 4006-g cgrm 4007-g 50 50 35 100 100 70 200 200 140 400 400 280 1.0 1.1 30 5 50 600 600 420 800 800 560 1000 1000 700 v v v a v a a c/w c c features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -exceeds environmental standard mil-s- 19500/228. -low leakage current. mechanical data -case: molded plastic, jedec sod-123/mini sma. -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -w eight: 0.027 grams approx. 0.154(3.9) 0.138(3.5) 0.012(0.3) t yp. 0.071(1.8) 0.055(1.4) 0.067(1.7) 0.051(1.3) 0.035(0.9) t yp. 0.035(0.9) t yp. sod-123 60 -55 to +150 -65 to +170 junction capacitance c j pf 15 f=1mhz and applied 4v dc reverse voltage cgrm
page 2 qw -bg009 rev :d comchip t echnology co., l td. rating and characteristic curves (cgrm4001-g thru. CGRM4007-G) fig.2 forward characteristics f , f o r w a r d c u r r e n t ( a ) v f , forward v oltage (v) 0 . 1 fig.1 reverse characteristics i r , r e v e r s e c u r r e n t ( a ) percent of rated peak reverse v oltage (%) 0 2 0 0 fig.3 junction capacitance 0 c j , j u n c t i o n c a p a c i t a n c e ( p f ) v r , reverse v oltage (v) 1 5 3 5 0 . 0 1 1 0 . 0 1 1 0 1 0 0 2 . 1 1 0 0 fig.4 current derating curve 0 i o , a v e r a g e f o r w a r d c u r r e n t ( a ) t a , ambient t emperature (c) 0 . 8 1 . 4 0 . 6 0 . 1 2 0 1 6 0 1 0 0 0 . 0 1 1 . 0 1 0 1 0 0 0 . 1 0 . 5 0 . 2 1 . 3 1 . 7 5 2 0 3 0 0 . 4 4 0 8 0 1 . 0 6 0 1 2 0 1 . 0 1 . 2 o t j =100 c o t j =25 c 0 . 9 o t j =25 c pulse width=300 s 1% duty cycle 0 . 1 1 0 1 0 2 5 f=1mhz applied 4vdc reverse voltage 1 4 0 4 0 8 0 single phase, half wave, 60hz, resistive or inductive load fig.5 non-repetitive forward surge current 0 i f s m , p e a k f o r w a r d s u r g e c u r r e n t ( a ) number of cycles at 60hz 5 0 1 1 0 1 0 0 2 0 4 0 1 0 3 0 o t j =25 c 8.3ms single half sine wave, jedec method smd general purpose rectifiers 1 2 0 1 6 0
page 3 qw -bg009 rev :d comchip t echnology co., l td. smd general purpose rectifiers b c d d d 2 d 1 s o d - 1 2 3 s y m b o l a ( m m ) ( i n c h ) 2 . 4 4 1 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 0 5 6 2 . 0 m i n . 1 3 . 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 8 . 0 0 0 . 3 0 1 1 . 4 1 . 0 0 1 7 8 1 . 0 0 0 . 0 5 9 0 . 0 0 2 7 . 0 0 8 0 . 0 3 9 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 3 1 5 0 . 0 1 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 0 5 0 . 1 3 8 0 . 0 0 2 s o d - 1 2 3 1 . 9 0 0 . 1 0 0 . 0 7 5 0 . 0 4 3 . 9 0 0 . 1 0 0 . 1 5 4 0 . 0 4 1 . 6 8 0 . 1 0 0 . 0 6 6 0 . 0 4 0 . 4 4 9 0 . 0 3 9 o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a
page 4 qw -bg009 rev :d comchip t echnology co., l td. smd general purpose rectifiers a b c e d xx xx = product type marking code part number a1 marking code cgrm4002-g cgrm4003-g cgrm4004-g cgrm4005-g a2 a3 a4 a5 cgrm4001-g suggested p ad layout marking code standard packaging case t ype qty per reel (pcs) 2,500 reel size (inch) 7 s o d - 1 2 3 size (inch) 0.150 (mm) 3.80 1.40 1.90 0.055 0.075 5.70 0.225 e 1.90 0.075 b c d a sod-123 cgrm4006-g a6 CGRM4007-G a7


▲Up To Search▲   

 
Price & Availability of CGRM4007-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X