Part Number Hot Search : 
DB101G MAX706 25NTT 4016506 022SC TF8N65 BU705DF 2V220
Product Description
Full Text Search
 

To Download BFG19S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bfg 19s oct-26-1999 1 npn silicon rf transistor  for low noise, low distortion broadband amplifiers in antenna and telecommunication systems up to 1.5 ghz at collector currents from 10 ma to 70 ma vps05163 1 2 3 4 esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! type marking pin configuration package bfg 19s BFG19S 1 = e 2 = b 3 = e 4 = c sot-223 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 15 v collector-emitter voltage v ces 20 collector-base voltage v cbo 20 emitter-base voltage v ebo 3 collector current i c 100 ma base current i b 12 total power dissipation , t s  75 c 1) p tot 1 w junction temperature t j 150 c ambient temperature t a -65 ... 150 storage temperature t stg -65 ... 150 thermal resistance junction - soldering point r thjs  75 k/w 1 t s is measured on the collector lead at the soldering point to the pcb
bfg 19s oct-26-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 15 - - v collector-emitter cutoff current v ce = 20 v, v be = 0 i ces - - 100 a collector-base cutoff current v cb = 10 v, i e = 0 i cbo - - 100 na emitter-base cutoff current v eb = 2 v, i c = 0 i ebo - - 10 a dc current gain i c = 70 ma, v ce = 8 v h fe 40 100 220 -
bfg 19s oct-26-1999 3 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) transition frequency i c = 70 ma, v ce = 8 v, f = 500 mhz f t 4 5.5 - ghz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 0.85 1.4 pf collector-emitter capacitance v ce = 10 v, f = 1 mhz c ce - 0.4 - emitter-base capacitance v eb = 0.5 v, f = 1 mhz c eb - 4.6 - noise figure i c = 20 ma, v ce = 8 v, z s = z sopt , f = 900 mhz f = 1.8 ghz f - - 2.5 4 - - db power gain, maximum available f) i c = 70 ma, v ce = 8 v, z s = z sopt , z l = z lopt , f = 900 mhz f = 1.8 ghz g ma - - 13.5 8 - - transducer gain i c = 30 ma, v ce = 8 v, z s = z l = 50  , f = 900 mhz f = 1.8 ghz | s 21e | 2 - - 11 5 - - third order intercept point i c = 70 ma, v ce = 8 v, z s = z l = 50  , f = 900 mhz ip 3 - 35 - dbm 1 g ma = | s 21 / s 12 | (k-(k 2 -1) 1/2 )
bfg 19s oct-26-1999 4 total power dissipation p tot = f ( t a *, t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 100 200 300 400 500 600 700 800 900 1000 mw 1200 p tot t s t a permissible pulse load r thjs = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = f ( t p ) 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
bfg 19s oct-26-1999 5 collector-base capacitance c cb = f ( v cb ) f = 1mhz 0 4 8 12 16 v 22 v cb 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 pf 2.6 c cb transition frequency f t = f ( i c ) v ce = parameter 0 20 40 60 80 ma 120 i c 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 ghz 6.0 f t 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 0.9ghz v ce = parameter 0 20 40 60 80 ma 120 i c 2 4 6 8 10 db 14 g 10v 5v 3v 2v 1v 0.7v power gain g ma , g ms = f ( i c ) f = 1.8ghz v ce = parameter 0 20 40 60 80 ma 120 i c -2 0 2 4 6 db 10 g 10v 5v 3v 2v 1v 0.7v
bfg 19s oct-26-1999 6 power gain g ma , g ms = f ( v ce ):_____ | s 21 | 2 = f ( v ce ):--------- f = parameter 0 2 4 6 8 v 12 v ce 0 2 4 6 8 10 db 14 g 0.9ghz 1.8ghz 1.8ghz 0.9ghz i c =70ma intermodulation intercept point ip 3 = f ( i c ) (3rd order, output, z s = z l =50  ) v ce = parameter, f = 900mhz 0 20 40 60 80 ma 120 i c 10 15 20 25 30 dbm 40 ip 3 8v 5v 3v 2v 1v power gain g ma , g ms = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f 0 4 8 12 16 20 24 28 db 36 g 10v 2v 1v 0.7v i c =70ma power gain | s 21 | 2 = f ( f ) v ce = parameter 0.0 0.5 1.0 1.5 2.0 2.5 ghz 3.5 f -8 -4 0 4 8 12 16 20 24 db 32 s 21 10v 2v 1v 0.7v i c =70ma


▲Up To Search▲   

 
Price & Availability of BFG19S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X