Part Number Hot Search : 
E220A 1N6263W BFR30LT1 G2204 SF202 BA6144 TOP253GN 110F1
Product Description
Full Text Search
 

To Download APTGF500U60D4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGF500U60D4 APTGF500U60D4 ? rev 0 january, 2005 apt website ? http:/ / www.advancedpower.com 1 - 3 absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 600 v t c = 25c 625 i c continuous collector current t c = 80c 500 i cm pulsed collector current t c = 25c 900 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 2000 w rbsoa reverse bias safe operation area t j = 125c 900a@520v these devices are sensitive to electrostatic discharge. proper handing procedures should be followe d. 3 5 2 1 5 3 4 1 2 v ces = 600v i c = 500a @ tc = 80c applicatio n ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? non punch through (npt) fast igbt - low voltage drop - low tail current - switching freque nc y up to 50 khz - soft recovery parallel diodes - low diode vf - low leakage current - avalanche energy rated - rbsoa and scsoa rated ? kelvin emitter for easy drive ? low stray inductance - m6 connectors for power - m4 connectors for signal ? high level of integration benefits ? outsta ndi ng perfor ma nce at hi gh freq ue nc y operation ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat single switch n p t igbt power module
APTGF500U60D4 APTGF500U60D4 ? rev 0 january, 2005 apt website ? http:/ / www.advancedpower.com 2 - 3 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit t j = 25c 1 500 a i ces zero gate voltage collector current v ge = 0v v ce = 600v t j = 125c 1 ma t j = 25c 1.95 2.45 v ce(on) collector emitter on voltage v ge = 15v i c = 500a t j = 125c 2.2 v v ge(th) gate threshold voltage v ge = v ce , i c = 6ma 4.5 5.5 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 26 c res reverse transfer capacitance v ge = 0v, v ce = 25v f = 1mhz 2.4 nf t d(on) tur n-o n delay ti me 174 t r rise time 80 t d(off) turn-off delay time 400 t f fall time inductive switching (25c) v ge = 15v v bus = 300v i c = 600a r g = 4.7 ? 70 ns t d(on) tur n-o n delay ti me 200 t r rise time 85 t d(off) turn-off delay time 420 t f fall time 80 ns e on turn on energy 11 e off turn off energy inductive switching (125c) v ge = 15v v bus = 300v i c = 600a r g = 4.7 ? 22 mj reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit t j = 25c 1.25 1.6 v f diode forward voltage i f = 600a v ge = 0v t j = 125c 1.2 v t j = 25c 40 q rr reverse recovery charge i f = 600a v r = 300v di/dt =5600a/s t j = 125c 66 c thermal and package characteristics symbol characteristic min typ max unit igbt 0.06 r thjc junction to case diode 0.12 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 125 c m6 3 5 torque mounting torque m4 1 2 n.m wt package weight 420 g
APTGF500U60D4 APTGF500U60D4 ? rev 0 january, 2005 apt website ? http:/ / www.advancedpower.com 3 - 3 package outline apt re s e rves the rig ht to c ha nge , witho ut notice , the s pe cificatio ns and info rma tio n co nta ine d he re in apt's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTGF500U60D4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X