Part Number Hot Search : 
DTC114 ER502 67060 PAD10 MC1449 SMG2D60C BM242 12EZS
Product Description
Full Text Search
 

To Download AP2C000SZBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a-110 specifications and dimensions subject to change www.ck-components.com a pu shbu tt on features/benefits ? ip67 sealed ? 1,000,000 life cycle ? illumination / non-illumination ? multiple colored caps ? threaded or snap-in mounting ? caps available separately ? rohs compliant typical applications ? harsh environments ? off-road ? industrial ? medical ? t ransportation ? joystick control modules ? gaming ? military specifications function: spst momentary, double break contact arrangement: n.o. mounting type: snap-in (panel front) or threaded (nut with locking washer and panel gasket) mechanical operating life: 1,000,000 cycles total travel: 2.1 0.2 mm operating point 1.55 0.25 mm over travel: 0.6 min. opera ting force: 4n 1n standar d configuration; other force option 2n 0.5n vibration: 10-500 hz 10g max shock: 60g 11ms sawtooth wave electrical cont act rating: 200ma @ 24 v dc resistive (500,000 cycles) 100ma @ 50 v dc r esistive (500,000 cycles) 400ma @ 32 v ac resistive (500,000 cycles) 125ma @ 125 v ac r esistive (1,000,000 cycles) dielectric strength: 1000 v ac min. insulation resistance: 1 g @ 500 vdc initial contact resistance 50 m max (without wire leads) bounce time: <5 ms materials housing : pbt base: pbt cap: pbt actuator: illuminated: clear polycarbonate non-illuminated: pbt internal seal: silicone rubber terminals: copper alloy, gold over silver plating movable contact: copper alloy, gold over silver plating terminal seal: epoxy operating environment operating temperature: -40?c to 85?c (+105?c non-illuminated) esd protection: 20 kv min. pr ocess envir onment sealing: ip67 note: specifications and materials listed above ar e for switches with standard options. for information on specific and custom switches, please contact customer service. build-a-switch to order, simply select desired option from each category and place in the appropriate box. designation ap ap series b e p a ap series industrial pushbutton switch operating force 2 2 newtons 4 4 newtons actuator style d dome / convex c concave e extended dome n none actuator color 0 no cap 2 black 3 red 4 orange 5 yellow 6 gr een illumination 00 no led* 01 super white 02 bi-color; red (gr een) 03 red 05 amber 06 gr een 07 super blue 08 bi-color; amber (gr een) * no led available in short body only contact material b gold terminal seal e epoxy all models ar e epoxy sealed termination z solder lug w 12wir e leads 22 a wg c**** pc terminals bushing style** s snap-in plastic t*** threaded plastic ** metal thr eaded bushing available, contact customer service *** t bushing style includes: 1 lockwasher , 1 hex nut & 1 panel seal washer **** illumination not available with pc terminals contact customer service for additional har dwar e options. new! please contact customer service for additional colors and paint / laser etched button options.
a-111 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a actua tor style ap series industrial pushbutton switch standard view ? 17 , 40 [0. 685 ] ? 12 , 35 [0. 486 ] 1 2 spst-no 3 4 see schematic 1 2 4 3 electrical schematic 10, 90 0.4 29 [] 1,5 0 0.059 [] 4,2 0 0.1 65 [] 7,74 0.3 05 [] 8, 80 0. 34 6 [] 28, 0 0 1.102 [] 3, 90 0. 15 4 [] 5,4 5 0.2 1 5 [] 4,5 0 0.1 7 7 [] typ 3, 54 0. 14 0 [] typ 1, 64 0. 06 5 [] typ 7, 74 0. 30 5 [] t yp 3, 54 0. 14 0 [] t yp 1, 64 0. 06 5 [] typ 7, 74 0. 30 5 [] t yp 2, 09 0. 08 2 [] t yp 3, 99 0. 15 7 [] 0, 65 0. 02 6 [] t yp 8, 19 0. 32 3 [] dow n position third angle projection d dome / convex e extended dome c conca ve new! operating force actuator color option code operating force 2 2 n, 200 g 4 4 n, 400 g option code actuator color 0 no cap 2 black 3 red 4 orange 5 yellow 6 green for additional colors please contact customer service.
b ? a pan el th ic k ne s s di m a (?0 .0 5 m m ) di m b (?0 .0 5 m m ) 1 mm [0 . 039 in] 13. 70 mm [0 . 539 in] 13. 00 mm [0 . 512 in] 2 mm [0 . 079 in] 13. 80 mm [0 . 539 in] 13. 00 mm [0 . 512 in] 3 mm [0 . 118 in] 13. 90 mm [0 . 547 in] 13. 10 mm [0 . 516 in] th r eaded b od y min pan el th ic k ne s s 1 mm 13. 70 mm [0 . 539 in] 13. 00 mm [0 . 512 in] pan el cuto ut a 0 .1m m m in . c h amf er on the le ad ing e d ge of th e mo u nt i ng hole is rec omm en d ed f or sn a p- i n v er s ion. ap series industrial pushbutton switch illumination 28,00 1. 10 2 [] 20,25 0. 79 7 [] 1, 50 0. 05 9 [] 7, 74 0. 30 5 [] 0, 85 0. 03 3 [] 16 , 25 0. 64 0 [] 24 , 00 0. 94 5 [] 1, 50 0. 05 9 [] 7, 75 0. 30 5 [] 0, 85 0. 03 3 [] m13 x 1. 2 5- 6 g threaded with illumination snap- in no illumin ati on thre ade d no illumin ati on m1 3 x 1 .2 5 -6g snap- in with i llum ina tion *led forward current: 20 ma led forward voltage: see chart above led reverse voltage: 5.0 v max * for information on specific and custom led, please contact customer service. new! s snap-in t threaded plastic bushing style 07 led super blue 08 led bi-color Camber (green) 02 led bi-color Cred (green) option code illumination type 00 model without illumination 01 led super white 03 led red 05 led amber 06 led gr een 800 1,500 10 10 10 20 typical intensity* min max 35 50 (mcd) 4,000 5,000 4 8 35 50 peak wavelength (nm) n/a 700 610 585/565 565 n/a 470 635/565 n/a vf forward voltage 2.0 2.0 2.0 2.0 3.5 3.8 2.0 third angle projection + anode - cathode 4 3 note: for bi-color leds the polarity must be reversed to alternate the color a-112 a pu shbu tt on dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com
a-113 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a ? 11 ,11 [0 .4 37] 34,78 typ [1 .3 69] 27,04 typ [1 .0 65] 304,8 1 [1 2. 000] wi rel ea ds 22 awg std 30 4 ,8 1 [1 2 .0 0 0 ] wi r el e ad s 22 aw g std 20 , 69 t yp [0 . 81 5 ] 28 , 44 t yp [1 . 12 0 ] ? 1 1, 1 1 [0 . 43 7 ] 30 4 ,8 1 [1 2 .0 0 0 ] wi r el e ad s 22 aw g std 304,8 1 [1 2. 000] wi rel ea ds 22 aw g std wir e lead s with potted base, snap- in illumination wir e leads with potted base, snap- in no illumin ati on wir e lead s with potted base, threaded illumination wir e leads with potted base, thr eaded no illumin ati on ap series industrial pushbutton switch termination third angle projection 5, 65 typ [0 .2 22] 0, 50 typ [0 .0 20] 3, 90 [0 .1 54] 2, 83 typ [0 .1 11] 2, 83 typ [0 .1 11] 2, 75 [0 . 10 8 ] 6, 44 t yp [0 . 25 4 ] 0, 75 t yp [0 . 03 0 ] 2, 04 typ [0 .0 80] 0, 50 typ [0 .0 20] le d terminal anod e ( + ) le d terminal cathode (- ) le d te r mi n al an o de (+ ) led te rm i na l cat ho d e (-) 5, 70 [0 . 224] 2x ? 1, 00 [0 . 03 9 ] 0, 50 [0 .0 20] 0, 70 [0 . 02 8 ] 2, 50 typ [0 .0 98] 5, 65 typ [0 .2 22] pcb h ole p atte rn board view z solder lug c pc terminals new! w 12wire leads 22 a wg **** illumination not available with pc terminals
a-114 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection ? 17.25 0. 77 13.82 ap series industrial pushbutton switch hardware third angle projection lock w asher part number 647d00000 15.00 2. 50 ? 15.00 ref 17.32 m13 x 1. 2 5- 6 h new! contact material terminal seal b gold e epoxy all models are epoxy sealed option code contact material b gold hex nut part number 515d00000 a a 0. 56 ref 2 x ? 14.60 2 x ? 16.30 ? 1 7 .0 0 ? 13.80 0. 30 4x 0 .1 3 4x r 0 . 13 r ef se e detai l a deta il a scale 1 5: 1 panel seal part number 655d00000 caps available on next page
available caps a-115 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection ap series industrial pushbutton switch new! par t n um b er ho le ac t uat or st y le 481d x x0 0 0 no do m e 481d x x0 0 1 ye s do m e 481c x x0 0 0 no ex t en d ed d o me 481c x x0 0 1 ye s ex t en d ed d o me 481e x x0 0 0 no co n cav e 481e x x0 0 1 ye s co n cav e op t io n ca p c o lor 02 bl a ck 03 re d 04 or a ng e 05 ye l lo w 06 gr e en 6. 10 ? 12.35 ? thru h ol e 3. 00 6. 25 0. 61 6. 69 ? 12.35 thru h ol e 0. 65 6. 69 ? 3. 00 6. 10 ? 12.35 ? thru h ol e 3. 00 6. 15 d dome c concave e extended dome 481 x xx 00x cap cap color hole / no hole actuator style


▲Up To Search▲   

 
Price & Availability of AP2C000SZBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X