t m r o 1100 series tough keyboards for harsh industrial and public environments rugged vandal resistant construction sealed against fluids and dust rapid, reliable and responsive key action bench-top, under-panel and 19?rack mount formats industry standard pc compatible small footprint vandal resistant impact resistant ip65 sealed operations per key responsive key action esd protected ce compliant >4 million
technical specifications t m r o 1100 series keyboards for industrial and public environments 3.70 17.00 354.00 350.00 366.00 25.00 19.00 19.00 24.50 139.00 143.00 155.00 r 5.00 r 8.00 tough resistant to impact and sharp objects, this keyboard is designed and constructed for use in the most hostile or aggressive environments. storm 1100 provides high level resistance to operator abuse or accidental damage. keytop graphics are laser engraved into the keytop surface. secure the keyboard incorporates high level protection against rfiand emi in accordance with current and forthcoming american and european directives. easy to use responsive key action ensures rapid and reliable data entry even if the operator is unskilled or wearing gloves versatile can be used as a free standing unit on a benchtop. alternatively the keyboard can be under - panel mounted as part of a custom control panel. using an optional conversion kit the keyboard can be configured for installation as a 4u panel in a 19" rack system. its small footprint also enables location within most standard 1u drawer units. small footprint just 366mm x 155mm. this 90 key, fully featured keyboard is ideal for use in applications where space is at a premium. sealed meeting the needs of most industrial users, the keyboard is completely protected against water and dust to ip65 specification. it is resistant to most commonly used solvents, detergents and other corrosives. compatible interfaces with most industry standard pcs. constructed in super high impact polymer with a hardened stainless steel surface these all new pc compatible keyboards are suit able for use in applications where the risk of vandalism or accidental damage prevents the use of conventional keyboards. many featu res of the proven storm 1000 series vandal resistant keypads have been incorporated to achieve a rugged, reliable and responsive data entry keyboard for use in most public or industrial applications. all dimensions in millimetres (mm) mounting variations 19" rack 4u panel configuration under panel mount configuration [xx] denotes language version. (x) denotes packaging specification. refer to your chosen storm distributor for details. whilst every effort is made to ensure details are correct at time of print, keymat technology ltd. cannot be held responsible for any errors contained within. 4 million cycles (min) per key ttl level data with clock generating pc compatible upstroke and downstroke codes -25? to +85? (dry) key life output codes service temperature range exceeds the requirements of mil stan 810d. method 514 3-1 to 3-3 designed to meet the requirements of mil stan 810d. remains operational after 1m drop onto concrete ip65 vibration resistance shock resistance water/dust resistance manufacturer? part number 1100[xx]0(x) 11rm000(x) 11up000(x) 11at000(x) product storm 1100 keyboard 19" rack 4u panel kit under panel mounting clips 6 pin mini din to 5 pin din adaptor cable available in various language versions. refer to your chosen storm distributor for details. this kit is used to configure the keyboard for installation in standard 19" rack systems. it includes a stainless steel 4u panel, keyboard fixings and panel handles. these components are needed only when the keyboard is to be secured beneath an aperture in a panel or facia. the keyboard is fitted with a new industry standard mini din plug. this adaptor may be needed for connection to some older pcs. optional - optional - optional - notes vandal resistant impact resistant ip65 sealed operations per key responsive key action esd protected ce compliant >4 million 110-lit-01 issue 3 ?dec 98 fm 39602
|