Part Number Hot Search : 
5KP180 K1700A LCE14 CXA1398M UT363 BUL704 SFBUV60 A1500W
Product Description
Full Text Search
 

To Download 0805CS-030XMLC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. specify tolerance , termination , and packaging codes: 0805 c s-821xgbc tolerance: f =1% g = 2% j = 5% k = 10% m = 20% (table shows stock tolerances in bold.) termination:b = ag/pd/pt/pb l = lead free ag/pd/pt packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (2000 per full reel). b = less than full reel. on tape, but not machine-ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 per full reel). 2. inductance measured using coilcraft smd-a fixture in agilent/hp 4286a impedance analyzer with coilcraft-provided correlation pieces. for recommended test procedures, contact coilcraft. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using agilent/hp 4291a with agilent/hp 16193 test fixture and on agilent/hp 8753d with coilcraft smd-d test fixture. 5. srf measured using agilent/hp 8720d network analyzer and coilcraft smd-d test fixture. 6. dcr measured on cambridge technology micro-ohmmeter and coilcraft ccf858 test fixture. 7. average current for a 15c rise above 25c ambient. 8. operating temperature range ? 40c to +125c. 9. electrical specifications at 25c. see qualification standards section for environmental and test data. these ultra-compact inductors provide excep - tional q values, even at high frequencies. they have a ceramic body and wire wound construction to provide the highest srfs available in 0805 size. coilcraft designer?s kit c103 contains samples of all 5% inductance tolerance parts. kits with 2% tolerance are also available. to order, contact coilcraft or purchase on-line at http://order.coilcraft.com. chip inductors ? 0805cs series (2012) inductance 2 percent srf min 5 dcr max 6 i rms max 7 color part number 1 (nh) tolerance 3 q min 4 (mhz) (ohms) (ma) code 0805cs-020x _ b _ 2.8 @ 250 mhz 20,10, 5 80 @ 1500 mhz 7900 0.06 800 gray 0805cs-3n0x _ b _ 3.0 @ 250 mhz 20,10, 5 65 @ 1500 mhz 7900 0.06 800 white 0805cs-030x _ b _ 3.3 @ 250 mhz 20,10, 5 50 @ 1500 mhz 7900 0.08 600 black 0805cs-050x _ b _ 5.6 @ 250 mhz 20,10, 5 65 @ 1000 mhz 5500 0.08 600 orange 0805cs-060x _ b _ 6.8 @ 250 mhz 20,10, 5 50 @ 1000 mhz 5500 0.11 600 brown 0805cs-070x _ b _ 7.5 @ 250 mhz 20,10, 5 50 @ 1000 mhz 4500 0.14 600 green 0805cs-080x _ b _ 8.2 @ 250 mhz 20,10, 5,2 50 @ 1000 mhz 4700 0.12 600 red 0805cs-100x _ b _ 10 @ 250 mhz 20,10, 5,2 60 @ 500 mhz 4200 0.10 600 blue 0805cs-120x _ b _ 12 @ 250 mhz 20,10, 5,2 50 @ 500 mhz 4000 0.15 600 orange 0805cs-150x _ b _ 15 @ 250 mhz 20,10, 5,2 50 @ 500 mhz 3400 0.17 600 yellow 0805cs-180x _ b _ 18 @ 250 mhz 20,10, 5 , 2 50 @ 500 mhz 3300 0.20 600 green 0805cs-220x _ b _ 22 @ 250 mhz 20,10, 5,2 55 @ 500 mhz 2600 0.22 500 blue 0805cs-240x _ b _ 24 @ 250 mhz 20,10, 5,2 50 @ 500 mhz 2000 0.22 500 gray 0805cs-270x _ b _ 27 @ 250 mhz 20,10, 5,2 55 @ 500 mhz 2500 0.25 500 violet 0805cs-330x _ b _ 33 @ 250 mhz 20,10, 5,2, 1 60 @ 500 mhz 2050 0.27 500 gray 0805cs-360x _ b _ 36 @ 250 mhz 20,10, 5,2, 1 55 @ 500 mhz 1700 0.27 500 orange 0805cs-390x _ b _ 39 @ 250 mhz 20,10, 5,2, 1 60 @ 500 mhz 2000 0.29 500 white 0805cs-430x _ b _ 43 @ 200 mhz 20,10, 5,2, 1 60 @ 500 mhz 1650 0.34 500 yellow 0805cs-470x _ b _ 47 @ 200 mhz 20,10, 5,2, 1 60 @ 500 mhz 1650 0.31 500 black 0805cs-560x _ b _ 56 @ 200 mhz 10, 5,2, 1 60 @ 500 mhz 1550 0.34 500 brown 0805cs-680x _ b _ 68 @ 200 mhz 10, 5,2, 1 60 @ 500 mhz 1450 0.38 500 red 0805cs-820x _ b _ 82 @ 150 mhz 10, 5,2, 1 65 @ 500 mhz 1300 0.42 400 orange 0805cs-910x _ b _ 91 @ 150 mhz 20,10, 5,2, 1 65 @ 500 mhz 1200 0.48 400 black 0805cs-101x _ b _ 100 @150 mhz 10, 5,2, 1 65 @ 500 mhz 1200 0.46 400 yellow 0805cs-111x _ b _ 110 @ 150 mhz 20,10, 5,2 50 @ 250 mhz 1000 0.48 400 brown 0805cs-121x _ b _ 120 @ 150 mhz 10, 5,2,1 50 @ 250 mhz 1100 0.51 400 green 0805cs-151x _ b _ 150 @ 100 mhz 10, 5,2,1 50 @ 250 mhz 920 0.56 400 blue 0805cs-181x _ b _ 180 @ 100 mhz 10, 5,2, 1 50 @ 250 mhz 870 0.64 400 violet 0805cs-221x _ b _ 220 @ 100 mhz 10, 5,2 50 @ 250 mhz 850 0.70 400 gray 0805cs-241x _ b _ 240 @ 100 mhz 20,10, 5,2 44 @ 250 mhz 690 1.0 350 red 0805cs-271x _ b _ 270 @ 100 mhz 10, 5,2 48 @ 250 mhz 650 1.0 350 white 0805cs-331x _ b _ 330 @ 100 mhz 10, 5,2 48 @ 250 mhz 600 1.4 310 black 0805cs-391x _ b _ 390 @ 100 mhz 10, 5,2 48 @ 250 mhz 560 1.5 290 brown 0805cs-471x _ b _ 470 @ 50 mhz 10, 5,2 33 @ 100 mhz 375 1.76 250 violet 0805cs-561x _ b _ 560 @ 25 mhz 10, 5,2 23 @ 50 mhz 340 1.90 230 orange 0805cs-681x _ b _ 680 @ 25 mhz 10, 5,2 23 @ 50 mhz 188 2.20 190 green 0805cs-821x _ b _ 820 @ 25 mhz 10, 5,2 23 @ 50 mhz 215 2.35 180 blue document 100-1 specifications subject to change without notice. document 100-1 revised 11/25/02 c:\jobs\jobs\dg58\doc_100\version1\doc100-1.vp tuesday, november 26, 2002 2:09:26 pm color profile: disabled composite 133 lpi at 45 degrees
0805cs series (2012) typical q vs frequency document 100-2 12 nh 6.8 nh 3.3 nh 22 nh 39 nh 68 nh 120 nh 270 nh 100 90 80 70 60 50 40 30 20 10 0 10 100 frequency (mhz) q factor 1,000 10,000 typical l vs frequency 1,000 100 10 10 100 frequency (mhz) inductance (nh) 1,00 0 1 220 nh 100 nh 39 nh 15 nh 3.3 nh a max b max c max d ref e f g h i j 0.090 0.068 0.060 0.020 0.050 0.020 0.040 0.070 0.040 0.030 2,29 1,73 1,52 0,51 1,27 0,51 1,02 1,78 1,02 0,76 parts/reel: 7 2,000; 13 7,500 tape width: 8 mm for packaging data see tape and reel specifications section. specifications subject to change without notice. document 100-2 revised 11/20/02 s-parameter files spice models on our web site or cd on our web site or cd c:\jobs\jobs\dg58\doc_100\version1\doc100-1.vp tuesday, november 26, 2002 2:10:06 pm color profile: disabled composite 133 lpi at 45 degrees


▲Up To Search▲   

 
Price & Availability of 0805CS-030XMLC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X