Part Number Hot Search : 
0203A 1N5395 300AC6 74AVC PBSS53 30M25 74AVC 10R0J
Product Description
Full Text Search
 

To Download TDA9803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet preliminary speci?cation file under integrated circuits, ic02 november 1992 integrated circuits TDA9803 multistandard vif-pll demodulator www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 2 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 features suitable for negative and positive vision modulation gain controlled 3-stage if amplifier; suitable for vif frequencies up to 60 mhz true synchronous demodulation with active carrier regeneration (ultra-linear demodulation, good intermodulation figures reduced harmonics and excellent pulse response) peak sync agc for negative modulation, e.g. b/g standard peak white agc for positive modulation, e.g. l standard video amplifier to match sound trap and sound filter agc output voltage for tuner; adjustable take-over point (top) afc detector without extra reference circuit stabilizer circuit for ripple rejection and to achieve constant output signals 5 to 8 v positive supply voltage range, low power consumption (230 mw at + 5 v supply) general description the TDA9803 is a monolithic integrated circuit for vision if signal processing in multistandard tv and vtr sets. quick reference data ordering information note 1. sot146-1; 1996 december 9. 2. sot163-1; 1996 december 9. symbol parameter min. typ. max. unit v p positive supply voltage (pin 20) 4.5 5 8.8 v i p supply current 39 46 53 ma v i if vision if input signal sensitivity (rms value, pins 1 and 2) - 50 90 m v maximum vision if input signal (rms value, pins 1 and 2) 70 150 - mv g v if gain control range 64 70 73 db v o cvbs cvbs output signal on pin 7 (peak-to-peak value) 1.7 2.0 2.3 v b - 3 db video bandwidth on pin 7 6 8 - mhz s/n (w) signal-to-noise ratio weighted; for video 56 59 - db a 1.1 intermodulation attenuation 56 62 - db a 3.3 56 62 - db a h suppression of harmonics in video signal 35 40 - db t amb operating ambient temperature range 0 -+ 70 c extended type number package pins pin position material code TDA9803 20 dil plastic sot146 (1) TDA9803t 20 mini-pack plastic sot163a (2) www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 3 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 fig.1 block diagram. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 4 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 pinning symbol pin description v i if 1 vision if differential input signal 2 tadj 3 tuner agc take-over adjust (top) f adj 4 phase detector adjust c bl 5 black level capacitor, mute switch input t pll 6 pll time constant of phase detector v o cvbs 7 cvbs (positive) output signal std 8 standard switch (negative = high, positive = low) n.c. 9 not connected 10 11 tagc 12 tuner agc output v o vid 13 video and sound intercarrier output signal v i vid 14 video input signal to buffer ampli?er afc 15 automatic frequency control output vco1 16 vco reference circuit for 2 f pc vco2 17 gnd 18 ground (0 v) c agc 19 agc capacitor v p 20 positive supply voltage fig.2 pin configuration. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 5 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 functional description vision if input the vision if amplifier consists of three ac-coupled differential amplifier stages; each stage comprises a controlled feedback network by means of emitter degeneration. if and tuner agc the automatic control voltage to maintain the video output signal at a constant level is generated according to the transmission standard. for negative modulation the peak-sync level is detected, for positive modulation the peak white level is detected. the agc detector charges and discharges the capacitor on pin 19 to set the if gain and the tuner gain. the standard is switched by the voltage on pin 8. to reduce the response time for positive modulation (which needs a very long time constant) a black level detector (c bl ) increases the agc capacitor discharge current for low-level video signals. the agc capacitor voltage is transferred to an internal if control signal, and is fed to the tuner agc to generate the tuner agc output current on pin 12 (open-collector output). the tuner agc voltage take over point is adjusted on pin 3. this allows the tuner and the if saw filter to be matched to achieve the optimum if input level. frequency detector, phase detector and video demodulator the if amplifier output signal is fed to a frequency detector and to a phase detector. the frequency detector is operational before lock-in. a dc current is generated which is proportional to the frequency difference between the input frequency and the vco frequency. after lock-in, the frequency detector and the phase detector generate a dc current proportional to the phase difference between vco and input signals. the control signal for the vco is provided by the phase detector. the video demodulator is a linear multiplier, designed for low distortion and wide bandwidth. the vision if input signal is multiplied by the in-phase component of the vco output. the demodulated output signal is fed via an integrated low-pass filter (f g = 12 mhz) to the video amplifier for suppression of the carrier harmonics. the polarity of the video signal is switched in the demodulator stage according to the tv standard. vco and travelling wave divider the vco operates with a symmetrically-connected reference lc-circuit, operating at double vision carrier frequency. frequency control is performed by an internal varicap diode. the voltage to set the vco frequency to the actual frequency of double vision carrier frequency, is also amplified and converted for the afc output current. the vco signal is divided-by-two in a travelling wave divider, which generates two differential output signals with 90 degree phase difference independent of frequency. video ampli?er, buffer and noise clipping the video amplifier is a wide bandwidth operational amplifier with internal feedback. dependent on transmission standard, a level shifter provides the same sync level for positive as for negative modulation. a nominal positive modulated video signal of 1 v (p-p) is present on the composite video output (pin 13). the input impedance of the 7 db wideband buffer amplifier (with internal feedback) is suitable for ceramic sound trap filters. the cvbs output (pin 7) provides a positive video signal of 2 v (p-p). noise clipping is provided internally. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 6 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 limiting values in accordance with the absolute maximum rating system (iec134) notes 1. supply current i p = 53 ma at t amb = + 70 c. 2. equivalent to discharging a 200 pf capacitor through a 0 w series resistor (negative and positive voltage). thermal resistance symbol parameter min. max. unit v p supply voltage (pin 20) for a maximum chip temperature (note 1) sot146 at + 120 c 0 8.8 v sot163a at + 100 c 0 5.5 v v i voltage on pins 1, 2, 7, 8, 13, 14, 15 and 19 0 v p v t s max short - circuit time - 10 s v 12 tuner agc output voltage - 13.2 v t stg storage temperature range - 25 + 150 c v esd electrostatic handling for all pins (note 2) - 300 v symbol parameter thermal resistance r th j-a from junction to ambient in free air sot146 73 k/w sot163a 85 k/w www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 7 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 characteristics v p = 5 v; t amb = + 25 c; f pc = 38.9 mhz; f sc = 33.4 mhz with v pc /v sc = 13 db (b/g); v iif = 10 mv rms value (sync level at b/g; peak-white level at l); video modulation dsb; residual carrier: b/g = 10%, l = 3%; video signal in accordance with ccir line 17; measurements taken in fig.3 unless otherwise speci?ed symbol parameter conditions min. typ. max. unit v p supply voltage range (pin 20) see note 1 4.5 5 8.8 v i p supply current 39 46 53 ma standard switch (pin 8) v ih input voltage for negative modulation see note 2 1.5 - v p v v il input voltage for positive modulation 0 - 0.8 v i il low level input current v 8 = 0 v -- 300 - 360 m a vision if input (pins 1 and 2) b/g standard v i input signal sensitivity (rms value) - 1 db video at output - 50 90 m v maximum input signal (rms value) + 1 db video at output 70 150 - mv d v i if amplitude difference between picture and sound carrier within agc range - 0.7 1 db g if if gain control range see fig.4 64 70 73 db b - 3 db if bandwidth upper cut-off frequency 70 100 - mhz r i input resistance 1.7 2.2 2.7 k w c i input capacitance 1.2 1.7 2.5 pf v 1, 2 dc input voltage 3.0 3.4 3.8 v true synchronous video demodulator see note 3 f vco maximum oscillator frequency for carrier regeneration f = 2f pc 125 130 - mhz d f vco oscillator drift (free running) as a function of temperature see note 4; d t = 0 to + 70 c -- 1300 10 - 6 v o ref oscillator swing at pins 16 and 17 (rms value) tbn 120 tbn mv d f pc vision carrier capture range (negative) 1.5 2 - mhz vision carrier capture range (positive) 1.5 2 - mhz t acqu acquisition time see note 5; bl = 60 khz -- 30 ms v i if if input signal sensitivity (rms value, pins 1 and 2) for pll still locked see note 6; maximum if gain - 70 100 m v for c/n = 10 db see note 7 - 100 140 m v l loop fpll loop offset current at pin 6 see note 8 -- 4.5 m a www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 8 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 composite video ampli?er (pin 13) sound carrier off v 0 vid output signal (peak-to-peak value) see fig.7 0.9 1.0 1.1 v v 13 sync level b/g and l 1.4 1.5 1.6 v zero carrier level b/g 2.5 2.6 2.7 v l 1.37 1.47 1.57 v upper video clipping level v p - 1.1 v p - 1.0 - v lower video clipping level - 0.3 0.4 v v 0 fm if intercarrier level (rms value) sound carrier on; see note 9 tbn 140 tbn mv r 13 output resistance -- 10 w i int13 internal bias current for emitter follower dc 1.8 2.5 - ma i 13 maximum output sink current dc and ac 1.4 tbn - ma maximum output source current 2.0 tbn - ma b - 3 db video bandwidth c 13 < 50 pf; r l > 1 k w 710 - mhz a h suppression of video signal harmonics see note 10; c 13 < 50 pf; r l > 1 k w 35 40 - db rr ripple rejection on pin 13 see fig.9 32 35 - db cvbs buffer ampli?er and noise clipper (pins 7 and 14) r 14 input resistance 2.6 3.3 4.0 k w c 14 input capacitance 1.4 2 3.0 pf v 14 dc voltage at input 1.5 1.8 2.1 v g v voltage gain see note 11 6 7 7.5 db v o cvbs cvbs output signal on pin 7 (peak-to-peak value) sound carrier off; see fig.3 1.7 2.0 2.3 v cvbs output level upper video clipping tbn 4.0 - v lower video clipping - 1.0 tbn v sync level 1.25 1.35 1.45 v r 7 output resistance -- 10 w i int7 internal bias current for emitter follower dc 1.8 2.5 - ma i 7 maximum output sink current dc and ac 1.4 tbn - ma maximum output source current 2.4 tbn - ma b - 3 db video bandwidth c 7 < 20 pf; r l > 1 k w 811 - mhz symbol parameter conditions min. typ. max. unit www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 9 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 measurements from if input to cvbs output (pin 7) 330 w between pins 13 and 14, sound carrier off v o cvbs cvbs output signal on pin 7 (peak - to - peak value) 1.7 2.0 2.3 v d v o deviation of cvbs output signal at b/g 50 db gain control -- 0.5 db 30 db gain control -- 0.1 db black level tilt b/g standard; see note 12 -- 1% vertical tilt for worst case in l standard vision carrier modulated by test line (vits) only; see note 12 -- 1.5 % d g differential gain - 25% dj differential phase - 1 3 deg b - 3 db video bandwidth c l < 20 pf; r l > 1 k w 68 - mhz s/n(w) signal-to-noise ratio; weighted see fig.5 and note 13 56 59 - db a 1.1 intermodulation at blue see fig.6 and note 14; f = 1.1 mhz 56 62 - db intermodulation at yellow 58 64 - db a 3.3 intermodulation at blue f = 3.3 mhz 56 62 - db intermodulation at yellow 57 63 - db a c residual vision carrier (rms value) fundamental wave - 110mv harmonics - 110mv a h suppression of video signal harmonics see note 10 35 40 - db rr ripple rejection on pin 7 see fig.9 25 28 - db agc detector (pin 19) t resp response to an increasing amplitude step of 50 db in input signal b/g and l - 110ms response to a decreasing amplitude step of 50 db in input signal b/g - 50 100 ms l - 100 150 ms i 19 charging current b/g and l; see note 12 0.85 1.1 1.35 ma additional charging current l in case of missing vits pulses and no white video content 2.2 2.7 3.2 m a discharging current b/g 17 22 27 m a normal mode l 0.24 0.33 0.42 m a fast mode l 31 44 57 m a v 19 agc voltage see fig.4 maximum gain 0 tbn - v minimum gain - tbn v p - 0.7 v v 13 threshold voltage level see fig.7 for additional charging current l 1.9 1.95 2.0 v for fast l mode l 1.6 1.65 1.7 v symbol parameter conditions min. typ. max. unit www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 10 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 notes 1. typical values of video and sound parameters are decreased at v p = 4.5 v. 2. the input voltage for negative modulation has to be v 8 > 1.5 v, or pin 8 open-circuit. 3. loop bandwidth bl = 60 khz (natural frequency f n = 15 khz; damping factor d = 2 calculated with grey level and fpll input signal level). resonance circuit of vco: q o > 50; c ext = 8.2 pf; c int ? 8.5 pf (loop voltage about 2.7 v). 4. the oscillator drift is related to the picture carrier frequency (at external temperature-compensated lc-circuit). 5. v i if = 10 mv (rms value); d f = 1 mhz (vco frequency offset related to picture carrier frequency); white picture video modulation. 6. v i if for 0.9 v cvbs (peak - to - peak value) at composite video output pin 13; pll is still locked. 7. transformer at if input (fig.3). the c/n ratio at if input for lock - in is defined as the vision if input signal (sync level, rms value) in relation to a superimposed, 5 mhz band - limited white noise signal (rms value); video modulation: white picture. 8. offset current measured between pin 6 and half of supply voltage (v = 2.5 v) under the following conditions: no input signal at if input (pins 1 and 2) and if - amplifier gain at minimum (v 19 = v p ), pin 4 (phase adjust) open - circuit. tuner agc (pin 12) v i if input signal for minimum starting point of tuner take over (rms value) input at pins 1 and 2; r top =22k w -- 5mv if input signal for maximum starting point of tuner take over (rms value) input at pins 1 and 2; r top =0 w 50 -- mv v 12 allowable voltage from external source -- 13.2 v saturation voltage i 12 = 1.7 ma -- 0.2 v d v 12 variation of take over point by temperature d t = 0 to + 50 c - 13db i 12 sink current see fig.4 no tuner gain reduction - 0.1 0.3 m a maximum tuner gain reduction 1.7 2.0 2.6 ma d g if if slip by automatic gain control tuner gain current from 20 to 80% - 68db afc circuit (pin 15) see fig.8 and note 15 s control steepness d l 15 / d f see note 16 0.6 0.72 0.84 m a/khz d f if frequency variation by temperature d t = 0 to + 70 c; see note 4 -- 1300 10 - 6 v 15 output voltage upper limit see fig.8 v p - 0.5 v p - 0.3 - v output voltage lower limit - 0.3 0.5 v i 15 output current source 160 200 240 m a output current sink 160 200 240 m a d i 15 residual video modulation current (peak - to - peak value) b/g and l - 20 30 m a symbol parameter conditions min. typ. max. unit www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 11 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 9. the intercarrier output signal is superimposed to the video signal at pin 13 and can be calculated by the following formula: with: and 2 db = tolerance of intercarrier output amplitude v o fm. 10. measurements taken with saw filter g1956; modulation: vsb, f video > 0.5 mhz, loop bandwidth bl = 60 khz. 11. the 7 db buffer gain accounts for 1 db loss in the sound trap. buffer output signal is typical 2 v (p-p). if no sound trap is applied a 330 w resistor must be connected from output to input (from pin 13 to pin 14). 12. the leakage current of the agc capacitor has to be < 1 m a in b/g mode ( < 30 na in l mode) to avoid larger tilt. 13. s/n is the ratio of black-to-white amplitude to the black level noise voltage (rms value, pin 7). b = 5 mhz weighted in accordance with ccir-567 at a source impedance of 50 w . 14. a 1.1 = 20 log (v o at 4.4 mhz / v o at 1.1 mhz) + 3.6 db; a 1.1 value at 1.1 mhz related to black/white signal a 3.3 = 20 log (v o at 4.4 mhz / v o at 3.3 mhz); a 3.3 value at 3.3 mhz related to colour carrier. 15. to match the afc output signal to different tuning systems a current source output is provided (fig.8). 16. depending on the ratio d c/c o of the lc resonance circuit of vco (q o > 50; c o =c int + c ext ; c ext = 8.2 pf; c int ? 8.5 pf). 20 v 13 interc. p-p () 1 v (p-p) ------------------------------------- ? ?? log v isc v ipc ----------- - 6.9 db 2 db + = v isc v ipc ----------- - db = sound to picture carrier ratio at if input pins 1 and 2 ) in db ( www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 12 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 fig.3 test circuit. fig.4 if agc (dashed) and tuner agc as a function of take over point adjustment. handbook, full pagewidth 5 70 50 10 - 10 0 g if (db) 0 0.2 0.6 1.0 1.4 1.8 2.0 1234 30 60 20 0 40 med332 i 12 (ma) v 19 (v) (1) (2) (3) (4) www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 13 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 fig.5 typical signal-to-noise ratio as a function of the if input signal. handbook, halfpage - 60 - 40 - 20 20 80 60 40 20 0 0 0.06 0.6 6 600 60 med333 s/n (db) v i if(rms) (db) v i if(rms) (mv) 10 fig.6 input conditions for intermodulation measurements. sc = sound carrier level ; with respect to top sync level. cc = chrominance carrier level ; with respect to top sync level. pc = picture carrier level ; with respect to top sync level. sound shelf attenuation: 17 db. handbook, halfpage sc cc pc sc cc pc blue yellow - 24 db - 13.2 db - 3.2 db - 24 db - 13.2 db - 10 db med334 fig.7 video signal levels on output pin 13. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 14 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 fig.8 measurement conditions and typical afc characteristic. fig.9 ripple rejection condition. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 15 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 fig.10 application circuit. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 16 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 fig.11 front end level diagram. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 17 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 fig.12 internal circuits. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 18 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 package outline unit a max. 1 2 b 1 cd e e m h l references outline version european projection issue date iec jedec eiaj mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot146-1 92-11-17 95-05-24 a min. a max. b z max. w m e e 1 1.73 1.30 0.53 0.38 0.36 0.23 26.92 26.54 6.40 6.22 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2.0 4.2 0.51 3.2 0.068 0.051 0.021 0.015 0.014 0.009 1.060 1.045 0.25 0.24 0.14 0.12 0.01 0.10 0.30 0.32 0.31 0.39 0.33 0.078 0.17 0.020 0.13 sc603 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 20 1 11 10 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. (1) (1) (1) dip20: plastic dual in-line package; 20 leads (300 mil) sot146-1 www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 19 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z y w v q references outline version european projection issue date iec jedec eiaj mm inches 2.65 0.30 0.10 2.45 2.25 0.49 0.36 0.32 0.23 13.0 12.6 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 1.1 0.4 sot163-1 92-11-17 95-01-24 10 20 w m b p detail x z e 11 1 d y 0.25 075e04 ms-013ac pin 1 index 0.10 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.51 0.49 0.30 0.29 0.050 1.4 0.055 0.42 0.39 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 0 5 10 mm scale x q a a 1 a 2 h e l p q e c l v m a (a ) 3 a so20: plastic small outline package; 20 leads; body width 7.5 mm sot163-1 www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 20 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 soldering introduction there is no soldering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. however, wave soldering is not always suitable for surface mounted ics, or for printed-circuits with high population densities. in these situations reflow soldering is often used. this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our ic package databook (order code 9398 652 90011). dip s oldering by dipping or by wave the maximum permissible temperature of the solder is 260 c; solder at this temperature must not be in contact with the joint for more than 5 seconds. the total contact time of successive solder waves must not exceed 5 seconds. the device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (t stg max ). if the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. r epairing soldered joints apply a low voltage soldering iron (less than 24 v) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. if the temperature of the soldering iron bit is less than 300 c it may remain in contact for up to 10 seconds. if the bit temperature is between 300 and 400 c, contact may be up to 5 seconds. so r eflow soldering reflow soldering techniques are suitable for all so packages. reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. several techniques exist for reflowing; for example, thermal conduction by heated belt. dwell times vary between 50 and 300 seconds depending on heating method. typical reflow temperatures range from 215 to 250 c. preheating is necessary to dry the paste and evaporate the binding agent. preheating duration: 45 minutes at 45 c. w ave soldering wave soldering techniques can be used for all so packages if the following conditions are observed: a double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. the longitudinal axis of the package footprint must be parallel to the solder flow. the package footprint must incorporate solder thieves at the downstream end. during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. maximum permissible solder temperature is 260 c, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 c within 6 seconds. typical dwell time is 4 seconds at 250 c. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. r epairing soldered joints fix the component by first soldering two diagonally- opposite end leads. use only a low voltage soldering iron (less than 24 v) applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c. www.datasheet.co.kr datasheet pdf - http://www..net/
november 1992 21 philips semiconductors preliminary speci?cation multistandard vif-pll demodulator TDA9803 definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation. www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of TDA9803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X