Part Number Hot Search : 
4174B MBR201 4953S 74HC540P 00800 MA2ZV03 1GPBF TEA1045
Product Description
Full Text Search
 

To Download T520D157MR5AHE015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conductive polymer chip capacitors t520 series - ko cap ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 50    
      
         
outline drawing features ? polymer cathode technology ? use up to 80% of rated voltage (20% derating) ? low esr for part types > 10 volts ? high frequency cap retention ? capacitance 15 to 1000f (20%) ? no-ignition failure mode ? voltage 2v to 25v ? use up to 90% of rated voltage (10% derating) ? eia standard case sizes for part types 10 volts ? 100% surge current tested ? halogen free epoxy ? operating temperature -55oc to +105oc ? 100% accelerated steady state aging ? self healing mechanism ? volumetrically efficient ? rohs compiant & leadfree terminations (see www.kemet.com for lead transition) dimensions - millimeters t520 ordering information t 520 capacitance picofarad code case size a, t, b, c, v, w, d, y, x tantalum series t520 - low esr polymer v 157 m 006 s capacitance tolerance m = 20% lead material failure rate a - not applicable voltage h - tin/lead (snpb 5% pb minimum) t - 100% tin (sn) plated e015 esr a *s - not recommended for new design *see www.kemet.com for pb free transition information. first two digits represent significant figures. third digit specifies number of zeros to follow. *100% tin case size kemet eia l w h k 0.20 f 0.1 s 0.3 x(ref) t(ref) a(min) g(ref) e(ref) a 3216-18 3.2 0.2 1.6 0.2 1.6 0.2 0.9 1.2 0.8 0.10 0.10 0.13 1.4 1.1 1.3 t 3528-12 3.5 0.2 2.8 0.2 1.2 max 0.3 2.2 0.8 0.05 0.13 2.1 1.8 2.2 b 3528-21 3.5 0.2 2.8 0.2 1.9 0.2 0.9 2.2 0.8 0.10 0.10 0.13 2.1 1.8 2.2 c 6032-28 6.0 0.3 3.2 0.3 2.5 0.3 1.4 2.2 1.3 0.10 0.10 0.13 3.1 2.8 2.4 u 6032-15 6.0 0.3 3.2 0.3 1.5 max 0.5 2.2 1.3 0.05 0.13 3.1 2.8 2.4 w 7343-15 7.3 0.3 4.3 0.3 1.5 max 0.6 2.4 1.3 0.05 0.13 3.8 3.5 3.5 v 7343-20 7.3 0.3 4.3 0.3 1.9 max 0.9 2.4 1.3 0.05 0.13 3.8 3.5 3.5 d 7343-31 7.3 0.3 4.3 0.3 2.8 0.3 1.5 2.4 1.3 0.10 0.10 0.13 3.8 3.5 3.5 y 7343-40 7.3 0.3 4.3 0.3 4.0 max 1.9 2.4 1.3 0.10 0.10 0.13 3.8 3.5 3.5 x 7343-43 7.3 0.3 4.3 0.3 4.0 0.3 2.3 2.4 1.3 0.10 0.10 0.13 3.8 3.5 3.5 50 *pb-free supply is not guaranteed with the ?s? termination code. this termination code not available effective 15 july 2007. kemet organic 157 6 k 512 ko rated v oltage polarity (+) indicator picofarad code kemet id pwc 512 = 12th week of 2005 component marking
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 conductive polymer chip capacitors t520 series - ko cap t520 ratings & part number reference product may be subst i tuted w i th i n the same s i ze at kemets opt i on . voltage subst i tut i ons w i ll be marked w i th the h i gher voltage rat i ng . t520v477m002 w/ ' t=20c @ -55c to 85c w/ ' t= 2c @ 105c 470.0 v t520v477m002a(1)e040 94 10 40 1.8 0.6 47.0 a t520a476m2r5a(1)e090 12 8 90 0.9 0.3 56.0 t t520t566m2r5a(1)e040 14 6 40 1.3 0.4 56.0 t t520t566m2r5a(1)e070 14 8 70 1.0 0.3 68.0 a t520a686m2r5a(1)e070 17 8 70 1.0 0.3 68.0 a t520a686m2r5a(1)e080 17 8 80 1.0 0.3 100.0 t t520t107m2r5a(1)e070 25 8 70 1.0 0.3 100.0 b t520b107m2r5a(1)e035 25 8 35 1.6 0.5 100.0 b t520b107m2r5a(1)e040 25 8 40 1.5 0.5 100.0 b t520b107m2r5a(1)e070 25 8 70 1.1 0.3 150.0 u t520u157m2r5a(1)e055 38 8 55 1.3 0.4 220.0 b t520b227m2r5a(1)e025 55 8 25 1.8 0.6 220.0 b t520b227m2r5a(1)e030 55 8 30 1.7 0.5 220.0 b t520b227m2r5a(1)e035 55 8 35 1.6 0.5 220.0 b t520b227m2r5a(1)e070 55 8 70 1.1 0.3 220.0 c t520c227m2r5a(1)e025 55 8 25 2.1 0.7 220.0 c t520c227m2r5a(1)e045 55 8 45 1.6 0.5 220.0 v t520v227m2r5a(1)e007 55 10 7 4.2 1.3 220.0 v t520v227m2r5a(1)e009 55 10 9 3.7 1.2 220.0 v t520v227m2r5a(1)e012 55 10 12 3.2 1.0 220.0 v t520v227m2r5a(1)e015 55 10 15 2.9 0.9 220.0 v t520v227m2r5a(1)e025 55 10 25 2.2 0.7 220.0 v t520v227m2r5a(1)e045 55 10 45 1.7 0.5 220.0 d t520d227m2r5a(1)e007 55 10 7 4.6 1.5 220.0 d t520d227m2r5a(1)e040 55 10 40 1.9 0.6 330.0 b t520b337m2r5a(1)e045 83 8 45 1.4 0.4 330.0 b t520b337m2r5a(1)e070 83 8 70 1.1 0.3 330.0 c t520c337m2r5a(1)e015 83 8 15 2.7 0.8 330.0 c t520c337m2r5a(1)e018 83 8 18 2.4 0.8 330.0 c t520c337m2r5a(1)e025 83 8 25 2.1 0.7 330.0 c t520c337m2r5a(1)e045 83 8 45 1.6 0.5 330.0 w t520w337m2r5a(1)e040 83 10 40 1.7 0.5 330.0 v t520v337m2r5a(1)e006 83 10 6 4.6 1.4 330.0 v t520v337m2r5a(1)e007 83 10 7 4.2 1.3 330.0 v t520v337m2r5a(1)e009 83 10 9 3.7 1.2 330.0 v t520v337m2r5a(1)e012 83 10 12 3.2 1.0 330.0 v t520v337m2r5a(1)e015 83 10 15 2.9 0.9 330.0 v t520v337m2r5a(1)e018 83 10 18 2.6 0.8 330.0 v t520v337m2r5a(1)e025 83 10 25 2.2 0.7 330.0 v t520v337m2r5a(1)e040 83 10 40 1.8 0.6 330.0 d t520d337m2r5a(1)e006 83 10 6 5.0 1.7 330.0 d t520d337m2r5a(1)e007 83 10 7 4.6 1.5 470.0 v t520v477m2r5a(1)e007 118 10 7 4.2 1.3 470.0 v t520v477m2r5a(1)e009 118 10 9 3.7 1.2 470.0 v t520v477m2r5a(1)e012 118 10 12 3.2 1.0 470.0 v t520v477m2r5a(1)e015 118 10 15 2.9 0.9 470.0 v t520v477m2r5a(1)e018 118 10 18 2.6 0.8 470.0 c t520c477m2r5a(1)e025 118 8 25 2.0 0.6 470.0 c t520c477m2r5a(1)e045 118 8 45 1.5 0.5 470.0 d t520d477m2r5a(1)e006 118 10 6 5.0 1.7 470.0 d t520d477m2r5a(1)e007 118 10 7 4.6 1.5 470.0 d t520d477m2r5a(1)e009 118 10 9 4.1 1.3 680.0 d t520d687m2r5a(1)e010 170 10 10 3.9 1.2 680.0 d t520d687m2r5a(1)e015 170 10 15 3.2 1.0 680.0 d t520d687m2r5a(1)e040 170 10 40 1.9 0.6 680.0 y t520y687m2r5a(1)e015 170 10 15 3.3 1.0 680.0 y t520y687m2r5a(1)e025 170 10 25 2.5 0.8 1000.0 d t520d108m2r5a(1)e015 250 8 15 3.2 1.1 1000.0 d t520d108m2r5a(1)e030 250 10 30 2.2 0.7 1000.0 y t520y108m2r5a(1)e010 250 10 10 4.0 1.3 1000.0 y t520y108m2r5a(1)e015 250 10 15 3.3 1.0 1000.0 y t520y108m2r5a(1)e025 250 10 25 2.5 0.8 1000.0 x t520x108m2r5a(1)e010 250 10 10 4.1 1.3 100.0 b t520b107m003a(1)e035 30 8 35 1.6 0.5 100.0 b t520b107m003a(1)e040 30 8 40 1.5 0.5 100.0 b t520b107m003a(1)e070 30 8 70 1.1 0.3 150.0 b t520b157m003a(1)e035 45 8 35 1.6 0.5 150.0 b t520b157m003a(1)e040 45 8 40 1.5 0.5 150.0 b t520b157m003a(1)e070 45 8 70 1.1 0.3 330.0 v t520v337m003a(1)e009 99 10 9 3.7 1.2 330.0 v t520v337m003a(1)e012 99 10 12 3.2 1.0 330.0 v t520v337m003a(1)e015 99 10 15 2.9 0.9 330.0 v t520v337m003a(1)e025 99 10 25 2.2 0.7 680.0 d t520d687m003a(1)e015 204 10 15 3.2 1.0 680.0 d t520d687m003a(1)e040 204 10 40 1.9 0.6 1000.0 x t520x108m003a(1)e015 300 10 15 3.3 1.0 1000.0 x t520x108m003a(1)e030 300 10 30 2.3 0.7 15.0 t t520t156m004a(1)e100 6 8 100 0.8 0.3 33.0 a t520a336m004a(1)e070 13 8 70 1.0 0.3 33.0 a t520a336m004a(1)e080 13 8 80 1.0 0.3 47.0 a t520a476m004a(1)e070 19 8 70 1.0 0.3 47.0 a t520a476m004a(1)e080 19 8 80 1.0 0.3 47.0 t t520t476m004a(1)e070 19 8 70 1.0 0.3 68.0 t t520t686m004a(1)e070 27 8 70 1.0 0.3 68.0 b t520b686m004a(1)e035 27 8 35 1.6 0.5 68.0 b t520b686m004a(1)e040 27 8 40 1.5 0.5 68.0 b t520b686m004a(1)e070 27 8 70 1.1 0.3 68.0 u t520u686m004a(1)e055 27 8 55 1.3 0.4 100.0 b t520b107m004a(1)e035 40 8 35 1.6 0.5 100.0 b t520b107m004a(1)e040 40 8 40 1.5 0.5 100.0 b t520b107m004a(1)e070 40 8 70 1.1 0.3 100.0 u t520u107m004a(1)e055 40 8 55 1.3 0.4 150.0 b t520b157m004a(1)e025 60 8 25 1.8 0.6 150.0 b t520b157m004a(1)e030 60 8 30 1.7 0.5 150.0 b t520b157m004a(1)e035 60 8 35 1.6 0.5 150.0 b t520b157m004a(1)e040 60 8 40 1.5 0.5 150.0 b t520b157m004a(1)e070 60 8 70 1.1 0.3 150.0 u t520u157m004a(1)e055 60 8 55 1.3 0.4 150.0 c t520c157m004a(1)e015 60 8 15 2.7 0.9 150.0 c t520c157m004a(1)e025 60 8 25 2.1 0.7 150.0 c t520c157m004a(1)e045 60 8 45 1.6 0.5 capaci- tance f case size 3 volt rating @ 105c df% @ 25c 120 hz max esr m : @ 25c 100 khz max kemet part number dc leakage a @ 25c max ripple current arms @ 100 khz max 4 volt rating @ 105c 2 volt rating @ 105c 2.5 volt rating @ 105c 51 w/ t=20c @ -55c to 85c w/ t= 2c @ 105c 470.0 v t520v477m002a(1)e040 94 10 40 1.8 0.6 47.0 a t520a476m2r5a(1)e090 12 8 9 0 0.9 0.3 56.0 t t520t566m2r5a(1)e040 14 6 4 0 1.3 0.4 56.0 t t520t566m2r5a(1)e070 14 8 7 0 1.0 0.3 68.0 a t520a686m2r5a(1)e070 17 8 7 0 1.0 0.3 68.0 a t520a686m2r5a(1)e080 17 8 8 0 1.0 0.3 100.0 t t520t107m2r5a(1)e070 25 8 7 0 1.0 0.3 100.0 b t520b107m2r5a(1)e025 25 8 2 5 1.8 0.6 100.0 b t520b107m2r5a(1)e035 25 8 3 5 1.6 0.5 100.0 b t520b107m2r5a(1)e040 25 8 4 0 1.5 0.5 100.0 b t520b107m2r5a(1)e070 25 8 7 0 1.1 0.3 150.0 u t520u157m2r5a(1)e055 38 8 5 5 1.3 0.4 220.0 b t520b227m2r5a(1)e025 55 8 2 5 1.8 0.6 220.0 b t520b227m2r5a(1)e030 55 8 3 0 1.7 0.5 220.0 b t520b227m2r5a(1)e035 55 8 3 5 1.6 0.5 220.0 b t520b227m2r5a(1)e070 55 8 7 0 1.1 0.3 220.0 c t520c227m2r5a(1)e025 55 8 2 5 2.1 0.7 220.0 c t520c227m2r5a(1)e045 55 8 4 5 1.6 0.5 220.0 v t520v227m2r5a(1)e007 55 10 7 4.2 1.3 220.0 v t520v227m2r5a(1)e009 55 10 9 3.7 1.2 220.0 v t520v227m2r5a(1)e012 55 10 12 3.2 1.0 220.0 v t520v227m2r5a(1)e015 55 10 15 2.9 0.9 220.0 v t520v227m2r5a(1)e025 55 10 25 2.2 0.7 220.0 v t520v227m2r5a(1)e045 55 10 45 1.7 0.5 220.0 d t520d227m2r5a(1)e007 55 10 7 4.6 1.5 220.0 d t520d227m2r5a(1)e040 55 10 40 1.9 0.6 330.0 b t520b337m2r5a(1)e045 83 8 4 5 1.4 0.4 330.0 b t520b337m2r5a(1)e070 83 8 7 0 1.1 0.3 330.0 c t520c337m2r5a(1)e015 83 8 1 5 2.7 0.8 330.0 c t520c337m2r5a(1)e018 83 8 1 8 2.4 0.8 330.0 c t520c337m2r5a(1)e025 83 8 2 5 2.1 0.7 330.0 c t520c337m2r5a(1)e045 83 8 4 5 1.6 0.5 330.0 w t520w337m2r5a(1)e040 83 10 40 1.7 0.5 330.0 v t520v337m2r5a(1)e006 83 10 6 4.6 1.4 330.0 v t520v337m2r5a(1)e007 83 10 7 4.2 1.3 330.0 v t520v337m2r5a(1)e009 83 10 9 3.7 1.2 330.0 v t520v337m2r5a(1)e012 83 10 12 3.2 1.0 330.0 v t520v337m2r5a(1)e015 83 10 15 2.9 0.9 330.0 v t520v337m2r5a(1)e018 83 10 18 2.6 0.8 330.0 v t520v337m2r5a(1)e025 83 10 25 2.2 0.7 330.0 v t520v337m2r5a(1)e040 83 10 40 1.8 0.6 330.0 d t520d337m2r5a(1)e006 83 10 6 5.0 1.7 330.0 d t520d337m2r5a(1)e007 83 10 7 4.6 1.5 470.0 v t520v477m2r5a(1)e007 118 10 7 4.2 1.3 470.0 v t520v477m2r5a(1)e009 118 10 9 3.7 1.2 470.0 v t520v477m2r5a(1)e012 118 10 12 3.2 1.0 470.0 v t520v477m2r5a(1)e015 118 10 15 2.9 0.9 470.0 v t520v477m2r5a(1)e018 118 10 18 2.6 0.8 470.0 c t520c477m2r5a(1)e025 118 8 2 5 2.0 0.6 470.0 c t520c477m2r5a(1)e045 118 8 4 5 1.5 0.5 470.0 d t520d477m2r5a(1)e006 118 10 6 5.0 1.7 470.0 d t520d477m2r5a(1)e007 118 10 7 4.6 1.5 470.0 d t520d477m2r5a(1)e009 118 10 9 4.1 1.3 680.0 d t520d687m2r5a(1)e010 170 10 10 3.9 1.2 680.0 d t520d687m2r5a(1)e015 170 10 15 3.2 1.0 680.0 d t520d687m2r5a(1)e040 170 10 40 1.9 0.6 680.0 y t520y687m2r5a(1)e015 170 10 15 3.3 1.0 680.0 y t520y687m2r5a(1)e025 170 10 25 2.5 0.8 1000.0 d t520d108m2r5a(1)e015 250 8 1 5 3.2 1.1 1000.0 d t520d108m2r5a(1)e030 250 10 30 2.2 0.7 1000.0 y t520y108m2r5a(1)e010 250 10 10 4.0 1.3 1000.0 y t520y108m2r5a(1)e015 250 10 15 3.3 1.0 1000.0 y t520y108m2r5a(1)e025 250 10 25 2.5 0.8 1000.0 x t520x108m2r5a(1)e010 250 10 10 4.1 1.3 100.0 b t520b107m003a(1)e025 30 8 2 5 1.8 0.6 100.0 b t520b107m003a(1)e035 30 8 3 5 1.6 0.5 100.0 b t520b107m003a(1)e040 30 8 4 0 1.5 0.5 100.0 b t520b107m003a(1)e070 30 8 7 0 1.1 0.3 150.0 b t520b157m003a(1)e035 45 8 3 5 1.6 0.5 150.0 b t520b157m003a(1)e040 45 8 4 0 1.5 0.5 150.0 b t520b157m003a(1)e070 45 8 7 0 1.1 0.3 330.0 v t520v337m003a(1)e009 99 10 9 3.7 1.2 330.0 v t520v337m003a(1)e012 99 10 12 3.2 1.0 330.0 v t520v337m003a(1)e015 99 10 15 2.9 0.9 330.0 v t520v337m003a(1)e025 99 10 25 2.2 0.7 680.0 d t520d687m003a(1)e015 204 10 15 3.2 1.0 680.0 d t520d687m003a(1)e040 204 10 40 1.9 0.6 1000.0 x t520x108m003a(1)e015 300 10 15 3.3 1.0 1000.0 x t520x108m003a(1)e030 300 10 30 2.3 0.7 15.0 t t520t156m004a(1)e100 6 8 100 0.8 0.3 33.0 a t520a336m004a(1)e070 13 8 7 0 1.0 0.3 33.0 a t520a336m004a(1)e080 13 8 8 0 1.0 0.3 47.0 a t520a476m004a(1)e070 19 8 7 0 1.0 0.3 47.0 a t520a476m004a(1)e080 19 8 8 0 1.0 0.3 47.0 t t520t476m004a(1)e070 19 8 7 0 1.0 0.3 68.0 t t520t686m004a(1)e070 27 8 7 0 1.0 0.3 68.0 b t520b686m004a(1)e035 27 8 3 5 1.6 0.5 68.0 b t520b686m004a(1)e040 27 8 4 0 1.5 0.5 68.0 b t520b686m004a(1)e070 27 8 7 0 1.1 0.3 68.0 u t520u686m004a(1)e055 27 8 5 5 1.3 0.4 100.0 b t520b107m004a(1)e025 40 8 2 5 1.8 0.6 100.0 b t520b107m004a(1)e035 40 8 3 5 1.6 0.5 100.0 b t520b107m004a(1)e040 40 8 4 0 1.5 0.5 100.0 b t520b107m004a(1)e070 40 8 7 0 1.1 0.3 100.0 u t520u107m004a(1)e055 40 8 5 5 1.3 0.4 ripple current arms @ 100 khz max 4 volt rating @ 105c 2 volt rating @ 105c 2.5 volt rating @ 105c capaci- tance f case size 3 volt rating @ 105c df% @ 25c 120 hz max esr m @ 25c 100 khz max kemet part number dc leakage a @ 25c max (1) to complete kemet part number, insert letter designation for lead material from page 50. higher voltage ratings and tighter tolerance product may be susbstituted with the same size as kemet?s option. voltage substitutions will be marked with the higher voltage rating. conductive polmer surface mount
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 conductive polymer chip capacitors t520 series - ko cap conductive polymer surface mount t520 ratings & part number reference product may be subst i tuted w i th i n the same s i ze at kemets opt i on . voltage subst i tut i ons w i ll be marked w i th the h i gher voltage rat i ng . 4 volt rating @ 105c 2 volt rating @ 105c 2.5 volt rating @ 105c (1) to complete kemet part number, insert letter designation for lead material from page 50. higher voltage ratings and tighter tolerance product may be susbstituted with the same size as kemet?s option. voltage substitutions will be marked with the higher voltage rating. w/ t=20c @ -55c to 85c w/ t= 2c @ 105c 150.0 b t520b157m004a(1)e035 60 8 3 5 1.6 0.5 150.0 b t520b157m004a(1)e040 60 8 4 0 1.5 0.5 150.0 b t520b157m004a(1)e070 60 8 7 0 1.1 0.3 150.0 u t520u157m004a(1)e055 60 8 5 5 1.3 0.4 150.0 c t520c157m004a(1)e015 60 8 1 5 2.7 0.9 150.0 c t520c157m004a(1)e025 60 8 2 5 2.1 0.7 150.0 c t520c157m004a(1)e045 60 8 4 5 1.6 0.5 150.0 c t520c157m004a ( 1 ) e10 0 60 8 100 1.0 0.3 150.0 v t520v157m004a ( 1 ) e00 7 60 10 7 4.2 1.3 150.0 v t520v157m004a ( 1 ) e00 9 60 10 9 3.7 1.2 150.0 v t520v157m004a ( 1 ) e01 2 60 10 12 3.2 1.0 150.0 v t520v157m004a ( 1 ) e01 5 60 10 15 2.9 0.9 150.0 v t520v157m004a ( 1 ) e02 5 60 10 25 2.2 0.7 150.0 d t520d157m004a ( 1 ) e00 7 60 10 7 4.6 1.5 220.0 b t520b227m004a ( 1 ) e03 5 88 8 3 5 1.6 0.5 220.0 b t520b227m004a ( 1 ) e04 5 88 8 4 5 1.4 0.4 220.0 b t520b227m004a ( 1 ) e07 0 88 8 7 0 1.1 0.3 220.0 c t520c227m004a ( 1 ) e01 5 88 8 1 5 2.7 0.9 220.0 c t520c227m004a ( 1 ) e01 8 88 8 1 8 2.5 0.8 220.0 c t520c227m004a ( 1 ) e02 5 88 8 2 5 2.1 0.7 220.0 c t520c227m004a ( 1 ) e04 5 88 8 4 5 1.6 0.5 220.0 c t520c227m004a ( 1 ) e05 5 88 8 5 5 1.4 0.4 220.0 w t520w227m004a ( 1 ) e040 88 10 40 1.7 0.5 220.0 v t520v227m004a ( 1 ) e00 7 88 10 7 4.2 1.3 220.0 v t520v227m004a ( 1 ) e00 9 88 10 9 3.7 1.2 220.0 v t520v227m004a ( 1 ) e01 2 88 10 12 3.2 1.0 220.0 v t520v227m004a ( 1 ) e01 5 88 10 15 2.9 0.9 220.0 v t520v227m004a ( 1 ) e01 8 88 10 18 2.6 0.8 220.0 v t520v227m004a ( 1 ) e02 5 88 10 25 2.2 0.7 220.0 v t520v227m004a ( 1 ) e04 0 88 10 40 1.8 0.6 220.0 v t520v227m004a ( 1 ) e04 5 88 10 45 1.7 0.5 220.0 d t520d227m004a ( 1 ) e00 6 88 10 6 5.0 1.7 220.0 d t520d227m004a ( 1 ) e00 7 88 10 7 4.6 1.5 220.0 d t520d227m004a ( 1 ) e01 2 88 10 12 3.5 1.1 220.0 d t520d227m004a ( 1 ) e06 5 88 10 65 1.5 0.5 330.0 c t520c337m004a ( 1 ) e02 5 132 8 2 5 2.0 0.6 330.0 v t520v337m004a ( 1 ) e00 7 132 10 7 4.2 1.3 330.0 v t520v337m004a ( 1 ) e00 9 132 10 9 3.7 1.2 330.0 v t520v337m004a ( 1 ) e01 2 132 10 12 3.2 1.0 330.0 v t520v337m004a ( 1 ) e01 8 132 10 18 2.6 0.8 330.0 v t520v337m004a ( 1 ) e02 5 132 10 25 2.2 0.7 330.0 v t520v337m004a ( 1 ) e04 0 132 10 40 1.8 0.6 330.0 d t520d337m004a ( 1 ) e00 6 132 10 6 5.0 1.7 330.0 d t520d337m004a ( 1 ) e00 7 132 10 7 4.6 1.5 330.0 d t520d337m004a ( 1 ) e00 9 132 10 9 4.1 1.3 330.0 d t520d337m004a ( 1 ) e01 2 132 10 12 3.5 1.1 330.0 d t520d337m004a ( 1 ) e01 5 132 10 15 3.2 1.0 330.0 d t520d337m004a ( 1 ) e04 0 132 10 40 1.9 0.6 330.0 d t520d337m004a ( 1 ) e04 5 132 8 4 5 1.5 0.5 470.0 d t520d477m004a ( 1 ) e01 0 188 10 10 3.9 1.2 470.0 d t520d477m004a ( 1 ) e01 2 188 10 12 3.5 1.1 470.0 d t520d477m004a ( 1 ) e01 5 188 10 15 3.2 1.0 470.0 d t520d477m004a ( 1 ) e01 8 188 10 18 2.9 0.9 470.0 d t520d477m004a ( 1 ) e02 5 188 10 25 2.4 0.8 470.0 d t520d477m004a ( 1 ) e04 0 188 10 40 1.9 0.6 680.0 d t520d687m004a ( 1 ) e01 2 272 10 12 3.5 1.2 680.0 d t520d687m004a ( 1 ) e01 5 272 10 15 3.2 1.1 680.0 d t520d687m004a ( 1 ) e02 5 272 10 25 2.4 0.8 680.0 y t520y687m004a ( 1 ) e01 0 272 10 10 4.0 1.3 680.0 y t520y687m004a ( 1 ) e01 5 272 10 15 3.3 1.0 680.0 y t520y687m004a ( 1 ) e02 5 272 10 25 2.5 0.8 680.0 x t520x687m004a ( 1 ) e01 0 272 10 10 4.1 1.3 680.0 x t520x687m004a ( 1 ) e01 5 272 10 15 3.3 1.0 680.0 x t520x687m004a ( 1 ) e03 5 272 10 35 2.2 0.7 15.0 t t520t156m006a ( 1 ) e10 0 9.5 8 100 0.8 0.3 22.0 a t520a226m006a ( 1 ) e09 0 14 8 9 0 0.9 0.3 22.0 a t520a226m006a ( 1 ) e10 0 14 8 100 0.9 0.3 33.0 a t520a336m006a ( 1 ) e07 0 21 8 7 0 1.0 0.3 33.0 a t520a336m006a ( 1 ) e08 0 21 8 8 0 1.0 0.3 33.0 t t520t336m006a ( 1 ) e07 0 21 8 7 0 0.9 0.4 33.0 b t520b336m006a ( 1 ) e03 5 21 8 3 5 1.5 0.5 33.0 b t520b336m006a ( 1 ) e04 0 21 8 4 0 1.5 0.5 33.0 b t520b336m006a ( 1 ) e07 0 21 8 7 0 1.1 0.3 47.0 t t520t476m006a ( 1 ) e04 0 30 8 4 0 1.3 0.4 47.0 t t520t476m006a ( 1 ) e07 0 30 8 7 0 1.0 0.3 47.0 b t520b476m006a ( 1 ) e03 5 30 8 3 5 1.6 0.5 47.0 b t520b476m006a ( 1 ) e04 0 30 8 4 0 1.5 0.5 47.0 b t520b476m006a ( 1 ) e07 0 30 8 7 0 1.1 0.3 68.0 b t520b686m006a ( 1 ) e02 5 43 8 2 5 1.8 0.6 68.0 b t520b686m006a ( 1 ) e03 5 43 8 3 5 2.4 0.5 68.0 b t520b686m006a ( 1 ) e04 0 43 8 4 0 1.5 0.5 68.0 b t520b686m006a ( 1 ) e07 0 43 8 7 0 1.1 0.3 68.0 u t520u686m006a ( 1 ) e05 5 43 8 5 5 1.3 0.4 100.0 b t520b107m006a ( 1 ) e04 0 63 8 4 0 1.5 0.5 100.0 b t520b107m006a ( 1 ) e04 5 63 8 4 5 1.4 0.4 100.0 b t520b107m006a ( 1 ) e07 0 63 8 7 0 1.1 0.3 100.0 u t520u107m006a ( 1 ) e05 5 63 8 5 5 1.3 0.4 100.0 w t520w107m006a ( 1 ) e040 63 10 40 1.7 0.5 100.0 v t520v107m006a ( 1 ) e00 7 63 10 7 4.2 1.3 100.0 v t520v107m006a ( 1 ) e00 9 63 10 9 3.7 1.2 100.0 v t520v107m006a ( 1 ) e01 2 63 10 12 3.2 1.0 100.0 v t520v107m006a ( 1 ) e01 5 63 10 15 2.9 0.9 100.0 v t520v107m006a ( 1 ) e04 5 63 10 45 1.7 0.5 100.0 c t520c107m006a ( 1 ) e02 5 63 8 2 5 2.1 0.7 100.0 c t520c107m006a ( 1 ) e04 5 63 8 4 5 1.6 0.5 100.0 d t520d107m006a ( 1 ) e00 7 63 10 7 4.6 1.5 120.0 b t520b127m006a ( 1 ) e03 5 76 8 3 5 1.5 0.5 150.0 b t520b157m006a ( 1 ) e03 5 95 8 3 5 1.6 0.5 150.0 b t520b157m006a ( 1 ) e04 5 95 8 4 5 1.4 0.4 150.0 b t520b157m006a ( 1 ) e07 0 95 8 7 0 1.1 0.3 150.0 c t520c157m006a ( 1 ) e02 5 95 8 2 5 2.1 0.7 150.0 c t520c157m006a ( 1 ) e04 5 95 8 4 5 1.6 0.5 150.0 w t520w157m006a ( 1 ) e040 95 10 40 1.7 0.5 150.0 v t520v157m006a ( 1 ) e00 7 95 10 7 4.2 1.3 150.0 v t520v157m006a ( 1 ) e00 9 95 10 9 3.7 1.2 150.0 v t520v157m006a ( 1 ) e01 2 95 10 12 3.2 1.0 150.0 v t520v157m006a ( 1 ) e01 5 95 10 15 2.9 0.9 150.0 v t520v157m006a ( 1 ) e02 5 95 10 25 2.2 0.7 150.0 v t520v157m006a ( 1 ) e04 0 95 10 40 1.8 0.6 150.0 v t520v157m006a ( 1 ) e04 5 95 10 45 1.7 0.5 150.0 d t520d157m006a ( 1 ) e00 6 95 10 6 5.0 1.7 150.0 d t520d157m006a ( 1 ) e00 7 95 10 7 4.6 1.5 150.0 d t520d157m006a ( 1 ) e01 5 95 10 15 3.2 1.0 150.0 d t520d157m006a ( 1 ) e02 5 95 10 25 2.4 0.8 150.0 d t520d157m006a ( 1 ) e05 5 95 10 55 1.7 0.5 220.0 c t520c227m006a ( 1 ) e01 5 139 8 1 5 2.7 0.9 220.0 c t520c227m006a ( 1 ) e01 8 139 8 1 8 2.5 0.8 220.0 c t520c227m006a ( 1 ) e02 5 139 8 2 5 2.0 0.6 220.0 c t520c227m006a ( 1 ) e04 5 139 8 4 5 1.5 0.5 4 volt rating @ 105c cont. df% @ 25c 120 hz max esr m @ 25c 100 khz max ripple current arms @ 100 khz max capaci- tance f case size kemet part number 6.3 volt rating @ 105c dc leakage a @ 25c max
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 conductive polymer chip capacitors t520 series - ko cap t520 ratings & part number reference product may be substituted within the same size at kemets option. voltage substitutions will be marked with the higher voltage rating. 25 volt rating @ 105c 20 volt rating @ 105c 53 w/ t=20c @ -55c to 85c w/ t= 2c @ 105c 220.0 v t520v227m006a ( 1 ) e00 7 139 10 7 4.2 1.3 220.0 v t520v227m006a ( 1 ) e00 9 139 10 9 3.7 1.2 220.0 v t520v227m006a ( 1 ) e01 2 139 10 12 3.2 1.0 220.0 v t520v227m006a ( 1 ) e01 5 139 10 15 2.9 0.9 220.0 v t520v227m006a ( 1 ) e02 5 139 10 25 2.2 0.7 220.0 v t520v227m006a(1)e040 139 10 40 1.8 0.6 220.0 d t520d227m006a ( 1 ) e00 6 139 10 6 5.0 1.7 220.0 d t520d227m006a ( 1 ) e00 7 139 10 7 4.6 1.5 220.0 d t520d227m006a ( 1 ) e00 9 139 10 9 4.1 1.3 220.0 d t520d227m006a ( 1 ) e01 5 139 10 15 3.2 1.0 220.0 d t520d227m006a ( 1 ) e04 0 139 10 40 1.9 0.6 220.0 d t520d227m006a(1)e050 139 10 50 1.7 0.5 330.0 v t520v337m006a ( 1 ) e01 5 208 10 15 2.8 0.9 330.0 v t520v337m006a ( 1 ) e01 8 208 10 18 2.6 0.8 330.0 v t520v337m006a ( 1 ) e02 5 208 10 25 2.2 0.7 330.0 v t520v337m006a ( 1 ) e04 0 208 10 40 1.8 0.6 330.0 v t520v337m006a ( 1 ) e04 5 208 10 45 1.7 0.5 330.0 d t520d337m006a ( 1 ) e00 9 208 10 9 4.1 1.4 330.0 d t520d337m006a ( 1 ) e01 0 208 10 10 3.9 1.2 330.0 d t520d337m006a ( 1 ) e01 5 208 10 15 3.2 1.1 330.0 d t520d337m006a ( 1 ) e01 8 208 10 18 2.9 0.9 330.0 d t520d337m006a ( 1 ) e02 5 208 10 25 2.4 0.8 330.0 d t520d337m006a ( 1 ) e04 0 208 10 40 1.9 0.6 330.0 d t520d337m006a ( 1 ) e04 5 208 10 45 1.8 0.6 330.0 y t520y337m006a ( 1 ) e01 5 208 10 15 3.3 1.0 330.0 y t520y337m006a ( 1 ) e02 5 208 10 25 2.5 0.8 330.0 y t520y337m006a ( 1 ) e04 0 208 10 40 2.0 0.6 470.0 y t520y477m006a ( 1 ) e01 0 296 10 10 4.0 1.3 470.0 y t520y477m006a ( 1 ) e01 5 296 10 15 3.3 1.0 470.0 y t520y477m006a ( 1 ) e01 8 296 10 18 3.0 0.9 470.0 y t520y477m006a ( 1 ) e02 5 296 10 25 2.5 0.8 470.0 y t520y477m006a ( 1 ) e03 5 296 10 35 2.1 0.7 470.0 d t520d477m006a ( 1 ) e02 5 296 10 25 2.4 0.8 470.0 d t520d477m006a ( 1 ) e03 0 296 10 30 2.2 0.7 470.0 x t520x477m006a ( 1 ) e01 0 296 10 10 4.1 1.3 470.0 x t520x477m006a ( 1 ) e01 8 296 10 18 3.0 1.0 470.0 x t520x477m006a ( 1 ) e03 5 296 10 35 2.2 0.7 470.0 x t520x477m006a(1)e040 296 10 40 2.0 0.6 33.0 t t520t336m008a ( 1 ) e07 0 26 8 7 0 1.0 0.3 33.0 t t520t336m008a ( 1 ) e08 0 26 8 8 0 0.9 0.3 33.0 b t520b336m008a ( 1 ) e03 5 26 15 35 1.5 0.5 33.0 b t520b336m008a ( 1 ) e04 0 26 8 4 0 1.5 0.5 33.0 b t520b336m008a ( 1 ) e07 0 26 8 7 0 1.1 0.3 33.0 u t520u336m008a ( 1 ) e07 0 26 8 7 0 1.1 0.4 47.0 b t520b476m008a ( 1 ) e03 5 38 8 3 5 1.6 0.5 47.0 b t520b476m008a ( 1 ) e07 0 38 8 7 0 1.1 0.3 82.0 c t520c826m008a ( 1 ) e02 5 82 8 6 6 2.1 0.6 82.0 c t520c826m008a ( 1 ) e04 5 82 8 6 6 1.5 0.2 150.0 d t520d157m008a ( 1 ) e02 5 120 10 25 2.4 0.8 150.0 d t520d157m008a ( 1 ) e04 0 120 10 40 1.9 0.6 150.0 d t520d157m008a ( 1 ) e05 5 120 10 55 1.7 0.5 150.0 v t520v157m008a(1)e040 120 10 40 3.1 1.0 10.0 a t520a106m010a ( 1 ) e08 0 10 8 8 0 1.0 0.3 15.0 a t520a156m010a ( 1 ) e08 0 15 8 8 0 1.0 0.3 22.0 a t520a226m010a ( 1 ) e08 0 22 8 8 0 0.9 0.3 33.0 t t520t336m010a ( 1 ) e07 0 33 8 7 0 1.0 0.3 33.0 t t520t336m010a ( 1 ) e08 0 33 8 8 0 0.9 0.3 33.0 b t520b336m010a ( 1 ) e03 5 33 8 3 5 1.5 0.5 33.0 b t520b336m010a ( 1 ) e04 0 33 8 4 0 1.5 0.5 33.0 b t520b336m010a ( 1 ) e07 0 33 8 7 0 1.1 0.3 33.0 u t520u336m010a ( 1 ) e07 0 33 8 7 0 1.1 0.4 47.0 b t520b476m010a ( 1 ) e03 5 47 8 3 5 1.6 0.5 47.0 b t520b476m010a ( 1 ) e07 0 47 8 7 0 1.1 0.3 47.0 u t520u476m010a ( 1 ) e05 5 47 8 5 5 1.2 0.4 68.0 w t520w686m010a ( 1 ) e025 68 10 25 2.2 0.7 68.0 w t520w686m010a ( 1 ) e040 68 10 40 1.7 0.5 68.0 c t520c686m010a ( 1 ) e04 5 68 8 4 5 1.6 0.5 68.0 v t520v686m010a ( 1 ) e02 5 68 10 25 2.2 0.7 68.0 v t520v686m010a ( 1 ) e04 0 68 10 40 1.8 0.6 68.0 v t520v686m010a ( 1 ) e04 5 68 10 45 1.7 0.5 68.0 v t520v686m010a ( 1 ) e06 0 68 10 60 1.4 0.5 68.0 v t520v686m010a ( 1 ) e10 0 68 10 100 1.1 0.4 68.0 d t520d686m010a ( 1 ) e10 0 68 10 100 1.2 0.4 100.0 c t520c107m010a ( 1 ) e02 5 100 8 2 5 2.1 0.4 100.0 c t520c107m010a ( 1 ) e04 5 100 8 4 5 1.5 0.5 100.0 w t520w107m010a ( 1 ) e040 100 10 40 1.7 0.5 100.0 v t520v107m010a ( 1 ) e01 8 100 10 18 2.6 0.8 100.0 v t520v107m010a ( 1 ) e02 5 100 10 25 2.2 0.7 100.0 v t520v107m010a ( 1 ) e04 5 100 10 45 1.7 0.5 100.0 v t520v107m010a ( 1 ) e05 0 100 10 50 1.6 0.5 100.0 d t520d107m010a ( 1 ) e01 8 100 10 18 2.9 0.9 100.0 d t520d107m010a ( 1 ) e05 5 100 10 55 1.7 0.5 100.0 d t520d107m010a ( 1 ) e08 0 100 10 80 1.4 0.4 150.0 d t520d157m010a ( 1 ) e02 5 150 10 25 2.4 0.8 150.0 d t520d157m010a ( 1 ) e04 0 150 10 40 1.9 0.6 150.0 d t520d157m010a ( 1 ) e05 5 150 10 55 1.7 0.5 220.0 y t520y227m010a ( 1 ) e04 0 220 10 40 2.0 0.6 220.0 d t520d227m010a ( 1 ) e01 8 220 10 18 2.9 0.9 220.0 d t520d227m010a ( 1 ) e02 5 220 10 25 2.4 0.8 220.0 d t520d227m010a ( 1 ) e04 0 220 10 40 1.9 0.6 330.0 y t520y337m010a ( 1 ) e01 5 330 10 15 3.3 1.0 330.0 y t520y337m010a ( 1 ) e03 5 330 10 35 2.1 0.4 330.0 x t520x337m010a ( 1 ) e01 0 330 10 10 4.1 1.3 330.0 x t520x337m010a ( 1 ) e02 5 330 10 25 2.6 0.8 330.0 x t520x337m010a(1)e040 330 10 40 2.0 0.6 33.0 w t520w336m016a ( 1 ) e045 53 10 60 1.6 0.5 33.0 v t520v336m016a ( 1 ) e04 5 53 10 45 1.7 0.5 33.0 v t520v336m016a ( 1 ) e06 0 53 10 60 1.4 0.5 33.0 v t520v336m016a ( 1 ) e07 0 53 10 70 1.9 0.4 47.0 w t520w476m016a ( 1 ) e045 75 10 45 1.6 0.5 47.0 v t520v476m016a ( 1 ) e04 5 75 10 45 1.7 0.5 47.0 v t520v476m016a ( 1 ) e07 0 76 10 70 1.3 0.4 47.0 d t520d476m016a ( 1 ) e03 5 75 10 35 2.1 0.7 47.0 d t520d476m016a ( 1 ) e07 0 75 10 70 1.5 0.5 68.0 d t520d686m016a ( 1 ) e05 0 109 10 50 1.7 0.5 150.0 x t520x157m016a(1)e040 240 10 40 2.6 0.8 22.0 v t520v226m020a ( 1 ) e04 0 44 10 40 1.8 0.6 22.0 v t520v226m020a ( 1 ) e04 5 44 10 45 1.6 0.2 22.0 v t520v226m020a(1)e090 44 10 90 1.2 0.4 15.0 d t520d156m025a ( 1 ) e06 0 38 10 60 1.6 0.5 15.0 d t520d156m025a ( 1 ) e08 0 38 10 80 1.4 0.4 6.3 volt rating @ 105c capaci- tance f case size kemet part number dc leakage a @ 25c max 6.3 volt rating @ 105c cont. 16 volt rating @ 105c 10 volt rating @ 105c 8 volt rating @ 105c df% @ 25c 120 hz max esr m @ 25c 100 khz max ripple current arms @ 100 khz max 25 volt rating @ 105c 20 volt rating @ 105c (1) to complete kemet part number, insert letter designation for lead material from page 50. higher voltage ratings and tighter tolerance product may be susbstituted with the same size as kemet?s option. voltage substitutions will be marked with the higher voltage rating. conductive polmer surface mount
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 tape & reel packaging kemets molded tantalum and aluminum chip capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with eia standard 481-1: taping of surface mount components for automatic handling. this packaging system is compatible with all tape fed automatic pick and place systems. right hand orientation only (+) (C) embossed carrier embossment top tape thickness .10mm (.004") max thickness 8mm .30 (.315 .012") or 12mm .30 (.472 .012") 178mm (7.00") or 330mm (13.00") 8mm (0.315") or 12mm (0.472") 180mm (7.0") or 330mm (13.0") quantities packaged per reel case code tape kemet eia width-mm 7" reel* 13" reel* r 2012-12 8 2,500 10,000 s 3216-12 8 2,500 10,000 t 3528-12 8 2,500 10,000 u 6032-15 12 1,000 5,000 w 7343-15 12 1,000 3,000 v 7343-20 12 1,000 3,000 a 3216-18 8 2,000 9,000 b 3528-21 8 2,000 8,000 c 6032-28 12 500 3,000 d 7343-31 12 500 2,500 y 7343-40 12 500 2,000 x 7343-43 12 500 2,000 e 7260-38 12 500 2,000 * no c-spec required for 7" reel packaging. c-7280 required for 13" reel packaging. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia-556. tantalum and aluminum chip capacitors packaging information packaging * standard reel packaging is not mandatory . * bulk packaging also available using c-7610 . 92
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 newton to 1.0 newton (10g to 100g) 12 mm 0.1 newton to 1.3 newton (10g to 130g) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. reel sizes: molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with c-7280). note that 13 reels are preferred. 4. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia-556. embossed carrier tape configuration: figure 1 notes 1. b1 dimension is a reference dimension for tape feeder clearance only. 2. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 3. tape with components shall pass around radius r without damage (see sketch a). the minimum trailer length (fig. 2) may require additional length to provide r min. for 12 mm embossed tape for reels with hub diameters approaching n min. (table 2) 4. the cavity defined by a 0 , b 0 , and k 0 shall be configured to surround the part with sufficient clearance such that the chip does not pro- trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mecha nical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restric ted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.) table 1 embossed tape dimensions (metric will govern) constant dimensions millimeters (inches) tape size d 0 ep 0 p 2 t max t 1 max 8 mm 1.5 1.75 0.10 4.0 0.10 2.0 0.05 0.600 0.100 and +0.10 -0.0 12 mm (0.059 (0.069 0.004) (0.157 0.004) (0.079 0.002) (0.024) (0.004) +0.004, -0.0) variable dimensions millimeters (inches) tape size pitch b 1 max. d 1 min. f p 1 r min. t 2 max w a 0 b 0 k 0 note 1 note 2 note 3 note 4 8 mm single 4.4 1.0 3.5 0.05 4.0 0.10 25.0 2.5 8.0 0.30 (4 mm) (0.173) (0.039) (0.138 0.002) (0.157 0.004) (0.984) (0.098) (.315 0.012) 12 mm double 8.2 1.5 5.5 0.05 8.0 0.10 30.0 4.6 12.0 0.30 (8 mm) (0.323) (0.059) (0.217 0.002) (0.315 0.004) (1.181) (0.181) (0.472 0.012) tantalum, ceramic and aluminum chip capacitors packaging information 94
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 embossed carrier tape configuration (cont.) sketch d: tape camber (top view) allowable camber to be 1 mm/250 mm. 250mm (9.843) 1mm (0.039) max. 1mm (0.039) max. table 2 C reel dimensions (metric will govern) figure 3: reel dimensions (metric dimensions will govern) tape size a max b* min c d* min n min w 1 w 2 max w 3 8 mm 330.0 1.5 13.0 0.20 20.2 50.0 8.4 14.4 7.9 min (12.992) (0.059) (0.512 0.008) (0.795) (1.969) +1.5, -0.0 (0.567) (0.311) see (0.331 10.9 max note 3 +0.059, -0.0) (0.429) 12 mm 330.0 1.5 13.0 0.20 20.2 table 1 12.4 18.4 11.9 min (12.992) (0.059) (0.512 0.008) (0.795) +2.0, -0.0 (0.724) (0.469) (0.488 15.4 max +0.078, -0.0) (0.606) tantalum, ceramic and aluminum chip capacitors packaging information figure 2: tape leader & trailer dimensions (metric dimensions will govern) 400mm (15.75) min. 20 95 packaging


▲Up To Search▲   

 
Price & Availability of T520D157MR5AHE015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X