Part Number Hot Search : 
P0402 2SB1558 05738 50PI18 30500 CAPA800 MBRF2010 B3913
Product Description
Full Text Search
 

To Download STB80PF5510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  august 2010 doc id 8177 rev 6 1/16 16 stb80pf55 stp80pf55 p-channel 55 v, 0.016 ? , 80 a to-220, d 2 pa k stripfet tm ii power mosfet features extremely dv/dt capability 100% avalanche tested application oriented characterization application switching applications description these power mosfets are the latest development of stmicroelectronics unique "single feature size" strip-based process. the resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps allowing remarkable manufacturing reproducibility. figure 1. internal schematic diagram type v dss r ds(on) i d stp80pf55 55v <0.018 ? 80a stb80pf55 55v <0.018 ? 80a to-220 1 3 d 2 pak 1 2 3 table 1. device summary order code marking package packaging stp80pf55 p80pf55 to-220 tube stb80pf55 b80pf55 d 2 pa k tape and reel www.st.com
contents stb80pf55, stp80pf55 2/16 doc id 8177 rev 6 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
stb80pf55, stp80pf55 electrical ratings doc id 8177 rev 6 3/16 1 electrical ratings note: for the p-channel mosfet actual polarity of voltages and current has to be reversed table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 55 v v gs gate-source voltage 16 v i d (1) 1. current limited by package. drain current (continuous) at t c = 25c 80 a i d drain current (continuous) at t c = 100c 57 a i dm (2) 2. pulse width limited by safe operating area . drain current (pulsed) 320 a p tot total dissipation at t c = 25c 300 w derating factor 2 w/c dv/dt (3) 3. i sd < 40a, di/dt < 300 a/s, v dd =80% v (br)dss. peak diode recovery voltage slope 7 v/ns e as (4) 4. starting tj=25c, i d =80a, v dd =40v. single pulse avalanche energy 1.4 j t j t stg operating junction temperature storage temperature -55 to 175 c table 3. thermal data symbol parameter value unit r thj-case thermal resistance junction-case max 0.5 c/w r thj-a thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c
electrical characteristics stb80pf55, stp80pf55 4/16 doc id 8177 rev 6 2 electrical characteristics (t case =25c unless otherwise specified) table 4. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 ma, v gs = 0 55 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating, t c =125 c 1 10 a a i gss gate-body leakage current (v ds = 0) v gs = 16 v 10 a v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2 3 4 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 40 a 0.016 0.018 ? table 5. dynamic symbol parameter test conditions min. typ. max. unit g fs forward transconductance v ds > i d(on) x r ds(on)max, i d = 40 a -32 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v, f = 1mhz, v gs = 0 - 5500 1130 600 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge i d = 25 a, v dd = 80 v, v gs = 10 v (see figure 15) - 190 27 65 258 nc nc nc table 6. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd =25 v, i d =40 a, r g =4.7 ?, v gs =10 v (see figure 14) - 35 190 - ns ns t d(off) t f turn-off delay time fall time v dd =25 v, i d =40 a, r g =4.7 ?, v gs =10 v (see figure 14) - 165 80 - ns ns t r(voff) t f t c off-voltage rise time fall time cross-over time v clamp =40 v, i d =80 a, r g =4.7 ?, v gs =10 v (see figure 14) - 60 40 85 - ns ns ns
stb80pf55, stp80pf55 electrical characteristics doc id 8177 rev 6 5/16 note: for the p-channel mosfet actual polarity of voltages and current has to be reversed table 7. source drain diode symbol parameter test cond ictions min.typ.max.unit i sd i sdm (1) 1. pulse width limited by tjmax . source-drain current source-drain current (pulsed) - 10 40 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5 %. forward on voltage i sd = 80 a, v gs = 0 - 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 80 a, di/dt = 100 a/s v dd = 25 v, t j =150 c - 110 495 9 ns c a
electrical characteristics stb80pf55, stp80pf55 6/16 doc id 8177 rev 6 2.1 electrical characteristics (curves) figure 2. safe operating area for to-220 and d 2 pak figure 3. thermal impedance for to-220 and d 2 pa k figure 4. output characterisics figure 5. transfer characteristics figure 6. transconductance figure 7. static drain-source on resistance
stb80pf55, stp80pf55 electrical characteristics doc id 8177 rev 6 7/16 figure 8. gate charge vs gate-source voltage figure 9. capacitance variations figure 10. normalized gate threshold voltage vs temperature figure 11. normalized on resistance vs temperature figure 12. source-drain diode forward characteristics figure 13. normalized b v dss vs temperature
test circuits stb80pf55, stp80pf55 8/16 doc id 8177 rev 6 3 test circuits figure 14. switching times test circuit for resistive load figure 15. gate charge test circuit figure 16. test circuit for inductive load switching and diode recovery times
stb80pf55, stp80pf55 package mechanical data doc id 8177 rev 6 9/16 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark.
package mechanical data stb80pf55, stp80pf55 10/16 doc id 8177 rev 6 table 8. d 2 pak mechanical data dim mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 a1 0.03 0.23 0.001 0.009 b 0.70 0.93 0.027 0.037 b2 1.14 1.70 0.045 0.067 c 0.45 0.60 0.017 0.024 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 7.50 0.295 e 10 10.40 0.394 0.409 e1 8.50 0.334 e 2.54 0.1 e1 4.88 5.28 0.192 0.208 h 15 15.85 0.590 0.624 j1 2.49 2.69 0.099 0.106 l 2.29 2.79 0.090 0.110 l1 1.27 1.40 0.05 0.055 l2 1.30 1.75 0.051 0.069 r 0.4 0.016 v2 0 8 0 8
stb80pf55, stp80pf55 package mechanical data doc id 8177 rev 6 11/16 figure 17. d 2 pak drawing 0079457_o
package mechanical data stb80pf55, stp80pf55 12/16 doc id 8177 rev 6 table 9. to-220 mechanical data dim mm min. typ. max. a 4.40 4.60 b 0.61 0.88 b1 1.14 1.70 c 0.48 0.70 d 15.25 15.75 d1 1.27 e 10 10.40 e 2.40 2.70 e1 4.95 5.15 f 1.23 1.32 h1 6.20 6.60 j1 2.40 2.72 l13 14 l1 3.50 3.93 l20 16.40 l30 28.90 ? p 3.75 3.85 q 2.65 2.95
stb80pf55, stp80pf55 package mechanical data doc id 8177 rev 6 13/16 figure 18. to-220 drawing
packaging mechanical data stb80pf55, stp80pf55 14/16 doc id 8177 rev 6 5 packaging mechanical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
stb80pf55, stp80pf55 revision history doc id 8177 rev 6 15/16 6 revision history table 10. document revision history date revision changes 09-sep-2004 4 revalidation 12-sep-2006 5 new template, d 2 pak added 09-aug-2010 6 content reworked to improve readability, no technical changes.
stb80pf55, stp80pf55 16/16 doc id 8177 rev 6 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STB80PF5510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X