Part Number Hot Search : 
84C011 IRPT1059 2W2K7 NCP4201 74F5300 45330 SMF33AG 74LS47D
Product Description
Full Text Search
 

To Download SLA5090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  109 characteristic curves SLA5090 external dimensions a sla (12-pin) n-channel general purpose (t a =25 c) symbol ratings unit v dss 100 v v gss 20 v i d 4a i d( pulse ) 8 ( pw 1ms, duty 1% )a e as * 15 mj 5 ( ta=25 c, with all circuits operating, without heatsink ) w 35 ( tc=25 c, with all circuits operating, with infinite heatsink ) j-a 25 ( junction-air, ta=25 c, with all circuits operating ) c/w j-c 3.57 ( junction-case, tc=25 c, with all circuits operating ) c/w v iso 1000 ( between fin and lead pin, ac ) vrms tch 150 c tstg 40 to +150 c p t  equivalent circuit diagram absolute maximum ratings electrical characteristics (t a =25 c) symbol unit conditions v (br)dss 100 v i d =250 a, v gs =0v i gss 500 na v gs = 20v i dss 250 av ds =100v, v gs =0v v th 2.0 4.0 v v ds =10v, i d =250 a re ( yfs ) 1.0 1.5 s v ds =10v, i d =2a r ds(on) 0.5 0.6 ? v gs =10v, i d =2a ciss 180 pf v ds =25v, f=1.0mhz, coss 82 pf v gs =0v td ( on ) 15 ns i d =2a, v dd 50v, t r 20 ns r l =25 ? , td (off) 30 ns v gs =10v, t f 10 ns see fig. 3 on page 16. v sd 1.1 1.5 v i sd =4a, v gs =0v t rr 250 ns i sd = 100ma specification min typ max * : v dd =20v, l=1mh, i d =5a, unclamped, r g =50 ? , see fig. e on page 15. 1 2 3 5 4 6 8 9 7 12 11 10


▲Up To Search▲   

 
Price & Availability of SLA5090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X