Part Number Hot Search : 
NJM2286D A118006 FU9024 DFLZ30 MA08611 LS424 2N264 G13JPF
Product Description
Full Text Search
 

To Download SK35A-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sk32a-lfr thru sk310a-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 3a surface mount schottky barrier rectifiers sk32a-lfr thru sk310a-lfr features z for surface mounted applications z low profile package z built-in strain relief z easy pick and place z plastic material used carries underwriters laboratory classification 94 v-0 z extremely low vf z majority carrier conduction z high temperature soldering: 250 c /10 seconds at terminals z rohs mechanical data z case: thin sma, dimensions in inches and (millimeters) z terminals: solder plated z polarity: indicated by cathode band z weight: 0.05 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% ratings symbol sk32a-lf r sk33a-lf r sk34a-lf r sk35a-lf r sk36a-lf r sk38a-lf r sk310a-lf r units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 80 100 v maximum rms voltage v rms 14 21 28 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 v maximum average forward rectified current see fig.1 i o 3.0 a maximum overload surge 8.3ms single half sine-wave i fsm 80 a storage temperature range t stg -55 to + 150 operating temperature range t op -55 to + 125 -55 to + 150 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol sk32a-lf r sk33a-lf r sk34a-lf r sk35a-lf r sk36a-lf r sk38a-lf r sk310a-lf r units maximum forward voltage at 3.0a ac and 25 v f 0.55 0.70 0.85 v maximum reverse current at 25 i r 0.5 ma marking sk32 or ss32 sk33 or ss33 sk34 or ss34 sk35 or ss35 sk36 or ss36 sk38 or ss38 k310 or s310 .165(4.2) .150(3.8) .189(4.8) .165(4.2) .04(1.0) typ .110(2.8) .087(2.2) cathode .071(1.8) .055(1.4) .012(0.3) typ .220(5.58) ref .052(1.32) min .08(2.03) min soldering pad .094(2.38) max
sk32a-lfr thru sk310a-lfr page: 2 ratings and characteristic curve sk32a-lfr thru sk310a-lfr fig. 3a - typical reverse characteristics 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t j =125 t j =75 t j =25 sk32a-lf~ sk34a-lf 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) fig. 2 - typical instantaneous forward characteristics 20 10 1.0 0.1 instantaneous forward current amperes .1 .3 .5 .7 .9 1.1 1.3 1.5 1.7 1.9 2.1 instantaneous forward voltage, volts t j =25 pulse width=300us 1% duty cycle sk32a-lf~sk34a-lf sk35a-lf~sk310a-lf fig. 1 - forward current derating curve 3.0 2.25 1.5 0.75 0 average forward current amperes 0 25 50 75 100 125 150 175 single phase half wave 60h z resistive or inductive load lead temperature, p.c.b mounted on 0.30.3?(8.08.0mm) copper pad areas sk32a-lf~sk35a-lf sk36a-lf ~sk310a-lf t j =150 t j = 75


▲Up To Search▲   

 
Price & Availability of SK35A-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X