vishay siliconix SIS334DN document number: 63371 s11-1659-rev. a, 15-aug-11 www.vishay.com 1 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 n-channel 30 v (d-s) mosfet features ? halogen-free according to iec 61249-2-21 definition ? trenchfet ? power mosfet ? 100 % r g and uis tested ? compliant to rohs directive 2002/95/ec applications ? notebook/pol - synchronous buck - high side notes: a. package limited. b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. d. see solder profile ( www.vishay.com/ppg?73257 ). the powerpak 1212-8 is a leadless package. the end of the lead terminal is exposed copper (not plated) as a result of the si ngulation process in manufacturing. a solder fillet at the exposed copper tip cannot b e guaranteed and is not required to ensure adequat e bottom side solder interconnection. e. rework conditions: manual soldering with a sol dering iron is not recommended for leadless components. f. maximum under steady state conditions is 81 c/w. product summary v ds (v) r ds(on) ( ? ) max. i d (a) a q g (typ.) 30 0.0113 at v gs = 10 v 20 5.1 nc 0.0146 at v gs = 4.5 v 20 ordering information: SIS334DN-t1-ge3 (lead (pb)-free and halogen-free) 1 2 3 4 5 6 7 8 s s s g d d d d 3.30 mm 3.30 mm powerpak ? 1212-8 bottom view n -channel mosfet g d s absolute maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 30 v gate-source voltage v gs 20 continuous drain current (t j = 150 c) t c = 25 c i d 20 a a t c = 70 c 20 a t a = 25 c 13.6 b, c t a = 70 c 10.8 b, c pulsed drain current (t = 300 s) i dm 50 avalanche current l = 0.1 mh i as 15 avalanche energy e as 11.25 mj continuous source-drain diode current t c = 25 c i s 20 a a t a = 25 c 3.4 b, c maximum power dissipation t c = 25 c p d 50 w t c = 70 c 32 t a = 25 c 3.8 b, c t a = 70 c 2.4 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) d, e 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient b, f t ? 10 s r thja 27 33 c/w maximum junction-to-case (drain) steady state r thjc 22.5
www.vishay.com 2 document number: 63371 s11-1659-rev. a, 15-aug-11 vishay siliconix SIS334DN this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes: a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 30 v v ds temperature coefficient ? v ds /t j i d = 250 a 26 mv/c v gs(th) temperature coefficient ? v gs(th) /t j - 4.5 gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 1.2 2.4 v gate-source leakage i gss v ds = 0 v, v gs = 20 v 100 na zero gate voltage drain current i dss v ds = 30 v, v gs = 0 v 1 a v ds = 30 v, v gs = 0 v, t j = 55 c 5 on-state drain current a i d(on) v ds ?? 5 v, v gs = 10 v 30 a drain-source on-state resistance a r ds(on) v gs ?? 10 v, i d = 10 a 0.0094 0.0113 ? v gs ?? 4.5 v, i d = 7 a 0.0122 0.0146 forward transconductance a g fs v ds = 15 v, i d = 10 a 38 s dynamic b input capacitance c iss v ds = 15 v, v gs = 0 v, f = 1 mhz 640 pf output capacitance c oss 185 reverse transfer capacitance c rss 95 total gate charge q g v ds = 15 v, v gs = 10 v, i d = 10 a 11.7 18 nc v ds = 10 v, v gs = 4.5 v, i d = 10 a 5.1 8 gate-source charge q gs 1.7 gate-drain charge q gd 1.5 gate resistance r g f = 1 mhz 0.4 1.5 3.0 ? tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 1.5 ? i d ? 10 a, v gen = 4.5 v, r g = 1 ? 15 30 ns rise time t r 13 26 turn-off delay time t d(off) 14 28 fall time t f 10 20 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 1.5 ? i d ? 10 a, v gen = 10 v, r g = 1 ? 918 rise time t r 10 20 turn-off delay time t d(off) 15 30 fall time t f 816 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c 20 a pulse diode forward current a i sm 50 body diode voltage v sd i s = 3 a, v gs ?? 0 v 0.76 1.1 v body diode reverse recovery time t rr i f = 5 a, di/dt = 100 a/s, t j = 25 c 15 30 ns body diode reverse recovery charge q rr 612nc reverse recovery fall time t a 8 ns reverse recovery rise time t b 7
document number: 63371 s11-1659-rev. a, 15-aug-11 www.vishay.com 3 vishay siliconix SIS334DN this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (25 c, unless otherwise noted) output characteristics on-resistance vs. drain current gate charge 0 10 20 30 40 50 0.0 0.5 1.0 1.5 2.0 2.5 i d - drain current (a) v ds - drain-to-source voltage (v) v gs = 2 v v gs = 10 v thru 4 v v gs = 3 v 0.005 0.009 0.013 0.017 0.021 0.025 0 10 20 30 40 50 r ds(on) - on-resistance () i d - drain current (a) v gs = 4.5 v v gs = 10 v 0 2 4 6 8 10 0 2 4 6 8 10 12 v gs - gate-to-source voltage (v) q g - total gate charge (nc) v ds = 15 v v ds = 20 v v ds = 10 v i d = 10 a transfer characteristics capacitance on-resistance vs. junction temperature 0 2 4 6 8 10 0 1 2 3 4 5 i d - drain current (a) v gs - gate-to-source voltage (v) t c = 25 c t c = 125 c t c = - 55 c 0 180 360 540 720 900 0 6 12 18 24 30 c - capacitance (pf) v ds - drain-to-source voltage (v) c iss c oss c rss 0.7 0.9 1.1 1.3 1.5 1.7 -50-250 255075100125150 r ds(on) - on-resistance (normalized) t j - junction temperature ( c) i d = 10 a v gs = 10 v v gs = 4.5 v
www.vishay.com 4 document number: 63371 s11-1659-rev. a, 15-aug-11 vishay siliconix SIS334DN this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (25 c, unless otherwise noted) source-drain diode forward voltage threshold voltage 0.001 0.01 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s - source current (a) v sd - source-to-drain voltage (v) t j = 150 c t j = 25 c -0.8 -0.6 -0.4 -0.2 0.2 0 0.4 -50-250 255075100125150 v gs(th) - variance (v) t j -temperature ( c) i d = 250 a i d = 5 ma on-resistance vs. gate-to-source voltage single pulse power (junction-to-ambient) 0.00 0.01 0.02 0.03 0.04 0.05 0246810 r ds(on) - on-resistance () v gs - gate-to-source voltage (v) t j = 125 c t j = 25 c i d = 10 a 0 10 20 30 40 50 0.01 0.1 1 10 100 1000 power (w) time ( s ) safe operating area, junction-to-ambient 0.01 0.1 1 10 100 0.01 0.1 1 10 100 i d - drain current (a) v ds - drain-to-source voltage (v) * v gs > minimum v gs at which r ds(on) is specied 100 s 100 ms limited by r ds(on) * 1 ms i dm limited t c = 25 c single pulse bvdss limited 10 ms 10 s 1 s dc i d limited
document number: 63371 s11-1659-rev. a, 15-aug-11 www.vishay.com 5 vishay siliconix SIS334DN this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (25 c, unless otherwise noted) * the power dissipation p d is based on t j(max) = 150 c, using junction-to-case thermal resi stance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determ ine the current rating, when this rating falls below the package limit. current derating* 0 10 20 30 40 50 60 0 25 50 75 100 125 150 i d - drain current (a) t c - case temperature ( c) limited by package power junction-to-ambient 0.0 0.4 0.8 1.2 1.6 2.0 0255075100125150 power (w) t a - ambient temperature ( c) power junction-to-case 0 13 26 39 52 65 0 255075100125150 power (w) t c - case temperature ( c)
www.vishay.com 6 document number: 63371 s11-1659-rev. a, 15-aug-11 vishay siliconix SIS334DN this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (25 c, unless otherwise noted) vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?63371 . normalized thermal transient im pedance, junction-to-ambient 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized effective tran s ient thermal impedance s quare wave pul s e duration ( s ) duty cycle = 0.5 0.2 0.1 0.05 0.02 s ingle pul s e 1. duty cycle, d = 2. per unit base = r thja = 81 c/w 3. t jm - t a = p dm z thja (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm normalized thermal transient impedance, junction-to-case 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 normalized effective tran s ient thermal impedance s quare wave pul s e duration ( s ) duty cycle = 0.5 0.2 0.1 0.05 0.02 s ingle pul s e
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.
|