Part Number Hot Search : 
AOD4130 FR204 220224B HT6513 14D911K ONDUC 14D911K 14150
Product Description
Full Text Search
 

To Download SD-91009-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0910091016 status: active overview: junction_box_io_connectors description: junction box, iso, right angle, clinch, gateway pin, direct grounding, without fuse documents: 3d model product specification ps-99020-0076 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 91009 application wire-to-board comments clinch, direct grounding, gateway pin, without fuse overview junction_box_io_connectors product name junction box physical breakaway no circuits (loaded) 36 circuits (maximum) 36 circuits detail spade 36 color - resin black durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass, phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 7 orientation right angle pc tail length (in) 0.125 in pc tail length (mm) 3.20 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.148 in, 0.197 in pitch - mating interface (mm) 3.75 mm, 5.00 mm plating min: mating (in) 120 plating min: mating (m) 3 plating min: termination (in) 120 plating min: termination (m) 3 polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +85c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 91009 series
current - maximum per contact 10a voltage - maximum 12v solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers product specification ps-99020-0076 sales drawing SD-91009-001 this document was generated on 05/26/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of SD-91009-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X