Part Number Hot Search : 
T6250430 74HC541 45A10501 PE175BF AT25C32 RA877 CAT5114 T6816
Product Description
Full Text Search
 

To Download PFA1212200D108MCDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653pfavol08e0912e1 vol. 08 new high speed decoupling device proadlizer ? pf/a series dimensions [mm] positive electrode positive electrode negative electrode w2 z1 z2 p1 p2 l w1 h ++ gnd 0e 128 mm case code f25 f20 121220 w1 12.1 0.2 12.1 0.2 12.0 0.2 w2 11.9 0.2 11.9 0.2 11.9 0.2 z1 1.0 0.2 1.0 0.2 0.9 0.2 z2 1.2 0.2 1.2 0.2 0.8 0.2 p1 8.0 0.2 8.0 0.2 5.1 0.2 p2 13.0 0.2 13.0 0.2 8.7 0.2 h 2.5max 2.0max 2.0max l 16.7 0.2 16.7 0.2 12.0 0.2 l lnd pen etative case code f25, f20 1212 a1 1.6 1.6 a2 1.8 1.8 b1 14.2 14.2 c1 16.4 11.9 c2 13.2 8.7 c3 10.2 6.7 c4 6.6 3.1 mm b1 a1 a2 c1 c2 c3 c4 features ? excellent noise absorption performance at ghz frequency ? extreme low esl and high current capability ? high capacitance and very low esr based on our conductive polymer technology ? distributed capacitance architecture and transmission-line structure application ? high speed and high power cpu and gbps backplane decoupling ? emi solution for 10 mhz range or above ? high switching frequency dc/dc converter output capacitor note (reference) .pvoujoh qmbof #bdltvsgbdf 7 pvu 1spbemj[fs 7dd-bzfs (/%-bzfs 7jo 7pvu 1spbemj[fs 7jo fy y'jmufsdjsdvjueftjho fyy%fdpvqmjohdjsdvjueftjho ex.1 an effecting ? ltering performance can be achieved by separating input and output in the vcc layer. ex.2 an effective decoupling performance can be achieved by not separating vcc layer. this method also makes surface mounting of loads(cpu etc.) ef? cient. proadlizer ? pf/a series performance (reference)             'sfrvfodz .)[
4 e#
"uufovbujpo4 gsfrvfodzdibsbdufsjtujdt 1'"'&. 1mpbemj[fsbmpof
?"mmtqfdjgjdbujpotjouijtdbubmphboeqspevdujpotubuvtpgqs pevdutbsftvckfduupdibohfxjuipvuopujdf1sjpsupuifqvsdi btf qmfbtfdpoubdu/&$50,*/gpsvqebufeqspevduebub ?1mfbtfsfrvftugpsbtqfdjgjdbujpotiffugpsefubjmfeqspevdu ebubqsjpsupuifqvsdibtf ?#fgpsfvtjohuifqspevdujouijtdbubmph qmfbtfsfbe1sfdbvu jpotboepuifstbgfuzqsfdbvujpotmjtufejouifqsjoufewfstjp odbubmph 9653pfavol08e0912e1 1 no test item operating temperature rated voltage capacitance capacitance tolerance dc leakage current dissipation factor (df) surge voltage temperature stability temperature cycling resistance to soldering heat damp heat endurance capacitance change: within 20% of initial specification. lc: lower than initial specification. df: lower than 2 times initial specification. esr: lower than 2 times initial specification. capacitance change: within 20% of initial specification. lc: lower than initial specification. df: lower than 2 times initial specification. esr: lower than 2 times initial specification. capacitance change: within 20% of initial specification. lc: lower than initial specification. df: lower than initial specification. esr: lower than initial specification. capacitance: within +30% to C20% of initial specification. lc: lower than initial specification. df: lower than 2 times initial specification. esr: lower than 2 times initial specification. capacitance change: within 20% of initial specification. lc: lower than initial specification. df: lower than 2 times initial specification. esr: lower than 2 times initial specification. C55 c to 105 c 5cycles C55 c to +105 c 2.0v, 2.5v 900 f~2400 f m: 20% refer rating table refer rating table capacitance: same as no.3 lc: same as no.5 df: same as no.6 esr: same as no.7 applied 115% of rating voltage at 105 c 1000cycles applied rating voltage, 5min at 120hz at 120hz reflow soldering 240 c, 10sec. peak 40 c, 90 to 95%rh duration is 500hr 105 c, applied rating voltage duration is 1000hr *esr: preliminary specification performance test condition 2 3 4 5 6 esr* refer rating table at 100khz 7 8 9 10 11 12 13 at C55 c at +105 c within 0% to C20% lower than initial specification. lower than 10 times initial specification. lower than initial specification. lower than 1.5 times initial specification. lower than initial specification. lower than 1.5 times initial specification. within +50% to 0% capacitance change lc tan esr performance proadlizer ? pf/a series ratings (initial speci? cation) marking rated voltage capacitance 0e 128 part number system pfa f25 0e 128 m ? ?  ? ? characteristic code (2 digits) capacitance tolerance (m: 20%) capacitance (128=1200  f) first two digits represent significant figures. third digit specifies number of zeros to follow. rated voltage (0d: 2.0v, 0e: 2.5v) case code pf/a series tape & reel carrier  te or c: 330 << 9653pfavol08e0912e1 printed in japan http://www.nec-tokin.com http://www.nec-tokin.com ? the names of the products and the specifications in this catalog are subject to change without notice for the sake of improve ment. the manufacturer also reserves the right to discontinue any of these products. at the time of delivery, please ask for specifications sheets to check the contents in order to use the product s properly and safely. ? descriptions in this catalog regarding product characteristics and quality are based solely on discrete components. when usin g these components, be sure to check the specifications with the component in question mounted on the products. ? the manufacturers warranty will not cover any disadvantage or damage caused by improper use of the products that deviates fr om the characteristics, specifications, or conditions for use described in this catalog. ? the products in this catalog are intended for use in ordinary electronic products. if any of these products are to be used in special applications requiring extremely high reliability, such as in aviation equipment and nuclear power controllers where product defects might pose a safety risk, please consult your nec tokin sales rep resentatives. ? though the manufacturer has taken all possible precautions to ensure the quality and reliability of its products, improper us e of products may result in bodily injury, fire, or similar accident. if you have any questions regarding the use of the products in question, please consult your nec tokin sales representatives. ? please be advised that the manufacturer accepts no responsibility for any infraction by users of the manufacturers products on third party patents or industrial copyrights. the manufacturer is responsible only when such infractions are attributable to the structural design of the product and its manufacturing process. ? export control for customers outside japan nec tokin products should not be used or sold for use in the development, production, stockpiling or utilization of any convent ional weapons or mass-destructive weapons(nuclear weapons, chemical or biological weapons, or missiles), or any other weapons. for customers in japan for products which are controlled items subject to the, foreign exchange and foreign trade law of japan, the export license s pecified by the law is required for export. ? this catalog is current as of october 2009. precautions 2nd sales unit chiyoda first bldg., 8-1, nishi-kanda 3-chome,chiyoda-ku, tokyo 101-8362, japan 1st overseas sales dept. phone: 81-3-3515-9222 fax: 81-3-3515-9223 2nd overseas sales dept. phone: 81-3-3515-9224 fax: 81-3-3515-9223 3rd overseas sales dept. phone: 81-3-3515-9228 fax: 81-3-3515-9223 nec tokin korea co., ltd. 518, korea city air-terminal b/d, 159-6,samsung-dong, kangnam-gu, seoul 135-728, korea phone: 82-2-551-3651 fax: 82-2-551-3650 nec tokin america inc. (headquarters & western area sales) 2460 north first street, suite 220, san jose,california 95131, u.s.a. phone: 1-408-324-1790 fax: 1-408-324-1497 chicago branch (northeast sales of?ce) 1600 golf road, corporate center-suite 1228,rolling meadows, illinois 60008 u.s.a. phone: 1-847-981-5047 fax: 1-847-981-5051 austin branch (southeast sales of?ce) 11782 jollyville road, suite 208, austin, texas 78759, u.s.a. phone: 1-512-219-4040 fax: 1-512-219-4007 nec tokin hong kong ltd. nec tokin shanghai co.,ltd. room 301-302, metro plaza, no.555 loushanguan road, changning district, shanghai, china 200051 phone: 86-21-6228-0606 fax: 86-21-6228-6862 nec tokin singapore pte ltd. 180 cecil street, #14-02/03 bangkok bank building, singapore 069546 phone: 65-6223-7076 fax: 65-6223-6093 nec tokin taiwan co., ltd. room 411, no.9, lane 3, minsheng w.road, taipei 104, taiwan phone: 886-2-2521-3998 fax: 886-2-2521-3993 nec tokin europe gmbh hellersbergstrasse 14, d-41460 neuss, germany phone: 49-2131-1866-0 fax: 49-2131-1866-18 munich of?ce sigmund-rie?er-bogen 8, d-81829 muenchen, germany phone: 49-89-944-197-0 fax: 49-89-944-197-10 france branch 9, rue paul dautier, 78142 velizy-villacoublay, france phone: 33-1-39-452011 fax: 33-1-39-451209 sweden representative of?ce solkraftsvaegen 25, 13570 stockholm, sweden phone: 46-8-712-91-05 fax: 46-8-712-91-10 unit nos. 1512-1517, level 15, tower 138 shatin rural committee road, shatin, new territories, hong kong phone: 852-2730-0028 fax: 852-2375-2508 ? , grand central plaza, ? 2009 nec tokin corporation technical support nec tokin global marketing division(japan) for inquiry,please call sales promotion department(japan) phone: 81-3-3515-9220 fax: 81-3-3515-9223 phone: 81-3-3515-9264 fax: 81-3-3515-9263 3bufe wpmubhf 7
$bqbdjubodf '
%jtjqbujpo 'bdups 
%$-fblbhf $vssfou "
&43 n 

bul)[ $btf dpef y1bsu/vncfs       1'"%.$%$      ' 1'"'&.$#5&      ' 1'"'&.5&      ' 1'"'&./45&      ' 1'"'&.5&      ' 1'"'%.$%5&       ' 1'"'%./35&       ' 1'"'%./35&  6oefsefwfmpqnfou


▲Up To Search▲   

 
Price & Availability of PFA1212200D108MCDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X