Part Number Hot Search : 
55DCB TSP150B 78M15 A2C22 90N03 WMRGR CX4CSM5 D4148
Product Description
Full Text Search
 

To Download NSD-2101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NSD-2101 piezo motor driver asic for sq l - r v s e r i e s reduced voltage squiggle? rv and utaf? motors www.austriamicrosystems.com/NSD-2101 revision 0.4 1 - 22 data sheet 1 general description in combination with the squiggle? rv or utaf, the NSD-2101 provides the industry?s smallest piezo motor drive solution with direct battery drive; no boost circuit required. the NSD-2101 is a dedicated piezo motor driver asic capable of driving a sql-rv series reduced voltage squiggle? rv motor or utaf motor from a single 2.3 to 5.5 vdc supply. the motor can be controlled using a standard i2c interface. the NSD-2101 uses proprietary control technology to dynamically adjust motor drive frequency to maintain optimal motor performance and minimal power consumption over wide temperature ranges and operating conditions. a built in oscillator eliminates the need for an external master clock. figure 1. NSD-2101 functional block diagram 2 key features industry?s smallest piezo motor drive solution with direct battery drive - wide input supply voltage: 2.3 to 5.5 vdc - 1.8 x 1.8 mm 4 x 4 ball grid array or 4 x 4 mm 16-pin qfn (minimum order quantities for qfn apply) low power consumption: - proprietary design optimizes power usage - hard power-down mode for lowest power consumption - idle mode via software for reduced power while preserving frequency calibration proprietary frequency tracking controls maximizes motor performance over a range of operating and environmental conditions built-in oscillator; no external clock or oscillator required i2c interface for direct serial interface to microprocessor on-chip registers for storing driver instructions 3 applications the NSD-2101 is ideal for sql-rv-1.8 squiggle? rv piezoelectric motor driver and utaf piezoelectric motor driver. vdd p1-1 tm vssp + NSD-2101 pptrim scl adr vss sda vcc xpd 2.3v - 5.5v c1 c2 vco startup control test 1 x mla squiggle motor driver frequency tracking & control i2c interface & registers ldo power save bandgap v/i- references p1-2 p2-1 p2-2 vddp - connection to squiggle? rv motor connection to utaf motor p1-1 p1-2 p2-1 p2-2
www.austriamicrosystems.com/NSD-2101 revision 0.4 2 - 22 NSD-2101 data sheet - contents contents 1 general description ......................................................................................................... ......................................................... 1 2 key features................................................................................................................ ............................................................. 1 3 applications................................................................................................................ ............................................................... 1 4 pin assignments ............................................................................................................. .......................................................... 3 4.1 pin descriptions.......................................................................................................... .......................................................................... 3 5 absolute maximum ratings .................................................................................................... .................................................. 4 6 electrical characteristics.................................................................................................. ......................................................... 5 6.1 dc/ac characteristics for digital inputs and outputs ...................................................................... .................................................... 5 7 detailed description........................................................................................................ .......................................................... 6 7.1 output drivers ............................................................................................................ .......................................................................... 6 7.2 power dissipation control ................................................................................................. ................................................................... 8 7.3 frequency tracking........................................................................................................ ...................................................................... 9 7.4 i2c....................................................................................................................... .................................................................................. 9 7.5 register map .............................................................................................................. ........................................................................ 10 7.6 control register.......................................................................................................... ........................................................................ 11 7.7 period counter ............................................................................................................ ....................................................................... 11 7.8 pulse counter............................................................................................................. ........................................................................ 12 7.9 pulse width control....................................................................................................... ..................................................................... 12 7.10 phase shift .............................................................................................................. ......................................................................... 12 7.11 period offset............................................................................................................ ......................................................................... 13 7.12 hybrid speed register .................................................................................................... ................................................................. 13 8 application information ..................................................................................................... ...................................................... 14 8.1 integration with sql-rv-1.8 squiggle motor................................................................................ ................................................. 15 8.2 integration with utaf motors .............................................................................................. ............................................................... 17 8.3 integration with other motors ............................................................................................. ................................................................ 17 9 package drawings and markings ............................................................................................... ............................................ 18 10 ordering information....................................................................................................... ...................................................... 21
www.austriamicrosystems.com/NSD-2101 revision 0.4 3 - 22 NSD-2101 data sheet - pin assignments 4 pin assignments figure 2. pin assignments (top view) 4.1 pin descriptions note: sda (data io) and scl (data clock) constitute an i2c interface. both have open drain outputs. table 1. pin descriptions pin name pin number pin type character description tm 1 digital input input test mode selection input; connected to vss xpd 2 analog i/o shut down input, low active sda 3 digital input / digital output open drain input / output i2c data io scl 4 input i2c clock adr 5 digital input input address input for i2c vcc 6 supply pad power internal lv power supply vss 7 gnd signal ground analog vdd 8 power power supply vssp 9 gnd power ground drivers vssp 10 vddp 11 power power supply driver vddp 12 power supply driver p2-2 13 analog i/o output half bridge phase2 inverted p2-1 14 half bridge phase2 p1-2 15 half bridge phase1 inverted p1-1 16 half bridge phase1 16 1 2 3 4 12 11 10 9 15 14 13 5 6 7 8 vddp vddp vssp vssp tm xpd sda scl adr vcc vss vdd p2-2 p2-1 p1-2 p1-1 NSD-2101 vdd vss vcc scl vssp vssp adr sda vddp vddp tm xpd p2-2 p2-1 p1-2 p1-1 a b c d 1234 4 x 4 mm 16-pin qfn 1.8 x 1.8 mm 4-by-4 ball grid array
www.austriamicrosystems.com/NSD-2101 revision 0.4 4 - 22 NSD-2101 data sheet - absolute maximum ratings 5 absolute maximum ratings stresses beyond those listed in table 2 may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in electrical characteristics on page 5 is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. table 2. absolute maximum ratings symbol parameter min typ max units comments v vdd voltage at supply pin -0.3 7 v v vddp voltage at supply pin for drivers -0.3 7 v v vcc voltage at low voltage supply pin -0.3 5.0 v internal lv supply (vcc) v vssp voltage at vssp -0.3 0.3 v gnd reference for drivers v vss voltage at vss 0 0 v gnd reference potential v lv voltage at adr, sda, scl, xpd, tm -0.3 7 v i scr input current (latchup immunity) -100 100 ma norm: jesd78 esd electrostatic discharge 1 kv norm: mil 883 e method 3015. human body model: r=1.5k , c=100pf, measured and qualified only in qfn16 package. p tot total power dissipation 1w r thja thermal resistance qfn16 4x4mm 29.7 33 36.3 k/w multi-layer jedec board t strg storage temperature -40 150 oc t body package body temperature 260 oc norm: ipc/jedec j-std-020c. the reflow peak soldering temperature (body temperature) specified is in accordance with ipc/jedec j-std-020c ?moisture/reflow sensitivity classification for non-hermetic solid state surface mount devices?. the lead finish for pb-free leaded packages is ?matte tin? (100% sn). humidity non-condensing 585%
www.austriamicrosystems.com/NSD-2101 revision 0.4 5 - 22 NSD-2101 data sheet - electrical characteristics 6 electrical characteristics 6.1 dc/ac characteristics for digital inputs and outputs table 3. operating conditions symbol parameter conditions min typ max units v vdd voltage at vdd supply voltage (vdd/vddp rise time is between 10s and 10ms. above 5.0v only half bridge mode should be used) 2.3 5.5 v v vddp voltage at vddp driver supply (vdd/vddp rise time is between 10s and 10ms. above 5.0v only half bridge mode should be used) 2.3 5.5 v v vcc voltage at vcc internal lv supply 1.9 3.0 v v vssp voltage at vssp gnd reference for drivers -0.1 0.1 v v vss voltage at vss gnd reference 0 0 v v lv voltage at sda,scl, xpd, tm -0.3 5.5 v t junc junction temperature -30 125 oc p tot total power dissipation total power dissipation needs to be less than 1w to keep junction temperature in specified range 1w i pd power-down current consumption xpd=low, temp=27oc; no activity on i2c 5a i sb stand-by current consumption xpd=high, pulse generation is stopped 3.5 ma i nom operating current consumption without output switching current 10 ma i idle idle mode current consumption xpd=high, temp=27oc, vco powered down, no digital activity; mode set by i2c, frequency trimming preserved 1.0 ma table 4. cmos input: xpd, adr, clk symbol parameter conditions min typ max units v ih high level input voltage 1.2 vdd v v il low level input voltage vss 0.3 v i leak input leakage current -1 +1 a c in capacitive load 15 pf table 5. cmos i2c interface: sda, scl symbol parameter conditions min typ max units v ih high level input voltage 1.2 vdd v v il low level input voltage vss 0.3 v i leak input leakage current -1 +1 a v oh high level output voltage depending on external pull-up resistor v vdd -0.5 v vdd v v ol low level output voltage at 3ma output current vss+0.4 v c l capacitive load: sda, scl 50 pf r pu external pull-up resistor: sda, scl as defined by i2c spec 1.2 6.0 7.1 k scl i2c write frequency maximum clock frequency to write data 400 khz
www.austriamicrosystems.com/NSD-2101 revision 0.4 6 - 22 NSD-2101 data sheet - detailed description 7 detailed description figure 1 shows the main building blocks of the system: supply input ldo and bypass capacitors i2c interface registers oscillator frequency tracking full bridge driver the input voltage is supplied directly to the full bridge driver. with a full bridge drive, each piezo element sees twice the i nput voltage (2 x vdd). however, the average input voltage to the piezo can be regulated by the asic between vdd and 2 x vdd. this average voltage, whi ch can be set via i2c along with the duty cycle (or pulse width) of the drive signal, determines the speed of the motor. the result being at lower speeds, the motor consumes less power. i2c registers also define the initial switching frequency of the motor, which can be adjusted from 50 khz to 200 khz based on t he type of motor being driven. other registers control motor direction and the number of pulses the motor is active (correlating to distance tra veled). the xpd input enables a stand-by mode. 7.1 output drivers the output drivers operate rail to rail and are capable of driving capacitive load up to 60nf. the concept is based on two full bridges per motor. the reduced voltage squiggle motor consists of 2 plates per phase and 2 phases. in power down mode the output drivers are pulle d to ground. the same applies when the motor is off. table 6. characteristics for output drivers symbol parameter conditions min typ max units f tr rise/fall time from 0.23v to 2.07v and vice versa c load 50nf, vdd=2.3v 1 1. measured at 10% to 90% of minimum vdd=2.3v. maximum with 4 clocks dead-time. 0.08 0.8 s f tf c load load capacitance 10 60 nf i lim current limit for driver outputs 2 2. current limit is valid for full bridge and half bridge configurat ion. due to the dynamic behavior of the output driver the ma ximum current limit can not be reached under all conditions. device can only be used for direct motor drive. 1000 1600 ma f dfr drive frequency range 3 3. for this frequency range, frequency tracking is implemented. 50 200 khz f dc switching frequency duty cycle 150% t dt dead time (additional) vco clock cycles 4 4. error of dead time is maximum +1 vco clock cycle. 24 9 f ps phase shift -160 +90 deg f pse phase shift error 3 deg
www.austriamicrosystems.com/NSD-2101 revision 0.4 7 - 22 NSD-2101 data sheet - detailed description figure 3. motor drive concept (squiggle? rv motor) figure 4. motor drive concept (utaf motor) motor drive concept vin vin vin full bridge drive p1-1 or p2-1 p1-2 or p2-2 p1-1 p1-2 vin 0v 0v p2-1 p2-2 vin 0v vin 0v phase shift +90 is forward -90 is reverse squiggle? rv motor motor drive concept vin vin vin full bridge drive p1-1 or p2-1 p1-2 or p2-2 p1-1 p1-2 vin 0v 0v p2-1 p2-2 vin 0v vin 0v phase shift +72 is forward -108 is reverse utaf motor
www.austriamicrosystems.com/NSD-2101 revision 0.4 8 - 22 NSD-2101 data sheet - detailed description the rise and fall time definition is shown in figure 5 . time between crossing 10% and 90% threshold of minimum vdd is measured, 10% to 90% for rise time and 90% to 10% for fall time. a full bridge switching cycle will take longer. figure 5. rise / fall time definition in figure 6 , the effect of current limit in the output drivers is shown. each half-bridge output can deliver 1000ma. figure 6. output driver current limit 7.2 power dissipation control following techniques are implemented to keep the system and on-chip power dissipation low. selectable half bridge mode depending on input supply voltage selective charge control for full bridge mode hybrid control for full bridge mode table 7. power dissipation control symbol parameter conditions min typ max units selectable half-bridge hb thr rising threshold when half-bridge mode is enabled then the output driver will switch to half-bridge drive depending on input supply voltage. typical system power dissipation can be reduced down to 25% of standard full-bridge drive. when vdd is higher than 5.0v only half bridge mode should be used to avoid exceeding max total power dissipation of 1w. a typical hysteresis of 100mv is implemented to increase immunity against supply disturbances. 4.3 4.5 4.7 v hb thf falling threshold 4.2 4.4 4.6 v selective charge control for full-bridge scc pds power dissipation saving by adding an additional state in the full bridge switching scheme the power dissipation can be reduced due to the fact that the effective voltage on the capacitor is reduced. 30 50 % hybrid control for full-bridge ps pds power dissipation saving with this technique the power dissipation can be reduced by switching periodically from full-bridge to half-bridge mode. power saving in comparison to standard full-bridge drive is mainly depending on duty cycle between half- bridge and full-bridge. hybrid control is also used for speed control. 75 % 90% 10% tr tf vdd = 2.3v 0v v(half-bridge) t i lim = 1600ma 0ma i(half-bridge) t typ 1300ma i lim = 1000ma
www.austriamicrosystems.com/NSD-2101 revision 0.4 9 - 22 NSD-2101 data sheet - detailed description 7.3 frequency tracking based on the motor type, an initial drive signal period must be written to the NSD-2101. the period is specified in units of 0. 04 sec (based on the nominal internal vco frequency of 25 mhz). in the case of an sql-rv-1.8 motor, the period may be 148 (94h) to generate a dr ive frequency of ~168.9 khz. the NSD-2101 is able to then optimize the drive frequency by, on co mmand, sweeping over a range of frequencies, centered at the specified period, and settling on the frequency at which the best motor performance was detected. alternatively, the NSD-2101 may be comm anded to incrementally step the frequency in the direction of increasing motor performance (changing the step direction when the perform ance drops). in either case, the NSD-2101 adjusts the frequency by adjusting the vco trimming, rather than the period count. this affords mu ch higher resolution than is possible by changing the period count. whether sweep mode or incremental (see ?control register? in table 8 on page 10 ), the calibration does not start until a pulse count has been loaded into registers 02h and 03h. a sweep calibration is typically performed following a power-up. the sweep calibration offers the greatest range of frequencies . incremental calibration offers the best frequency resolution and can be performed periodically as the motor is being used. 7.4 i2c the i2c interface is used to control the NSD-2101 and set the value of several registers. these registers will define the direc tion and duration of the output driver signals, the duty cycle, phase shift and average voltage to the motor. start/stop condition: a high to low transition on the sda line while scl is high is the start condition for the bus. a low to high transition on the sda line while scl is high is the stop condition. every byte put on the sda line must be 8-bits long. each byte mu st be followed by an acknowledge bit. data is transferred with the most significant bit (msb) first. data transfer with acknowledge is obligatory. the acknowledge-r elated clock pulse is generated by the master. the receiver must pull down the sda line during the acknowledge clock pulse. the NSD-2101 is a slave device on the bus. there are two different access modes: -byte write - page write the device can be addressed using 7-bit addressing. the first 6 bits are fixed. the last bit can be set via package pin. figure 7. 7-bit device address
www.austriamicrosystems.com/NSD-2101 revision 0.4 10 - 22 NSD-2101 data sheet - detailed description 7.5 register map table 8 lists out the registers which can be addressed over the i2c interface. table 8. i2c registers description address data byte note msb lsb control register 00h ps[1] ps[0] cn[1] cn[0] p1 p2 period count 01h xxxxxxxx pulse count (high byte) 02h p d ds[1] ds[0] x x x p: period count msb; d: direction bit; ds: dead time selection bits: ?00?=2, ?01?=4, ?10?=6 and ?11?=8 vco clocks. pulse count (low byte)03h xxxxxxxx pulse width 04h xxxxxxxx phase shift 05h xxxxxxxx period offset 06h idl hb hyb dt x x x cn needs to be 00 to enable period offset. period offset is not used when either incremental or sweep frequency tracking is active. idl: sets idle mode; hb: enable half bridge operation if vdd > hb th ; hyb: enable hybrid speed control; dt: enable signal for increased dead time; selection bits(ds[1:0]) are only valid when dt=1; selection bits should not be changed when the output driver is active. hybrid speed 07h xxxxxxxx hybrid speed register: 0? half bridge; 128?full bridge operation; linear transition for values in between; default: 128. values from 1 to 127 are used for linear speed control. reserved register 10h xxxxxxxx reserved register used for device test only, not accessible during normal operation.
www.austriamicrosystems.com/NSD-2101 revision 0.4 11 - 22 NSD-2101 data sheet - detailed description 7.6 control register the control register is used to trigger frequency calibration as well as to select and enable the drive phases. 7.7 period counter the period counter is used to define the switching frequency of the motor. the pulse period is generated by dividing the intern al vco clock frequency by the given period counter value. the msb in the high byte of the pulse counter (p) is used as the msb for the perio d counter. at 25mhz clock a decimal period counter value of 125 gives an output frequency of 200 khz. a period counter value of 126 result s in a switching frequency of 198.41 khz. this is equal to a maximum frequency step of 1.59 khz. the frequency resolution gets better for lower switching frequencies assuming a fixed vco clock frequency. table 10 lists out few examples to define period counter and output switching frequency relationship. the values are given for 25mhz ty pical vco clock frequency. the switch frequency is given as: f d = 25mhz / period counter value (eq 1) table 9. control register control flag mask abbr default description 1000 0000 0 reserved (leave 0) 0100 0000 ps[1] 1 phase select for sensing: ps[1] ps[0]: 00=none 01=phase1 10=phase2 11= both phases 0010 0000 ps[0] 1 0001 0000 0 reserved (leave 0) 0000 1000 cn[1] 0 calibrate now: cn[1] cn[0]: 00=none 01=incremental 10=sweep 11=reserved 0000 0100 cn[0] 0 0000 0010 p1 1 enable phase1 0000 0001 p2 1 enable phase2 table 10. period counter values period counter value typ unit 0 0111 1101 200.00 khz 0 0111 1110 198.41 khz 0 1001 0001 172.4 khz 0 1010 0110 150.60 khz 0 1010 0111 149.70 khz 1 1111 0011 50.10 khz 1 1111 0100 50.00 khz
www.austriamicrosystems.com/NSD-2101 revision 0.4 12 - 22 NSD-2101 data sheet - detailed description 7.8 pulse counter the pulse counter sets the number of pulses the motor should be active. when a new value is written to the pulse count register an internal counter is started to count generated output pulses. writing all zeros to the pulse counter stops the motor even if the previou s set counter value is not completed, all outputs pulled to ground. the same is valid for power down mode. bit 6 in the pulse counter (d) is used t o set the direction of motor motion. 7.9 pulse width control a register is used to define the duty cycle of the driver output signal. the default value for this register set during power u p or power down (xpd = low) is equal to 00h. in this case the default duty cycle of 50% is generated. the resulting duty cycle and resolution of sin gle steps is depending on the master clock frequency and the switching frequency of the driver output. table 12 provides an example for 25mhz master clock and 200khz driver frequency. the value of the duty cycle register should not exceed 50.4% of the period counter value. pu lse width modulation is used for speed control when motor is operating in half bridge mode. if operating in half bridge mode, the pulse width can be used to adjust speed. at 50% the motor will operate at its maximum spe ed. to reduce the speed, the pulse width may be reduced. however, below ~15%, there may not be enough energy in the signal to move the motor. 7.10 phase shift a register is used to define the phase shift between the two phases of the driver output signal. the default value for this reg ister set during power up or power down (xpd = low) is equal to 00h. in this case th e default phase shift of 90 is generated. the resulting phase shi ft and resolution of single steps is depending on the master clock frequency and the switching frequency of the driver output. table 13 provides an example for 25mhz master clock and 200khz driver frequency. the value of the phase shift register should not exceed 50.4% of the period cou nter value. negative phase shift values are achieved by changing the direction bit: -160deg = 20deg and inverted direction bit. table 11. pulse counter values pulse counter value typ unit conditions xxxx x000 0000 0000 0 pul ses motor is off, driver outputs are low xxxx x100 0000 00 00 1024 pulses xxxx x111 1111 1111 2047 pulses maximum possible number of pulses table 12. pulse width register values pulse width register typ unit conditions 0000 0000 49.6/50.4 % default 0000 0001 0.8 % 0000 1101 10.4 % 0001 1011 21.6 % 0011 0101 42.4 % 0011 1110 49.6 % 0011 1111 50.4 % table 13. phase shift register values phase shift register typ unit conditions 0000 0000 90.5 deg default (normal for both sql and utaf) 0000 0001 2.88 deg 0000 1101 37.44 deg 0000 1110 40.32 deg 0001 1111 89.28 deg 0010 0000 92.16 deg
www.austriamicrosystems.com/NSD-2101 revision 0.4 13 - 22 NSD-2101 data sheet - detailed description 7.11 period offset period offset register defines the offset which is added to the period counter to shift the switching frequency. it also provid es some additional control bits. this offset is only activated when frequency tracking is stopped. an offset has been provided as some types of motors operate b etter at slightly below mechanical resonance. table 14 provides an example for 25mhz master clock and 200khz nominal driver frequency. period offset is only supposed to lower drive frequency. idle mode reduces power consumption while preserving the most recent frequency calibration. to further reduce power, the xpd pi n must be pulled to ground. 7.12 hybrid speed register the hybrid speed register allows the average voltage as seen by th e motor to be set from vdd to 2 x vdd. this provides a power efficient method of reducing the speed of the motor. the value of the register can vary from 0 (half bridge) to 128 (full bridge). the av erage voltage can be calculated in the following manner. vavg = vdd + (registervalue * vdd / 128) (eq 2) where: vdd is the supply voltage table 14. period offset register values period offset register typ unit conditions 0000 0000 0 % default, no change of drive frequency 0000 0001 -0.8 % 0000 0010 -1.6 % 0000 0111 -5.6 % maximum period offset 1000 0000 0 % idle mode enabled 0100 0000 0 % half bridge mode enabled 0010 0000 0 % hybrid speed control enabled 0001 0000 0 % increased dead time enabled table 15. hybrid speed register values hybrid speed register typ unit conditions 0000 0000 0 % vdd (half bridge) 0010 0000 25 % vdd + 0.25 * vdd 0110 0000 75 % vdd + 0.75 * vdd 1000 0000 100 % vdd + vdd (full bridge)
www.austriamicrosystems.com/NSD-2101 revision 0.4 14 - 22 NSD-2101 data sheet - application information 8 application information the NSD-2101 is designed to drive one sql-rv -1.8 squiggle? rv motor or one utaf motor. recommended external components are as follows: new scale offers a convenient mc-33db-rv evaluation board which includes the components, along with input and motor connectors, to take full advantage of the NSD-2101 asic. the xpd input can be used to place the asic in stand-by mode for minimal current consumption when the motor is not moving. alte rnatively, the designer can implement an external switch to power off the asic completely when the motor is not moving: the squiggle? rv motor holds its position with the power off. figure 8. NSD-2101 table 16. external components component manufacturer part number wxlxh [mm] c1 470nf cap 4.0v taiyo-yuden amk063bj474mp-f (0201) c2 4.7f cap 6.3v pa nasonic ecj-0eb0j475m for utaf only (max 35nf) (0402) 1 1. a maximum esr of 100m at motor switching frequency is assumed. the series resistance of the input supply (vdd, vddp) should be maximum 50m and capable of delivering at least 1w of power. esr information for c2 is still missing. c2 10f cap 6.3v pa nasonic ecj-1vb0j106m full load (0603) 1 NSD-2101 sql-rv or utaf c vddp vddp vssp vssp 10 9 11 12 56 7 8 1 2 3 4 13 14 15 16 tm xpd sda scl adr vcc vss vdd p1-1 p1-2 p2-1 p2-2 c1 c2 + - 2.3v ? 5.5v
www.austriamicrosystems.com/NSD-2101 revision 0.4 15 - 22 NSD-2101 data sheet - application information 8.1 integration with sql- rv-1.8 squiggle motor communicating wi th the NSD-2101. the address of the NSD-2101 is 54h (unless the adr pin is held high in which case the address would be 55h). i2c supports 8 data bits and 1 acknowledge bit for a total of 9 bits or clock cycles per byte. when attempting to select a devi ce, the first byte transmitted by the master contains the device address. this address occupies the upper 7 data bits with data bit 0 having a val ue of zero which indicates a write operation (theNSD-2101 does not support a read operation). therefore when addressing the NSD-2101 the actual value sent by the host during the first 8 scl (clock) cycles would be a8h (or aah if adr pin high). if the NSD-2101 is powered and connected properly to the sda/scl lines then on the 9th clock pulse, the NSD-2101 will ho ld the data line low (acknowledge). the second byte transmitted must be the number of the register to be written. for example, if attempting to send a pulse count, then the register value would be 2. the third and any subsequent bytes are the values to be written to the specified register and, if more than three bytes are bei ng sent, the following registers in increasing order. if the following data were sent over the i2c bus: a80277ff then registers 02 and 03 of the NSD-2101 would receive values of 77h and ffh respectively. supporting more than two NSD-2101s on a single i2c bus. to support more than two NSD-2101 drivers on the same i2c bus, th e adr pin may be used as a chip select. that is, one driver is held low by the host and on all others it is held high. the host then sends commands to the driver with adr held low. this of course requir es that there be a separate chip select line for each NSD-2101. how motion is generated. motion is initiated by directing the NSD-2101 to issue pulses to the motor. in the case of the sql-rv-1.8 motor, to get any mot ion, the interval between the start of each pulse (i.e. the period) must be within some tolerance (e.g. 2khz) of the resonant frequency of the m otor (e.g. ~172 khz). the closer this period is to the resonant frequency of the motor, the more speed/push force is available. keep in mind that thi s is a friction drive which means the amount of motion is dependent on supply voltage, applied frequency vs. actual resonant frequency and the load o n the motor. from an idle state, a minimum of 5 to 10 pulses are required to build up enough orbital motion (of the nut about the screw) to advance the screw. the minimum pulse count varies with load (higher load, more pulses) and whether or not motion is against or with the load (more against, fewer with). as shown in figure 3 , the drive signal is composed of two waveforms (square waves) and each waveform may be full or half bridge. in the case of the sql motor, these waveforms are 90 degrees out of phase (in keeping with the geometry of the nut). the phase that leads d etermines the direction of motion (direction is set by the host using a bit from the pulse count register). by default the pulse width of each waveform is 50% of the period (i.e. if register 04 is zero; e.g. pulse with would be 2.9 se c if the period is 5.8 sec). but you can adjust the pulse width as one means to regulate speed. the shorter the pulse width (below 50% of the period) , the less time the piezo has to change shape and thus the amount of engagement between nut and screw is reduced. the default phase shift between waveforms is 25% of the period (i.e. if register 05 is zero). this can also be adjusted and wou ld be for other motor geometries but in the case of the sql-rv-1.8; 25% is recommended. a second means to adjust speed is to set the ratio of full bridge pulses to half bridge pulses (hybrid speed control). this eff ectively sets the average voltage seen by the motor. if the supply is 3v then in full bridge the motor ?sees? 6v. but if the hybrid speed is 33% then, on an average, the motor sees 4v. note: due to dissipation limitations of the driver chip, the maximum supply voltage for full bridge operation is 4.5v (9v to the piez o). although the driver supports a supply of up to 5.5v, at any level above 4.5v, the output needs to be half bridge. within that limitation the hybrid speed control is more power efficient than the pulse width control method of the regulating speed since the amount of switching into the capacitive load of the motor is being reduced.
www.austriamicrosystems.com/NSD-2101 revision 0.4 16 - 22 NSD-2101 data sheet - application information directing the NSD-2101. the basic command that is sent to the NSD-2101 is the pulse count (with direction). when a non-zero value is written to registe rs 02 and 03 by the host microprocessor, the NSD-2101 begins generating pulses on the output pins at the interval defined by the period registe r (01). for each pulse, the specified pulse count is decremented. pulse generation continues until the pulse count reaches zero or the host writ es a zero to registers 02 and 03. see register map (page 10) and pulse counter (page 12) . since the pulse counter is limited to 2047 (11 bits), the maximum duration of motion is the 2047 x period. if the period were 5 .8 sec (172.4 khz), then the duration would be ~11.8 msec. therefore to produce continuous motion, the pulse count must be reloaded by the host bef ore the previous pulse count expires (in this case - at least every 11.7 msec - but every 10 msec would provide more margin allowing fo r variations in motor frequency and overhead in the host processer handling i2c traffic). given the nominal 25mhz power-up frequency of the vco within the NSD-2101, the motor period is specified in units of 40 nsec. t herefore the period value necessary to generate a frequency of 172.4 khz is 145 (or 91 hexadecimal). as indicated in the previous section, to generate motion, the pulse period must be very near the interval of the mechanical res onant frequency of the motor. however, for a given motor type, manufacturing tolerances, ambient temperature and mounting have an affect on this r esonant frequency. to cancel out these affects, the NSD-2101 supports a frequency tuning (or calibration) feature. therefore on power-up, it is recommended that after an appropriate default period count for the given motor type is loaded, a f requency sweep calibration is performed followed by an incremental calibration. see frequency tracking (page 9) . the sweep needs to be performed only once (for a given power cycle); after that, the incremental calibration will keep the motor in tune. note: while performing the frequency calibration, the NSD-2101 is adjust ing the trimming of its internal vco to maximize the performa nce of the motor (not the period count itself). furthermore, it is recommended that frequency calibration be performed in a direction that is against the load (typically forwa rd). the reason is that, depending on the mass being moved (i.e. the inertia), there may be chatter (intermittent contact between the load and the screw) when moving with the load. this chatter can affect the calibration. starting a frequency sweep calibration (assuming an sql-rv-1.8 motor): starting a frequency incremental calibration: reg value (hex) comment 00 6b enables sweep calibration using both motor phases 01 91 172.4 khz 02 77 fwd, dt=11 * , upper 3 bits of pulse count set 03 ff lower 8 bits of pulse count set actual data stream: a8006b9177ff (the host should wait at least 10 msec after start) reg value (hex) comment 00 67 enables inc. calibration using both motor phases 01 91 172.4 khz 02 77 fwd, dt=11 * , upper 3 bits of pulse count set 03 ff lower 8 bits of pulse count set actual data stream: a800679177ff (the host should wait at least 10 msec after start)
www.austriamicrosystems.com/NSD-2101 revision 0.4 17 - 22 NSD-2101 data sheet - application information normal operation: moving fwd (full count): moving rev (full count): stopping the motor: note: * dt (dead time): the time interval between the switching of the low side and the high side of a full bridge waveform. the best p ower efficiency is achieved when using the maximum dead time (i.e. dt=11). this minimizes the power consumed while having no affect on speed/push force. 8.2 integration with utaf motors new scale technologies works closely with oem customers to provide assistance in using the utaf motor with the NSD-2101. please contact new scale for assistance. 8.3 integration with other motors the NSD-2101 was designed for use with new scale technologies? squiggle and utaf motors. support for other piezo motors may be provided, for a fee, to qualified oems. contact austriamicrosystems or new scale technologies to discuss your application. reg value (hex) comment 00 63 using both motor phases, no calibration enabled. actual data stream: a80063 reg value (hex) comment 02 77 fwd, dt=11 * , upper 3 bits of pulse count set 03 ff lower 8 bits of pulse count set actual data stream: a80277ff reg value (hex) comment 02 37 rev, dt=11 * , upper 3 bits of pulse count set 03 ff lower 8 bits of pulse count set actual data stream: a80237ff reg value (hex) comment 02 00 direction & dt * don't matter. zero upper count bits 03 00 zero lower count bits actual data stream: a8020000
www.austriamicrosystems.com/NSD-2101 revision 0.4 18 - 22 NSD-2101 data sheet - pack age drawings and markings 9 package drawings and markings the devices are available in a 16-pin qfn (4x4mm) package or 4-by-4 bga (1.8x1.8mm) package. figure 9. 16-pin qfn (4x4mm) package drawings and dimensions notes: 1. dimensioning and tolerancing conform to asme y14.5m-1994 . 2. all dimensions are in millimeters, angles are in degrees. 3. dimension b applies to metalized terminal and is measured between 0.25mm and 0.30mm from terminal tip. dimension l1 represe nts terminal full back from package edge up to 0.1mm is acceptable. 4. coplanarity applies to the exposed heat slug as well as the terminal. 5. radius on terminal is optional. m m 13 8 4 12 765 3 2 1 11 10 9 14 15 16 symbol min nom max a 0.80 0.85 0.90 a1 0.05 a3 0.203 ref b 0.18 0.23 0.28 d 4.00 bsc e 4.00 bsc d2 2.50 2.70 2.70 e2 2.50 2.70 2.70 symbol min nom max e 0.65 bsc l 0.35 0.40 0.45 aaa 0.10 bbb 0.10 ccc 0.10 ddd 0.05 eee 0.08
www.austriamicrosystems.com/NSD-2101 revision 0.4 19 - 22 NSD-2101 data sheet - pack age drawings and markings figure 10. 4-by-4 bga (1.8x1.8mm) package drawings figure 11. recommended pcb layout (top view) c2 c1 p2-2 p2-1 p1-2 p1-1 scl sda xpd vssp vddp vdd vss denotes via to ground plane
www.austriamicrosystems.com/NSD-2101 revision 0.4 20 - 22 NSD-2101 data sheet - revision history revision history note: typos may not be explicitly mentioned under revision history. revision date owner description 0.1 15 jan, 2010 rweber (nst) / pmo (ams) initial revision 0.2 24 feb, 2010 updated key features (page 1) , pin assignments (page 3) 0.3 16 jun, 2010 corrected bga diagram (see figure 2) , added ?top view? to figure title for clarity (see figure 11) 0.4 26 aug, 2010 updated table 3 with current consumption info, corrected info in figure 4 and table 10 , added section 8.1 , 8.2 and 8.3 .
www.austriamicrosystems.com/NSD-2101 revision 0.4 21 - 22 NSD-2101 data sheet - ordering information 10 ordering information the devices are available as the standard products shown in table 17 . note: all products are rohs compliant and pb-free. buy our products or get free samples online at icdirect: http://www.austriamicr osystems.com/icdirect for further information and requests, please contact us mailto:sales@austriamicrosystems.com or find your local distributor at http://www.austriamicros ystems.com/distributor table 17. ordering information ordering code description delivery form package NSD-2101 ultrasonic piezo motor driver ic, output for one sql-rv series reduced voltage squiggle? rv tape & reel qfn-16 (4x4mm) or wafer level chip scale package
www.austriamicrosystems.com/NSD-2101 revision 0.4 22 - 22 NSD-2101 data sheet - copyrights copyrights copyright ? 1997-2010, austriamicrosystems ag, tobelbaderstrasse 30, 8141 unterpremstaetten, austria-europe. trademarks registe red ?. all rights reserved. the material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. all products and companies mentioned are trademarks or registered trademarks of their respective companies. disclaimer devices sold by austriamicrosystems ag are covered by the warranty and patent indemnification provisions appearing in its term of sale. austriamicrosystems ag makes no warranty, express, statutory, implied, or by description regarding the information set forth he rein or regarding the freedom of the described devices from patent infringement. austriamicrosystems ag reserves the right to change specificatio ns and prices at any time and without notice. therefore, prior to designing this product into a system, it is necessary to check with austriamic rosystems ag for current information. this product is intended for use in normal commercial applications. applications requiring extended temper ature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment are specifically not recommended without additional processing by austriamicrosystems ag for each application. for shipments of les s than 100 parts the manufacturing flow might show deviations from the st andard production flow, such as test flow or test location. the information furnished here by austriamicrosystems ag is believed to be correct and accurate. however, austriamicrosystems ag shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. no obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems ag rendering of technical or other services. contact information headquarters austriamicrosystems ag tobelbaderstrasse 30 a-8141 unterpremstaetten, austria tel: +43 (0) 3136 500 0 fax: +43 (0) 3136 525 01 for sales offices, distributors and representatives, please visit: http://www.austriamicrosystems.com/contact contact information new scale technologies, inc. 121 victor heights parkway victor, ny 14564 tel: +1 585 924 4450 fax: +1 585 924 4468 sales@newscaletech.com www.newscaletech.com


▲Up To Search▲   

 
Price & Availability of NSD-2101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X