Part Number Hot Search : 
G4PH30K MUR820 MX98748 TPCF8A01 0VXR56 FM105 AN8037 41051
Product Description
Full Text Search
 

To Download MUR820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8.0amp. glass passivated su p er fast rectifiers mur8x x = specific device code g = green compound y = year ww = work week rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol units v rrm v v rms v v dc v i f(av) a t rr ns r jc o c/w t j o c t stg o c note 2: reverse recovery test condition:if=0.5a, ir=1.0a, irr=0.25a -65 to + 175 -65 to + 175 420 200 400 3.0 2.0 1.70 600 MUR820 mur840 mur860 200 400 600 maximum average forward rectified current ? epoxy: ul 94v-0 rate flame retardant ? case: to-220ac molded plastic ? high temperature soldering guaranteed: 260 /10s/.25", (6.35mm) from case. maximum repetitive peak reverse voltage maximum ratings and electrical characteristics 280 MUR820 - mur860 ? polarity: as marked maximum rms voltage ? high surge current capability features mechanical data ? high efficiency, low vf ? weight:1.9 grams typical thermal resistance type number note 1: pulse lest: tp = 300us, duty cycle<1% operating temperature range storage temperature range version:g11 to-220ac maximum reverse recovery time (note 2) 25 50 dimensions in inches and (millimeters) marking diagram maximum dc blocking voltage 8 140 ? for use in low volyage, high frequency inventor, free wheeling, and polarity protection application. ? green compound with suffix "g" on packing code & prefix "g" on datecode ? high current capability ? terminals: pure tin plated leads, lead free, solderable per mil-std-202, method 208 guaranteed ? high reliability peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 100 a v maximum reverse current @ t a =25 @ t a =100 i r 5 250 ua ua maximum instantaneous forward voltage (note 1) @ 8 a v f 0.975 1.30 pb rohs compliance rohs compliance
ratings and characteristic curves (MUR820 thru mur860) version:g11 fig.1 maximum forward current derating curve 0 2 4 6 8 10 12 140 145 150 155 160 165 170 175 180 case temperature ( o c) average forward current (a) fig. 2 maximum non-repetitive forward surge current 0 25 50 75 100 125 1 10 100 number of cycles at 60 hz peak forward surge current (a) fig. 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) capacitance (pf) fig. 3 typical instantaneous forward characteristics 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 instantaneous forward voltage (v) instantaneous forward current(a) MUR820 mur860 mur840 fig. 4 typical reverse characteristics 0.01 0.1 1 10 100 1000 20 40 60 80 100 120 percent of rated peak reverse voltage.(%) instantaneous reverse current (ua) ta=100 ta=25 ta=150


▲Up To Search▲   

 
Price & Availability of MUR820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X