Part Number Hot Search : 
PC410T KA3021D LTC340 240000 MC33184P R0003 109333 10941
Product Description
Full Text Search
 

To Download MMSD301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  extremely low minority carrier lifetime. very low capacitance. low reverse leakage. pb-free packages are available. schottky barrier diodes. type no. marking package code MMSD301 xt sod-123 mmsd701 xh sod-123 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit repetitive peak reverse voltage MMSD301 mmsd701 v r 30 70 v forward continuous current i f 200 ma power dissipation p d 225 mw junction temperature t j -55to +125 storage temperature range t stg -65to +150 MMSD301/mmsd701 schottky barrier diode features applications ordering information ? ? ? ? ? sod-123 dimensions in inches and (millimeters) 0.053(1.35) max. 0.006(0.15) typ. min. 0.010(0.25) min. 0.004(0.10) max. 0.067(1.70) 0.055(1.40) 0.022(0.55) typ. min. 0.152(3.85) 0.140(3.55) 0.112(2.85) 0.100(2.55) http://www.luguang.cn mail:lge@luguang.cn
parameter symbol conditions min. typ. max. unit reverse breakdown voltage MMSD301 mmsd701 v (br)r i r =10 a 30 70 v forward voltage MMSD301 mmsd701 v f i f =1.0ma i f =10ma i f =1.0ma i f =10ma 0.38 0.52 0.42 0.7 0.45 0.6 0.5 1.0 v reverse current MMSD301 mmsd701 i r v r =25v v r =35v 13 9.0 200 200 na na diode capacitance MMSD301 mmsd701 c d v r =0v,f=1mhz 0.9 0.5 1.5 1.0 pf typical characteristics @ ta=25 unless otherwise specified MMSD301/mmsd701 schottky barrier diode electrical characteristics @ t a =25 unless otherwise specified http://www.luguang.cn mail:lge@luguang.cn
MMSD301/mmsd701 schottky barrier diode http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MMSD301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X