Part Number Hot Search : 
SK310 6713A D1877 28F160 M54583 2SC425 81600 MB39A1
Product Description
Full Text Search
 

To Download MEC1-105-02-S-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mec1?130?02?f?d mec1?120?02?f?d?a mec1?140?02?l?d mates with (1,60mm) .062" card (1,00mm) .03937" pitch www.samtec.com (no. of positions + 2) x (1,00) .03937 + (2,54) .100 (no. of positions + 2) x (1,00) .03937 (0,36) .014 (1,00) .03937 (8,89) .350 (6,99) .275 01 02 139 140 (9,04) .356 (0,15) .006 (8,51) .335 (1,40) .055 (1,83) .072 (0,89) .035 dia mec1 positions per row other option plating option d ?s = 30" (0,76m) gold on contact, matte tin on tail ?l = 10" (0,25m) gold on contact, matte tin on tail ?f = gold ? ash on contact, matte tin on tail 1 mm mini edge card socket mec1 series f-209 ?a = alignment pin metal or plastic at samtec discretion. ?k = (7,87mm) .310" dia polyimide ? lm pick & place pad ?tr = tape & reel ?a option 1 for complete speci cations and recommended pcb layouts see www.samtec.com?mec1 insulator material: black lcp contact material: becu plating: sn or au over 50? (1,27?) ni operating temp range: -55? to +125? current rating: 2a @ 80? ambient voltage rating: 300 vac insertion depth: (5,84mm) .230" to (8,13mm) .320" rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (05-20) (0,15mm) .006" max (30-70) 02 05, 08, 20, 30, 40, 50, 60, 70 note: some sizes, styles and options are non-standard, non-returnable. mates with: (1,60mm) .062" card application specific option locking clip non-polarized call samtec. 1mm mec1 rated @ -3db insertion loss 9,04mm stack height single-ended signaling 5.5 ghz / 11 gbps differential pair signaling 6.5 ghz / 13 gbps positions per row 05 08 20 30 40 50 60 70 polarized positions 3, 4 5, 6 15, 16 21, 22 31, 32 41, 42 31, 32, 63 & 64 53, 54, 115 & 116 application specifications


▲Up To Search▲   

 
Price & Availability of MEC1-105-02-S-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X