Part Number Hot Search : 
EPA018A IN5404 1167F TK61030 4816P MC14513B YD2025 74HCU04
Product Description
Full Text Search
 

To Download M52D128168A-75TG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 1/47 revision history revision 1.0 (may. 29, 2007) -original
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 2/47 vss dq15 dq 14 dq13 dq12 dq11 dq10 dq 9 dq8 nc udqm clk nc a11 a8 a7 vss a5 vddq dq0 vssq dq 2 vddq dq4 vdd ldqm cas ras ba0 ba1 a0 a1 a3 a2 123456789 a b c d e f g h j 54 ball fbga (8x8mm) (mm ball pitch) vssq vddq vssq vddq vss cke a9 a6 a4 vdd dq1 dq 3 dq7 we cs a10 vdd vssq dq6 dq 5 sdram 2m x 16 bit x 4 banks synchronous dram features y 1.8v power supply y lvttl compatible with multiplexed address y four banks operation y mrs cycle with address key programs - cas latency (2 & 3) - burst length (1, 2, 4, 8 & full page) - burst type (sequential & interleave) y emrs cycle with address y all inputs are sampled at the positive going edge of the system clock y special function support - pasr (partial array self refresh) - tcsr (temperature compensated self refresh) - ds (driver strength) y dqm for masking y auto & self refresh y 64ms refresh period (4k cycle) ordering information product no. max freq. package comments m52d128168a-7.5tg 133mhz 54 tsop ii pb-free m52d128168a-7.5bg 133mhz 54 ball fbga pb-free m52d128168a-10tg 100mhz 54 tsop ii pb-free m52d128168a-10bg 100mhz 54 ball fbga pb-free general description the m52d128168a is 134,217,728 bits sy nchronous high data rate dynamic ram organized as 4 x 2,097,152 words by 16 bits. synchronous design al lows precise cycle controls with the use of system clock i/o transactions are possible on every clock cycle. range of operating fr equencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidt h, high performance memory system applications. pin assignment (top view) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 v dd dq0 v dd q dq1 dq2 v ssq dq3 dq4 v ddq dq5 dq6 v ssq dq7 v dd ld qm we cas ras cs ba0 ba1 a 10 /ap a 0 a 1 a 2 a 3 v dd 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 v ss dq15 v ssq dq14 dq13 v ddq dq12 dq11 v ssq dq10 dq9 v ddq dq8 v ss nc ud qm clk cke nc a 11 a 9 a 8 a 7 a 6 a 5 a 4 v ss
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 3/47 functional block diagram pin function description pin name input function clk system clock active on the positive going edge to sample all inputs cs chip select disables or enables device operation by masking or enabling all inputs except clk , cke and l(u)dqm cke clock enable masks system clock to freeze operation from the next clock cycle. cke should be enabled at least one cycle prior new command. disable input buffers for power down in standby. a0 ~ a11 address row / column address are multiplexed on the same pins. row address : ra0~ra11, column address : ca0~ca7 ba0 , ba1 bank select address selects bank to be activated during row address latch time. selects bank for read / write during column address latch time. ras row address strobe latches row addresses on the posit ive going edge of the clk with ras low. enables row access & precharge. cas column address strobe latches column address on the positive going edge of the clk with cas low. enables column access. we write enable enables write operation and row precharge. latches data in starting from cas , we active. l(u)dqm data input / output mask makes data output hi-z, t shz after the clock and masks the output. blocks data input when l(u)dqm active. dq0 ~ dq15 data input / output data input s / outputs are multiplexed on the same pins. vdd / vss power supply / ground power and ground for the input buffers and the core logic. vddq / vssq data output power / ground isolated power supply and ground fo r the output buffers to provide improved noise immunity. nc no connection this pin is recommended to be left no connection on the device. l(u)dqm dq mode register control logic column address buffer & refresh counter row address buffer & refresh counter bank d row decoder bank a bank b bank c sense amplifier column decoder data control circuit latch circuit input & output buffer address clock generator clk cke command decoder cs ras cas we
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 4/47 absolute maximum ratings parameter symbol value unit voltage on any pin relative to v ss v in , v out -1.0 ~ 2.6 v voltage on v dd supply relative to v ss v dd , v ddq -1.0 ~ 2.6 v storage temperature t stg -55 ~ +150 c power dissipation p d 1 w short circuit current i os 50 ma note: permanent device damage may occur if abso lute maximum rating are exceeded. functional operation should be restrict ed to recommended operating condition. exposure to higher than recommended voltage for exten ded periods of time could affect device reliability. dc operating condition recommended operating conditions (voltage referenced to v ss = 0v, t a = 0 to 70 c ) parameter symbol min typ max unit note supply voltage v dd , v ddq 1.7 1.8 1.9 v input logic high voltage v ih 0.8xv ddq 1.8 v ddq +0.3 v 1 input logic low voltage v il -0.3 0 0.3 v 2 output logic high voltage v oh v ddq -0.2 - - v i oh = -0.1ma output logic low voltage v ol - - 0.2 v i ol = 0.1ma input leakage current i il -2 - 2 a 3 output leakage current i ol -2 - 2 a 4 note: 1. v ih(max) = 2.2v ac for pulse width 3ns acceptable. 2. v il(min) = -1.0v ac for pulse width 3ns acceptable. 3. any input 0v v in v ddq , all other pins are not under test = 0v. 4. d out is disabled , 0v v out v ddq . capacitance (v dd = 1.8v, t a = 25 c , f = 1mhz) parameter symbol min max unit input capacitance (a0 ~ a11, ba0 ~ ba1) c in1 1.5 3.0 pf input capacitance (clk, cke, cs , ras , cas , we & l(u)dqm) c in2 1.5 3.5 pf data input/output capacitance (dq0 ~ dq15) c out 2.0 4.5 pf
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 5/47 dc characteristics recommended operating condition unless otherwise noted ta = 0 to 70 c q version parameter symbol test condition cas latency -7.5 -10 unit note operating current (one bank active) i cc1 burst length = 1 t rc t t rc (min), t cc t t cc (min), i ol = 0ma 40 30 ma 1 i cc2p cke d v il (max), t cc =15ns 0.3 ma precharge standby current in power-down mode i cc2ps cke d v il (max), clk d v il (max), t cc = f 0.3 ma i cc2n cke t v ih (min), cs t v ih (min), t cc =10ns input signals are changed one time during 20ns 10 ma precharge standby current in non power-down mode i cc2ns cke t v ih (min), clk d v il (max), t cc = f input signals are stable 1 ma i cc3p cke d v il (max), t cc =15ns 5 active standby current in power-down mode i cc3ps cke d v il (max), clk d v il (max), t cc = f 1 ma i cc3n cke t v ih (min), cs t v ih (min), t cc =10ns input signals are changed one time during 20ns 20 ma active standby current in non power-down mode (one bank active) i cc3ns cke t v ih (min), clk d v il (max), t cc = f input signals are stable 10 ma operating current (burst mode) i cc4 i ol = 0ma, page burst all band activated, tccd = tccd (min) 50 45 ma 1 refresh current i cc5 t rc t t rc (min) 90 85 ma 2 tcsr range 45 70 c 4 banks 150 250 2 bank 140 210 self refresh current i cc6 cke d 0.2v 1 bank 135 190 ua deep power down current i cc7 cke d 0.2v 10 ua note: 1.measured with outputs open. addresse s are changed only one time during t cc (min). 2.refresh period is 64ms. addresses are changed only one time during t cc (min).
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 6/47 ac operating test conditions (v dd =1.8v 0.1v,t a = 0 c ~ 70c ) parameter value unit input levels (vih/vil) 0.9 x v ddq / 0.2 v input timing measurement reference level 0.5 x v ddq v input rise and fall time tr / tf = 1 / 1 ns output timing measurement reference level 0.5 x v ddq v output load condition see fig.2 operating ac parameter (ac operating conditions unless otherwise noted) version parameter symbol -7.5 -10 unit note row active to row active delay t rrd (min) 15 20 ns 1 ras to cas delay t rcd (min) 15 20 ns 1 row precharge time t rp (min) 15 20 ns 1 t ras (min) 48 50 ns 1 row active time t ras (max) 100 us - @operating t rc (min) 63 90 ns 1 row cycle time @auto refresh t rfc (min) 80 ns 1 , 5 last data in to new col. address delay t cdl (min) 1 clk 2 last data in to row precharge t rdl (min) 2 clk 2 last data in to burst stop t bdl (min) 1 clk 2 col. address to col. address delay t ccd (min) 1 clk 3 mode register command to active or refresh command t mrd (min) 2 clk - cas latency=3 2 number of valid output data cas latency=2 1 ea 4 refresh period(4,096 rows) t bef (max) 64 ms 6 note: 1. the minimum number of clock cycles is determined by divi ding the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. minimum delay is required to complete write. 3. all parts allow every cycle column address change. 4. in case of row precharge interr upt, auto precharge and read burst stop. the earliest a precharge command can be issued after a r ead command without the loss of data is cl+bl-2 clocks 5. a new command may be given t rfc after self refresh exit. 6. a maximum of eight consecutiv e auto refresh commands (with t rfcmin ) can be posted to any given sdram,and the maximum absolute interval between any auto re fresh command and the next auto refresh command is 8x15. ?? z0=50 1.8v output (fig.2) ac output load circuit 20 pf vtt =0.5x vddq voh(dc) = vddq-0.2v, ioh = -0.1ma vol(dc) = 0.2v, iol = 0.1ma 20 pf output (fig.1) dc output load circuit 10.6k 13.9k 50
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 7/47 ac characteristics (ac operating conditions unless otherwise noted) -7.5 -10 parameter symbol min max min max unit note cas latency =3 7.5 10 1000 clk cycle time cas latency =2 t cc 12 1000 12 ns 1 cas latency =3 6 7 clk to valid output delay cas latency =2 t sac 9 10 ns 1 output data hold time t oh 2.5 2.5 ns 2 clk high pulse width t ch 2.5 3 ns 3 clk low pulse width t cl 2.5 3 ns 3 input setup time t ss 2 2 ns 3 input hold time t sh 1 1.5 ns 3 clk to output in low-z t slz 1 1 ns 2 cas latency =3 6 7 clk to output in hi-z cas latency =2 t shz 9 10 ns *all ac parameters are measured from half to half. note: 1.parameters depend on programmed cas latency. 2.if clock rising time is long er than 1ns,(tr/2-0.5)ns shou ld be added to the parameter. 3.assumed input rise and fall time (tr & tf)=1ns. if tr & tf is longer than 1ns, transient time compensation shoul d be considered, i.e., [(tr+ tf)/ 2-1]ns should be added to the parameter.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 8/47 simplified truth table command cken-1 cken cs ras cas we dqm ba0 ba1 a10/ap a11 a9~a0 note mode register set register extended mode register set h x l l l l x op code 1,2 auto refresh h 3 entry h l l l l h x x 3 l h h h x 3 refresh self refresh exit l h h x x x x x 3 bank active & row addr. h x l l h h x v row address auto precharge disable l 4 read & column address auto precharge enable h x l h l h x v h column address (a0~a7) 4,5 auto precharge disable l 4 write & column address auto precharge enable h x l h l l x v h column address (a0~a7) 4,5 burst stop h x l h h l x x 6 bank selection v l precharge all banks h x l l h l x x h x h x x x entry h l l v v v x clock suspend or active power down exit l h x x x x x x h x x x entry h l l h h h x h x x x precharge power down mode exit l h l v v v x x dqm h x v x 7 h x x x no operating command h x l h h h x x (v = valid , x = don?t care. h = logic high , l = logic low ) note : 1.op code : operating code a0~a11 & ba0~ba1 : program keys. (@ mrs). ba1=0 for mrs and ba1=1 for emrs 2.mrs/emrs can be issued only at all banks precharge state. a new command can be issued after 2 clk cycles of mrs/emrs. 3.auto refresh functions are as same as cbr refresh of dram. the automatical precharge wi thout row precharge of command is meant by ?auto?. auto/self refresh can be issued only at all banks idle state. 4.ba0~ba1 : bank select addresses. if both ba0 and ba1 are ?low? at read ,write , row active and precharge ,bank a is selected. if both ba0 is ?low? and ba1 is ?high? at read ,wri te , row active and precharge ,bank b is selected. if both ba0 is ?high? and ba1 is ?low? at read ,wri te , row active and precharge ,bank c is selected. if both ba0 and ba1 are ?high? at read ,write , row active and precharge ,bank d is selected if a10/ap is ?high? at row precharge , ba0 and ba1 is ignored and all banks are selected. 5.during burst read or write with auto precha rge. new read/write command can not be issued. another bank read/write command ca n be issued after the end of burst. new row active of the associated bank can be issued at trp after the end of burst. 6.burst stop command is valid at every burst length. 7.dqm sampled at positive goi ng edge of a clk and masks the data-in at the very clk (write dqm latency is 0), but makes hi-z state the data-out of 2 clk cy cles after.(read dqm latency is 2)
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 9/47 mode register field table to program modes register programmed with mrs address ba0 ba1 a11 a10/ap a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 function 0 0 0 0 0 0 0 cas latency bt burst length test mode cas latency burst type burst length a8 a7 type a6 a5 a4 latency a3 type a2 a1 a0 bt = 0 bt = 1 0 0 mode register set 0 0 0 reserved 0 sequential 0 0 0 1 1 0 1 reserved 0 0 1 reserved 1 interleave 0 0 1 2 2 1 0 reserved 0 1 0 2 0 1 0 4 4 1 1 reserved 0 1 1 3 0 1 1 8 8 1 0 0 reserved 1 0 0 reserved reserved 1 0 1 reserved 1 0 1 reserved reserved 1 1 0 reserved 1 1 0 reserved reserved 1 1 1 reserved 1 1 1 full page reserved full page length : 256
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 10/47 ba1 ba0 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 address bus 1 0 0 0 0 0 0 ds 0 0 pasr extended mode register set a2-a0 wt=0 000 4bank 001 2 bank (banka& bankb) or (ba1=0) 010 1 bank (banka) or (ba0=ba1=0) 011 r 100 r 101 r pasr 111 r a6-a5 driver strength 00 full strength 01 1/2 strength 10 1/4 strength ds 11 r remark r : reserved extended mode register set (emrs) the extended mode register stores for se lecting pasr;tcsr;ds. the extended mode r egister set must be done before any active command after the power up sequence. the ex tended mode register is written by a sserting low on cs,ras,cas,we and high on ba1,low on ba0(the sdram should be in all bank precharge with cke already high prior to writing into the extended more register). the state of address pins a0~an in the same cycle as cs,ras,cas,we going low is written in the extended mode register. refer to the table for specific codes. the extended mode register can be changed by using the same command and clock cycle requirements during operations as long as all banks are in the idle state. the default value extended mode register is defined as hal f driving strength and all banks refreshed.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 11/47 burst sequence (burst length = 4) initial adrress a1 a0 sequential interleave 0 0 0 1 2 3 0 1 2 3 0 1 1 2 3 0 1 0 3 2 1 0 2 3 0 1 2 3 0 1 1 1 3 0 1 2 3 2 1 0 burst sequence (burst length = 8) initial a2 a1 a0 sequential interleave 0 0 0 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 0 1 1 2 3 4 5 6 7 0 1 0 3 2 5 4 7 6 0 1 0 2 3 4 5 6 7 0 1 2 3 0 1 6 7 4 5 0 1 1 3 4 5 6 7 0 1 2 3 2 1 0 7 6 5 4 1 0 0 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 1 0 1 5 6 7 0 1 2 3 4 5 4 7 6 1 0 3 2 1 1 0 6 7 0 1 2 3 4 5 6 7 4 5 2 3 0 1 1 1 1 7 0 1 2 3 4 5 6 7 6 5 4 3 2 1 0
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 12/47 device operations clock (clk) the clock input is used as the reference for all sdram operations. all operations are synchronized to the positive going edge of the clock. the clock transitions must be monotonic between v il and v ih . during operation with cke high all inputs are assumed to be in valid state (low or high) for the duration of setup and hold time around positive edge of the clock for proper functi onality and icc specifications. clock enable(cke) the clock enable (cke) gates the clock onto sdram. if cke goes low synchronously with clock (set-up and hold time same as other inputs), the internal clock suspended from the next clock cycle and the state of out put and burst address is frozen as long as the cke remains low. all other inputs are ignored from the next clock cycle after cke goes low. when all banks are in the idle state and cke goes low synchronously with clock, the sdram enters the power down mode from the next clock cycle. the sdram remains in the power down mode ignoring the other inputs as long as cke remains low. the power down exit is synchronous as the internal clock is suspended. when cke goes high at least ?1clk + t ss ? before the high going edge of the clock, then the sdram becomes active from the same clock edge accepting all the input commands. bank addresses (ba0~ba1) this sdram is organized as four independent banks of 2,097,152 words x 16 bits memory arrays. the ba0~ba1 inputs are latched at the time of assertion of ras and cas to select the bank to be used for the operation. the banks addressed ba0~ba1 are latched at bank active, read, write, mode register set and precharge operations. address inputs (a0~a11) the 20 address bits are requ ired to decode the 2,097,152 word locations are multiplexed into 12 address input pins (a0~a11). the 12 row addresses are latched along with ras and ba0~ba1 during bank active command. the 8 bit column addresses are latched along with cas , we and ba0~ba1 during read or with command. nop and device deselect when ras , cas and we are high, the sdram performs no operation (nop). nop does not initiate any new operation, but is needed to complete operations which require more than single clock cycle like bank activate, burst read, auto refresh, etc. the device deselect is also a nop and is entered by asserting cs high. cs high disables the command decoder so that ras , cas , we and all the address inputs are ignored. mode register set (mrs) the mode register stores the data for controlling the various operating modes of sdram. it programs the cas latency, burst type, bu rst length, test mode and various vendor specific options to make sdram useful for variety of different applications. the default value of the mode register is not defined, therefore the mode register must be written after power up to operate the sdram. the mode register is written by asserting low on cs , ras , cas and we (the sdram should be in active mode with cke already high prior to writing the mode register). the stat e of address pins a0~a11 and ba0~ba1 in the same cycle as cs , ras , cas and we going low is the data written in the mode register. two clock cycles is required to complete the write in the mode register. the mode register contents can be changed using the same command and clock cycle requirements during oper ation as long as all banks are in the idle state. the mode register is divided into various fields into depending on functionality. the burst length field uses a0~a2, burst type uses a3, cas latency (read latency from column address) use a4~a6, test mode use a7~a8, vendor specific options use a9, a10~a11 and ba1~ba0. a7~a8, a10/ap~a11 and ba0~ba1 must be set to low for normal sdram operation. refer to the tabl e for specific codes for various burst length, burst type and cas latencies.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 13/47 device operations (continued) bank activate the bank activate command is used to select a random row in an idle bank. by asserting low on ras and cs with desired row and bank address, a row access is initiated. the read or write operation can occur after a time delay of t rcd (min) from the time of bank activation. t rcd is the internal timing parameter of sdram, t herefore it is dependent on operating clock frequency. the minimum number of clock cycles required between bank activate and read or write command should be calculated by dividing t rcd (min) with cycle time of the clock and then rounding of the result to the next higher integer. the sdram has four internal banks in the same chip and shares part of the internal circuitry to reduce chip area, therefore it re stricts the activation of four banks simultaneously. also the noise generated during sensing of each bank of sdram is high requiring some time for power supplies to recover before another bank can be sensed reliably. t rrd (min) specifies the minimum time required between activating different bank. the number of clock cycles required between different bank activation must be calculated similar to t rcd specification. the minimum time required for the bank to be active to initiate sensing and restoring the complete row of dynamic cells is determined by t ras (min) . every sdram bank activate command must satisfy t ras (min) specification before a precharge command to that active bank can be asserted. the maximum time any bank can be in the active state is determined by t ras (max) and t ras (max) can be calculated similar to t rcd specification. burst read the burst read command is used to access burst of data on consecutive clock cycles from an active row in an active bank. the burst read command is issued by asserting low on cs and ras with we being high on the positive edge of the clock. the bank must be active for at least t rcd (min) before the burst read command is issued. the first output appears in cas latency number of clock cycles after the issue of burst read command. the burst length, burst sequence and latency from the burst read command is determined by the mode register which is already programmed. the burst read c an be initiated on any column address of the active row. the address wraps around if the initial address does not start from a boundary such that number of outputs from each i/o are equal to the burst length programmed in the mode register. the output goes into high-impedance at the end of burst, unless a new burst read was initiated to keep the data output gapless. the burst read can be terminated by issuing another burst read or burst write in the same bank or the other active bank or a precharge command to the same bank. the burst stop command is valid at every page burst length. burst write the burst write command is similar to burst read command and is used to write data into the sdram on consecutive clock cycles in adjacent addresses depending on burst length and burst sequence. by asserting low on cs , cas and we with valid column address, a write burst is initiated. the data inputs are provided for the initial address in the same clock cycle as the burst write command. the input buffer is deselected at the end of the burst length, even though the internal writing can be completed yet. the writing can be complete by issuing a burst read and dqm for blo cking data inputs or burst write in the same or another active bank. the burst stop command is valid at every burst length. the write burst can also be terminated by using dqm for blocking data and procreating the bank t rdl after the last data input to be written into the active row. see dqm operation also. dqm operation the dqm is used mask input and output operations. it works similar to oe during operation and inhibits writing during write operation. the read latency is two cycles from dqm and zero cycle for write, which means dqm masking occurs two cycles later in read cycle and occurs in the same cycle during write cycle. dqm operation is synchronous wi th the clock. the dqm signal is important during burst interrupts of write with read or precharge in the sdram. due to asynchronous nature of the internal write, the dqm operation is critical to avoid unwanted or incomplete writes when the complete burst write is required. please refer to dqm timing diagram also. precharge the precharge is performed on an active bank by asserting low on clock cycles required between bank activate and clock cycles required between bank activate and cs , ras , we and a10/ap with valid ba0~ba1 of the bank to be procharged. the precharge command can be asserted anytime after t ras (min) is satisfy from the bank active command in the desired bank. t rp is defined as the minimum number of clock cycles required to complete row precharge is calculated by dividing trp with clock cycle time and rounding up to the next higher integer. care should be taken to make sure that burst write is co mpleted or dqm is used to inhibit writing before precharge command is asserted. the maximum time any bank can be active is specified by t ras (max) . therefore, each bank activate command. at the end of precharge, the ban k enters the idle state and is ready to be activated again. entry to power-down, auto refresh, self refresh and mode register set etc. is possible only when all banks are in idle state.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 14/47 device operations (continued) auto precharge the precharge operation can also be performed by using auto precharge. the sdram internally generates the timing to satisfy t ras (min) and ?t rp ? for the programmed burst length and cas latency. the auto precharge command is issued at the same time as burst write by asserting high on a10/ap, the bank is precharge comm and is asserted. once auto precharge command is given, no new commands are possible to that particular bank until the bank achieves idle state. both banks precharge a11 banks can be precharged at the same time by using precharge all command. asserting low on cs , ras , and we with high on a10/ap after all banks have satisfied t ras (min) requirement, performs precharge on all banks. at the end of t rp after performing precharge all, all banks are in idle state. auto refresh the storage cells of sdram need to be refreshed every 64ms to maintain data. an auto refresh cycle accomplishes refresh of a single row of storage cells. the internal counter increments automatically on every auto refresh cycle to refresh all the rows. an auto refresh command is issued by asserting low on cs , ras and cas with high on cke and we . the auto refresh command can only be asserted with both banks being in idle state and the device is not in power down mode (cke is high in the previous cycle). the time required to complete the auto refresh operation is specified by t rfc (min) . the minimum number of clock cycles required can be calculated by driving t rfc with clock cycle time and them rounding up to the next higher integer. the auto refresh command must be followed by nop?s until the auto refresh operation is comple ted. the auto refresh is the preferred refresh mode when the sdram is being used for normal data transactions. the auto refresh cycle can be performed once in 15.6us. self refresh the self refresh is another refresh mode available in the sdram. the self refresh is the preferred refresh mode for data retention and low po wer operation of sdram. in self refresh mode, the sdram disables the internal clock and all the input buffers except cke. the refresh addressing and timing is internally generated to reduce power consumption. the self refresh mode is entered from all banks idle state by asserting low on cs , ras , cas and cke with high on we . once the self refresh mode is entered, only cke state being low matters, all the other inputs including clock are ignored to remain in the refresh. the self refresh is exited by restarting the external clock and then asserting high on cke. this must be followed by nop?s for a minimum time of t rfc before the sdram reaches idle state to begin normal operation.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 15/47 commands mode register set command ( cs , ras , cas , we , ba1, ba0 = low) the dram has a mode register that defin es how the device operates. in this command, a0 through ba0 are the data input pins. after power on, the mode register set command must be executed to initialize the device. the mode register can be set only when all banks are in idle state. during 2clk (t mrd ) following this command, the dram cannot accept any other commands. extended mode register set command ( cs , ras , cas , we , ba0 = low ; ba1= high) the dram has a extended mode register that defines how to set pasr, tcsr, ds. activate command ( cs , ras = low, cas , we = high) the dram has four banks, each with 4,096 rows. this command activates the bank selected by ba1 and ba0 (bs) and a row address selected by a0 through a11. this command corresponds to a conventional dram?s ras falling.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 16/47 precharge command ( cs , ras , we = low, cas = high ) this command begins precharge operati on of the bank selected by ba1 and ba0 (bs). when a10 is high, all banks are precharged, regardless of ba1 and ba0. when a10 is low, only the bank selected by ba1 and ba0 is precharged. after this command, the dram can?t a ccept the activate command to the precharging bank during t rp (precharge to activate command period). this command corresponds to a conventional dram?s ras rising. write command ( cs , cas , we = low, ras = high) if the mode register is in the burst write mode, this command sets the burst start address given by the column address to begin the burst write operation. the first write data in burst can be input with this command with subsequent data on following clocks. read command ( cs , cas = low, ras , we = high) read data is available after cas latency requirements have been met. this command sets the burst start address given by the column address.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 17/47 cbr (auto) refresh command ( cs , ras , cas = low, we , cke = high) this command is a request to begin the cbr refresh operation. the refresh address is generated internally. before executing cbr refresh, all banks must be precharged. after this cycle, all banks will be in the idle (precharged) state and ready for a row activate command. during t rc period (from refresh command to refr esh or activate command), the dram cannot accept any other command. self refresh entry command ( cs , ras , cas , cke = low , we = high) after the command execution, self refresh op eration continues while cke remains low. when cke goes to high, the dram exits the self refresh mode. during self refresh mode, refresh interval and refresh operation are performed internally, so there is no need for external control. before executing self refresh, all banks must be precharged. burst stop command ( cs , we = low, ras , cas = high) this command terminates the current burst operation. burst stop is valid at every burst length.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 18/47 no operation ( cs = low , ras , cas , we = high) this command is not a execution command. no operations begin or terminate by this command.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 19/47 basic feature and function descriptions 1. clock suspend 2. dqm operation *note :1. cke to clk disable/enable = 1clk. 2. dqm masks data out hi-z after 2clk s which should masked by cke ?l?. 3. dqm masks both data-in and data-out. clk cmd dqm dq(cl2) dq(cl3) rd q0 q2 q3 q1 q2 q3 d0 d1 d3 d1 d3 d0 wr masked b y dq m masked b y dq m clk cmd dqm dq(cl2) dq(cl3) cke rd q0 q2 q4 hi-z hi-z hi-z q6 q7 q8 q5 q6 q7 q1 q3 hi-z hi-z hi-z hi-z hi-z 1)write mask (bl=4) 2)read mask (bl=4) dqm to data-in mask=0 dqm to data-out mask=2 3)dqm with clcok suspended (full page read) *note2 internal clk q9 q8 clk cmd ck e internal clk dq (cl2) dq (c l3) rd q2 q0 q1 q3 q0 q1 q3 d0 d1 d2 d3 d1 d2 d3 d0 wr masked by cke 1) clock su sp end ed durin g w ri t e(b l =4) 2 ) clo ck su spe nd ed during read (bl =4 ) not written suspended dout q2
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 20/47 3. cas interrupt (i) *note : 1. by ?interrupt? is meant to stop burst read/write by external before the end of burst. by ? cas interrupt ?, to stop burst read/write by cas access; read and write. 2. t ccd : cas to cas delay. (=1clk) 3. t cdl : last data in to new column address delay. (=1clk) clk cmd add dq(cl2) dq(cl3) rd qb0 qb2 qa0 clk cmd add dq wr da 0 db0 db 1 rd a b qb1 qb3 qb0 qb2 qa0 qb3 qb1 t ccd *note 2 wr t ccd *note 2 a b t cd l *note 3 wr rd t cc d *no te 2 a b da0 db0 db1 t cd l *note 3 da0 db 0 db1 dq (cl3) dq(cl2) 1)re ad inte rrupt ed b y rea d (bl=4) 2) w rite inte rr up ted by w r it e ( bl= 2) 3) wr it e inte rr upte d b y rea d ( bl= 2) *n o t e1
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 21/47 4. cas interrupt (ii) : read interrupted by write & dqm clk i)cmd dqm dq d1 d3 d0 d2 wr ii)cmd dqm dq iii)cmd dqm dq iv)cmd dqm dq d1 d3 d0 d2 rd wr rd wr d1 d3 d0 d2 d1 d3 d0 d2 rd wr hi-z q0 *note1 hi-z hi-z hi-z (a)cl=2,bl=4 rd
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 22/47 *note : 1. to prevent bus cont ention, there should be at least one gap between data in and data out. 5. write interrupted by precharge & dqm *note : 1. to prevent bus contention, dqm should be issued which makes at least one gap between data in and data out. 2. to inhibit invalid wr ite, dqm should be issued. 3. this precharge command and burst writ e command should be of the same bank, ot herwise it is not precharge interrupt but only another bank prechar ge of four banks operation. clk cmd dqm dq d0 d1 d2 wr *note3 *note2 masked b y dqm d3 clk i)cmd ii)cmd iii)cmd iv)cmd dqm dqm dqm dqm dq dq dq dq d1 d3 d1 d0 d2 d3 d0 d2 wr (b)cl=3,bl=4 rd wr rd wr d1 d3 d0 d2 d1 d3 d0 d2 rd wr hi-z d1 d3 d0 d2 q0 *note1 v)cmd dqm dq rd wr hi-z rd
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 23/47 6. precharge . 7. auto precharge *note : 1. t rdl : last data in to row precharge delay. 2. number of valid output data after row pr echarge : 1,2 for cas latency = 2,3 respectively. 3. the row active command of the precharge bank can be issued after t rp from this point. the new read/write command of other activated bank can be issued from this point. at burst read/write with auto precharge, cas in terrupt of the same/another bank is illegal. clk cmd dq d0 d1 d2 d3 wr t rdl *note1 clk cmd cmd dq(cl2) q0 q1 q2 q3 rd pre dq(cl3) q0 q1 q2 q3 pre 1)no r mal w r ite (bl=4) 2)normal read (bl=4) cl=2 pre cl=3 *note2 *note2 clk cmd dq d0 d1 d2 d3 wr clk cmd dq(cl2) d0 d1 d2 d3 rd dq(cl3) *note3 auto precharge starts d0 d1 d2 d3 *note3 auto precharge starts 1 ) no r mal w r ite ( bl=4 ) 2 ) no r mal read ( bl=4 ) t rdl (min)
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 24/47 8. burst stop & interrupted by precharge 9. mrs *note: 1. t bdl : 1 clk ; last data in to burst stop delay. read or write burst stop command is valid at every burst length. 2. number of valid output data after burst stop : 1,2 for cas latency = 2,3 respectiviely. 3. write burst is terminated. t rdl determinates the last data write. 4. dqm asserted to prevent corruption of locations d2 and d3. 5. precharge can be issued here or earlier (satisfying t ras min delay) with dqm. 6. pre : all banks precharge, if necessary. mrs can be issued only at all banks precharge state. clk cmd dq (cl2) dq(cl3) clk cmd dq m dq d0 d1 d2 d3 wr stop *note1 q0 q1 q0 q1 rd stop *note2 1)w ri t eburs t s t o p (bl=8) 2)read burst stop (bl=4) clk cmd dq(cl2) clk cmd dq m dq d0 d1 mask mask wr q0 q1 rd pre 1)w ri t ein t erru p t ed b y p recharge (bl=4) 2)read interrupted by precharge (bl=4) *note2 pre *note4 *note3 dq(cl3) *note5 q2 q1 q2 q3 q0 t rdl t bdl d4 d5 q3 clk cmd pre *n ot e6 mrs act t rp 2clk 1)m o de regis t er se t
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 25/47 10. clock suspend exit & power down exit 11. auto refresh & self refresh *note : 1. active power down : one or more banks active state. 2. precharge power down : all banks precharge state. 3. the auto refresh is the same as cbr refresh of conventional dram. no precharge commands are required after auto refresh command. during t rfc from auto refresh command, any other command can not be accepted. 4. before executing auto/self refresh command, all banks must be idle state. 5. mrs, bank active, auto/self refresh, power down mode entry. 6. during self refresh entry, refresh interval and refresh operation are performed internally. after self refresh entry, self refresh mode is kept while cke is low. during self refresh entry, all inputs expect cke will be don?t cared, and outputs will be in hi-z state. for the time interval of t rfc from self refresh exit command, any other command can not be accepted. clk cke internal clk cmd rd t ss *note1 clk cke internal clk cmd act t ss *note2 nop 1)clock suspend(= a ctive powe r down)exit 2)powe r down (=p r echa r ge powe r down) clk cmd pre ar cke cmd t rp t rf c *note5 *note4 clk cmd pre sr cke cmd t rp t rfc *note4 1)auto refresh & self refresh 2)self refresh *n o t e 3 *note6
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 26/47 12. about burst type control sequential counting at mrs a3 = ?0?. see the b urst sequence table. (bl = 4,8) bl = 1, 2, 4, 8 and full page. basic mode interleave counting at mrs a3 = ?1?. see the b urst sequence table. (bl = 4,8) bl = 4, 8 at bl =1, 2 interleave counting = sequential counting random mode random column access t ccd = 1 clk every cycle read/write command with random column address can realize random column access. that is similar to extended data out (edo) operation of conventional dram. 13. about burst length control 1 at mrs a210 = ?000? at auto precharge . t ras should not be violated. 2 at mrs a210 = ?001? at auto precharge . t ras should not be violated. 4 at mrs a210 = ?010? 8 at mrs a210 = ?011? basic mode full page at mrs a210 = ?111? at the end of the burst length , burst is warp-around. random mode burst stop t bdl = 1, valid dq after burst stop is 1, 2 for cas latency 2, 3 respectively. using burst stop command, any burst length control is possible. ras interrupt (interrupted by precharge) before the end of burst. row precharge command of the same bank stops read /write burst with auto precharge. t rdl = 2clk with dqm , valid dq after burst stop is 1, 2 for cas latency 2, 3 respectively. during read/write burst with auto precharge, ras interrupt can not be issued. interrupt mode cas interrupt before the end of burst, new read/write stops read/write burst and starts new read/write burst. during read/write burst with auto precharge, cas interrupt can not be issued.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 27/47 function turth table (table 1) current state cs ras cas we ba addr action note h x x x x x nop l h h h x x nop l h h l x x illegal 2 idle l h l x ba ca, a10/ap illegal 2 l l h h ba ra row (&bank) active ; latch ra l l h l ba a10/ap nop 4 l l l h x x auto refresh or self refresh 5 l l l l op code op code mode register access 5 h x x x x x nop l h h h x x nop l h h l x x illegal 2 row l h l h ba ca, a10/ap begin read ; latch ca ; determine ap active l h l l ba ca, a10/ap begin write ; latch ca ; determine ap l l h h ba ra illegal 2 l l h l ba a10/ap precharge l l l x x x illegal h x x x x x nop (continue burst to end ? row active) l h h h x x nop (continue burst to end ? row active) l h h l x x term burst ? row active read l h l h ba ca, a10/ap term burst, new read, determine ap l h l l ba ca, a10/ap term burst, new write, determine ap 3 l l h h ba ra illegal 2 l l h l ba a10/ap term burst, precharge timing for reads l l l x x x illegal h x x x x x nop (continue burst to end ? row active) l h h h x x nop (continue burst to end ? row active) l h h l x x term burst ? row active write l h l h ba ca, a10/ap term burst, new read, determine ap 3 l h l l ba ca, a10/ap term burst, new write, determine ap 3 l l h h ba ra illegal 2 l l h l ba a10/ap term burst, precharge timing for writes 3 l l l x x x illegal h x x x x x nop (continue burst to end ? row active) read with l h h h x x nop (continue burst to end ? row active) auto l h h l x x illegal precharge l h l x ba ca, a10/ap illegal l l h x ba ra, ra10 illegal 2 l l l x x x illegal h x x x x x nop (continue burst to end ? row active) write with l h h h x x nop (continue burst to end ? row active) auto l h h l x x illegal precharge l h l x ba ca, a10/ap illegal l l h x ba ra, ra10 illegal 2 l l l x x x illegal
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 28/47 current state cs ras cas we ba addr action note h x x x x x nop ? idle after trp l h h h x x nop ? idle after trp precharging l h h l x x illegal 2 l h l x ba ca illegal 2 l l h h ba ra illegal 2 l l h l ba a10/ap nop ? idle after trp 4 l l l x x x illegal h x x x x x nop ? row active after trcd l h h h x x nop ? row active after trcd row l h h l x x illegal 2 activating l h l x ba ca illegal 2 l l h h ba ra illegal 2 l l h l ba a10/ap illegal 2 l l l x x x illegal h x x x x x nop ? idle after trfc l h h x x x nop ? idle after trfc refreshing l h l x x x illegal l l h x x x illegal l l l x x x illegal h x x x x x nop ? idle after 2clocks mode l h h h x x nop ? idle after 2clocks register l h h l x x illegal accessing l h l x x x illegal l l x x x x illegal abbreviations : ra = row address ba = bank address nop = no operation command ca = co lumn address ap = auto precharge *note : 1. all entries assume the cke was active (high) during the precharge clock and the current clock cycle. 2. illegal to bank in specified state ; function may be legal in the bank indicated by ba, depending on the state of the bank. 3. must satisfy bus contention, bus turn around, and/or write recovery requirements. 4. nop to bank precharge or in idle state. ma y precharge bank indicated by ba (and a10/ap). 5. illegal if any bank is not idle.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 29/47 function truth table (table2) current state cke ( n-1 ) cke n cs ras cas we addr action note h x x x x x x invalid l h h x x x x exit self refresh ? idle after trfc (abi) 6 self l h l h h h x exit self refresh ? idle after trfc (abi) 6 refresh l h l h h l x illegal l h l h l x x illegal l h l l x x x illegal l l x x x x x nop (maintain self refresh) h x x x x x x invalid all l h h x x x x exit self refresh ? abi 7 banks l h l h h h x exit self refresh ? abi 7 precharge l h l h h l x illegal power l h l h l x x illegal down l h l l x x x illegal l l x x x x x nop (maintain low power mode) h h x x x x x refer to table1 h l h x x x x enter power down 8 h l l h h h x enter power down 8 h l l h h l x illegal all h l l h l x x illegal banks h l l l h h ra row (& bank) active idle h l l l h h x nop h l l l l l x enter self refresh 8 h l l l l l op code mode register access l l x x x x x nop any state h h x x x x x refer to operations in table 1 other than h l x x x x x begin clock suspend next cycle 9 listed l h x x x x x exit clock suspend next cycle 9 above l l x x x x x maintain clock suspend abbreviations : abi = all banks idle, ra = row address *note : 6.cke low to high transition is asynchronous. 7.cke low to high transition is asynchronous if restart internal clock. a minimum setup time 1clk + t ss must be satisfy before any command other than exit. 8.power down and self refresh can be entered only from the all banks idle state. 9.must be a legal command.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 30/47 single bit read-write-read c ycle (same page) @ cas late ncy = 3,burst length = 1
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 31/47 note : 1. all input expect cke & dqm can be don?t care when cs is high at the clk high going edge. 2. bank active @ read/write are controlled by ba0~ba1. ba1 ba0 active & read/write 0 0 bank a 0 1 bank b 1 0 bank c 1 1 bank d 3. enable and disable auto precharge function are controlled by a10/ap in read/write command a10/ap ba1 ba0 operating 0 0 disable auto precharge, leave a bank active at end of burst. 0 1 disable auto precharge, leave b bank active at end of burst. 1 0 disable auto precharge, leave c bank active at end of burst. 0 1 1 disable auto precharge, leave d bank active at end of burst. 0 0 enable auto precharge , pr echarge bank a at end of burst. 0 1 enable auto precharge , pr echarge bank b at end of burst. 1 0 enable auto precharge , pr echarge bank c at end of burst. 1 1 1 enable auto precharge , pr echarge bank d at end of burst. 4. a10/ap and ba0~ba1 control bank precharge when precharge is asserted. a10/ap ba1 ba0 precharge 0 0 0 bank a 0 0 1 bank b 0 1 0 bank c 0 1 1 bank d 1 x x all banks
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 32/47 power up sequence power-up and initialization sequence the following sequence is required for power up and initialization. 1. apply power and attempt to maintain cke at a low state (all other inputs may be undefined.) - apply vdd before or at the same time as vddq - apply vddq 2. start clock and maintain stable condition for a minimum. 3. the minimum of 200us after stable power and clock (clk,clk),apply nop & take cke high. 4. issue precharge commands for all banks of the device. 5. issue 2 or more auto-refresh commands. 6. issue mode register set command to initialize the mode register. 7. issue extended mode register set command to set pasr and ds..
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 33/47 read & write cycle at same bank @ burst length = 4 *note : 1. minimum row cycle times is required to complete internal dram operation. 2. row precharge can interrupt burst on any cycle. [cas latency-1] number of valid output data is available after row precharge. last valid output will be hi-z (t shz ) after the clock. 3. output will be hi-z after the end of burst. (1,2,4,8 & full page bit burst)
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 34/47 page read & write cycle at same bank @ burst length = 4 note : 1. to write data before burst read ends. dqm should be asserted three cycle prior to write command to avoid bus contention. 2. row precharge will interrupt writing. last data input , t rdl before row precharge , will be written. 3. dqm should mask invalid input data on precharge command cycle when asserting precharge before end of burst. input data after row precharge cycle will be masked internally.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 35/47 page read cycle at differe nt bank @ burst length = 4 note: 1. cs can be don?t cared when ras , cas and we are high at the clock high going edge. 2. to interrupt a burst read by row precharge, bot h the read and the precharge banks must be the same.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 36/47 page write cycle at different bank @ burst length = 4 *note : 1. to interrupt burst write by row precharge , dqm should be asserted to mask invalid input data. 2. to interrupt burst write by row precharge , both the write and the precharge banks must be the same.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 37/47 read & write cycle at different bank @ burst length = 4 *note : 1. t cdl should be met to complete write.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 38/47 read & write cycle with auto precharge @ burst length = 4 *note : 1. t cdl should be controlled to meet minimum t ras before internal precharge start. (in the case of burst length = 1 & 2)
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 39/47 clock suspension & dqm operation cycle @ cas letency = 2 , burst length = 4 *note : 1. dqm is needed to prevent bus contention
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 40/47 read interrupted by precharge command & read burst stop cycle @ burst length = full page *note : 1. about the valid dqs after burst stop, it is same as the case of ras interrupt. both cases are illustrated above timing diagram. see the label 1,2 on them. but at burst write, burst stop and ras interrupt should be compared carefully. refer the timing diagram of ?full page write burst stop cycles?. 2. burst stop is valid at every burst length.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 41/47 write interrupted by precharge command & write burst stop cycle @ burst length = full page *note : 1. data-in at the cycle of interrupted by precharge can not be written into the corresponding memory cell. it is defin ed by ac parameter of t rdl . dqm at write interrupted by precharge command is needed to prevent invalid write. dqm should mask invalid input data on precharge command cycl e when asserting precharge before end of burst. input data after row precharge cycle will be masked internally. 2. burst stop is valid at every burst length.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 42/47 active/precharge power down mode @ cas latency = 2, burst length = 4 *note: 1. both banks should be in idle state prior to entering precharge power down mode. 2. cke should be set high at least 1clk + t ss prior to row active command. 3. can not violate minimum refresh specification. (64ms)
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 43/47 self refresh entry & exit cycle * note : to enter self refresh mode 1. cs , ras & cas with cke should be low at the same clock cycle. 2. after 1 clock cycle, all the inputs including the system clock can be don?t care except for cke. 3. the device remains in self refresh mode as long as cke stays ?low?. cf.) once the device enters self refresh mode, minimum t ras is required before exit from self refresh. to exit self refresh mode 4. system clock restart and be stable before returning cke high. 5. cs starts from high. 6. minimum t rfc is required after cke going high to complete self refresh exit. 7. burst auto refresh is required before self refresh entry and after self refresh exit if the system uses burst refresh.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 44/47 mode register set cycle extended mode register set cycle all banks precharge should be completed before mode register set cycle and auto refresh cycle. mode register set cycle *note : 1. cs , ras , cas , & we activation at the same clock cycle with address key will set internal mode register. 2. minimum 2 clock cycles should be met before new ras activation. 3. please refer to mode register set table.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 45/47 packing dimensions 54-lead tsop(ii) sdram (400mil) (1:3) symbol dimension in mm dimension in inch min norm max min norm max a 1.20 0.047 a1 0.05 0.10 0.15 0.002 0.004 0.006 a2 0.95 1.00 1.05 0.037 0.039 0.041 b 0.25 0.45 0.010 0.018 b1 0.25 0.35 0.40 0.010 0.014 0.016 c 0.12 0.21 0.005 0.008 c1 0.10 0.127 0.16 0.004 0.005 0.006 d 22.22 bsc 0.875 bsc e 11.76 bsc 0.463 bsc e1 10.16 bsc 0.400 bsc l 0.40 0.50 0.60 0.016 0.020 0.024 l1 0.80 ref 0.031 ref e 0.80 bsc 0.031 bsc 0 10 0 10 o l detail "a" section b-b b b 0.10 -c- d e e 1 e plane seating 1 l 127 28 54 a 2 a -h- b detail a -c- identifier -c- see b b c c 1 1 0.665 ref 0.21 ref a 1 pin1
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 46/47 packing dimensions 54-ball sdram ( 8x8 mm ) symbol dimension in mm dimension in inch min norm max min norm max a 1.00 0.039 a 1 0.20 0.25 0.30 0.008 0.010 0.012 a 2 0.61 0.66 0.71 0.024 0.026 0.028 b 0.30 0.35 0.40 0.012 0.014 0.016 d 7.90 8.00 8.10 0.311 0.315 0.319 e 7.90 8.00 8.10 0.311 0.315 0.319 d 1 6.40 0.252 e 1 6.40 0.252 e 0.80 0.031 controlling dimension : millimeter.
esmt preliminary m52d128168a elite semiconductor memory technology inc. publication date : may. 2007 revision : 1.0 47/47 important notice all rights reserved. no part of this document may be reproduc ed or duplicated in any form or by any means without the prior permission of esmt. the contents contained in this document are believed to be accurate at the time of publication. esmt assumes no responsibility for any error in this document, and reserves the right to chang e the products or specification in this document without notice. the information contained herein is pres ented only as a guide or examples for the application of our products. no responsibility is assumed by esmt for any infringement of patents, copyrights , or other intellectual property rights of third parties which may result from it s use. no license, either express , implied or otherwise, is granted un der any patents, copy rights or other intellectual property righ ts of esmt or others. any semiconductor devices may have inhe rently a certain rate of failure. to minimize risks associated with cu stomer's application, adequate design and operating safeguards against injury, damage, or loss from such failure, should be provided by the custom er when making application designs. esmt's products are not authorized for use in critical applications such as, but not limited to, life support devices or system, where failure or abnormal operation may directly affect human li ves or cause physical injury or property damage. if products descr ibed here are to be used for such kinds of application, purchaser must do its ow n quality assurance testing appropriate to such applications.


▲Up To Search▲   

 
Price & Availability of M52D128168A-75TG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X