Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download LM393D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual differential comparators lm393 description outline drawing the lm393 consists of two independent voltage com p arators with an offset voltage specification as low as 2.0m v m a x.for tw o com p arators w h ich w e re designed specifically to operation from a single pow er supply over a wide range of voltages. operate from split power supplies is also possible,and the low pow er supply current drain is independent of the m a gnitude of the pow er supply voltage.these com p arators also have a unique characteristic in that the input com m on-m ode voltage range includes ground,even though operated from a single pow er supply v o l t a g e . d i p 8 fea t ure w i d e su pp l y vo l t ag e rang e sing le s u p p ly opera ti on 2v to 36v dual supply operation 1v to 18v v e ry l o w supp l y cu rrent drai n (0 .8 m , a) in d e p e n d en t o f supply voltage(2.0m w /com parator at 5.0 v dc ) low input biasing current 25na low in pu t of f s et c u rrent 5. 0na ; l o w i n p u t of fset vol ta ge 5.0m v input com m on-m ode voltage range includes ground so p8 d i f f erential input voltage range equal to the pow er supply voltage output voltage com p atible with ttl,dtl,ecl,mos and cmos logic system s. b l o c k d i a g r a m p i n c o n f i g u r a t i o n tiger electronic co.,ltd
pin descriptions no description symbol no description symbol 1 output 1 out1 5 +input2 in2 + 2 -input1 in1 - 6 -input2 in2 - 3 +input1 in1 + 7 output 2 out1 4 ground gnd 8 supply voltage vcc absolute maximum ratings characteristics symbol min. max. unit single supply voltage 18 supply voltage dual supplies voltage vcc 36 v differential input voltage v idr 36 v input common-mode voltage v icr -0.3 36 v output short-circuit to ground i og 20 ma input current i in 50 ma maximum junction temperature t j 125 dip8 570 power dissipation sop8 p d 300 mw operating temperature range tamb -20 +85 storage temperature range tstg -65 150 electrical characteristics unless otherwise specified :vcc=5v tamb=25 characteristics test conditions symbo mi typ. max unit 1.0 5.0 input offset voltage 0 ta 70 v io 9.0 mv 5.0 50 input offset current 0 ta 70 i io 150 na 25 250 input bias current 0 ta 70 i ib 400 na 0 vcc-1.5 input common-mode voltage range 0 ta 70 v icr 0 vcc-2.0 v r l = dual comparator 0.4 1.0 supply current r l = dual comparator vcc=30v icc 2.5 ma voltage gain r l 15k ? vcc=15v gv 50 200 v/mv large signal response time v in =ttl logic swing v ref =1.4v v rl =5.0v r l =5.1k ? t res 300 ns response time v rl =5.0v r l =5.1k ? t res 1.3 ns input differential voltage v id vcc v output sink current v in - 1.0v v in + =0v vo 1.5v i sink 6.0 16 ma v in - 1.0v v in + =0v i sink 4.0m a 130 400 output saturation voltage v in - 1.0v v in + =0v i sink 4.0ma 0 ta 70 v sat 700 mv v in + 1.0v v in - =0v vo = 5 . 0 v 0.1 output leakage current v in + 1.0v v in - =0v vo=30v 0 ta 70 i ol 1000 na
applica t ion circuit applied single pow e r supply applied split pow e r supplies
typical characteristics curves:


▲Up To Search▲   

 
Price & Availability of LM393D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X