Part Number Hot Search : 
3D3424 TC9268P TK11032 V614ME07 FUES1B 12SMV500 1N5736B 3CSH9
Product Description
Full Text Search
 

To Download LDD--500H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ldd-350h blank : pin style w : wire style w file name:ldd-h-spec 2011-10-07 constant current output: 300ma to 1000ma wide input voltage: 9 ~ 56vdc wide output led string voltage: 2 ~ 52vdc high efficiency up to 97% dc/dc step-down converter built-in emi filter, comply with en55015 and fcc part15 without additional input filter and capacitors built-in pwm and remote on/off control protections: short circuit / over temperature cooling by free air convection compact size low cost, high reliability suitable for driving illumination led 3 years warranty fully encapsulated with ip67 level specification ldd-300h ldd-350h ldd-500h ldd-600h ldd-700h ldd-1000h order no. current range voltage range current accuracy (typ.) output efficiency (max.) dc current input pwm dimming & on/off control environment emc working temp. working humidity storage temp., humidity temp. coefficient vibration operating case temp. (max.) mtbf dimension others weight potting material short circuit filter remote on/off pwm frequency quiescent input in shutdown mode(max.) current over temperature protection ripple & noise(max.) note.2 switching freqency external capacitance load (max.) 97% at full load and 36vdc/48vdc input 270ma 10ma 9 ~ 56vdc 2.2uf 40khz ~ 1000khz 150mvp-p 3% at 24vdc input ; 4% at 48vdc input 2 ~ 52vdc 300ma 350ma 150mvp-p 320ma 500ma 150mvp-p 450ma 600ma 200mvp-p 550ma 700ma 1000ma 200mvp-p 350mvp-p 650ma 900ma 2000khrs min. mil-hdbk-217f (25 ) -40 ~ + 85 (refer to derating curve) 20% ~ 90% rh non-condensing -55 ~ +125 , 10 ~ 95% rh 0.03% / 10 ~ 500hz, 2g 10min./1 cycle, period for 60min. each along x, y, z axes 100 31.8*20.3*12.2mm or 1.25"*0.8"*0.48" inch (l*w*h) ldd-h:16g ; ldd-hw:18.6g expoxy(ul94-v0) full load note.3 no load capacitor leave open if not use power on with dimming: dim ~ -vin >2.5 ~ 6vdc or open circuit power off : dim ~ -vin < 0.8vdc or short 100 ~ 1khz 1ma at pwm dimming off and 24vdc input dc-dc constant current led driver l d d - h s e r i e s features : voltage range tj 150 typically(ic1) detect on main control ic regulated at rated output current protection type: can be continued, recovers automatically after fau lt condition is removed protection type : shut down, recovers automatically after temperatu re goes down ems immunity compliance to en55015, fcc part 15 class b compliance to en61000-4-2,3,4,6,8, light industry level, criter ia a emi conduction & radiation 1.all parameters are specified at normal input(48vdc), rated load, 25 70% rh ambient. 2.ripple & noise are measured at 20mhz by using a 12" twisted pair terminated with a 0.1uf capacitor. 3.test condition: 48vdc input. note
31.8[1.25] 11 2 21 14 21 23 11 2 bottom view pwm dimming control 0 25 50 75 100 25 50 75 100 pwm signal output current during pwm dimming operation, the output current will change to pwm style. h max l0 off off off on on 100~1khz on duty cycle (%) i out (% ) dc-dc constant current led driver l d d - h s e r i e s file name:ldd-h-spec 2011-10-07 tol : 3%(typ.) mechanical specification unit: mm (inch) blank type(ldd - - - - h): hw): w type(ldd pin configuration derating curve 14 13 12 11 23 24 22 2 1 bottom vi ew side vi ew side vi ew 12.2 [0.48] 20.3[0.80] 100 10mm 5 2mm 12.2 [0.48] 2.06 [0.08] 3.81 [0.15] 2.5 4 [0.1] 20.3 [0.80] 31.8 [1.25] 15.24 [0.60] note:pin size tolerance 0.60 0.05mm ta ( ) load (%) -40 0 25 50 71 85 50 25 75 100 100 pin no. pin no. 23,24 23 1,2 2 (black) (blue) (yellow) (white) (red) 11,12 11 13,14 14 22 21 output output +vin +vin -vin -vin -vout -vout +vout +vout pwm dim pwm dim comment comment dc supply dc supply don't connect to -vout don't connect to -vout led - connection led - connection led + connection led + connection on/off and pwm dimming (leave open if not used) on/off and pwm dimming (leave open if not used) 71 for 600~1000ma 85 for 300~500ma
dc-dc constant current led driver l d d - h s e r i e s file name:ldd-h-spec 2011-10-07 65.0% 70.0% 75.0% 80.0% 85.0% 90.0% 95.0% 100.0% 1 2 3 4 5 6 7 8 9 10 11 12 13 14 300ma 350ma 500ma 600ma 700ma 1000ma 70.0% 75.0% 80.0% 85.0% 90.0% 95.0% 100.0% 1 2 3 4 5 6 7 8 9 10 300ma 350ma 500ma 600ma 700ma 1000ma 75.0% 80.0% 85.0% 90.0% 95.0% 100.0% 1 2 3 4 5 6 7 300ma 350ma 500ma 600ma 700ma 1000ma 80.0% 85.0% 90.0% 95.0% 100.0% 1 2 3 300ma 350ma 500ma 600ma 700ma 1000ma efficiency vs output voltage(number of leds) fig-1 12vdc input, 1~3 leds(vf=3v) fig-2 24vdc input, 1~7 leds(vf=3 v) fig-3 36vdc input, 1~10 leds(vf=3v) output voltage(leds) output voltage(leds) output voltage(leds) efficiency (%) efficiency (%) efficiency (%) 80% 85% 90% 95% 100% 1 2 3 80% 2 3 4 5 6 7 75% 1 80% 85% 90% 95% 100% 3 4 5 6 7 8 9 10 75% 70% 1 2 70% 65% 75% 4 5 6 7 8 9 10 11 12 13 14 1 3 2 300ma 350ma 500ma 600ma 700ma 1000ma 300ma 300ma 300ma 350ma 350ma 350ma 500ma 500ma 500ma 600ma 600ma 600ma 700ma 700ma 700ma 1000ma 1000ma 1000ma fig-4 48vdc input, 1~14 leds(vf=3v) output voltage(leds) efficiency (%) 85% 90% 95% 100% 80% 85% 90% 95% 100% standard application +vin +vout -vin h: >2.5~6vdc or open circuit l: <0.8vdc or short -vout 1st led last led h pwm dimming ldd-h l


▲Up To Search▲   

 
Price & Availability of LDD--500H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X