Part Number Hot Search : 
FRP1005 SZN5951 1N4448WX HF3712FP E005916 CS1214 A1150 LNK364P
Product Description
Full Text Search
 

To Download LBW1C1D-EU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  durosite tm led low bay fixture mechanical information fixture weight: 8.2 kg (18 lbs) mounting options: swivel bracket or hook fixing: factory installed 3 meter pvc cable custom cable lengths available, consult factory electrical specifications operating voltage: 230/240vac, 50/60hz total system power consumption (typ): 80w operating temp: -40c to +60c (-40f to +149f) dimming option: consult factory for more information harmonics: en61000-3-2 surge protection: en61000-4-5 1 kv line to line 2 kv line to ground thd: <15% power factor: > 0.9 construction: housing: alum. cast finish: light grey powder coated (ral7001) lens: hard coated diffuse polycarbonate photometric information cri (typ): > 70 cct (typ): 6,000k (cool white) 4,500k (neutral white) dimensions in mm [inches] certifications & ratings: w ce - compliant en 55015:2006 / en 61547:2009 / en 60598:2008 w ip66 to en60529 w ik10 to en50102 w rohs compliant features & benefits: w 80% lumen maintenance over 60,000 operating hours w may be used with remote occupancy sensors w up to 75 lm/w w significant energy savings w optional cover for food preparation applications w instant on/off w replaces up to 150w hid w mercury free/lead free w superior light quality w produces minimal heat compared to competitive fixture w simple installation w resistant to shock and vibration w hard coated lens which adds uv protection and scratch resistance w temperature compensation technology for long life application dialights durosite? led low bay fixture was designed specifically to replace conventional lighting in a wide variety of industrial applications; both indoor and outdoor. its low profile light weight design and versatile mounting options make it ideal for many applications such as indoor and outdoor car parks, garages, cold storage and general area lighting applications with mounting heights less than 4 metres. all of dialights long life led luminaires are designed to meet the most demanding specification criteria while offering maximum energy savings, reduced maintenance costs, and a superior quality of light. www.dialight.com ordering codes part number led colour lumens LBW1C1D-EU cool white 6,000 lbw1n1d-eu neutral white 6,000 ? 6,5 (.3) 412,8 (16.25) between bracket mount locations (5/16-18unc) part number description kit includes hbxw3 swivel bracket swivel bracket bracket to fixture hardware hbxh hook (hook cannot be used in wet or damp location installs) hanger hook accessories dialight reserves the right to make changes at any time in order to supply the best product possible. the most current version of this document will always be available at: www.dialight.com/assets/brochures_and_catalogs/illumination/mdexlbxeu001.pdf mdexlbxeu001_a polar plot LBW1C1D-EU ? 31,75 (1.3) 63,5 (2.5) 114,3 (4.5) 369,7 (14.55) 119,9 (4.72) 263,5 (10.37) ? 406,4 (16.00) mounting view of bracket


▲Up To Search▲   

 
Price & Availability of LBW1C1D-EU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X