Part Number Hot Search : 
TC12V RA6963 SD1274 HT1620 63930 BQ275 BU1571KN DY10F
Product Description
Full Text Search
 

To Download LA6510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n2906 mh im / 92706 / 21506 ms pc / 11906 ms pc b8-7631,7311,7235 / 42000tn(kt) / d250jk no.2624-1/6 LA6510 overview the LA6510 is a dual power operational amplifier ic capable of delivering larger output currents than conventional operational amplifiers. the LA6510 features an on-chip current limiter and provides high voltage gain and a high common-mode rejection ratio. the LA6510 is an ideal choice for power applications such as dc servos, capstan drivers, actuator drivers, programmable power supplies and high-quality audio amplifiers. functions ? high output current (i o max = 1.0a) ? high gain ? equipped with current limiter pin ? supports single power source operation specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc / v ee max 18 v differential input voltage v id 30 v common mode input voltage v icom 15 v maximum output current i o max 1.0 a allowable power dissipation pd max 2.5 w operating temperature topr -40 to +85 c storage temperature tstg -55 to +150 c ordering number : en2624e monolithic linear ic dual power operational amplifier any and all sanyo semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo semiconductor representative nearest you before using any sanyo semiconductor products described or contained herein in such applications. sanyo semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor products described or contained herein.
LA6510 no.2624-2/6 electrical characteristics at ta = 25 c, v cc / v ee = 15v ratings parameter symbol conditions min typ max unit no-load current drain i cco 12 20 ma input offset voltage v io r s 10k 2 6 mv input offset current i io 10 200 na input bias current i b 100 700 na common-mode input voltage range v icm -15 +13 v common-mode signal rejection ratio c mr 70 80 db output voltage v o r l =33 12 13 v voltage gain vg o 100 db slew rate sr g v = 0, r l = 33 , r = 2.2 , c = 0.1 f 0.15 v/ s equivalent input noise voltage v ni rg = 1k , din audio 2 v supply voltage rejection ratio svr 30 150 v/v limiting current i sc rsc = 2.2 0.35 a package dimensions unit : mm (typ) 3046d pin assignment 1 0 2 2.5 3 4 5 6 7 7.5 8 -20 0 20 40 60 80 100 120 140150160 pd max - ta allowable power dissipation, pd max - w ambient temperature, ta - c with no arbitrarily large heat sink j-c ? 10 c/w tightening torque: 4kg ? cm with no heat sink 1 00 120 1. 5m m 3 50 5 0 1 . 5m m 3 sanyo : sip10f 25.2 24.0 1.6 min 3.5 14.0 3.6 (8.4) 16.7 max 1 10 1.3 0.5 2.54 (1.17) 1.6 0.45 3.6
LA6510 no.2624-3/6 equivalent circuit test circuits 1. input offset voltage [v io ] supply voltage rejection ratio [svr] 2. output voltage [v o ] 3. common-mode signal rejection ratio [cmr] common-mode input voltage range [v icm ] 4. input bias current [i b (+)]
LA6510 no.2624-4/6 5. input bias current [i b (-)] 6. input offset current [i io ] 7. current drain [i cc ] 8. slew rate [sr] 9. voltage gain [vg o ] 10. equivalent input noise voltage [v ni ]
LA6510 no.2624-5/6 application circuit examples current limiter circuit and output stage in source mode, when q3 turns on and current flows into th e load resistor, a voltage difference occurs across rsc, turning on q1 and activating the current limiter. in sink mode, q4 turns on to develop a voltage difference of th e polarity opposite to that in the source mode across rsc, thus turning on q2 and activating the limiter. a rsc can be use to set the maximum output current, but the maximum output current will vary slightly depending on the v be temperature characteristics of the transistor.
LA6510 ps no.2624-6/6 this catalog provides information as of november, 2006. specifications and information herein are subject to change without notice. specifications of any and all sanyo semiconductor pr oducts described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify s ymptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo semiconductor co., ltd. strives to supply high- quality high-reliability products. however, any and all semiconductor products fail with some probabi lity. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property . when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor produc ts (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording , or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo semiconductor co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor product that you intend to use. information (including circuit diagrams and circui t parameters) herein is for example only; it is not guaranteed for volume production. sanyo semicondu ctor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.


▲Up To Search▲   

 
Price & Availability of LA6510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X