Part Number Hot Search : 
1001J 30006 MIC842 RE5RL38A RE5RL21A 04200 CA3035 LV138
Product Description
Full Text Search
 

To Download KK4VHC241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK4VHC241 octal buffer/line driver, inv (3-state) kk 74vhc241 is high-speed logic ic made by cmos technology and designed for use in high-perform a nce calculating system s with a wide supply voltage range. as for operation speed, kk 74vhc241 can be compared with equivalent bipolar ics based on schottky ttl and two tim es surpasses ics of kk74 ? series. kk74vhc241 tolerates operation under conditions when voltage on input is exceeded up to 7v without affecting characteristics and ic reliability. this possibility allows to use kk74vhc241 in radio-electronic devices for interfacing with supply voltages 5v and 3v, elim inate ic failure under supply voltage source em ergency outage. use of output edge shaping block in the m i crocircuit allows to reduce noise am plitude of noises when switching outputs into the sam e state sim u ltaneously. input and output levels of kk 74vhc241 are compatible with cmos levels ordering information kk 74vhc241n plastic kk 74vhc241dw soic t a = -40 to 8 5 c for all packages features: ? supply voltage range 2.0 to 5.5 v. ? output current 8 m a . ? low consum ption current: 0.2 m k a (typical value) at = 25 . ? latchup current not less than 300 m a at = 85 . ? tolerable value of static potential not less than 2000 v as per hum an body m odel (hbm) and not less than 200 v as per m achine m odel ( ? ). ? am bient operation tem p erature m i nus 40 to plus 85 . ? balanced signal propagation delay. ? ensures voltage exceeding m ode on input ? low noise level at the sim u ltaneous switching of outputs in the sam e state: v olp = 0.8 v (m ax). ? for pins and functions, com p atible with kk74hc241. . 1
kk74vhc241 kk74vhc241 truth table i n p u t o u t p u t 1g 1 a 1 y l l l l h h h x z i n p u t o u t p u t 2 g 2 a 2 y h l l h h h l x z note ? h - high voltage level; l - low voltage level; x - any voltage level (low or high); z - output in third state pins description in kk74vhc241 pin no. s y m bol description 01 1g input output enable 02 1 a 1 d a t a i n p u t 03 2 y 4 d a t a o u t p u t 04 1 a 2 d a t a i n p u t 05 2 y 3 d a t a o u t p u t 06 1 a 3 d a t a i n p u t 07 2 y 2 d a t a o u t p u t 08 1 a 4 d a t a i n p u t 09 2 y 1 d a t a o u t p u t 10 g n d c o m m on o u t p u t 11 2 a 1 d a t a i n p u t 12 1 y 4 d a t a o u t p u t 13 2 a 2 d a t a i n p u t 14 1 y 3 d a t a o u t p u t 15 2 a 3 d a t a i n p u t 16 1 y 2 d a t a o u t p u t 17 2 a 4 d a t a i n p u t 18 1 y 1 d a t a o u t p u t 19 2g input output enable pinout 01 1a1 02 03 04 05 06 07 08 09 gnd 10 20 19 18 17 16 15 14 13 12 11 v cc 1g 2y4 1a2 2y3 1a3 2y2 1a4 2y1 2a1 1y4 2a2 1y3 2a3 1y2 2a4 1y1 2g 20 v cc supply output from voltage source 2
kk74vhc241 absolute maximum conditions* parameter, unit symbol value m i n m a x supply voltage, v v cc - 0 . 5 7 . 0 input voltage, v vin -0.5 7.0 output voltage, v vout -0.5 vcc+0.5v input diode current, m a iik ? -20 current of com m on output and supply output, m a i c c ? 75 output current, m a iout ? 25 output diode current, m a iok ? 20 dissipated power, m w pd ? 180 *under absolute m a xim u m conditions operation of m i crocircuit is not guaranteed. operation is guaranteed under m a xim u m conditions maximum conditions s y m b o l v a l u e parameter, unit m i n m a x supply voltage, v v cc 2 . 0 5 . 5 input voltage,v vin 0 v cc output voltage, v vout 0 v cc output current, m a iout ? 8.0 input rise and fall tim e, ns/v at vcc = (3.3 0.3) v at vcc = (5.0 0.5) v t lh , t hl 0 0 100 20 3
kk74vhc241 dc electrical characteristics v a l u e 25 c ?40 to 85 c symbo l p a r a m e t e r t e s t c o n d i t i o n s v cc , v m i n m a x m i n ma x unit 2.0 1 . 5 ? 1 . 5 ? v v ih high input voltage ? 3.0-5.5 0 .7vcc ? 0 . 7 v c c ? 2.0 ? 0 . 5 ? 0 . 5 v il low input voltage ? 3.0-5.5 ? 0 . 3 v c c ? 0 . 3 v c c 2 . 0 1 . 9 2 ? 1 . 9 ? 3 . 0 2 . 9 2 ? 2 . 9 ? 4 . 5 4 . 4 2 ? 4 . 4 ? v i = v ih or v il i o = -50 m k a 5 . 5 5 . 5 2 ? 5 . 4 ? v i = v ih or v il ; i o = -4 m a 3 . 0 2 . 5 8 ? 2 . 4 8 ? v oh high output voltage v i = v ih or v il ; i o = -8 m a 4 . 5 3 . 9 4 ? 3 . 8 0 ? 2 . 0 ? 0.09 ? 0 . 1 3 . 0 ? 0.09 ? 0 . 1 4 . 5 ? 0.09 ? 0 . 1 v i = v ih orv il i o = 50 m k a 5 . 5 ? 0.09 ? 0 . 1 v i = v ih or v il i o = 4 m a 3 . 0 ? 0.36 ? 0 . 4 4 v ol low output voltage v i = v ih or v il i o = 8 m a 4 . 5 ? 0.36 ? 0 . 4 4 i oz o u t p u t c u r r e n t i n "off" state v i = v ih or v il v o = v cc or 0v 5 . 5 - 0.25 - 2.5 mk a i i input current v i = 5.5v or 0v 0 ? 5.5 - 0.1 - 1.0 i cc consum ption current v i =v cc or 0v 5 . 5 - 4 . 0 - 4 0 . 0 4
kk74vhc241 ac electrical characteristics (t lh = t hl = 3.0 ns) v a l u e 25 c ?40 to 85 c s y m b o l p a r a m e t e r test conditi ons v cc , v c l , pf min m a x m i n m a x unit 15 ? 8 . 4 ? 1 0 . 0 3.3 0.3 50 ? 1 1 . 9 ? 1 3 . 5 15 ? 5 . 5 ? 6 . 5 t phl , t plh propagation delay tim e when switching "on", "off" figure 1 5.0 0.5 50 ? 7 . 5 ? 8 . 5 ns 3.3 0.3 5 0 ? 14.0 ? 16.0 t phz , t plz propagation delay tim e under transition from high , low level into "off" state figure 2 5.0 0.5 5 0 ? 9.2 ? 10.5 15 ? 1 0 . 6 ? 1 2 . 5 3.3 0.3 50 ? 1 4 . 1 ? 1 6 . 0 15 ? 7 . 3 ? 8 . 5 t pzh , t pzl propagation delay tim e under transition from ?off? state into high, low level figure 2 5.0 0.5 50 ? 9 . 3 ? 1 0 . 5 ? 3.3 0.3 5 0 ? 1.5 ? 1.5 t oslh , t oshl propagation delay s difference between outputs 5.5 0.5 5 0 ? 1.0 ? 1.0 capacitance characteristics v a l u e 25 c s y m b o l p a r a m e t e r test conditions v cc , v m i n m a x unit c i input capacity - 5.0 10 pf c o output capacity - 5.0 12 pf c d dy nam i c capacity v i = 0 v orv cc 5 . 0 3 6 p f noise characteristics (c l = 50 pf) value symbol p a r a m e t e r v cc , v m i n m a x unit v olp positive noise of low output voltage 5.0 - 0.9 v v olv negative noise of low output voltage 5 . 0 - 0 . 9 - v ihd input dy nam i c high voltage 5.0 3.5 - v ild input dy nam i c low voltage 5.0 - 1.5 5
kk74vhc241 - time diagram of input and output pulses 0. 5 0. 5 0 . 5 t lh t hl t ph l t pl h v cc gnd a y 0 v 0. 9 0. 9 0. 1 0. 1 v cc 0. 5 fig. 1 0. 5 0 . 5 v cc 0v g 0. 5 0. 5 t pzh t pz l t ph z t pl z v oh 0v v cc v ol 0. 9 0. 1 y y 0. 5 0 . 5 t lh t hl v cc 0v g 0. 9 0. 9 0. 1 0. 1 fig.2 6
kk74vhc241 n s u f f i x p l as t i c d i p (m s - 0 0 1 a d) sy m b o l m i n m a x a 24. 8 9 26. 92 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 3 a c) sy m b o l m i n m a x a 12. 6 1 3 b 7. 4 7 . 6 c 2. 35 2. 65 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h no t e s : j 0 8 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r pr o t r u s i on . k 0. 1 0 . 3 2. m a x i m u m m o l d fl a s h o r p r o t ru s i o n 0 . 1 5 m m (0 . 0 0 6 ) p e r s i d e m 0. 23 0. 32 f o r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 10 10. 65 r 0. 25 0. 75 d i me n s i o n , mm 1. 27 9. 53 d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0.2 5 ( 0 . 0 1 0 ) m t -t - 1 20 10 11 l h m j a b f g d se a t i n g pl an e n k 0.2 5 ( 0 . 010) m t -t - c 1 20 10 11 7


▲Up To Search▲   

 
Price & Availability of KK4VHC241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X