Part Number Hot Search : 
014SBDY 1N754 MA4ST408 74FR543 WNM4006 4MC67 7660S 2907A
Product Description
Full Text Search
 

To Download KBP206G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente kbp2005g ~ kbp210g voltage 50v ~ 1000v 2.0amp glass passivited bridge rectifiers 15-mar-2011 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? surge overload rating -60amperes peak ? ideal for printed circuit board ? the plastic material has ul flammability classification 94v-0 ? mounting position: any maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) part number parameter symbol kbp 2005g kbp 201g kbp 202g kbp 204g kbp 206g kbp 208g kbp 210g unit peak repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v working peak reverse voltage v rms 35 70 140 280 420 560 700 v dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a =50 c i (av) 2.0 a peak forward surge current 8.3 ms single half sine-wave super imposed on rated load (jedec method) i fsm 60 a maximum forward voltage drop per bridge element at 2.0a peak v f 1.1 v maximum reverse current at rated dc blocking voltage per element 10 a maximum reverse current at rated dc blocking voltage per element @t j =100 i r 1 ma operating and storage temperature range t j , t stg -55 ~ 150 c kbp c b a d j h l f e g k k millimete r millimete r ref. min. max. ref. min. max. a 14.22 15.24 g 3.0 x 45 b 10.67 11.68 h 1.15 1.35 c 4.57 5.08 j 12.7 - d 16.25 - k - 1.52 e 11.68 12.70 l 3.60 4.10 f 0.76 0.86
elektronische bauelemente kbp2005g ~ kbp210g voltage 50v ~ 1000v 2.0amp glass passivited bridge rectifiers 15-mar-2011 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of KBP206G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X