Part Number Hot Search : 
5962F 12001 YOD1B XQ18V04 MC1409 LA3161 SMCJ26 M4040BI
Product Description
Full Text Search
 

To Download IRG4BC20SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 19 i c @ t c = 100c continuous collector current 10 i cm pulsed collector current ? 38 a i lm clamped inductive load current ? 38 i f @ t c = 100c diode continuous forward current 7.0 i fm diode maximum forward current 38 v ge gate-to-emitter voltage 20 v p d @ t c = 25c maximum power dissipation 60 p d @ t c = 100c maximum power dissipation 24 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw. 10 lbf?in (1.1 n?m) parameter min. typ. max. units r q jc junction-to-case - igbt CCC CCC 2.1 r q jc junction-to-case - diode CCC CCC 3.5 c/w r q cs case-to-sink, flat, greased surface CCC 0.50 CCC r q ja junction-to-ambient, typical socket mount CCC CCC 80 wt weight CCC 2 (0.07) CCC g (oz) IRG4BC20SD insulated gate bipolar transistor with ultrafast soft recovery diode features features features features features e g n-channel c v ces = 600v v ce(on) typ. = 1.4v @v ge = 15v, i c = 10a thermal resistance standard speed igbt 9/23/98 absolute maximum ratings benefits pd- 91793 w t o -22 0 ab www.irf.com 1 ? extremely low voltage drop 1.4vtyp. @ 10a ? s-series: minimizes power dissipation at up to 3 khz pwm frequency in inverter drives, up to 4 khz in brushless dc drives. ? very tight vce(on) distribution ? igbt co-packaged with hexfred tm ultrafast, ultra-soft-recovery anti-parallel diodes for use in bridge configurations ? industry standard to-220ab package ? generation 4 igbt's offer highest efficiencies available ? igbt's optimized for specific application conditions ? hexfred diodes optimized for performance with igbt's . minimized recovery characteristics require less/no snubbing ? lower losses than mosfet's conduction and diode losses
IRG4BC20SD 2 www.irf.com parameter min. typ. max. u nits conditions q g total gate charge (turn-on) 27 40 i c = 10a qge gate - emitter charge (turn-on) 4.3 6.5 nc v cc = 400v see fig. 8 q gc gate - collector charge (turn-on) 10 15 v ge = 15v t d(on) turn-on delay time 62 t j = 25c t r rise time 32 ns i c = 10a, v cc = 480v t d(off) turn-off delay time 690 1040 v ge = 15v, r g = 50 w t f fall time 480 730 energy losses include "tail" and e on turn-on switching loss 0.32 diode reverse recovery. e off turn-off switching loss 2.58 mj see fig. 9, 10, 11,18 e ts total switching loss 2.90 4.5 t d(on) turn-on delay time 64 t j = 150c, see fig. 10,11, 18 t r rise time 35 ns i c = 10a, v cc = 480v t d(off) turn-off delay time 980 v ge = 15v, r g = 50 w t f fall time 800 energy losses include "tail" and e ts total switching loss 4.33 mj diode reverse recovery. l e internal emitter inductance 7.5 nh measured 5mm from package c ies input capacitance 550 v ge = 0v c oes output capacitance 39 pf v cc = 30v see fig. 7 c res reverse transfer capacitance 7.1 ? = 1.0mhz t rr diode reverse recovery time 37 55 ns t j = 25c see fig. 5590 t j = 125c 14 i f = 8.0a i rr diode peak reverse recovery current 3.5 5.0 a t j = 25c see fig. 4.5 8.0 t j = 125c 15 v r = 200v q rr diode reverse recovery charge 65 138 nc t j = 25c see fig. 124 360 t j = 125c 16 di/dt = 200as di (rec)m /dt diode peak rate of fall of recovery 240 a/s t j = 25c see fig. during t b 210 t j = 125c 17 parameter min. typ. max. u nits conditions v (br)ces collector-to-emitter breakdown voltage? 600 v v ge = 0v, i c = 250a d v (br)ces / d t j temperature coeff. of breakdown voltage 0.75 v/c v ge = 0v, i c = 1.0ma v ce(on) collector-to-emitter saturation voltage 1.40 1.6 i c = 10a v ge = 15v 1.85 v i c = 19a see fig. 2, 5 1.44 i c = 10a, t j = 150c v ge(th) gate threshold voltage 3.0 6.0 v ce = v ge , i c = 250a d v ge(th) / d t j temperature coeff. of threshold voltage -11 m v/c v ce = v ge , i c = 250a g fe forward transconductance ? 2.0 5.8 s v ce = 100v, i c = 10a i ces zero gate voltage collector current 250 a v ge = 0v, v ce = 600v 1700 v ge = 0v, v ce = 600v, t j = 150c v fm diode forward voltage drop 1.4 1.7 v i c = 8.0a see fig. 13 1.3 1.6 i c = 8.0a, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 20v switching characteristics @ t j = 25c (unless otherwise specified) electrical characteristics @ t j = 25c (unless otherwise specified)
IRG4BC20SD www.irf.com 3 0.1 1 10 100 0 4 8 12 16 f, frequency (khz) load current (a) fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 60% of rated voltage i ideal diodes square wave: for both: duty cycle: 50% t = 125c t = 90c gate drive as specified sink j power dissipation = w 13 1 10 100 5 6 7 8 9 10 11 12 v , gate-to-emitter voltage (v) i , collector-to-emitter current (a) ge c v = 50v 5 s pulse width cc t = 25 c j o t = 150 c j o 1 10 100 0.0 1.0 2.0 3.0 4.0 v , collector-to-emitter voltage (v) i , collector current (a) ce c v = 15v 20 s pulse width ge t = 25 c j t = 150 c j
IRG4BC20SD 4 www.irf.com fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - typical collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs. case temperature 25 50 75 100 125 150 0 5 10 15 20 t , case temperature ( c) maximum dc collector current(a) c -60 -40 -20 0 20 40 60 80 100 120 140 160 1.0 2.0 3.0 t , junction temperature ( c) v , collector-to-emitter voltage(v) j ce v = 15v 80 us pulse width ge i = a 5 c i = a 10 c i = a 20 c 5.0 a 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 0.50 single pulse (thermal response)
IRG4BC20SD www.irf.com 5 -60 -40 -20 0 20 40 60 80 100 120 140 160 0.1 1 10 100 t , junction temperature ( c ) total switching losses (mj) j r = v = 15v v = 480v g ge cc i = a 20 c i = a 10 c i = a 5 c 0 10 20 30 40 50 2.7 2.8 2.9 3.0 r , gate resistance total switching losses (mj) g v = 480v v = 15v t = 25 c i = 10a cc ge j c fig. 7 - typical capacitance vs. collector-to-emitter voltage fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 9 - typical switching losses vs. gate resistance fig. 10 - typical switching losses vs. junction temperature 0 5 10 15 20 25 30 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-emitter voltage (v) g ge v = 400v i = 10a cc c 1 10 100 0 200 400 600 800 1000 v , collector-to-emitter voltage (v) c, capacitance (pf) ce v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted ge ies g e g c , ce res g c oes ce g c c ies c oes c res 50 w r g , gate resistance ( w )
IRG4BC20SD 6 www.irf.com 0 4 8 12 16 20 0 2 4 6 8 10 12 14 i , collector current (a) total switching losses (mj) c r = t = 150 c v = 480v v = 15v g j cc ge fig. 13 - maximum forward voltage drop vs. instantaneous forward current 0.1 1 10 100 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 fm f instantaneous forward current - i (a) forward volta g e drop - v ( v ) t = 150c t = 125c t = 25c j j j fig. 11 - typical switching losses vs. collector-to-emitter current fig. 12 - turn-off soa 1 10 100 1 10 100 1000 v = 20v t = 125 c ge j o v , collector-to-emitter volta g e (v) i , collector-to-emitter current (a) ce c safe operating area 50 w
IRG4BC20SD www.irf.com 7 fig. 14 - typical reverse recovery vs. di f /dt fig. 15 - typical recovery current vs. di f /dt fig. 16 - typical stored charge vs. di f /dt fig. 17 - typical di (rec)m /dt vs. di f /dt 0 100 200 300 400 500 100 1000 f di /dt - ( a/ s ) rr q - (nc) i = 16a i = 8 .0a i = 4.0a f f f v = 200v t = 125c t = 25c r j j 100 1000 10000 100 1000 f di /dt - ( a/ s ) d i(re c)m /d t - (a /s) i = 1 6a i = 8.0a i = 4.0a f f f v = 200v t = 125c t = 25c r j j 0 20 40 60 80 100 100 1000 f di /dt - ( a/ s ) t - (ns) rr i = 16a i = 8 .0a i = 4.0a f f f v = 200v t = 125c t = 25c r j j 1 10 100 100 1000 f di /dt - ( a/ s ) i - (a) irrm i = 1 6a i = 8.0a i = 4.0a f f f v = 200v t = 125c t = 25c r j j
IRG4BC20SD 8 www.irf.com same type device as d.u.t. d.u.t. 430f 80% of vce fig. 18a - test circuit for measurement of i lm , e on , e off(diode) , t rr , q rr , i rr , t d(on) , t r , t d(off) , t f fig. 18b - test waveforms for circuit of fig. 18a, defining e off , t d(off) , t f vce ie dt t2 t1 5% vce ic ipk vcc 10% ic vce t1 t2 dut voltage and current gate voltage d.u.t. +vg 10% +vg 90% ic tr td(on) diode reverse recovery energy tx eon = erec = t4 t3 vd id dt t4 t3 diode recovery w aveforms ic vpk 10% vcc irr 10% irr vcc trr qrr = trr tx id dt fig. 18c - test waveforms for circuit of fig. 18a, defining e on , t d(on) , t r fig. 18d - test waveforms for circuit of fig. 18a, defining e rec , t rr , q rr , i rr vd ic dt vce ic dt ic dt t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% c i c e on e off ts on off e = (e +e ) v v ge
IRG4BC20SD www.irf.com 9 vg gate signal device under test current d.u.t. voltage in d.u.t. current in d1 t0 t1 t2 d.u.t. v * c 50v l 1000v 6000f 100v figure 19. clamped inductive load test circuit figure 20. pulsed collector current test circuit r l = 480v 2 x i c @25c 0 - 480v figure 18e. macro waveforms for figure 18a's test circuit
IRG4BC20SD 10 www.irf.com notes: ? repetitive rating: v ge =20v; pulse width limited by maximum junction temperature (figure 20) ? v cc =80 %( v ces ), v ge =20v, l=10h, r g = 50 w (figure 19) ? pulse width 80s; duty factor 0.1% . ? pulse width 5.0s, single shot. case outline ? to-220ab 0.55 (.022) 0.46 (.018) 3 x 2.92 (.115) 2.64 (.104) 1.32 (.052) 1.22 (.048) - b - 4.69 (.185) 4.20 (.165) 3.78 (.149) 3.54 (.139) - a - 6.47 (.255) 6.10 (.240) 1.15 (.045) m in 4.06 (.160) 3.55 (.140) 3 x 3.96 (.160) 3.55 (.140) 3 x 0.93 (.037) 0.69 (.027) 0.36 (.014) m b a m 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 1.40 (.055) 1.15 (.045) 3 x 2.54 (.100) 2x 1 2 3 4 conforms to jedec outline to-220ab d im e ns io ns in m illim e ters a nd (in c he s) lead assignments 1 - g a te 2 - c o lle c to r 3 - em it te r 4 - c o lle c to r notes: 1 dimensions & tolerancing per ansi y14.5m, 1982. 2 controlling dimension : inch. 3 d im e n s io n s a r e s h o w n m illim e te r s ( inches ) . 4 conforms to jedec outline to-220ab. world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 http://www.irf.com/ data and specifications subject to change without notice. 9/98


▲Up To Search▲   

 
Price & Availability of IRG4BC20SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X