Part Number Hot Search : 
2SK142 2SK142 R2402TA D37F0F0T 74F28000 DTA124E UPD6125A FRS12000
Product Description
Full Text Search
 

To Download IN74AC08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data quad 2-input and gate high-speed silicon-gate cmos IN74AC08 ordering information in74ac 08n pl ast i c in74ac 08d soic t a = -40 to 8 5 c for all packages the in74ac 08 i s i d ent i cal i n pi nout t o t h e ls/ a ls08, hc / h c t 08. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h p u llu p resisto r s, th ey are co m p atib le with ls/als o u t p u t s. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? high noise im m unity characteristic of cmos devices ? out put s source/ si nk 24 m a logic diagram pin 14 =v cc pin 7 = gnd pin assignment function table input s o u t put a b y l l l l h l h l l h h h 1
IN74AC08 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =3.0 v v cc =4.5 v v cc =5.5 v 0 0 0 150 40 25 ns/ v * v in from 30% t o 70% v cc thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
IN74AC08 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v 3.0 4.5 5.5 2.1 3.15 3.85 2.1 3.15 3.85 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v 3.0 4.5 5.5 0.9 1.35 1.65 0.9 1.35 1.65 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 3.0 4.5 5.5 2.9 4.4 5.4 2.9 4.4 5.4 v * v in = v ih i oh =-12 m a i oh =-24 m a i oh =-24 m a 3.0 4.5 5.5 2.56 3.86 4.86 2.46 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 3.0 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v * v in = v il or v ih i ol =12 m a i ol =24 m a i ol =24 m a 3.0 4.5 5.5 0.36 0.36 0.36 0.44 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 4 .0 40 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. no te: i in and i cc @ 3 . 0 v are g u a ran t eed to b e less th an o r eq u a l to th e resp ectiv e lim it @ 5 . 5 v v cc 3
IN74AC08 ac electrical characteristics (c l =50pf,input t r =t f =3.0 ns) v cc * guaranteed lim its sym b o l p a r a m e t e r v 25 c - 4 0 c to 85 c unit min max m in max t plh propagat i on del a y , input a or b t o out put y (fi gure 1) 3.3 5.0 1.5 1.5 9.5 7.5 1.0 1.0 10.0 8.5 ns t phl propagat i on del a y , input a or b t o out put y (fi gure 1) 3.3 5.0 1.5 1.5 8.5 7.0 1.0 1.0 9.0 7.5 ns c in m a xi m u m input c a paci t a nce 5.0 4 .5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 20 pf * vol t a ge r a nge 3.3 v i s 3.3 v 0.3 v vol t a ge r a nge 5.0 v i s 5.0 v 0.5 v fi gure 1. sw i t chi n g waveforms 4
IN74AC08 n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 5


▲Up To Search▲   

 
Price & Availability of IN74AC08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X