Part Number Hot Search : 
71024 TC58F ST2SA MAX2623 MCZ33 26000 00ELT MCZ33
Product Description
Full Text Search
 

To Download IDT5T995PFI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii february 2002 2002 integrated device technology, inc. dsc 5850/4 c industrial temperature range the idt logo is a registered trademark of integrated device technology, inc. features: ? ref input is 3.3v tolerant ? 4 pairs of programmable skew outputs ? low skew: 185ps same pair, 250ps all outputs ? selectable positive or negative edge synchronization: excellent for dsp applications ? synchronous output enable ? input frequency: ? std: 2mhz to 160mhz ? a: 2mhz to 200mhz ? output frequency: ? std: 6mhz to 160mhz ? a: 6mhz to 200mhz ? 3-level inputs for skew and pll range control ? 3-level inputs for feedback divide selection multiply / divide ratios of (1-6, 8, 10, 12) / (2, 4) ? pll bypass for dc testing ? external feedback, internal loop filter ? 12ma balanced drive outputs ? low jitter: <100ps cycle-to-cycle ? power-down mode ? lock indicator ? standard and a speed grades ? available in tqfp package functional block diagram fs pe lock pll 3 soe ref / n 3 3 fb 3 3 skew select skew select skew select skew select 3 3 3 3 3 3 1q 0 1q 1 1f1:0 2q 0 2q 1 2f1:0 ds1:0 3q 0 3q 1 3f1:0 4q 0 4q 1 4f1:0 pd test 3 idt5t995/a 2.5v programmable skew pll clock driver turboclock? ii description: the idt5t995 is a high fanout 2.5v pll based clock driver intended for high performance computing and data-communications applications. a key feature of the programmable skew is the ability of outputs to lead or lag the ref input signal. the idt5t995 has eight programmable skew outputs in four banks of 2. skew is controlled by 3-level input signals that may be hard-wired to appropriate high-mid-low levels. the feedback input allows divide-by-functionality from 1 to 12 through the use of the ds[1:0] inputs. this provides the user with frequency multiplication from 1 to 12 without using divided outputs for feedback. when the soe pin is held low, all the outputs are synchronously enabled. however, if soe is held high, all the outputs except 2q0 and 2q1 are synchronously disabled. the lock output asserts to indicate when phase lock has been achieved. furthermore, when pe is held high, all the outputs are synchronized with the positive edge of the ref clock input. when pe is held low, all the outputs are synchronized with the negative edge of ref. the idt5t995 has lvttl outputs with 12ma balanced drive outputs.
2 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii pin configuration note: 1. stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute- maximum-rated conditions for extended periods may affect device reliability. absolute maximum ratings (1) symbol description max unit v ddq , v dd supply voltage to ground ?0.5 to +4.6 v v i dc input voltage ?0.5 to v dd +0.5 v ref input voltage ?0.5 to +4.6 v maximum power t a = 85c 0.7 w dissipation t a = 55c 1.1 t stg storage temperature range ?65 to +150 c note: 1. capacitance applies to all inputs except test, fs, nf [1:0] , and ds [1:0] . capacitance (t a = +25c, f = 1mhz, v in = 0v) parameter description typ. max. unit c in input capacitance 5 7 pf 4f 1 soe pe v ddq 4q 1 4q 0 gnd pd v ddq gnd gnd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 1f 0 v ddq 1q 0 1q 1 gnd gnd ds 1 ds 0 v ddq gnd lock 3 f 0 f s v d d r e f g n d t e s t 2 f 1 2 f 0 4 f 0 3 f 1 1 f 1 g n d 3 q 1 3 q 0 v d d q f b v d d q 2 q 1 2 q 0 v d d q v d d q g n d tqfp top view note: 1. when test = mid and soe = high, pll remains active with nf[ 1:0 ] = ll functioning as an output disable control for individual output banks. skew selections remain in effect unless nf[ 1:0 ] = ll. pin description pin name type description ref i n reference clock input fb i n feedback input test (1) i n when mid or high, disables pll (except for conditions of note 1). ref goes to all outputs. skew selections (see control sum mary table) remain in effect. set low for normal operation. soe (1) i n synchronous output enable. when high, it stops clock outputs (except 2q 0 and 2q 1 ) in a low state (for pe = h) - 2q 0 and 2q 1 may be used as the feedback signal to maintain phase lock. when test is held at mid level and soe is high, the nf[ 1:0 ] pins act as output disable controls for individual banks when nf[ 1:0 ] = ll. set soe low for normal operation (has internal pull-down). pe i n selectable positive or negative edge control. when low/high the outputs are synchronized with the negative/positive edge o f the reference clock (has internal pull-up). nf [1:0] i n 3-level inputs for selecting 1 of 9 skew taps or frequency functions fs i n selects appropriate oscillator circuit based on anticipated frequency range. (see programmable skew range.) nq [1:0] out four banks of two outputs with programmable skew ds [1:0] i n 3-level inputs for feedback divider selection pd i n power down control. shuts off entire chip when low (has internal pull-up). lock out pll lock indication signal. high indicates lock. low indicates that the pll is not locked and outputs may not be synchronized to the inputs. v ddq pwr power supply for output buffers v dd pwr power supply for phase locked loop, lock output, and other internal circuitry gnd pwr ground
3 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii output skew with respect to the ref input is adjustable to compensate for pcb trace delays, backplane propagation delays or to accommodate requirements for special timing relationships between clocked compo- nents. skew is selectable as a multiple of a time unit (t u ) which ranges from 782ps to 1.5625ns for standard version and 6.25ps to 1.3ns for a version (see programmable skew range and resolution table). there are nine skew configurations available for each output pair. these con- figurations are chosen by the nf 1:0 control pins. in order to minimize the number of control pins, 3-level inputs (high-mid-low) are used, they are intended for but not restricted to hard-wiring. undriven 3-level in- puts default to the mid level. where programmable skew is not a re- quirement, the control pins can be left open for the zero skew default setting. the control summary table shows how to select specific skew taps by using the nf 1:0 control pins. programmable skew external feedback by providing external feedback, the idt5t995 gives users flexibility with regard to skew adjustment. the fb signal is compared with the input ref signal at the phase detector in order to drive the vco. phase differences cause the vco of the pll to adjust upwards or downwards accordingly. notes: 1. the device may be operated outside recommended frequency ranges without damage, but functional operation is not guaranteed. 2. the level to be set on fs is determined by the nominal operating frequency of the vco and time unit generator. the vco freque ncy always appears at 1q 1:0 , 2q 1:0 , and the higher outputs when they are operated in their undivided modes. the frequency appearing at the ref and fb inputs will be f nom when the output connected to fb is undivided and ds[ 1:0 ] = mm. the frequency of the ref and fb inputs will be f nom /2 or f nom /4 when the part is configured for frequency multiplication by using a divided output as the fb input and setting ds[ 1:0 ] = mm. using the ds[ 1:0 ] inputs allows a different method for frequency multiplication (see divide selection table). 3. skew adjustment range assumes that a zero skew output is used for feedback. if a skewed q output is used for feedback, then adjustment range will be greater. for example if a 4t u skewed output is used for feedback, all other outputs will be skewed ?4t u in addition to whatever skew value is programmed for those outputs. ?max adjustment? range applies to output pairs 3 and 4 where 6t u skew adjustment is possible and at the lowest f nom value. an internal loop filter moderates the response of the vco to the phase detector. the loop filter transfer function has been chosen to provide minimal jitter (or frequency variation) while still providing accu- rate responses to input frequency changes. idt5t995 idt5t995a fs = low fs = mid fs = high fs = low fs = mid fs = high comments timing unit calculation (t u ) 1/(32 x f nom ) 1/(16 x f nom ) 1/(8 x f nom ) 1/(32 x f nom ) 1/(16 x f nom ) 1/(8 x f nom ) vco frequency range (f nom ) (1,2) 24 to 40mhz 40 to 80mhz 80 to 160mhz 24 to 50mhz 48 to 100mhz 96 to 200mhz skew adjustment range (3) max adjustment: 7.8125ns 9.375ns 9.375ns 7.8125ns 7.8125ns 7.8125ns ns 67.5 135 270 67.5 135 270 phase degrees 18.75% 37.5% 75% 18.75% 37.5% 75% % of cycle time example 1, f nom = 25mhz t u = 1.25ns ? ? t u = 1.25ns ? ? example 2, f nom = 37.5mhz t u = 0.833ns ? ? t u = 0.833ns ? ? example 3, f nom = 50mhz ? t u = 1.25ns ? t u = 0.625ns t u = 1.25ns ? example 4, f nom = 75mhz ? t u = 0.833ns ? ? t u = 0.833ns ? example 5, f nom = 100mhz ? ? t u = 1.25ns ? t u = 0.625ns t u = 1.25ns example 6, f nom = 150mhz ? ? t u = 0.833ns ? ? t u = 0.833ns example 7, f nom = 200mhz ? ? ? ? ? t u = 0.625ns programmable skew range and resolution table
4 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii divide selection table ds [ 1:0 ] fb divide-by-n permitted output divide-by-n connected to fb in (1) ll 2 1 or 2 lm 3 1 lh 4 1, 2, or 4 ml 5 1 or 2 m m 1 1, 2, or 4 m h 6 1 or 2 hl 8 1 or 2 hm 10 1 hh 12 1 note: 1. permissible output division ratios connected to fb. the frequency of the ref input will be f nom /n when the part is configured for frequency multiplication by using an undivided output for fb and setting ds[ 1:0 ] to n (n = 1-6, 8, 10, 12). control summary table for feedback signals nf1:0 skew (pair #1, #2) skew (pair #3) skew (pair #4) ll (1) ?4t u divide by 2 divide by 2 lm ?3t u ?6t u ?6t u lh ?2t u ?4t u ?4t u ml ?1t u ?2t u ?2t u m m zero skew zero skew zero skew mh 1t u 2t u 2t u hl 2t u 4t u 4t u hm 3t u 6t u 6t u hh 4t u divide by 4 inverted (2) notes: 1. ll disables outputs if test = mid and soe = high. 2. when pair #4 is set to hh (inverted), soe disables pair #4 high when pe = high, soe disables pair #4 low when pe = low. recommended operating range symbol description min. typ. max. unit v dd /v ddq power supply voltage 2.3 2.5 2.7 v t a ambient operating temperature -40 +25 +85 c
5 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii dc electrical characteristics over operating range symbol parameter conditions min. max. unit v ih input high voltage guaranteed logic high (ref, fb inputs only) 2 ? v v il input low voltage guaranteed logic low (ref, fb inputs only) ? 0.7 v v ihh input high voltage (1) 3-level inputs only v dd ? 0.4 ? v v imm input mid voltage (1) 3-level inputs only v dd /2 ? 0.2 v dd /2+0.2 v v ill input low voltage (1) 3-level inputs only ? 0.4 v i in input leakage current v in = v dd or gnd ? 5+5a (ref, fb inputs only) v dd = max. v in = v dd high level ? +200 i 3 3-level input dc current v in = v dd /2 mid level ? 50 +50 a (test, fs, nf [1:0] , ds [1:0] )v in = gnd low level ? 200 ? i pu input pull-up current (pe, pd )v dd = max., v in = gnd ? 25 ? a i pd input pull-down current ( soe )v dd = max., v in = v dd ? +100 a v oh output high voltage v dd = min., i oh = ? 2ma (lock output) 2 ? v v ddq = min., i oh = ? 12ma (nq [1:0] outputs) 2 ? v ol output low voltage v dd = min., i ol = 2ma (lock output) ? 0.4 v v ddq = min., i ol = 12ma (nq [1:0] outputs) ? 0.4 note: 1. these inputs are normally wired to v dd , gnd, or unconnected. internal termination resistors bias unconnected inputs to v dd /2. if these inputs are switched, the function and timing of the outputs may be glitched, and the pll may require an additional t lock time before all datasheet limits are achieved. power supply characteristics 5t995 5t995a symbol parameter test conditions (1) typ. (2) max. typ. (2) max. unit i ddq quiescent power supply current v dd = max., test = mid, ref = low, 20 30 20 30 ma pe = low, soe = low, pd = high fs = mid, all outputs unloaded i ddpd power down current v dd = max., pd = low, soe = low ? 25 ? 25 a pe = high, test = high, fs = high nf [1:0] = hh, ds [1:0] = hh ? i dd power supply current per input high v in = 2.3v, v dd = max., pd = low 1 30 1 30 a (ref and fb inputs only) test = high fs = l 190 290 190 290 i ddd dynamic power supply current per output fs = m 150 230 150 230 a/mhz fs = h 130 200 130 200 fs = l f vco = 40mhz, c l = 0pf 49 ? ? ? f vco = 50mhz, c l = 0pf ? ? 56 ? i tot total power supply current fs = m f vco = 80mhz, c l = 0pf 66 ? ? ? ma f vco = 100mhz, c l = 0pf ? ? 80 ? fs = h f vco = 160mhz, c l = 0pf 103 ? ? ? f vco = 200mhz, c l = 0pf ? ? 125 ? notes: 1. measurements are for divide-by-1 outputs, nf [1:0] = mm, and ds [1:0] = mm. 2. for nominal voltage and temperature.
6 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii input timing requirements 5t995 5t995a symbol description (1) min. max. min. max. unit t r , t f maximum input rise and fall times, 0.7v to 1.7v ? 1 0 ? 10 ns/v t pwc input clock pulse, high or low 2 ? 2 ? ns d h input duty cycle 10 90 10 90 % fs = low 2 40 2 50 f ref reference clock input frequency fs = mid 3.33 80 4 100 m h z fs = high 6.67 160 8 200 note: 1. where pulse width implied by d h is less than t pwc limit, t pwc limit applies.
7 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii switching characteristics over operating range 5t995 5t995a symbol parameter min. typ. max. min. typ. max. unit f nom vco frequency range see programmable skew range and resolution table t rpwh ref pulse width high (1) 2? ? 2 ? ? ns t rpwl ref pulse width low (1) 2? ? 2 ? ? ns t u programmable skew time unit see control summary table t skewpr zero output matched-pair skew (xq 0 , xq 1 ) (2,3) ? 50 185 ? 50 185 ps t skew0 zero output skew (all outputs) (4) ? 0.1 0.25 ? 0.1 0.25 ns t skew1 output skew (rise-rise, fall-fall, same class outputs) (5) ? 0.1 0.25 ? 0.1 0.25 ns t skew2 output skew (rise-fall, nominal-inverted, divided-divided) (5) ? 0.2 0.5 ? 0.2 0.5 ns t skew3 output skew (rise-rise, fall-fall, different class outputs) (5) ? 0.15 0.5 ? 0.15 0.5 ns t skew4 output skew (rise-fall, nominal-divided, divided-inverted) (2) ? 0.3 0.9 ? 0.3 0.9 ns t dev device-to-device skew (2,6) ? ? 0.75 ? ? 0.75 ns t ( )1-3 static phase offset (fs = l, m, h) (fb divide-by-n = 1, 2, 3) (7) ? 0.3 ? 0.3 ? 0.25 ? 0.25 ns t ( )h static phase offset (fs = h) (7) ? 0.5 ? 0.5 ? 0.25 ? 0.25 ns t ( )m static phase offset (fs = m) (7) ? 0.7 ? 0.7 ? 0.5 ? 0.5 ns t ( )l1-6 static phase offset (fs = l) (fb divide-by-n = 1, 2, 3, 4, 5, 6) (7) ? 0.7 ? 0.7 ? 0.7 ? 0.7 ns t ( )l8-12 static phase offset (fs = l) (fb divide-by-n = 8, 10, 12) (7) ? 1? 1 ? 1?1 ns t odcv output duty cycle variation from 50% ? 1? 1 ? 1?1 ns t pwh output high time deviation from 50% (8) ? ? 1.5 ? ? 1.5 ns t pwl output low time deviation from 50% (9) ?? 2 ? ? 2 ns t orise output rise time 0.15 0.7 1.5 0.15 0.7 1.5 ns t ofall output fall time 0.15 0.7 1.5 0.15 0.7 1.5 ns t lock pll lock time (10,11) ? ? 0.5 ? ? 0.5 ms t ccjh cycle-to-cycle output jitter (peak-to-peak) ? ? 100 ? ? 100 (divide by 1 output frequency, fs = h, fb divide-by-n=1,2) t ccjha cycle-to-cycle output jitter (peak-to-peak) ? ? 150 ? ? 150 (divide by 1 output frequency, fs = h, fb divide-by-n=any) t ccjm cycle-to-cycle output jitter (peak-to-peak) ? ? 200 ? ? 150 ps (divide by 1 output frequency, fs = m) t ccjl cycle-to-cycle output jitter (peak-to-peak) ? ? 200 ? ? 200 (divide by 1 output frequency, fs = l, f ref > 3mhz) t ccjla cycle-to-cycle output jitter (peak-to-peak) ? ? 300 ? ? 300 (divide by 1 output frequency, fs = l, f ref < 3mhz) notes: 1. refer to input timing requirements table for more detail. 2. skew is the time between the earliest and the latest output transition among all outputs for which the same t u delay has been selected when all are loaded with the specified load. 3. t skewpr is the skew between a pair of outputs (xq0 and xq1) when all eight outputs are selected for 0t u . 4. t sk(0) is the skew between outputs when they are selected for 0t u . 5. there are 3 classes of outputs: nominal (multiple of t u delay), inverted (4q0 and 4q1 only with 4f0 = 4f1 = high), and divided (3qx and 4qx only in divide-by-2 or divide- by-4 mode). test condition: nf0:1=mm is set on unused outputs. 6. t dev is the output-to-output skew between any two devices operating under the same conditions (v ddq , v dd , ambient temperature, air flow, etc.) 7. t is measured with ref input rise and fall times (from 0.7v to 1.7v) of 0.5ns. measured from 1.25v on ref to 1.25v on fb. 8. measured at 1.7v. 9. measured at 0.7v. 10. t lock is the time that is required before synchronization is achieved. this specification is valid only after v dd /v ddq is stable and within normal operating limits. this parameter is measured from the application of a new signal or frequency at ref or fb until t pd is within specified limits. 11. lock detector may be unreliable for input frequencies less than approximately 4mhz, or for input signals which contain signi ficant jitter.
8 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii 1.7v t pwl t pwh t orise t ofall 0.7v 1ns 1ns 1.7v 0.7v 2.5v 0v v th = 1.25v 150 ? v ddq output 150 ? 20pf output 20pf for lock output for all other outputs v th = 1.25v ac test loads and waveforms lvttl input test waveform 2.5v output waveform
9 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii ref fb q other q inverted q ref divided by 2 ref divided by 4 t ref t skew2 t skew3, 4 t skew1, 3, 4 t skew2, 4 t skew3, 4 t skew3, 4 t skew2 t skewpr t skew0, 1 t ccj h, ha, m, l, la t odcv t odcv t rpwh t rpwl t skewpr t skew0, 1 t ( ) ac timing diagram notes: pe: the ac timing diagram applies to pe=v dd . for pe=gnd, the negative edge of fb aligns with the negative edge of ref, divided outputs change on the negative edge of ref, and the positive edges of the divide-by-2 and the divide-by-4 signals align. skew: the time between the earliest and the latest output transition among all outputs for which the same t u delay has been selected when all are loaded with 20pf and terminated with 75 ? to v ddq /2. t skewpr : the skew between a pair of outputs (xq 0 and xq 1 ) when all eight outputs are selected for 0t u . t skew0 : the skew between outputs when they are selected for 0t u . t dev : the output-to-output skew between any two devices operating under the same conditions (v ddq , v dd , ambient temperature, air flow, etc.) t odcv : the deviation of the output from a 50% duty cycle. output pulse width variations are included in t skew2 and t skew4 specifications. t pwh is measured at 1.7v. t pwl is measured at 0.7v. t orise and t ofall are measured between 0.7v and 1.7v. t lock : the time that is required before synchronization is achieved. this specification is valid only after v dd /v ddq is stable and within normal operating limits. this parameter is measured from the application of a new signal or frequency at ref or fb until t pd is within specified limits.
10 industrial temperature range idt5t995/a 2.5v programmable skew pll clock driver turboclock ii ordering information package x -40c to +85c (industrial) i idt xxxxx xx package device type 5t995 5t995a 2.5v programmable skew pll clock driver turboclock ii thin quad flat pack pf corporate headquarters for sales: for tech support: 2975 stender way 800-345-7015 or 408-727-6116 logichelp@idt.com santa clara, ca 95054 fax: 408-492-8674 (408) 654-6459 www.idt.com


▲Up To Search▲   

 
Price & Availability of IDT5T995PFI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X