Part Number Hot Search : 
R2000 MM3Z12 03515 R2000 29F040 CCN1002 N5400 1205D
Product Description
Full Text Search
 

To Download EPA240D-CP083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EPA240D-CP083 updated 07/19/2006 high efficiency heterojunction power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 1 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised july 2006 .050 .075 .015 .200 .220 .2900.005 .0080.001 .010 max .160 .096 2x .065 all dimensions in inches features ? non-hermetic surface mount 160mil metal ceramic package ? +32.5 dbm output power at 1db compression ? 18.5 db gain at 2 ghz ? 0.5x2400 micron rece ssed ?mushroom? gate ? si 3 n 4 passivation ? advanced epitaxial heterojunction profile provides extra high power efficiency, and high reliability electrical characteristics (t a = 25 c) caution! esd sensitive device. symbol parameter/test conditions min typ max units p 1db output power at 1db compression f = 2.0 ghz vds = 8 v, ids=50% idss f = 4.0 ghz 31.0 32.5 32.5 dbm g 1db gain at 1db compression f = 2.0 ghz vds = 8 v, ids=50% idss f = 4.0 ghz 16.0 18.5 13.5 db pae power added efficiency at 1db compression vds = 8 v, ids=50% idss f = 2.0 ghz 50 % i dss saturated drain current v ds = 3 v, v gs = 0 v 440 720 940 ma g m transconductance v ds = 3 v, v gs = 0 v 480 760 ms v p pinch-off voltage v ds = 3 v, i ds = 6 ma -1.0 -2.5 v bv gd drain breakdown voltage i gd = 2.4 ma -13 -15 v bv gs source breakdown voltage i gs = 2.4 ma -7 -14 v r th * thermal resistance 25 30 o c/w notes: * overall rth depends on case mounting. maximum ratings at 25 o c symbols parameters absolute 1 continuous 2 vds drain-source voltage 10v 8v vgs gate-source voltage -5v -3v igsf forward gate current 10.8 ma 3.6 ma igsr reverse gate current -1.8 ma -0.6 ma pin input power 29 dbm @ 3db compression tch channel temperature 175 o c 175 o c tstg storage temperature -65/175 o c -65/175 o c pt total power dissipation 5.0 w 5.0 w note: 1. exceeding any of the above ratings may result in permanent damage. 2. exceeding any of the above ratings may reduce mttf below design goals.


▲Up To Search▲   

 
Price & Availability of EPA240D-CP083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X