Part Number Hot Search : 
ZMM5234B TRRPB 2C2857 CPC10 FT20120 005000 CPC10 EXC410
Product Description
Full Text Search
 

To Download DTC144ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente dtc144ee / dtc144eua DTC144ECA / dtc144esa / dtc144em npn digital transistors (built-in resistors) 28-oct-2011 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit).  the bias resistors consist of thin-film resistors w ith complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects.  only the on/off conditions need to be set for operation, making device design easy. equivalent circuit absolute maximum ratings (t a =25 c unless otherwise noted) limits (dtc144e ) parameter symbol m e ua ca sa unit collector-base voltage v cc 50 v input voltage v in -10~40 v i o 30 output current i c(max) 100 ma power dissipation p d 100 150 200 300 mw junction & storage temperature t j , t stg 150, -55~150 c dtc144ee (sot-523) addreviated symbol 26 dtc144eua (sot-323) addreviated symbol 26 dtc144em (sot-723) addreviated symbol 26 DTC144ECA (sot-23) addreviated symbol 26 dta144esa (to-92s)
elektronische bauelemente dtc144ee / dtc144eua DTC144ECA / dtc144esa / dtc144em npn digital transistors (built-in resistors) 28-oct-2011 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25 c unless otherwise noted) parameter symbol min. typ. max. unit test conditions v i(off) 0.5 - - v cc =5v, i o =100 a input voltage v i(on) - - 3 v v o =0.3v, i o =2ma output voltage v o(on) - - 0.3 v i o /i i =10ma/0.5ma input current i i - - 0.18 ma v i =5v output current i o(off) - - 0.5 a v cc =50v, v i =0 dc current gain g i 68 - - v o =5v, i o =5ma input resistance r 1 32.9 47 61.1 k  resistance ratio r 2/ r 1 0.8 1 1.2 transition frequency f t - 250 - mhz v o =10v, i o =5ma, f=100mhz
elektronische bauelemente dtc144ee / dtc144eua DTC144ECA / dtc144esa / dtc144em npn digital transistors (built-in resistors) 28-oct-2011 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of DTC144ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X