Part Number Hot Search : 
IDT72 EC734N60 SL74HC 79100 SFP630 SC250 C3834 ASI10
Product Description
Full Text Search
 

To Download DI204S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 november 3,2010-rev.01 di200s~di2010s ? plastic material used carries underwriters laboratory recognition 94v-o ? low leakage ? surge overload rating-- 50 amperes peak ? ideal for printed circuit board ? exceeds environmental standards of mil-s-19500/228 ? in compliance with eu rohs 2002/95/ec directives mechanical data ? case: reliable low cost construction utilizing molded plastic technique results in inexpensive product ? terminals: lead solderable per mil-std-750, method 2026 ? polarity: polarity symbols molded or marking on body ? mounting position: any ? weight: 0.0115 ounce, 0.3268 gram dual-in-line glass passivated single-phase surface mount bridge rectifier maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified.single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% notes: 1. measured at 1.0 mhz and applied reverse voltage of 4.0 volts 2. thermal resistance from junction to ambient and from junction to lead mounted on p.c.b. with 0.5 x 0.5"(13 x 13mm) copper pa ds features voltage 50~1000 volts 2.0 amperes current parameter symbol di200s di201s di202s DI204S di206s di208s di2010s units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current t a =40 o ci f(av) 2.0 a peak forward surge current:8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a i 2 t rating for fusing ( t<8.35ms) i 2 t10.0a 2 s maximum forward voltage drop per bridge element at 2.0a v f 1.1 v maximum dc reverse currentt j =25 o c at rated dc blocking voltaget j =125 o c i r 5.0 500 a typical junction capacitance (note 1) c j 25 pf typical thermal resistance per leg ((note 2) r ja r jl 40 15 o c / w operating junstion and storage temperature range t j ,t stg -55 to + 150 o c 0.335(8.51) 0.316(8.05) 0.406(10.3) 0.360(9.40) 0.255(6.5) 0.245(6.2) 0.045(1.14) 0.035(0.89) 0.098(2.5) 0.086(2.2) 0.310(7.9) 0.290(7.4) 0.011(0.28) 0.004(0.10) 0.009(0.25) 0.060(1.524) 0.040(1.016)
page . 2 november 3,2010-rev.01 di200s~di2010s fig.1 derating curve for output rectified current fig.3 typical reverse characteristics ambient temperature, c o percent of peak reverse voltage, % average forward output current, amperes instantaneous reverse current,ua rating and characteristic curves 3.0 2.0 1.0 0 0 50 100 150 1.5 2.5 0.5 t = 100 c a o t=25 c a o 10 1.0 0.1 0.01 0 20 40 60 80 100 120 140 fig.2 typical instantaneous forward characteristics fig.4 maximum non-repetitive peak forward surge current no. of cycles at 60hz instantaneous forward voltage, volts instantaneous forward current, amperes forward surge current,amperes pk (half sine-wave) 0 .01 .1 1.0 10 0.2 0.4 0.6 0.8 1.0 1.2 1.4 100 60 60 50 70 40 40 30 20 20 10 10 5 2 1 0


▲Up To Search▲   

 
Price & Availability of DI204S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X