Part Number Hot Search : 
PIC33EP AC125 FQPF5N15 FR10A04 FR10A04 E222M KTIR0811 RGL41J
Product Description
Full Text Search
 

To Download CY7C1415BV18-250BZI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cy7c1413bv18 cy7c1415bv18 36-mbit qdr ? ii sram 4-word burst architecture cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document number: 001-07037 rev. *i revised december 3, 2010 36-mbit qdr ? ii sram 4-word burst architecture features separate independent read and write data ports ? supports concurrent transactions 300 mhz clock for high bandwidth 4-word burst for reducing address bus frequency double data rate (ddr) interfaces on both read and write ports (data transferred at 600 mhz) at 300 mhz two input clocks (k and k ) for precise ddr timing ? sram uses rising edges only two input clocks for output data (c and c ) to minimize clock skew and flight time mismatches echo clocks (cq and cq ) simplify data capture in high speed systems single multiplexed address input bus latches address inputs for both read and write ports separate port selects for depth expansion synchronous internally self-timed writes qdr ii operates with 1.5 cycle read latency when dll is enabled operates as a qdr i device with 1 cycle read latency in dll off mode available in 18, and 36 configurations full data coherency, providing most current data core v dd = 1.8 (0.1 v); i/o v ddq = 1.4 v to v dd available in 165-ball fpbga package (15 17 1.4 mm) offered in both pb-free and non pb-free packages variable drive hstl output buffers jtag 1149.1 compatible test access port delay lock loop (dll) for accurate data placement configurations cy7c1413bv18 ? 2m 18 cy7c1415bv18 ? 1m 36 functional description the cy7c1413bv18, and cy7c1415bv18 are 1.8 v synchronous pipelined srams, equipped with qdr ii architecture. qdr ii architecture consists of two separate ports to access the memory array. the read port has dedicated data outputs to support the read oper ations and the write port has dedicated data inputs to support the write operations. qdr ii architecture has separate data inputs and data outputs to completely eliminate the need to ?turn-around? the data bus required with common i/o devices. access to each port is through a common address bus. addresses for read and write addresses are latched on alternat e rising edges of the input (k) clock. accesses to the qdr ii read and write ports are completely independent of one another. to maximize data throughput, read and write ports are equipped with ddr interfaces. each address location is associated with four 18-bit words (cy7c1413bv18), or 36-bit words (cy7c1415bv18) that burst sequentially into or out of the device. because data can be transferred into and out of the device on every rising edge of both input clocks (k and k and c and c ), memory bandwidth is maximized while simplifying syst em design by el iminating bus ?turn-arounds.? depth expansion is accomplished with port selects, which enables each port to operate independently. all synchronous inputs pass through input registers controlled by the k or k input clocks. all data outputs pass through output registers controlled by the c or c (or k or k in a single clock domain) input clocks. writes are conducted with on chip synchronous self-timed write circuitry. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 2 of 30 logic block diagram (cy7c1413bv18) logic block diagram (cy7c1415bv18) clk a (18:0) gen. k k control logic address register d [17:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 36 19 72 18 bws [1:0] v ref write add. decode write reg 36 a (18:0) 19 18 cq cq doff q [17:0] 18 18 18 write reg write reg write reg c c 512k x 18 array 512k x 18 array 512k x 18 array 512k x 18 array 18 256k x 36 array clk a (17:0) gen. k k control logic address register d [35:0] read add. decode read data reg. rps wps control logic address register reg. reg. reg. 72 18 144 36 bws [3:0] v ref write add. decode write reg 72 a (17:0) 18 256k x 36 array 256k x 36 array 256k x 36 array 36 cq cq doff q [35:0] 36 36 36 write reg write reg write reg c c 36 [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 3 of 30 contents selection guide ................................................................ 4 pin configuration ............................................................. 5 165-ball fbga (15 17 1.4 mm) pinout .................. 5 pin definitions .................................................................. 6 functional overview ........................................................ 8 read operations ......................................................... 8 write operations ......................................................... 8 byte write operations ................................................. 8 single clock mode .............. ........................................ 8 concurrent transactions ..... ........................................ 8 depth expansion ......................................................... 9 programmable impedance ........ .............. ........... ......... 9 echo clocks .......... .............. .............. .............. ............ 9 dll .............................................................................. 9 application example ........................................................ 9 truth table ...................................................................... 10 write cycle descriptions ............................................... 10 write cycle descriptions ............................................... 11 ieee 1149.1 serial boundary sc an (jtag) ... ........... .... 12 disabling the jtag feature ...................................... 12 test access port?test clock ................................... 12 test mode select (tms) ........................................... 12 test data-in (tdi) ..................................................... 12 test data-out (tdo) ................................................. 12 performing a tap re set ........................................... 12 tap registers ........................................................... 12 tap instruction set ................................................... 12 tap controller state diagram ....................................... 14 tap controller block diagram ...................................... 15 tap electrical characteristics ...................................... 15 tap ac switching characteristics ............................... 16 tap timing and test conditions .................................. 16 identification register definitions ................................ 17 scan register sizes ....................................................... 17 instruction codes ........................................................... 17 boundary scan order .................................................... 18 power up sequence in qdr ii sram ........................... 19 power up sequence ................................................. 19 dll constraints ......................................................... 19 maximum ratings ........................................................... 20 operating range ............................................................. 20 neutron soft error immunity ......................................... 20 electrical characteristics ............................................... 20 dc electrical characteristics ..................................... 20 ac electrical characteristics ..................................... 21 capacitance .................................................................... 22 thermal resistance ........................................................ 22 switching characteristics .............................................. 23 switching waveforms .................................................... 25 ordering information ...................................................... 26 ordering code definition .... ....................................... 26 package diagram ............................................................ 27 acronyms ........................................................................ 28 document conventions ................................................. 28 units of measure ....................................................... 28 document history page ................................................. 29 sales, solutions, and legal information ...................... 30 worldwide sales and design s upport ......... .............. 30 products .................................................................... 30 psoc solutions ......................................................... 30 [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 4 of 30 selection guide description 300 mhz 278 mhz 250 mhz 200 mhz 167 mhz unit maximum operating frequency 300 278 250 200 167 mhz maximum operating current 18 940 865 790 655 565 ma 36 1040 950 870 715 615 [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 5 of 30 pin configuration the pin configuration for cy7c1413bv18 and cy7c1415bv18 follow. [1] 165-ball fbga (15 17 1.4 mm) pinout cy7c1413bv18 (2m 18) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/144m a wps bws 1 k nc/288m rps anc/72mcq b nc q9 d9 a nc k bws 0 ancncq8 c nc nc d10 v ss ancav ss nc q7 d8 d nc d11 q10 v ss v ss v ss v ss v ss nc nc d7 e nc nc q11 v ddq v ss v ss v ss v ddq nc d6 q6 f nc q12 d12 v ddq v dd v ss v dd v ddq nc nc q5 g nc d13 q13 v ddq v dd v ss v dd v ddq nc nc d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc d14 v ddq v dd v ss v dd v ddq nc q4 d4 k nc nc q14 v ddq v dd v ss v dd v ddq nc d3 q3 l nc q15 d15 v ddq v ss v ss v ss v ddq nc nc q2 m nc nc d16 v ss v ss v ss v ss v ss nc q1 d2 n nc d17 q16 v ss aaav ss nc nc d1 p nc nc q17 a a c a a nc d0 q0 r tdotckaaac aaatmstdi cy7c1415bv18 (1m 36) 1 2 3 4 5 6 7 8 9 10 11 a cq nc/288m nc/72m wps bws 2 k bws 1 rps a nc/144m cq b q27 q18 d18 a bws 3 kbws 0 ad17q17q8 c d27 q28 d19 v ss ancav ss d16 q7 d8 d d28 d20 q19 v ss v ss v ss v ss v ss q16 d15 d7 e q29 d29 q20 v ddq v ss v ss v ss v ddq q15 d6 q6 f q30 q21 d21 v ddq v dd v ss v dd v ddq d14 q14 q5 g d30 d22 q22 v ddq v dd v ss v dd v ddq q13 d13 d5 h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j d31 q31 d23 v ddq v dd v ss v dd v ddq d12 q4 d4 k q32 d32 q23 v ddq v dd v ss v dd v ddq q12 d3 q3 l q33 q24 d24 v ddq v ss v ss v ss v ddq d11 q11 q2 m d33 q34 d25 v ss v ss v ss v ss v ss d10 q1 d2 n d34 d26 q25 v ss aaav ss q10 d9 d1 p q35 d35 q26 a a c a a q9 d0 q0 r tdotckaaac aaatmstdi note 1. nc/72m, nc/144m, and nc/288m are not connected to the die and can be tied to any voltage level. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 6 of 30 pin definitions pin name i/o pin description d [x:0] input- synchronous data input signals . sampled on the rising edge of k and k clocks when valid write operations are active. cy7c1413bv18 ? d [17:0] cy7c1415bv18 ? d [35:0] wps input- synchronous write port select ? active low . sampled on the rising edge of the k clock. when asserted active, a write operation is initiated. dea sserting deselects the write port. deselecting the write port ignores d [x:0] . bws 0 , bws 1 , bws 2 , bws 3 input- synchronous byte write select 0, 1, 2 and 3 ? active low . sampled on the rising edge of the k and k clocks when write operations are active. used to select which byte is written into the device during the current portion of the write operations. bytes not written remain unaltered. cy7c1413bv18 ? bws 0 controls d [8:0] and bws 1 controls d [17:9]. cy7c1415bv18 ?? bws 0 controls d [8:0] , bws 1 controls d [17:9] , bws 2 controls d [26:18] and bws 3 controls d [35:27]. all the byte write selects are sampled on the same edge as the data. deselecting a byte write select ignores the corresponding byte of data and it is not written into the device . a input- synchronous address inputs . sampled on the rising edge of the k clock dur ing active read and write operations. these address inputs are multiplexed for both read and write o perations. internally, the device is organized as 2m x 18 (4 arrays each of 512k x 18) for cy7c1413bv18 and 1m x 36 (4 arrays each of 256k x 36) for cy7c1415bv18. therefore, only 19 address inputs are needed to access the entire memory array of cy7c1413bv18 and 18 address inputs for cy7c1415bv18. these inputs are ignored when the appro- priate port is deselected. q [x:0] outputs- synchronous data output signals . these pins drive out the requested data when the read operation is active. valid data is driven out on the rising edge of the c and c clocks during read oper ations or k and k , when in single clock mode. on deselecting the read port, q [x:0] are automatically tristated. cy7c1413bv18 ? q [17:0] cy7c1415bv18 ? q [35:0] rps input- synchronous read port select ? active low . sampled on the rising edge of positive input clock (k). when active, a read operation is initiated. deasse rting deselects the read port. when deselected, the pending access is allowed to complete and the output drivers are automatically tristated following the next rising edge of the c clock. each read access consists of a burst of four sequential transfers. c input clock positive input clock for output data . c is used in conjunction with c to clock out the read data from the device. c and c can be used together to deskew the flight times of various devices on the board back to the controller. see application example for further details. c input clock negative input clo ck for output data . c is used in conjunction with c to clock out the read data from the device. c and c can be used together to deskew the flight times of various devices on the board back to the controller. see application example for further details. k input clock positive input clock input . the rising edge of k is used to capture synchronous inputs to the device and to drive out data through q [x:0] when in single clock mode. all accesses are initiated on the rising edge of k. k input clock negative input clock input . k is used to capture synchronous inputs being presented to the device and to drive out data through q [x:0] when in single clock mode. cq echo clock cq referenced with respect to c . this is a free running clock and is synchronized to the input clock for output data (c) of the qdr ii. in the single clo ck mode, cq is generated with respect to k. the timings for the echo clocks are show n in the ac timing table. cq echo clock cq referenced with respect to c . this is a free running clock and is synchronized to the input clock for output data (c ) of the qdr ii. in the single clock mode, cq is generated with respect to k . the timings for the echo clocks are show n in the ac timing table. zq input output impedance matching input . this input is used to tune the device outputs to the system data bus impedance. cq, cq , and q [x:0] output impedance are set to 0.2 x rq , where rq is a resistor connected between zq and ground. alternatively, th is pin can be connected directly to v ddq , which enables the minimum impedance mode. this pin cannot be c onnected directly to gnd or left unconnected. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 7 of 30 doff input dll turn off ? active low . connecting this pin to ground turns off the dll inside the device. the timings in the dll turned off operation differs from th ose listed in this data sheet. for normal operation, this pin can be connected to a pull up through a 10 k ? or less pull up resistor. the device behaves in qdr i mode when the dll is turned off. in this mode, the device can be operated at a frequency of up to 167 mhz with qdr i timing. tdo output tdo for jtag . tck input tck pin for jtag . tdi input tdi pin for jtag . tms input tms pin for jtag . nc n/a not connected to the die . can be tied to any voltage level. nc/72m n/a not connected to the die . can be tied to any voltage level. nc /144m n/a not connected to the die . can be tied to any voltage level. nc /288m n/a not connected to the die . can be tied to any voltage level. v ref input- reference reference voltage input . static input used to set the reference level for hstl inputs, outputs, and ac measurement points. v dd power supply power supply inputs to the core of the device . v ss ground ground for the device . v ddq power supply power supply inputs for the outputs of the device . pin definitions (continued) pin name i/o pin description [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 8 of 30 functional overview the cy7c1413bv18 and cy7c1415bv18 are synchronous pipelined burst srams with a read port and a write port. the read port is dedicated to read operations and the write port is dedicated to write operations. data flows into the sram through the write port and flows out th rough the read port. these devices multiplex the address inputs to minimize the number of address pins required. by having sepa rate read and write ports, the qdr ii completely eliminates the need to turn-around the data bus and avoids any possible dat a contention, th ereby simplifying system design. each access consists of four 18-bit data transfers in the case of cy7c1413bv18, an d four 36-bit transfers data in the case of cy7c1415bv18 in two clock cycles. this device operates with a r ead latency of one and half cycles when doff pin is tied high. when doff pin is set low or connected to v ss then device behaves in qdr i mode with a read latency of one clock cycle. accesses for both ports are init iated on the positive input clock (k). all synchronous input timing is referenced from the rising edge of the input clocks (k and k ) and all output timing is referenced to the output clocks (c and c or k and k when in single clock mode). all synchronous data inputs (d [x:0] ) pass through input registers controlled by the input clocks (k and k ). all synchronous data outputs (q [x:0] ) pass through output registers controlled by the rising edge of the out put clocks (c and c or k and k when in single clock mode). all synchronous control (rps , wps , bws [x:0] ) inputs pass through input registers controlled by the rising edge of the input clocks (k and k ). cy7c1413bv18 is described in the following sections. the same basic descriptions apply to cy7c1415bv18. read operations the cy7c1413bv18 is organized internally as four arrays of 512k x 18. accesses are completed in a burst of four sequential 18-bit data words. read operat ions are initiated by asserting rps active at the rising edge of the positive input clock (k). the address presented to address inputs are stored in the read address register. following the next k clock rise, the corresponding lowest order 18-bit word of data is driven onto the q [17:0] using c as the output timing reference. on the subsequent rising edge of c, the next 18-bit data word is driven onto the q [17:0] . this process continues until all four 18-bit data words are driven out onto q [17:0] . the requested data is valid 0.45 ns from the rising edge of the output clock (c or c , or k or k when in single clock mode). to maintain the internal logic, each read access must be allowed to complete. each read access consists of four 18-bit data words and takes two clock cycles to complete. therefore, read accesses to the device can not be initiated on two consecutive k clock rises. the internal logic of the device ignores the second read request. read accesses can be initiated on every other k clock rise. doing so pipelines the data flow such that data is tran sferred out of the device on every rising edge of the output clocks (c and c , or k and k when in single clock mode). when the read port is dese lected, the cy7c1413bv18 first completes the pending read transactions. synchronous internal circuitry automatically tristates the outputs following the next rising edge of the positive output clock (c). this enables for a transition between devices without th e insertion of wait states in a depth expanded memory. write operations write operations are initiated by asserting wps active at the rising edge of the positive input clock (k). on the following k clock rise the data presented to d [17:0] is latched and stored into the lower 18-bit write data register, provided bws [1:0] are both asserted active. on the subsequent rising edge of the negative input clock (k ), the information presented to d [17:0] is also stored into the write data register, provided bws [1:0] are both asserted active. this process continues for one more cycle until four 18-bit words (a total of 72 bits) of data are stored in the sram. the 72 bits of data are then written into the memory array at the specified location. therefore, write accesses to the device can not be initiated on two consecutive k clock rises. the internal logic of the device ignores the se cond write request. initiate write access on every other rising edge of the positive input clock (k). doing so pipelines the data flow such that 18 bits of data transfers into the device on ever y rising edge of the input clocks (k and k ). when deselected, the write port ignores all inputs after the pending write operati ons are completed. byte write operations byte write operations are supp orted by the cy7c1413bv18. a write operation is initiated as described in the write operations section. the bytes that are written are determined by bws 0 and bws 1 , which are sampled with each set of 18-bit data words. asserting the appropriate byte wr ite select input during the data portion of a write latches the dat a being presented and writes it into the device. deasserting the byte write select input during the data portion of a write enab les the data stored in the device for that byte to remain unalte red. this feature can be used to simplify read, modify, or write operations to a byte write operation. single clock mode the cy7c1413bv18 can be used with a single clock that controls both the input and output registers. in this mode the device recognizes only a single pair of input clock (k and k ) that control both the input and output registers. this operation is identical to the operation if the device had zero skew between the k/k and c/c clocks. all timing para meters remains the same in this mode. to use this mode of operation, the user must tie c and c high at power on. this func tion is a strap option and not alterable during device operation. concurrent transactions the read and write ports on the cy7c1413bv18 operates independently of one another. as each port latches the address inputs on different clock edges, the user can read or write to any location, regardless of the transaction on the other port. if the ports access the same location when a read follows a write in successive clock cycles, the sr am delivers the most recent information associated with the specified address location. this includes forwarding data from a write cycle that was initiated on the previous k clock rise. read accesses and write access must be scheduled such that one transaction is initiated on any clock cycle. if both ports are [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 9 of 30 selected on the same k clock rise, the arbitration depends on the previous state of the sram. if both ports were deselected, the read port takes priority. if a read was initiated on the previous cycle, the write port takes priori ty (as read operat ions can not be initiated on consecutive cycles). if a write was initiated on the previous cycle, the read port take s priority (as write operations can not be initiated on consecutiv e cycles). therefore, asserting both port selects active from a deselected state results in alternating read or write operations being initiated, with the first access being a read. depth expansion the cy7c1413bv18 has a port select input for each port. this enables for easy depth expansion. both port selects are sampled on the rising edge of the positive input clock only (k). each port select input can deselect the specified port. deselecting a port does not affect the other port. all pending transactions (read and write) completes prior to the device being deselected. programmable impedance an external resistor, rq, must be connected between the zq pin on the sram and v ss to allow the sram to adjust its output driver impedance. the value of rq must be 5 the value of the intended line impedance driven by the sram. the allowable range of rq to guarantee impedance matching with a tolerance of 15% is between 175 ? and 350 ? , with v ddq =1.5 v. the output impedance is adjusted every 1024 cycles upon power up to account for drifts in supply voltage and temperature. echo clocks echo clocks are provided on the qd r ii to simplify data capture on high-speed systems. two echo clocks are generated by the qdr ii. cq is referenced with respect to c and cq is referenced with respect to c . these are free running clocks and are synchronized to the output clock of the qdr ii. in the single clock mode, cq is generated with respect to k and cq is generated with respect to k . the timings for the echo clocks are shown in the switching characteristics on page 23. dll these chips use a delay lock loop (dll) that is designed to function between 120 mhz and the specified maximum clock frequency. during power up, when the doff is tied high, the dll gets locked after 1024 cycles of stable clock. the dll can also be reset by slowing or stopping the input clock k and k for a minimum of 30 ns. however, it is not necessary to reset the dll to lock to the desired frequency. the dll automatically locks 1024 clock cycles after a st able clock is presented. the dll may be disabled by applying ground to the doff pin. when the dll is turned off, the device behaves in qdr i mode (with one cycle latency and a longer access time). for information refer to the application note ? dll considerations in qdrii/ddrii ?. application example figure 1 shows four qdr ii used in an application. figure 1. application example r = 250 ohms vt r r = 250 ohms vt vt r vt = vddq/2 r = 50 ohms r cc# d a sram #4 r p s # w p s # b w s # k zq cq/cq# q k# cc# d a k sram #1 r p s # w p s # b w s # zq cq/cq# q k# bus master (cpu or asic) data in data out address rps# wps# bws# source k source k# delayed k delayed k# clkin/clkin# [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 10 of 30 truth table the truth table for cy7c1413bv18 and cy7c1415bv18 follows. [2, 3, 4, 5, 6, 7] operation k rps wps dq dq dq dq write cycle: load address on the rising edge of k; input write data on two consecutive k and k rising edges. l?h h [8] l [9] d(a) at k(t + 1) ? d(a + 1) at k (t + 1) ? d(a + 2) at k(t + 2) ? d(a + 3) at k (t + 2) ? read cycle: load address on the rising edge of k; wait one and a half cycle; read data on two consecutive c and c rising edges. l?h l [9] x q(a) at c (t + 1) ? q(a + 1) at c(t + 2) ? q(a + 2) at c (t + 2) ? q(a + 3) at c(t + 3) ? nop: no operation l?h h h d = x q = high z d = x q = high z d = x q = high z d = x q = high z standby: clock stopped stopped x x previous state previous state previous state previous state write cycle descriptions the write cycle description tabl e for cy7c1413bv18 follows. [2, 10] bws 0 bws 1 k k comments l l l?h ? during the data portion of a write sequence ? both bytes (d [17:0] ) are written into the device. l l ? l-h during the data portion of a write sequence ? both bytes (d [17:0] ) are written into the device. l h l?h ? during the data portion of a write sequence ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. l h ? l?h during the data portion of a write sequence ? only the lower byte (d [8:0] ) is written into the device, d [17:9] remains unaltered. h l l?h ? during the data portion of a write sequence ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h l ? l?h during the data portion of a write sequence ? only the upper byte (d [17:9] ) is written into the device, d [8:0] remains unaltered. h h l?h ? no data is written into the devices during this portion of a write operation. h h ? l?h no data is written into the devices during this portion of a write operation. notes 2. x = ?don't care,? h = logic high, l = logic low, ? represents rising edge. 3. device powers up deselected with the outputs in a tristate condition. 4. ?a? represents address location latched by the devices when trans action was initiated. a + 1, a + 2, and a +3 represents the address sequence in the burst. 5. ?t? represents the cycle at which a read/wr ite operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the ?t? clock cycle. 6. data inputs are registered at k and k rising edges. data outputs are delivered on c and c rising edges, except when in single clock mode. 7. it is recommended that k = k and c = c = high when clock is stopped. this is not essential, but per mits most rapid restart by overcoming transmission line charging symmetrically. 8. if this signal was low to initiate the previous cycl e, this signal becomes a ?don?t care? for this operation. 9. this signal was high on previous k clock rise. initiating c onsecutive read or write operations on consecutive k clock rises i s not permitted. the device ignores the second read or write request. 10. is based on a write cycl e that was initiated in accordance with the write cycle descriptions table. bws 0 , bws 1 , bws 2 , and bws 3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 11 of 30 write cycle descriptions the write cycle description ta ble for cy7c1415bv18 follows. [11, 12] bws 0 bws 1 bws 2 bws 3 k k comments lllll?h?during the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. llll?l?hduring the data portion of a write sequence, all four bytes (d [35:0] ) are written into the device. l h h h l?h ? during the data portion of a write sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. l h h h ? l?h during the data portion of a write sequence, only the lower byte (d [8:0] ) is written into the device. d [35:9] remains unaltered. h l h h l?h ? during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h l h h ? l?h during the data portion of a write sequence, only the byte (d [17:9] ) is written into the device. d [8:0] and d [35:18] remains unaltered. h h l h l?h ? during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h l h ? l?h during the data portion of a write sequence, only the byte (d [26:18] ) is written into the device. d [17:0] and d [35:27] remains unaltered. h h h l l?h ? during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. h h h l ? l?h during the data portion of a write sequence, only the byte (d [35:27] ) is written into the device. d [26:0] remains unaltered. hhhhl?h?no data is written into the device during this portion of a write operation. hhhh?l?hno data is written into the device during this portion of a write operation. notes 11. x = ?don't care,? h = logic high, l = logic low, ? represents rising edge. 12. is based on a write cycl e that was initiated in accordance with the write cycle descriptions table. bws 0 , bws 1 , bws 2 , and bws 3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 12 of 30 ieee 1149.1 serial boundary scan (jtag) these srams incorporate a serial boundary scan test access port (tap) in the fbga package. th is part is fully compliant with ieee standard #1149. 1-2001. the tap operates using jedec standard 1.8 v i/o logic levels. disabling the jtag feature it is possible to operate the sram without using the jtag feature. to disable the tap co ntroller, tck must be tied low (v ss ) to prevent clocking of the device. tdi and tms are internally pulled up and may be unconnected. they may alternatively be connected to v dd through a pull up resistor. tdo must be left unconnected. upon power up, the device comes up in a reset state, which does not interfere with the operation of the device. test access port?test clock the test clock is used only with the tap controller. all inputs are captured on the rising edge of tc k. all outputs are driven from the falling edge of tck. test mode select (tms) the tms input is used to give commands to the tap controller and is sampled on the rising edge of tck. this pin may be left unconnected if the tap is not used. the pin is pulled up internally, resulting in a logic high level. test data-in (tdi) the tdi pin is used to serially input information into the registers and can be connected to the input of any of the registers. the register between tdi and tdo is chosen by the instruction that is loaded into the tap instruction register. for information on loading the instruction register, see the tap controller state diagram on page 14. tdi is internally pulled up and can be unconnected if the tap is unus ed in an application. tdi is connected to the most signific ant bit (msb) on any register. test data-out (tdo) the tdo output pin is used to serially clock data out from the registers. the output is active, depending upon the current state of the tap state machine (see instruction codes on page 17). the output changes on the falling edge of tck. tdo is connected to the least significant bit (lsb) of any register. performing a tap reset a reset is performed by forcing tms high (v dd ) for five rising edges of tck. this reset does not affect the operation of the sram and can be performed while the sram is operating. at power up, the tap is reset intern ally to ensure that tdo comes up in a high z state. tap registers registers are connected between the tdi and tdo pins to scan the data in and out of the sram te st circuitry. only one register can be selected at a time through the instruction registers. data is serially loaded into the tdi pin on the rising edge of tck. data is output on the tdo pin on the falling edge of tck. instruction register three-bit instructions can be serially loaded into the instruction register. this register is loaded when it is placed between the tdi and tdo pins, as shown in tap controller block diagram on page 15. upon power up, the inst ruction register is loaded with the idcode instruction. it is also loaded with the idcode instruction if the controller is pl aced in a reset state, as described in the previous section. when the tap controller is in th e capture-ir state, the two least significant bits are loaded with a binary ?01? pattern to allow for fault isolation of the board level serial test path. bypass register to save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. the bypass register is a single-bit register that can be placed between tdi and tdo pins. this enables shifting of data through the sram with minimal delay. the bypass register is set low (v ss ) when the bypass instruction is executed. boundary scan register the boundary scan register is connected to all of the input and output pins on the sram. several no connect (nc) pins are also included in the scan register to reserve pins for higher density devices. the boundary scan register is loaded with the contents of the ram input and output ring when the tap controller is in the capture-dr state and is then placed between the tdi and tdo pins when the controller is moved to the shift-dr state. the extest, sample/preload, and sa mple z instructions can be used to capture the contents of the input and output ring. the boundary scan order on page 18 shows the order in which the bits are connected. each bit corresponds to one of the bumps on the sram package. the msb of the register is connected to tdi, and the lsb is connected to tdo. identification (id) register the id register is loaded with a vendor-specific, 32-bit code during the capture-dr state when the idcode command is loaded in the instruction register . the idcode is hardwired into the sram and can be shifted out when the tap controller is in the shift-dr state. the id regist er has a vendor code and other information described in identification register definitions on page 17. tap instruction set eight different instructions ar e possible with the three-bit instruction register. all co mbinations are listed in instruction codes on page 17. three of these instructions are listed as reserved and must not be used. the other five instructions are described in this section in detail. instructions are loaded into the tap controller during the shift-ir state when the instruction register is placed between tdi and tdo. during this state, instructions are shifted through the instruction register through the tdi and tdo pins. to execute the instruction after it is shift ed in, the tap controller must be moved into the update-ir state. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 13 of 30 idcode the idcode instruction loads a vendor-specific, 32-bit code into the instruction register. it also places the instruction register between the tdi and tdo pins and shifts the idcode out of the device when the tap controller enters the shift-dr state. the idcode instruction is loaded into the instruction register at power up or whenever the tap controller is supplied a test-logic-reset state. sample z the sample z instruction connects the boundary scan register between the tdi and tdo pins when the tap controller is in a shift-dr state. the sample z command puts the output bus into a high z state until the next command is supplied during the update ir state. sample/preload sample/preload is a 1149.1 mandatory instruction. when the sample/preload instructions are loaded into the instruction register and the tap controller is in the capture-dr state, a snapshot of data on the input and output pins is captured in the boundary scan register. the user must be aware that t he tap controller clock can only operate at a frequency up to 20 mhz, while the sram clock operates more than an order of magnitude faster. because there is a large difference in the clock frequencies, it is possible that during the capture-dr state, an input or output undergoes a transition. the tap may then try to capture a signal while in transition (metastable state). this does not harm the device, but there is no guarantee as to the value that is captured. repeatable results may not be possible. to guarantee that the boundary scan register captures the correct value of a signal, the sram signal must be stabilized long enough to meet the tap controller's capture setup plus hold times (t cs and t ch ). the sram clock input might not be captured correctly if there is no way in a de sign to stop (or slow) the clock during a sample/preload instructi on. if this is an issue, it is still possible to capture all other signals and simply ignore the value of the ck and ck captured in the boundary scan register. after the data is captured, it is possible to shift out the data by putting the tap into the shift-dr state. this places the boundary scan register between the tdi and tdo pins. preload places an initial data pattern at the latched parallel outputs of the boundary scan regi ster cells before the selection of another boundary scan test operation. the shifting of data for the sample and preload phases can occur concurrently when requir ed, that is, while the data captured is shifted out, the pr eloaded data can be shifted in. bypass when the bypass instruction is loaded in the instruction register and the tap is placed in a shift- dr state, the bypass register is placed between the tdi and tdo pins. the advantage of the bypass instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. extest the extest instruction drives the preloaded data out through the system output pins. this instruction also connects the boundary scan register for serial access between the tdi and tdo in the shift-dr controller state. extest output bus tristate ieee standard 1149.1 mandates that the tap controller be able to put the output bus into a tristate mode. the boundary scan register has a special bit located at bit #108. when this scan cell, called the ?extest output bus tristate,? is latched into the preload register during the update-dr state in the tap controller, it directly controls the state of the output (q-bus) pins, when the extest is entered as the current instruction. when high, it enables the output buffers to drive the output bus. when low, this bi t places the output bus into a high z condition. this bit can be set by entering the sample/preload or extest command, and then shifting the desired bit into that cell, during the shift-dr state. during update-dr, the value loaded into that shift-register cell latc hes into the preload register. when the extest instruction is entered, this bit directly controls the output q-bus pins. note that this bit is preset high to enable the output when the device is power ed up, and also when the tap controller is in the test-logic-reset state. reserved these instructions are not im plemented but are reserved for future use. do not use these instructions. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 14 of 30 tap controller state diagram the state diagram for the tap controller follows. [13] test-logic reset test-logic/ idle select dr-scan capture-dr shift-dr exit1-dr pause-dr exit2-dr update-dr 1 0 1 1 0 1 0 1 0 0 0 1 1 1 0 1 0 1 0 0 0 1 0 1 1 0 1 0 0 1 1 0 select ir-scan capture-ir shift-ir exit1-ir pause-ir exit2-ir update-ir note 13. the 0/1 next to each state represents the value at tms at the rising edge of tck. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 15 of 30 tap controller block diagram tap electrical ch aracteristics over the operating range [14, 15, 16] parameter description test conditions min max unit v oh1 output high voltage i oh = ?? 2.0 ma 1.4 ? v v oh2 output high voltage i oh = ?? 100 ? a1.6?v v ol1 output low voltage i ol = 2.0 ma ? 0.4 v v ol2 output low voltage i ol = 100 ? a?0.2v v ih input high voltage 0.65v dd v dd + 0.3 v v il input low voltage ?0.3 0.35v dd v i x input and output load current gnd ? v i ? v dd ?5 5 ? a 0 0 1 2 . . 29 30 31 boundary scan register identification register 0 1 2 . . . . 108 0 1 2 instruction register bypass register selection circuitry selection circuitry tap controller tdi tdo tck tms notes 14. these characteristics pertain to the tap inputs (tms, tck, tdi and tdo). parallel load levels are specified in the electrical characteristics table. 15. overshoot: v ih (ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il (ac) > ? 1.5 v (pulse width less than t cyc /2). 16. all voltage referenced to ground. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 16 of 30 tap ac switchi ng characteristics over the operating range [17, 18] parameter description min max unit t tcyc tck clock cycle time 50 ? ns t tf tck clock frequency ? 20 mhz t th tck clock high 20 ? ns t tl tck clock low 20 ? ns setup times t tmss tms setup to tck clock rise 5 ? ns t tdis tdi setup to tck clock rise 5 ? ns t cs capture setup to tck rise 5 ? ns hold times t tmsh tms hold after tck clock rise 5 ? ns t tdih tdi hold after clock rise 5 ? ns t ch capture hold after clock rise 5 ? ns output times t tdov tck clock low to tdo valid ? 10 ns t tdox tck clock low to tdo invalid 0 ? ns tap timing and test conditions figure 2 shows the tap timing and test conditions. [18] figure 2. tap timing and test conditions t tl t th (a) tdo c l = 20 pf z 0 = 50 ? gnd 0.9v 50 ? 1.8v 0v all input pulses 0.9v test clock test mode select tck tms test data in tdi test data out t tcyc t tmsh t tmss t tdis t tdih t tdov t tdox tdo notes 17. t cs and t ch refer to the setup and hold time requirements of latching data from the boundary scan register. 18. test conditions are specified using the load in tap ac test conditions. t r /t f = 1 ns. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 17 of 30 identification regi ster definitions instruction field value description cy7c1413bv18 cy7c1415bv18 revision number (31:29) 000 000 version number. cypress device id (28:12) 11010011011010111 11010011011100111 defines the type of sram. cypress jedec id (11:1) 00000110100 00000110100 allows unique identification of sram vendor. id register presence (0) 1 1 i ndicates the presence of an id register. scan register sizes register name bit size instruction 3 bypass 1 id 32 boundary scan 109 instruction codes instruction code description extest 000 captures the input and output ring contents. idcode 001 loads the id register with the vendor id code and places the register between tdi and tdo. this operation does not affect sram operation. sample z 010 captures the input and output contents. places the bou ndary scan register between tdi and tdo. forces all sram output drivers to a high z state. reserved 011 do not use: this instruct ion is reserved for future use. sample/preload 100 captures the input and output ring contents. places the boundary scan register between tdi and tdo. does not affect the sram operation. reserved 101 do not use: this instruct ion is reserved for future use. reserved 110 do not use: this instruct ion is reserved for future use. bypass 111 places the bypass register between tdi and tdo. this operation does not affect sram operation. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 18 of 30 boundary scan order bit # bump id bit # bump id bit # bump id bit # bump id 0 6r 28 10g 56 6a 84 1j 16p299g575b852j 2 6n 30 11f 58 5a 86 3k 3 7p 31 11g 59 4a 87 3j 47n 329f 605c 882k 5 7r 33 10f 61 4b 89 1k 6 8r 34 11e 62 3a 90 2l 7 8p 35 10e 63 2a 91 3l 8 9r 36 10d 64 1a 92 1m 9 11p 37 9e 65 2b 93 1l 10 10p 38 10c 66 3b 94 3n 11 10n 39 11d 67 1c 95 3m 12 9p 40 9c 68 1b 96 1n 13 10m 41 9d 69 3d 97 2m 14 11n 42 11b 70 3c 98 3p 15 9m 43 11c 71 1d 99 2n 16 9n 44 9b 72 2c 100 2p 17 11l 45 10b 73 3e 101 1p 18 11m 46 11a 74 2d 102 3r 19 9l 47 10a 75 2e 103 4r 20 10l 48 9a 76 1e 104 4p 21 11k 49 8b 77 2f 105 5p 22 10k 50 7c 78 3f 106 5n 23 9j 51 6c 79 1g 107 5r 24 9k 52 8a 80 1f 108 internal 25 10j 53 7a 81 3g 26 11j 54 7b 82 2g 27 11h 55 6b 83 1h [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 19 of 30 power up sequence in qdr ii sram qdr ii srams must be powered up and initialized in a predefined manner to prevent undefined operations. power up sequence apply power and drive doff either high or low (all other inputs can be high or low). ? apply v dd before v ddq . ? apply v ddq before v ref or at the same time as v ref . ? drive doff high. provide stable doff (high), power and clock (k, k ) for 1024 cycles to lock the dll. dll constraints dll uses k clock as its synchronizing input. the input must have low phase jitter, which is specified as t kc var . the dll functions at frequencies down to 120 mhz. if the input clock is unstable and the dll is enabled, then the dll may lock onto an incorrect frequency, causing unstable sram behavior. to avoid this, provide1024 cycles stable clock to relock to the desired clock frequency. figure 3. power up waveforms > 1024 stable clock start normal operation doff stabl e (< +/- 0.1v dc per 50ns ) fix high (or tie to v ddq ) k k ddq dd v v / ddq dd v v / clock start ( clock starts after stable ) ddq dd v v / ~ ~ ~ ~ unstable clock [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 20 of 30 maximum ratings exceeding maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ................ ............... ?65 c to +150 c ambient temperature with powe r applied ?55 c to +125 c supply voltage on v dd relative to gnd ......?0.5 v to +2.9 v supply voltage on v ddq relative to gnd ..... ?0.5 v to +v dd dc applied to outputs in high z ....... ?0.5 v to v ddq + 0.3 v dc input voltage [19] ............................ ?0.5 v to v dd + 0.3 v current into outputs (low)....... .................................. 20 ma static discharge voltage (mil-std-883, m. 3015). > 2001 v latch-up current.................................................... > 200 ma operating range range ambient temperature (t a ) v dd [20] v ddq [20] commercial 0 c to +70 c 1.8 0.1 v 1.4 v to v dd industrial ?40 c to +85 c neutron soft error immunity parameter description test conditions typ max* unit lsbu logical single-bit upsets 25 c 320 368 fit/ mb lmbu logical multi-bit upsets 25 c 0 0.01 fit/ mb sel single event latchup 85 c 0 0.1 fit/ dev * no lmbu or sel events occurred during testing ; this column represents a statistical ? 2 , 95% confidence limit calculation. for more details refer to application note an54908 ?accelerated neutron ser testing and calculation of terrestrial failure rates? electrical characteristics dc electrical characteristics over the operating range [21] parameter description test conditions min typ max unit v dd power supply voltage 1.7 1.8 1.9 v v ddq i/o supply voltage 1.4 1.5 v dd v v oh output high voltage note 22 v ddq /2 ? 0.12 ? v ddq /2 + 0.12 v v ol output low voltage note 23 v ddq /2 ? 0.12 ? v ddq /2 + 0.12 v v oh(low) output high voltage i oh = ?? 0.1 ma, nominal impedance v ddq ? 0.2 ? v ddq v v ol(low) output low voltage i ol = 0.1 ma, nominal impedance v ss ? 0.2 v v ih input high voltage v ref + 0.1 ? v ddq + 0.15 v v il input low voltage ?0.3 ? v ref ? 0.1 v i x input leakage current gnd ? v i ? v ddq ? 5 ? 5 ? a i oz output leakage current gnd ? v i ? v ddq, output disabled ? 5 ? 5 ? a v ref input reference voltage [24] typical value = 0.75 v 0.68 0.75 0.95 v notes 19. overshoot: v ih (ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il (ac) > ? 1.5 v (pulse width less than t cyc /2). 20. power up: assumes a linear ramp from 0v to v dd (min) within 200 ms. during this time v ih < v dd and v ddq < v dd . 21. all voltage referenced to ground. 22. output are impedance controlled. i oh = ? (v ddq /2)/(rq/5) for values of 175 ? ? rq ? 350 ? . 23. output are impedance controlled. i ol = (v ddq /2)/(rq/5) for values of 175 ? ? rq ? 350 ? . 24. v ref (min) = 0.68 v or 0.46 v ddq , whichever is larger, v ref (max) = 0.95 v or 0.54 v ddq , whichever is smaller. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 21 of 30 i dd [25] v dd operating supply v dd = max, i out = 0 ma, f = f max = 1/t cyc 300 mhz (18) ? ? 940 ma (36) ? ? 1040 278 mhz (18) ? ? 865 (36) ? ? 950 250 mhz (18) ? ? 790 (36) ? ? 870 200 mhz (18) ? ? 655 (36) ? ? 715 167 mhz (18) ? ? 565 (36) ? ? 615 i sb1 automatic power down current max v dd , both ports deselected, v in ? v ih or v in ? v il f = f max = 1/t cyc , inputs static 300 mhz (18) ? ? 370 ma (36) ? ? 400 278 mhz (18) ? ? 355 (36) ? ? 370 250 mhz (18) ? ? 355 (36) ? ? 370 200 mhz (18) ? ? 300 (36) ? ? 300 167 mhz (18) ? ? 270 (36) ? ? 270 ac electrical characteristics over the operating range [26] parameter description test conditions min typ max unit v ih input high voltage v ref + 0.2 ? ? v v il input low voltage ? ? v ref ? 0.2 v electrical characteristics (continued) dc electrical characteristics over the operating range [21] parameter description test conditions min typ max unit notes 25. the operation current is calculated with 50% read cycle and 50% write cycle. 26. overshoot: v ih (ac) < v ddq + 0.85 v (pulse width less than t cyc /2), undershoot: v il (ac) > ? 1.5 v (pulse width less than t cyc /2). [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 22 of 30 capacitance tested initially and after any design or proc ess change that may affect these parameters. parameter description test conditions max unit c in input capacitance t a = 25 ? c, f = 1 mhz, v dd = 1.8 v, v ddq = 1.5 v 5 pf c clk clock input capacitance 4 pf c o output capacitance 6pf thermal resistance tested initially and after any design or proc ess change that may affect these parameters. parameter description test conditions 165 fbga package unit ? ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuri ng thermal impedance, in accordance with eia/jesd51. 17.2 c/w ? jc thermal resistance (junction to case) 3.2 c/w figure 4. ac test loads and waveforms 1.25 v 0.25 v r = 50 ? 5pf including jig and scope all input pulses device r l = 50 ? z 0 = 50 ? v ref = 0.75 v v ref = 0.75 v [27] 0.75 v under te s t 0.75 v device under te s t output 0.75 v v ref v ref output zq zq (a) slew rate = 2 v/ns rq = 250 ? (b) rq = 250 ? 27. unless otherwise noted, test conditions are based on signal trans ition time of 2 v/ns, timing reference levels of 0.75 v, vr ef = 0.75 v, rq = 250 ? , v ddq = 1.5 v, input pulse levels of 0.25 v to 1.25 v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of ac test loads and waveforms . [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 23 of 30 switching characteristics over the operating range [28, 29] cypress parameter consortium parameter description 300 mhz 278 mhz 250 mhz 200 mhz 167 mhz unit min max min max min max min max min max t power v dd (typical) to the first access [30] 1?1?1?1?1?ms t cyc t khkh k clock and c clock cycle time 3.3 8.4 3.6 8.4 4.0 8.4 5.0 8.4 6.0 8.4 ns t kh t khkl input clock (k/k ; c/c ) high 1.32?1.4?1.6?2.0?2.4? ns t kl t klkh input clock (k/k ; c/c ) low 1.32?1.4?1.6?2.0?2.4? ns t khk h t khk h k clock rise to k clock rise and c to c rise (rising edge to rising edge) 1.49?1.6?1.8?2.2?2.7? ns t khch t khch k/k clock rise to c/c clock rise (rising edge to rising edge) 0 1.45 0 1.55 0 1.8 0 2.2 0 2.7 ns setup times t sa t avkh address setup to k clock rise 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns t sc t ivkh control setup to k clock rise (rps , wps ) 0.4?0.4?0.5?0.6?0.7? ns t scddr t ivkh double data rate control setup to clock (k/k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.3?0.3?0.35?0.4?0.5? ns t sd t dvkh d [x:0] setup to clock (k/k ) rise 0.3?0.3?0.35?0.4?0.5? ns hold times t ha t khax address hold after k clock rise 0.4?0.4?0.5?0.6?0.7? ns t hc t khix control hold after k clock rise (rps , wps ) 0.4?0.4?0.5?0.6?0.7? ns t hcddr t khix double data rate control hold after clock (k/k ) rise (bws 0 , bws 1 , bws 2 , bws 3 ) 0.3?0.3?0.35?0.4?0.5? ns t hd t khdx d [x:0] hold after clock (k/k ) rise 0.3?0.3?0.35?0.4?0.5? ns notes 28. unless otherwise noted, test conditions are based on signal trans ition time of 2 v/ns, timing reference levels of 0.75 v, vr ef = 0.75 v, rq = 250 ? , v ddq = 1.5 v, input pulse levels of 0.25 v to 1.25 v, and output loading of the specified i ol /i oh and load capacitance shown in (a) of ac test loads and waveforms . 29. when a part with a maximum frequency above 167 mhz is operating at a lower clock frequency, it requires the input timings of the frequency range in which it is being operated and outputs data with the output timings of that frequency range. 30. this part has a voltage regulator internally; t power is the time that the power must be supplied above v dd minimum initially before a read or write operation can be initiated. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 24 of 30 output times t co t chqv c/c clock rise (or k/k in single clock mode) to data valid ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.50 ns t doh t chqx data output hold after output c/c clock rise (active to active) ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.50 ? ns t ccqo t chcqv c/c clock rise to echo clock valid ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.50 ns t cqoh t chcqx echo clock hold after c/c clock rise ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.50 ? ns t cqd t cqhqv echo clock high to data valid 0.27 0.27 0.30 0.35 0.40 ns t cqdoh t cqhqx echo clock high to data invalid ?0.27 ? ?0.27 ? ?0.30 ? ?0.35 ? ?0.40 ? ns t cqh t cqhcql output clock (cq/cq ) high [31] 1.24 ? 1.35 ? 1.55 ? 1.95 ? 2.45 ? ns t cqhcq h t cqhcq h cq clock rise to cq clock rise (rising edge to rising edge) [31] 1.24 ? 1.35 ? 1.55 ? 1.95 ? 2.45 ? ns t chz t chqz clock (c/c ) rise to high z (active to high-z) [32, 33] ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.50 ns t clz t chqx1 clock (c/c ) rise to low z [32, 33] ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.50 ? ns dll timing t kc var t kc var clock phase jitter ? 0.20 ? 0.20 ? 0.20 ? 0.20 ? 0.20 ns t kc lock t kc lock dll lock time (k, c) 1024 ? 1024 ? 1024 ? 1024 ? 1024 ? cycles t kc reset t kc reset k static to dll reset 3030303030 ns switching characteristics (continued) over the operating range [28, 29] cypress parameter consortium parameter description 300 mhz 278 mhz 250 mhz 200 mhz 167 mhz unit min max min max min max min max min max notes 31. these parameters are extrapolated from the input timing parameters (t khk h - 250 ps, where 250 ps is the internal jitter. an input jitter of 200 ps (t kc var ) is already included in the t khk h ). these parameters are only guaranteed by design and are not tested in production 32. t chz , t clz , are specified with a load capacitance of 5 pf as in (b) of ac test loads and waveforms . transition is measured 100 mv from steady-state voltage. 33. at any voltage and temperature t chz is less than t clz and t chz less than t co . [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 25 of 30 switching waveforms figure 5. read/write/deselect sequence [34, 35, 36] k 1 2 345 6 7 rps wps a q d c c read read write write nop nop dont care undefined cq cq k a0 a1 t kh t khkh t kl t cyc t t hc t sa t ha a2 sc tt hc sc a3 t khch t khch t cqd t clz doh t chz t t t kl t cyc t ccqo t ccqo t cqoh t cqoh khkh kh q00 q03 q01 q02 q20 q23 q21 q22 t co t cqdoh t t cqh t cqhcqh d10 d11 d12 d13 t sd t hd t sd t hd d30 d31 d32 d33 notes 34. q00 refers to output from address a0. q01 refers to output from the next internal burst address following a0, that is, a0+1. 35. outputs are disabled (high z) one clock cycle after a nop. 36. in this example, if address a2 = a1, then data q20 = d10, q21 = d11, q22 = d12, and q23 = d13. write data is forwarded immed iately as read results. this note applies to the whole diagram. [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 26 of 30 ordering information the following table contains only the parts that are currently av ailable. if you do not see what you are looking for, contact y our local sales representative. for more inform ation, visit the cypress website at www.cypress.com and refer to the product summary page at http://www.cypre ss.com/products cypress maintains a worldwide network of offices, solution cent ers, manufacturer?s representativ es and distributors. to find th e office closest to you, visit us at http://www.cypress.com /go/datasheet/offices. ordering code definition speed (mhz) ordering code package diagram package type operating range 250 CY7C1415BV18-250BZI 51-85195 165-ball fine pitch ball grid array (15 17 1.4 mm) industrial 167 cy7c1415bv18-167bzi 51-85195 165-ball fine pitch ball grid array (15 17 1.4 mm) industrial package type: bz = fpbga, x = pb-free, c = commercial, i = industrial speed: 250 mhz / 167 mhz voltage: 1.8 v die revision 36-mbit qdr ? ii sram 4-word burst architecture technology: cmos marketing code: 7 = sram company id: cy = cypress 7 cy c 14xx b v18 - xxx bz(x, c/i) [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 27 of 30 package diagram figure 6. 165-ball fbga (15 17 1.4 mm), 51-85195 a 1 pin 1 corner 17.000.10 15.000.10 7.00 1.00 ?0.50 (165x) ?0.25 m c a b ?0.08 m c b a 0.15(4x) 0.350.06 1.40 max. seating plane 0.530.05 0.25 c 0.15 c pin 1 corner top view bottom view 2 3 4 5 6 7 8 9 10 10.00 14.00 b c d e f g h j k l m n 11 11 10 9 8 67 5 4 3 2 1 p r p r k m n l j h g f e d c b a c 1.00 5.00 0.36 +0.14 -0.06 solder pad type : non solder mask defined (nsmd) notes : package weight : 0.65g jedec reference : mo-216 / issue e package code : bb0ad 51-85195 *b [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 28 of 30 acronyms document conventions units of measure acronym description bws byte write select cmos complementary metal oxide semiconductor ddr double data rate dll delay lock loop fpbga fine-pitch ball gird array hstl high speed transceiver logic i/o input/output sram static random access memory jtag joint test action group tck test clock tdi test data in tdo test data out tms test mode select symbol unit of measure ns nano seconds vvolts a micro amperes ma milli amperes mm milli meter ms milli seconds mhz mega hertz pf pico farad wwatts k ? kilo ohms ? ohms c degree celcius [+] feedback
cy7c1413bv18 cy7c1415bv18 document number: 001-07037 rev. *i page 29 of 30 document history page document title: cy7c1413bv18/cy7c1415bv18, 36-mbit qdr ? ii sram 4-word burst architecture document number: 001-07037 rev. ecn n0. submission date orig. of change description of change ** 433267 see ecn nxr new data sheet *a 462004 see ecn nxr changed t th and t tl from 40 ns to 20 ns, changed t tmss , t tdis , t cs , t tmsh , t tdih , t ch from 10 ns to 5 ns and changed t tdov from 20 ns to 10 ns in tap ac switching characteristics table modified power up waveform *b 850381 see ecn vkn minor change: moved datasheet to the web *c 1523289 see ecn vkn/aesa converted from preliminar y to final, updated logic block diagram, updated i dd /i sb specs, changed dll minimum operating frequency from 80mhz to 120mhz, changed t cyc max spec to 8.4ns, modified footnotes 22 and 30 *d 2478647 see ecn vkn/aesa changed ambient temperature with power applied from ??10c to +85c? to ??55c to +125c? in the ?maximum ratings ? on page 20, updated power-up sequence waveform and it?s description, updated i dd /i sb specs, added footnote #21 related to i dd , changed jtag id [31:29] from 001 to 000. *e 2880098 02/17/10 vkn/aesa removed x8 and x9 part number details included soft error immunity data modified ordering information table by including parts that are available and modified the disclaimer for the ordering information updated package outline diagram. *f 2904811 04/06/2010 nxr removed inactive part from ordering information table. *g 3056484 10/12/2010 hmla added cy7c1413bv18- 200bzc and cy7c1415bv18-200bzc parts in ordering information . added ordering code definition . *h 3096143 11/27/2010 njy added acronyms and units of measure . minor edits and updated in new template. *i 3101144 12/03/2010 njy updated ordering information . [+] feedback
document number: 001-07037 rev. *i revised december 3, 2010 page 30 of 30 qdr rams and quad data rate rams comprise a new family of products developed by cypress, idt, nec, renesas, and samsung. all products and company names mentioned in this document may be the trademarks of their respective holders. cy7c1413bv18 cy7c1415bv18 ? cypress semiconductor corporation, 2006-2010. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement wi th cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and internatio nal treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or implied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representatives, and distributors. to find t he office closest to you, visit us at cypress locations . products automotive cypress.co m/go/automotive clocks & buffers cypress.com/go/clocks interface cypress. com/go/interface lighting & power control cypress.com/go/powerpsoc cypress.com/go/plc memory cypress.com/go/memory optical & image sensing cypress.com/go/image psoc cypress.com/go/psoc touch sensing cyp ress.com/go/touch usb controllers cypress.com/go/usb wireless/rf cypress.com/go/wireless psoc solutions psoc.cypress.com/solutions psoc 1 | psoc 3 | psoc 5 [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1415BV18-250BZI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X