Part Number Hot Search : 
1C474M0 00209 PU4120Q SI3438 LTC37 LPC1227 DG429 00112
Product Description
Full Text Search
 

To Download BAT54CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low forward voltage drop. fast switching. ultra-small surface mount package. bat54t bat54at pn junction guard ring for transient and esd protection. BAT54CT bat54st schottky barrier diodes. type no. marking package code bat54t l1 sot- 5 23 bat54at l2 sot-523 BAT54CT l3 sot-523 bat54st l4 sot-523 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc reverse voltage 30 v i f forward continuous voltage 200 ma i frm repetitive peak forward voltage 300 ma i fsm non-repetitive peak forward surge current @t<1.0s 600 ma p d power dissipation 150 mw r ja thermal resistance junction to ambient 833 /w t j, t stg junction and storage temperature -65~150 bat54t/at/ct/st surface mount schottky barrier diodes features applications ordering information dimensions in inches and (millimeters) sot-523 ? ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r =100 a 30 v leakage current i r v r =25v 2.0 a forward voltage v f i f =0.1ma i f =1.0ma i f =10ma i f =30ma i f =100ma 240 320 400 500 1000 mv typical total capacitance c t v r =1.0v,f=1mhz 10 pf reverse recovery time t rr i f =i r =10ma,to i r =1.0ma r l =100? 5.0 ns typical characteristics @ ta=25 unless otherwise specified bat54t/at/ct/st surface mount schottky barrier diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BAT54CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X